Part Number Hot Search : 
V400B ALD470 4N22U SDA67636 FDMS86 MPS3638 NJM22921 APW7136
Product Description
Full Text Search
 

To Download RK-3318S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
RK and RH Series, 1 Watt, SIP7, 3kV/4kV (Single & Dual Output) Features

3kVDC (4kVDC Option) Isolation Power Sharing on Dual Output Efficiency to 78% 1.8, 3.3, 5V, 9V, 12V, 15V and 24V

Output Custom Solutions Available UL94V-0 Package Material
Selection Guide
Part Number SIP 7 RK-XX1.8S RK-XX3.3S RK-XX05S RK-XX09S RK-XX12S RK-XX15S RK-XX24S RH-XX1.8D RH-XX3.3D RH-XX05D RH-XX09D RH-XX12D RH-XX15D RH-XX24D (4kV) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) Input Voltage (VDC) 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 Output Voltage (VDC) 1.8 3.3 5 9 12 15 24 1.8 3.3 5 9 12 15 24 Output Current (mA) 555 303 200 111 84 66 42 278 152 100 56 42 33 21 Efficiency (%) 70 75 70-78 70-80 78-82 78-82 74-83 70 70 70-78 75-80 78-84 80-84 80-84
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage Input Filter Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Ripple and Noise (20MHz limited) Efficiency at Full Load Isolation Voltage Isolation Resistance (Viso = 500VDC) Isolation Capacitance Short Circuit Protection Switching Frequency at Full Load Operating Temperature Storage Temperature Package Weight EC 26 August 2002 1.8V, 3.3V output types 5V output type 9V, 12V, 15V, 24V output types Single output types Dual output types 10% Capacitor Type 5% 1,2%/1% V Input 20% max. 15% max. 10% max.
Output Power (Watts) 2.0 1.5 1.0 Safe Operating Area 0.5 0 -40 0 50 100 125 150 85 Operating Temperature C
100mVp-p max. 75mVp-p max. 70% min. 3.000VDC min. (also available with 4.000VDC, Suffix `H') 15 G min. 20pF min./65pF max. 1 Second 57kHz min. / 105kHz max. -40C to +85C (see Graph) -55C to +125C 2.8g
www.recom-international.com
ECONOLINE - DC/DC-Converter
RK and RH Series, 1 Watt, SIP7, 3kV/4kV (Single & Dual Output) Package Style and Pinning (mm)
7 PIN SIP Package, RK-xxxx & RH-xxxx Converters with 3kV Isolation Voltage
19.60 3rd angle projection
RK & RH Converters with 3kV Isolation
6.00
Dual Output
RH-0512D RECOM **** RH-0512D RECOM ****
Single Output
RK-0512S RECOM ****
10.20
0.51 typ.
4.10
0.51 typ.
12
567
12
5
7
Footprint Details
1.00 o+0.15/-0 2.54 1.27 2.0 0.25
12 567
1.00 o+0.15/-0 2.54
15.24 2.54 2.54
7 PIN SIP Package, RK-xxxxH & RH-xxxxH Converters with 4kV Isolation Voltage
19.60 7.05
Dual Output
RH-0512DH RECOM **** RH-0512DH RECOM ****
Single Output
RK-0512SH RECOM ****
10.20
0.51 typ.
4.10
0.51 typ.
12
567
12
5
7
Pin Connections Pin # 1 2 Single +Vin -Vin
1 2 -Vout
Footprint Details
Dual +Vin -Vin
1.00 o+0.15/-0 2.54
1.00 o+0.15/-0 2.54
1.27 5
6 7 2.0
0.25
5 6 7-Vout No Pin Com
+Vout 15.24
+Vout
2.54
2.54
XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
August 2002
EC 27


▲Up To Search▲   

 
Price & Availability of RK-3318S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X