Part Number Hot Search : 
1310A 23990 2800A ZXSC410 216X7 MC3303PT BR120 ST3232BN
Product Description
Full Text Search
 

To Download RK-1818SP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Unregulated Converters

Safety standards and approval: EN 60950 certified, rated for 250VAC (LVD test report) Optional Continuous Short Circuit Protected 3kVDC & 4kVDC Isolation Custom Solutions Available UL94V-0 Package Material Efficiency to 84%
ECONOLINE
DC/DC-Converter
RK & RH Series
1 Watt SIP7 Single & Dual Output
Selection Guide
Part Number SIP 7 RK-xx1.8S RK-xx3.3S RK-xx05S RK-xx09S RK-xx12S RK-xx15S RK-xx24S RH-xx1.8D RH-xx3.3D RH-xx05D RH-xx09D RH-xx12D RH-xx15D (4kV) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) Input Voltage (VDC) 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 Output Voltage (VDC) 1.8 3.3 5 9 12 15 24 1.8 3.3 5 9 12 15 Output Current (mA) 555 303 200 111 84 66 42 278 152 100 56 42 33 Efficiency (%) 70 75 70-78 70-80 78-82 80-82 74-83 70 70 74-78 76-79 78-84 80-84 80-84
RH-xx24D (H) 1.8, 3.3, 5, 9, 12, 15, 24 24 21 xx = Input Voltage * add Suffix "P" for Continuous Short Circuit Protection, e.g. RK-0505S/P, RK-0505S/HP
EN-60950-1 Certified EN-60601-1 Certified
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Output Ripple and Noise (20MHz limited) Operating Frequency Efficiency at Full Load No Load Power Consumption Isolation Voltage Rated Working Voltage Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection P-Suffix Operating Temperature Range (free air convection) Storage Temperature Range 10% 5% 1.2%/1% of Vin typ. 1.8V, 3.3V output types 20% max. 5V output type 15% max. 9V, 12V, 15V, 24V output types 10% max. Single output types 100mVp-p max. Dual output types 75mVp-p max. RK types 50kHz min. / 100kHz typ. / 105kHz max. RH types 57kHz min. / 100kHz typ. / 105kHz max. RK types RH types 70% min. / 80% typ. 101mW min. / 126mW typ. / 238mW max. 87mW min. / 130mW typ. / 228mW max. 3000VDC min. see Application Notes 4000VDC min. see Application Notes 20pF min. / 75pF max. 20pF min. / 65pF max. 15 G min. 1 Second Continuous -40C to +85C (see Graph) -55C to +125C continued on next page 38 July-2006 www.recom-international.com
Derating-Graph
(Ambient Temperature)
100 80
H-Suffix H-Suffix
(tested for 1 second) (long term isolation) (tested for 1 second) (long term isolation) RK types RH types
Output Power (%)
60 40 30 20 0
Safe Operating Area
85 Operating Temperature C
-40
0
50
100
150
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area)
Relative Humidity Package Weight H-Suffix MTBF (+25C) (+85C) 95% RH 2.6g 2.8g 992 x 103 hours 1012 x 103 hours 145 x 103 hours 151 x 103 hours
RK & RH Series
}
Detailed Information see Application Notes chapter "MTBF"
using MIL-HDBK 217F RK types RH types
using MIL-HDBK 217F RK types RH types
Typical Characteristics
Efficiency / Load
100 80 60 40
RK-xx05S
100
Efficiency / Load
RK-xx09S
100
RK-xx12S
Efficiency / Load
80 60
3.305
1205
80 60
0509
0512
1212
0505 Efficiency %
40 20 0
1209 Efficiency % 3.309
40 20 0
3.312
Efficiency %
20 0
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
0%
20%
40%
60%
80%
100%
Total Output current (%)
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
25.000 20.000
Deviation / Load
Deviation from Nominal (%)
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
15.000 10.000 5.000 0.000 -5.000 -10.000
Deviation from Nominal (%)
3.305
0505
3.309
0509
15.000 10.000 5.000 0.000 -5.000 -10.000
0512
1212
1205
1209
3.312
0% 20% 40% 60% Total Output current (%) 80% 100%
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
Efficiency / Load
100 80 60 40
RK-xx15S
100
Efficiency / Load
RH-xx05D
100
RH-xx09D
Efficiency / Load
80 60 40
1215
80 60
0505
1205
0509
0515 Efficiency % 3.315
40 20 0
1209 3.309
Efficiency %
20 0
3.305
Efficiency %
100%
20 0
0%
20%
40%
60%
80%
100%
Total Output current (%)
0% 20% 40% 60% Total Output current (%)
80%
0% 20% 40% 60% Total Output current (%)
80%
100%
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
25.000 20.000
Deviation / Load
Deviation from Nominal (%)
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
15.000 10.000 5.000 0.000 -5.000 -10.000
Deviation from Nominal (%)
0515
3.315
3.305
0505
15.000 10.000 5.000 0.000 -5.000 -10.000
3.309
0509
1215
1205
1209
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
www.recom-international.com
July-2006
39
ECONOLINE
DC/DC-Converter
Typical Characteristics
RK & RH Series
RH-xx15D
Efficiency / Load 0512
100 80 60 40
RH-xx12D
Efficiency / Load
100 80 60 40
1212
0515
3.315
3.312 Efficiency %
1215
Efficiency %
20 0
20 0
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
Total Output current (%)
Total Output current (%)
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
Deviation from Nominal (%)
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
0512
1212
15.000 10.000 5.000 0.000 -5.000 -10.000
1215
0515
3.312
0% 20% 40% 60% Total Output current (%) 80% 100%
3.315
0% 20% 40% 60% Total Output current (%)
80%
100%
Package Style and Pinning (mm)
3rd angle projection
( Suffix H )
7 PIN SIP Package
6.00 10.20
RECOM RK-xxxxS ****
7.05
RECOM RK-xxxxS **** RECOM RH-xxxxD ****
0.51 typ.
4.10
0.51 typ.
12
5
7
12
567
Recommended Footprint Details
19.60 1.27 2.0
Bottom View
1.00 o+0.15/0 0.25 2.54
for RH-types
Pin Connections RK-xxxxS Pin # Single +Vin -Vin -Vout +Vout Pin Connections RH-xxxxD Pin # 1 2 5 6 7 XX.X 0.5 mm XX.XX 0.25 mm Dual +Vin -Vin -Vout Com +Vout
15.24
2.54
Top View
1 2 5 7
Recommended Footprint Details
( Suffix H )
19.65
1.00 o+0.15/0 0.25 2.54
( Suffix H )
for RH-types
1.27 2.0
Bottom View
15.24
2.54
Top View
40
July-2006
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RK-1818SP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X