|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Features Unregulated Converters Cost Effective 1kVDC & 2kVDC Isolation Custom Solutions Available Optional Continuous Short Circuit Protected No External Components Required UL94V-0 Package Material Efficiency to 85% ECONOLINE DC/DC-Converter REZ Series 2 Watt SIP7 Single Output Selection Guide Part Number SIP 7 REZ-xx3.3S REZ-xx05S REZ-xx09S REZ-xx12S REZ-xx15S (2kV) (H) (H) (H) (H) (H) Input Voltage (VDC) 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 Output Voltage (VDC) 3.3 5 9 12 15 Output Current (mA) 606 400 222 168 132 Efficiency (%) 70-75 80-85 78-84 80-85 82-85 80-85 REZ-xx24S (H) 5, 9, 12, 15, 24 24 83 xx = Input Voltage * add Suffix "P" for Continuous Short Circuit Protection, e.g. REZ-0505S/P, REZ-0505S/HP Specifications (Core Operating Area) Input Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Output Ripple and Noise (20MHz limited) Operating Frequency Efficiency at Full Load No Load Power Consumption Isolation Voltage Rated Working Voltage Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection P-Suffix Operating Temperature Range (free air convection) Storage Temperature Range Relative Humidity Package Weight MTBF (+25C) (+85C) 76 H-Suffix H-Suffix 3.3V output types 5V output type 9V, 12V, 15V, 24V output types 10% 5% 1.2%/1% of Vin typ. 20% max. 15% max. 10% max. 150mVp-p max. 35kHz min. / 50kHz typ. / 85kHz max. 70% min. / 80% typ. 134mW min. / 202mW typ. / 260mW max. (tested for 1 second) 1000VDC min. (long term isolation) see Application Notes (tested for 1 second) (long term isolation) 2000VDC min. see Application Notes 40pF min. / 115pF max. 10 G min. 1 Second Continuous -40C to +85C (see Graph) -55C to +125C 95% RH 2.7g Detailed Information see Application Notes chapter "MTBF" Derating-Graph (Ambient Temperature) 100 80 Output Power (%) 60 40 20 0 Safe Operating Area 85 Operating Temperature C -40 0 50 100 150 } using MIL-HDBK 217F using MIL-HDBK 217F July-2006 915 x 10 hours 170 x 103 hours www.recom-international.com 3 ECONOLINE DC/DC-Converter Typical Characteristics REZ Series REZ-xx09S Efficiency / Load 2405 100 80 60 REZ-xx05S Efficiency / Load 100 80 60 40 0505 0509 1205 Efficiency % 40 20 0 1209 2409 Efficiency % 20 0 0% 20% 40% 60% Total Output current (%) 80% 100% 0% 20% 40% 60% Total Output current (%) 80% 100% Deviation / Load 25.000 20.000 25.000 20.000 Deviation / Load Deviation from Nominal (%) 15.000 10.000 5.000 0.000 -5.000 -10.000 Deviation from Nominal (%) 1205 2405 15.000 10.000 5.000 0.000 -5.000 -10.000 2409 0509 0505 1209 0% 20% 40% 60% Total Output current (%) 80% 100% 0% 20% 40% 60% Total Output current (%) 80% 100% REZ-xx12S Efficiency / Load 100 80 60 40 100 REZ-xx15S Efficiency / Load 1215 0515 80 60 40 2412 1212 Efficiency % 0512 Efficiency % 20 0 20 0 2415 0% 20% 40% 60% 80% 100% 0% 20% 40% 60% 80% 100% Total Output current (%) Total Output current (%) Deviation / Load 25.000 20.000 25.000 20.000 Deviation / Load Deviation from Nominal (%) 15.000 10.000 5.000 0.000 -5.000 -10.000 Deviation from Nominal (%) 2412 1212 15.000 10.000 5.000 0.000 -5.000 -10.000 2415 0515 0512 0% 20% 40% 60% Total Output current (%) 80% 100% 1215 0% 20% 40% 60% Total Output current (%) 80% 100% www.recom-international.com July-2006 77 ECONOLINE DC/DC-Converter Package Style and Pinning (mm) REZ Series 3rd angle projection 7 PIN SIP Package 7.05 10.20 RECOM REZ-xxxxS **** 0.51 typ. RECOM REZ-xxxxS **** 4.10 0.51 typ. 12 4 6 Recommended Footprint Details 19.65 1.27 2.0 Bottom View Pin Connections Pin # 1 2 4 6 Single +Vin -Vin -Vout +Vout 0.25 1.00 o+0.15/0 2.54 5 x 2.54 2.54 Top View XX.X 0.5 mm XX.XX 0.25 mm 78 July-2006 www.recom-international.com |
Price & Availability of REZ-0933SHP |