Part Number Hot Search : 
SMCJ20 DKI10526 C2602 NTE5650 FW216A TOR036 76512 P4KE180A
Product Description
Full Text Search
 

To Download REC5-4833SRWH3AM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

5W DIP Package 1kVDC, 2kVDC & 3kVDC Isolation Options Regulated Output Continuous Short Circuit Protection Auto-Restarting Wide Input 2:1 & 4:1 UL94V-0 Package Material Cost Effective 100% Burned In Efficiency to 86%
ECONOLINE
DC/DC-Converter
REC5S_DRW/H* Series
5 Watt DIP24 & SMD Single & Dual Output
Selection Guide
Part Number DIP24 (SMD) REC5-xx3.3SRW/H* REC5-xx05SRW/H* (See Notes) REC5-xx09SRW/H* (See Notes) REC5-xx12SRW/H* (See Notes) REC5-xx15SRW/H* (See Notes) REC5-xx05DRW/H* (See Notes) REC5-xx12DRW/H* (See Notes) REC5-xx15DRW/H* (See Notes) REC5-xx3.3SRWZ/H* REC5-xx05SRWZ/H* REC5-xx09SRWZ/H* REC5-xx12SRWZ/H* REC5-xx15SRWZ/H* REC5-xx05DRWZ/H* REC5-xx12DRWZ/H* REC5-xx15DRWZ/H* 2:1 Input (REC5-S/DRW/H1) xx = 4.5-9Vin = 05 xx = 9-18Vin = 12 xx = 18-36Vin = 24 xx = 36-72Vin = 48 Input Voltage (VDC) 9 - 18, 18 - 36, 36 - 72 9 - 18, 18 - 36, 36 - 72 4.5 - 9V 9 - 18, 18 - 36, 36 - 72 4.5 - 9V 9 - 18, 18 - 36, 36 - 72 4.5 - 9V 9 - 18, 18 - 36, 36 - 72 4.5 - 9V 9 - 18, 18 - 36, 36 - 72 4.5 - 9V 9 - 18, 18 - 36, 36 - 72 4.5 - 9V 9 - 18, 18 - 36, 36 - 72 4.5 - 9V 9 - 36**, 18 - 72 9 - 36**, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 Output Voltage (VDC) 3.3 5 9 12 15 5 12 15 3.3 5 9 12 15 5 12 15 Max. Cap. Load (F) 2200 1000 470 220 120 470 100 68 2200 1000 470 220 120 470 100 68 Output Current (mA) 1200 1000 556 420 340 500 210 170 1200 1000 556 420 340 500 210 170 Efficiency (%) 75-77 79-81 72 82-83 73 84-85 74 85-86 75 79-81 72 84-85 74 85-86 75 75-76 81-82 82-83 83-84 84-85 81-82 82-83 84-85
EN-60950-1 Certified EN-60601-1 Certified (Suffix H3) UL-60950-1 Pending
4:1 Input (REC5-S/DRWZ/H1) xx = 9-36Vin = 24 xx = 18-72Vin = 48
Notes:
For all REC5-05xxS_DRW series, Load = 90% max. when Vin=4.5VDC * add suffix /H1 for 1kVDC Isolation, /H2 for 2kVDC Isolation or /H3 for 3kVDC Isolation. * /H2 and /H3 versions are not available in B Pinning. * /H3 version is not available in /M/SMD combination. * add suffix "/A", "/B" or "/C" for Pinning, see next page * add suffix "/M" for metal case * add suffix "/SMD" for SMD package e.g. REC5-xxxxSRWZH1/AM = 1kVDC isol. / Pinout "A" / metal case ** 24V 4:1 Wide Range Input Types (REC5-24xxS_DRWZ/H1) should be derated Vin= 9 Vin : 3.3Vout / 1100mA max., 5Vout / 900mA max.
www.recom-international.com
November 2006
1
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Regulation (HL-LL) Load Regulation (for output load current change from 20% to 100%) Output Ripple and Noise (0,1F capacitor on output, 20MHz BW) Operating Frequency at Full Load 2:1 input (at nominal input voltage) 4:1 input Input Filter Efficiency at Full Load No Load Power Consumption Isolation Voltage H1/SMD Pinout and metal case (tested for 1 second) Isolation Voltage H2/SMD Pinout and metal case (tested for 1 second) Rated Working Voltage (long term isolation) Isolation Voltage H1 types (tested for 1 second) Isolation Voltage H2 types (tested for 1 second) Isolation Voltage H3 types (tested for 1 second) Rated Working Voltage (long term isolation) Isolation Capacitance Isolation Resistance Short Circuit Protection Operating Temperature (free air convection) Storage Temperature Range Relative Humidity Case Material Thermal Impedance Package Weight MTBF (+25C) (+75C) Natural convection using MIL-HDBK 217F using MIL-HDBK 217F
REC5-S_DRW/H* Series
2:1 & 4:1 2% max. 0.3% max. 0.6% max. 50mVp-p max. 120kHz typ. 200kHz typ. Pi Network see above 300mW max. 1000VDC min. 2000VDC min. see Application Notes 1000VDC min. 2000VDC min. 3000VDC min. see Application Notes 60pF typ. 1 G min. Continuous, Auto Restart -40C to +75C (see Graph) -55C to +125C 95% RH Non-Conductive Plastic 20C/W for metal case 13g 850 x 10 hours 206 x 103hours
3
Derating-Graph
(Ambient Temperature)
100 80
Output Power (%)
(3W) 60
(2W) 40 20 0
Safe Operating Area
-40
75 100 125 105 95 Operating Temperature C
0
25
50
}
Detailed Information see Application Notes chapter "MTBF"
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1
Package A
32.00 10.20 3.81 4.60 0.51 20.30 Pin Connections Pin # 15.24 2 3 9 11 14 16
23 Bottom View 23 22 16 14 Top View 9 11
Single -Vin -Vin NC NC +Vout -Vout +Vin +Vin
Dual -Vin -Vin Com -Vout +Vout Com +Vin +Vin
Recommended Footprint Details
1.00 o+0.15/0
22 23 2.54
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
2.54
2
November 2006
www.recom-international.com
ECONOLINE
DC/DC-Converter
REC5-S_DRW/H* Series
20.30 Pin Connections 10.20 3.81 Pin # 1 15.24 2 3 10 11 12 13 14 15 22
15 14 13 Top View
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1
Package B
32.00
/H1 Only
2.06 0.51
Single +Vin No Pin No Pin -Vout +Vout -Vin -Vin +Vout -Vout No Pin No Pin +Vin
Dual +Vin -Vout Com Com +Vout -Vin -Vin +Vout Com Com -Vout +Vin
Recommended Footprint Details
1.00 o+0.15/0
123 Bottom View 24 23 22 10 11 12
2.54
23 24
2.54
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
Package C
32.00 10.20 3.81 2.06 0.51
20.30 Pin Connections Pin # 1 15.24 2 10 11 12 13 15 23 24
15 13 Top View
Single +Vin +Vin NC NC -Vout +Vout NC -Vin -Vin
Dual +Vin +Vin Com Com NC -Vout +Vout -Vin -Vin
Recommended Footprint Details
1.00 o+0.15/0
12 Bottom View 24 23 10 11 12
2.54
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
2.54
Mechanical drawings of DIP24 SMD case
32.00 31.40 11.20 10.90 3.81 6.35 20.30 25.40 19.90
2.54
Recommended Footprint Details
Pin area 0.1 x 0.50
12345
0.50
9 10 11 12
2.54
1.54 2.03
All unused pins are NC (No Connection). SMD pin connections follow standard package pinning. See Notes for restrictions on /H3 SMD versions.
Tol.: 0.35 mm
23.40
Bottom View
24 23 22 21 20 16 15 14 13
26.67 24.64
1
Top View
11 x 2.54
27.94
length of plastic case is 31,8mm, length of metal case 32.0mm
www.recom-international.com November 2006 3


▲Up To Search▲   

 
Price & Availability of REC5-4833SRWH3AM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X