Part Number Hot Search : 
BU408 ADD8754 FIN1025 102076 6220A IR2130 SI1903DL WSD521G
Product Description
Full Text Search
 

To Download REC5-0533SRWH6SMD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

UL-60950-1 / CSA C22.2 certified 5W DIP Package 4kVDC & 6kVDC Isolation Regulated Output Continuous Short Circuit Protection Wide Input 2:1 & 4:1 UL94V-0 Package Material 100% Burned In Efficiency to 86%
ECONOLINE
DC/DC-Converter
REC5S_DRW/H4, H6 Series
Efficiency (%) 75-77 79-81 72 82-83 73 84-85 74 85-86 75 79-81 72 84-85 74 85-86 75 75-76 81-82 82-83 83-84 84-85 81-82 82-83 84-85
Selection Guide
Part Number DIP24 (SMD) REC5-xx3.3SRW (H4/H6) REC5-xx05SRW (H4/H6) (See Notes) REC5-xx09SRW (H4/H6) (See Notes) REC5-xx12SRW (H4/H6) (See Notes) REC5-xx15SRW (H4/H6) (See Notes) REC5-xx05DRW (H4/H6) (See Notes) REC5-xx12DRW (H4/H6) (See Notes) REC5-xx15DRW (H4/H6) (See Notes) REC5-xx3.3SRWZ (H4/H6) REC5-xx05SRWZ (H4/H6) REC5-xx09SRWZ (H4/H6) REC5-xx12SRWZ (H4/H6) REC5-xx15SRWZ (H4/H6) REC5-xx05DRWZ (H4/H6) REC5-xx12DRWZ (H4/H6) REC5-xx15DRWZ (H4/H6) 2:1 Input (REC5-S/DRWH4/H6) xx = 4.5-9Vin = 05 xx = 9-18Vin = 12 xx = 18-36Vin = 24 xx = 36-72Vin = 48 Input Voltage (VDC) 9 - 18, 18 - 36, 36 - 72 9 - 18, 18 - 36, 36 - 72 4.5 - 9 9 - 18, 18 - 36, 36 - 72 4.5 - 9 9 - 18, 18 - 36, 36 - 72 4.5 - 9 9 - 18, 18 - 36, 36 - 72 4.5 - 9 9 - 18, 18 - 36, 36 - 72 4.5 - 9 9 - 18, 18 - 36, 36 - 72 4.5 - 9 9 - 18, 18 - 36, 36 - 72 4.5 - 9 9 - 36**, 18 - 72 9 - 36**, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 Output Voltage (VDC) 3.3 5 9 12 15 5 12 15 3.3 5 9 12 15 5 12 15 Max. Cap. Load (F) 2200 1000 470 220 120 470 100 68 2200 1000 470 220 120 470 100 68 Output Current (mA) 1200 1000 556 420 340 500 210 170 1200 1000 556 420 340 500 210 170
5 Watt DIP24 & SMD Single & Dual Output
EN-60950-1 Certified UL-60950-1 Certified EN-60601-1 Certified
4:1 Input (REC5-S/DRWZ(H4/H6)) xx = 9-36Vin = 24 xx = 18-72Vin = 48
Description
This series offers high isolation of 4kVDC (= option "/H4") or 6kVDC (= option "/H6") making it ideal for medical applications and other sophisticated industrial applications. Packaging can be either DIP-24 non-conductive plastic or 5-side-shielded DIP24 metal case (= option "M") as well as DIP24-SMD case (= option "SMD"). For all the above variants, 2 industry-standard pinouts (= option "A" or "C") are available.
Notes :
For the REC5-05xxS_DRW/H4/H6 series, Load = 90%max. when Vin=4.5VDC. * add suffix "/H4" for 4kVDC isolation or "/H6" for 6kVDC isolation * add suffix "/A" or "/C" for Pinning, see next page * add suffix "/M" for metal case
* add suffix "/SMD" for SMD package
e.g. REC5-xxxxSRWZ/H4/AM = 4kVDC isol. / Pinout "A" / metal case ** 24V 4:1 Wide Range Input Types (REC5-24xxS_DRWZ(/H4/H6)) should be derated Vin= 9 Vin : 3.3Vout / 1100mA max., 5Vout / 900mA max.. If the options "/M" for metal case and "/SMD" for SMD pinout are combined the maximum allowed isolation voltage is 2kVDC because of the shorter distances between the pins and the metal-case so the only available SMD-option in metal-case is "/H2". DIP-24 through-hole case and SMD-plastic case are not affected and offer the full isolation barriers of 4kVDC for "/H4" option and 6kVDC for "/H6".
November 2006
1
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Regulation (HL-LL)
REC5-S_DRW/H4,H6 Series
2:1 & 4:1 2% max. 0.3% max. 0.6% max. 50mVp-p max. 120kHz typ. 200kHz typ. Pi Network see above 300mW max.
Load Regulation (for output load current change from 20% to 100%) Output Ripple and Noise (0,1F capacitor on output, 20MHz BW) Operating Frequency at Full Load 2:1 input (at nominal input voltage) 4:1 input Input Filter Efficiency at Full Load No Load Power Consumption Isolation Voltage Rated Working Voltage Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection Operating Temperature (free air convection) Storage Temperature Range Relative Humidity Case Material Thermal Impedance Package Weight MTBF (+25C) (+75C) Natural convection using MIL-HDBK 217F using MIL-HDBK 217F H4 types (see note) H6 types (see note) (tested for 1 second) (long term isolation) (tested for 1 second) (long term isolation)
Derating-Graph
(Ambient Temperature)
4000VDC min. see Application Notes 6000VDC min. see Application Notes 60pF typ. 1 G min.
Output Power (%)
100 80 (3W) 60
Continuous, Auto Restart -40C to +75C (see Graph) -55C to +125C 95% RH Non-Conductive Plastic 20C/W for metal case 13g 850 x 10 hours 206 x 103hours
3
(2W) 40 20 0
Safe Operating Area
-40
75 100 125 105 95 Operating Temperature C
0
25
50
}
Detailed Information see Application Notes chapter "MTBF"
Typical Characteristics
Single
Efficiency / Load
100 80 60 40
Single
Efficiency / Load
100 80 60
1212
1209
2412
2405
1205
123.3 Efficiency %
40 20 0
243.3
Efficiency %
20 0
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
Single
Efficiency / Load
100 80 60 40
Dual
Efficiency / Load
100 80 60
4805
4812
1209
2415 4812 2405
483.3 Efficiency %
40 20 0
Efficiency %
20 0
1215
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
2
July-2006 November 2006
www.recom-international.com
ECONOLINE
DC/DC-Converter
REC5-S_DRW/H4,H6 Series
20.30 10.20 3.81
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1 Package A
32.00
3rd angle projection
Pin Connections Pin # Single -Vin -Vin NC NC +Vout -Vout +Vin +Vin Dual -Vin -Vin Com -Vout +Vout Com +Vin +Vin
4.60
0.51
15.24
2 3 9 11 14 16 22 23 2.54
Top View
Recommended Footprint Details
1.00 o+0.15/0
23 Bottom View 23 22 16 14 9 11
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
2.54
Package C
32.00 10.20 3.81 2.06 0.51
20.30 Pin Connections Pin # 15.24 1 2 10 11 12 13 15 23 24
15 13 Top View
Single +Vin +Vin NC NC -Vout +Vout NC -Vin -Vin
Dual +Vin +Vin Com Com NC -Vout +Vout -Vin -Vin
Recommended Footprint Details
1.00 o+0.15/0
12 Bottom View 24 23 10 11 12
2.54
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
2.54
Mechanical drawings of DIP24 SMD case
32.00 31.40 11.20 10.90 3.81 6.35 20.30 25.40 19.90
2.54
All unused pins are NC (No Connection). SMD pin connections follow standard package pinning.
1.54 2.03
Recommended Footprint Details
Pin area 0.1 x 0.50
12345
0.50
9 10 11 12
2.54
23.40
Bottom View
24 23 22 21 20 16 15 14 13
26.67 24.64
1
Top View
Tol.: 0.35 mm
11 x 2.54
27.94
for all packages incl.SMD case the length of plastic case is 31,8mm, length of metal case 32.0mm
November 2006 3


▲Up To Search▲   

 
Price & Availability of REC5-0533SRWH6SMD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X