Part Number Hot Search : 
82865G R1060 AM151 F5N60 SQJ463EP Q6010 MA2830 MBT440
Product Description
Full Text Search
 

To Download REC15-1205SRWZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

15W 1"x 2" Package (50.1x25.4x10.8mm) 1.6kVDC Isolation Wide Input 2:1 & 4:1 Regulated Output UL94V-0 Package Material Continuous Short Circuit Protection Remote ON/OFF-Control for Single Types Efficiency to 87%
ECONOLINE
DC/DC-Converter
REC15S_DRW(Z)/ H Series
15 Watt 1" x 2" Single & Dual Output
Selection Guide
Part Number 1" x 2" REC15-xx3.3SRW/H REC15-xx05SRW/H REC15-xx12SRW/H REC15-xx15SRW/H REC15-xx24SRW/H REC15-xx3.3SRWZ/H REC15-xx05SRWZ/H REC15-xx12SRWZ/H REC15-xx15SRWZ/H REC15-xx05DRWZ/H REC15-xx12DRWZ/H REC15-xx15DRWZ/H 2:1 xx = 9-18Vin = 12 xx = 18-36Vin = 24 xx = 36-75Vin = 48 Input Voltage (VDC) 9-18, 18-36, 36-75 9-18, 18-36, 36-75 9-18, 18-36, 36-75 9-18, 18-36, 36-75 9-18, 18-36, 36-75 9-36, 18-75 9-36, 18-75 9-36, 18-75 9-36, 18-75 10-40, 18-75 10-40, 18-75 10-40, 18-75 Output Voltage (VDC) 3.3 5 12 15 24 3.3 5 12 15 5 12 15 Output Current (mA) 3000 3000 1250 1000 625 3000 3000 1250 1000 1500 625 500 (%) 77-79 80-83 82-86 84-87 84-87 76 78-82 82-84 83-84 78 79 79 Efficiency
Designed to meet EN-60950-1 UL-60950-1 Pending
4:1 * add suffix "CTRL" for optional Remote ON/OFF-Control xx = 9-36Vin = 24 xx = 10-40Vin = 24 xx = 18-75Vin = 48
Specifications (Core Operating Area)
Input Voltage Range Input Filter Output Voltage Accuracy Line Voltage Regulation 2:1 & 4:1 type 2% max. 0.5% max.
Derating-Graph
(Ambient Temperature)
120 100
Output Power (%)
Load Voltage Regulation (10% to 100% full load ) 1% max. Minimum Load 3.3, 5, 3.3, 5Vout 3% 12,15, 24V, 12, 15Vout 0% Ripple <0.2% Vout +40mVp-p max. Noise <0.5% Vout +50mVp-p max. Operating Frequency Over Power Protection Over Voltage Protection Short Circuit Protection Efficiency at Full Load Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance (tested for 1 second) (long term isolation) 300kHz typ. Works over 120% of rating and recovers automatically Zener diode clamp Current limit, auto-recovery 87% max. 1600VDC min. see Application Notes 1000pF 100 M min. continued on next page 126 July-2006
80 60
2:1 Range
60%
Safe Operating Area
40
20 0
4:1 Range
40%
75 100
-25
0
25 40 50
70
Operating Temperature (C)
Is 2:1 Range Is 4:1 Range
www.recom-international.com
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area) cont.
IOperating Temperature Range (Natural convection) 2:1 (with derating) Storage Temperature Range Case Temperature Temperature Coefficient Relative Humidity Case Material Cooling Method Package Weight EMI (Conducted & Radiated Emission) MTBF (+25C) Detailed Information see (+40C) Application Notes chapter "MTBF" 4:1
REC15-S_DRW(Z)/H Series
-25C to +70C (see Graph) -25C to +70C (see Graph) -55C to +105C +100C max. 0.02%/C 95% RH
Nickel Plated Copper with Non-Conductive Base, Six-side Shielded Natural convection 32g using MIL-HDBK 217F using MIL-HDBK 217F EN 55022 class A 800 x 103 hours 245 x 103 hours
}
Package Style and Pinning (mm) 1" x 2" , Wide Input 2:1 & 4:1
1" x 2" PIN Package
50.10 10.80 6.00 20.32 20.32 25.40 3rd angle projection 25.40
1.0 15.24 20.32
Recommended Footprint Details
Pin Connections
3 1 2
5 10.16 2.54 10.16 2 1 4 3 2.54 2.54
Top View
5.08
Bottom View 4
Pin # 1 2 3 4 5
Single +Vin -Vin +Vout No Pin -Vout
Dual +Vin -Vin +Vout Com -Vout
5
XX.X 0.5 mm XX.XX 0.25 mm
1.2o+0.2/0.1
REC15-Series also available with Remote ON/OFF - Control
For detailed information please contact your RECOM representative.
REC15-S_DRW(Z)/H/CTRL
3 1 2 6
Recommended Footprint Details
6 10.16 2.54 10.16 2 1 5 4 3 2.54 2.54
Top View
Pin Connections Pin # 1 2 3 4 5 6 Single +Vin -Vin +Vout No Pin -Vout CTRL Dual +Vin -Vin +Viout Com -Vout CTRL
5.08 7.62
Bottom View 4
5
1.2o+0.2/0.1
XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
July-2006
127


▲Up To Search▲   

 
Price & Availability of REC15-1205SRWZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X