Part Number Hot Search : 
1415920 FDRH2 PPA1155 AMS3406 TLP561 30PT10C 4520B HS24135
Product Description
Full Text Search
 

To Download REC15-1205SRWBZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
REC15-S/DRWB(Z) Ser., 15W, 2"x 2", Regul., Wide Input 2:1 & 4:1 (Single & Dual Output) Selection Guide
Part Number 2" x 2" REC15-XX05SRWB REC15-XX12SRWB REC15-XX15SRWB REC15-XX24SRWB REC15-XX05DRWB REC15-XX12DRWB REC15-XX15DRWB REC15-XX05SRWBZ REC15-XX12SRWBZ REC15-XX15SRWBZ REC15-XX24SRWBZ REC15-XX05DRWBZ REC15-XX12DRWBZ REC15-XX15DRWBZ XX = XX = XX = XX = XX = 9-18Vin = 12 18-36Vin = 24 36-72Vin = 48 9-36Vin = 24 18-72Vin = 48 Input Voltage (VDC) 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-36, 18-72 9-36, 18-72 9-36, 18-72 9-36, 18-72 9-36, 18-72 9-36, 18-72 9-36, 18-72 Output Voltage (VDC) 5 12 15 24 5 12 15 5 12 15 24 5 12 15 Output Current (mA) 3000 1250 1000 625 1500 625 500 3000 1250 1000 625 1500 625 500 Efficiency (%) 77 80 80 81 77 80 80 77 80 80 77 80 80 79
Features

15W 2" x 2" Package 9-18V, 18-36V, 36-72V and 9-36V, 18-72V Wide Input Range Short Circuit Protection Regulated Output UL94V-0 Package Material Efficiency to 80%
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Voltage Setting Accuracy Temperature Coefficient Ripple and Noise (20MHz BW) Line Regulation (HL-LL) Load Regulation (Rated Load to no Load) Voltage Stability (24 Hrs) Short Circuit Protection Cooling Input Filter Efficiency Isolation Voltage (Tested for 60 Seconds) Isolation Resistance Switching Frequency at Full Load Operating Temperature Storage Temperature Case Material 1% max. 0.02%/C 100mVp-p max. 0.2% max. 0.05% max.
Output Power (Watts) 15.0 12.0 9.0 6.0 Safe Operating Area 3.0 0.0 -25 0 25 50 75 100 125 70 90 Operating Temperature C
0.5% Continuous Free-Air Convection Pi Network 75% min. 1.000VDC min. 109 ohms min. 200kHz min. -25C to +70C (see Graph) -40C to +100C Metal Case
www.recom-international.com
August 2002
EC 87
ECONOLINE - DC/DC-Converter
REC15-S/DRWB(Z) Ser., 15W, 2"x 2", Regul., Wide Input 2:1 & 4:1 (Single & Dual Output) Package Style and Pinning (mm)
2" x 2" Package
3rd angle projection
50.8
11,00
Pin Connections Pin # Single +Vin -Vin +Vout No Pin -Vout Dual +Vin -Vin +Vout Common -Vout
22.82
Bottom View Side View 3
1 2 3 4 5
50.8
5.12
1 2
10.2 4 10.2 5 15.2
20.32
8.3
Recommended Footprint Details
3 1 2 4 5 2.54
2.54
1.2o+0.2/-0.1
XX.X 0.5 mm XX.XX 0.25 mm
EC 88
August 2002
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of REC15-1205SRWBZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X