Part Number Hot Search : 
012S0 1N5392J1 MC33897D AKD5385A 2SC3896 TC58F HDR12U ICS91309
Product Description
Full Text Search
 

To Download R-6125P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

Adjustable Output Voltage Non-Isolated 1-2AMP Adjustable Positive Step Down Integrated Switching Regulator Internal Short Circuit Protection ON/OFF Control(Ground Off) Wide Input Range Efficiency to 96%
INNOLINE
DC/DC-Converter
R-6xxxP_D Series
Selection Guide
Part Number SIP12 R-611.8x R-612.5x R-613.3x R-615.0x R-619.0x R-6112x R-621.8x R-622.5x R-623.3x R-625.0x R-629.0x R-6212x Input Range (V) 9 - 32 9 - 32 9 - 32 9 - 32 11 - 32 14 - 32 9 - 32 9 - 32 9 - 32 9 - 32 11 - 32 14 - 32 Nominal Output Voltage (V) 1.8 2.5 3.3 5 9 12 1.8 2.5 3.3 5 9 12 Vout Adjust Range (V) 1.5 - 3.6 1.5 - 4.5 1.8 - 6 1.8 - 9 3.3 - 15 3.3 - 15 1.5 - 3.6 1.5 - 4.5 1.8 - 6 1.8 - 9 3.3 - 15 3.3 - 15 Output Efficiency (%) Current Vin min. Vin max. (A) (%) (%) 1 1 1 1 1 1 2 2 2 2 2 2 79 84 88 92 96 97 76 81 86 90 95 96 67 74 79 84 90 92 68 74 80 85 91 93
1-2 AMP SIP12 Vertical & Horizontal
Note: Vin -Vout 1.5V if adjust function is used! Suffix x: (see mechanical drawing for details) x = P pins vertical through hole x = D pins bent for horizontal through hole mounting
Specifications (refer to the standard application circuit, Ta: 25C)
Characteristics Input Voltage Range Conditions Vout = 1.8V Vout = 2.5V Vout = 3.3V Vout = 5V Vout = 9V Vout = 12V Vout = 1.8V Vout = 2.5V Vout = 3.3V Vout = 5V Vout = 9V Vout = 12V R-61xxP/D R-62xxP/D Vin > 12V At 100% Load Min. 9V 9V 9V 9V 11V 14V 1.5V 1.5V 1.8V 1.8V 3.3V 3.3V 0.1A 0.2A 4A 20mA 1% Typ. Max. 32V 32V 32V 32V 32V 32V 3.6V 4.5V 6V 9V 15V 15V 1.0A 2.0A 5A 100mA 2% 0.5% 0.5% 1.0% Continued next page 134 24-August-2005 www.recom-international.com
Output Voltage Adjust Range (see table 1)
1.8V 2.5V 3.3V 5V 9V 12V
Output Current Output Current Limit Short Circuit Input Current Output Voltage Accuracy
4.5A
Line Voltage Regulation (Vin = min. to max. at full load) Load Regulation (10 to 100% full load) R-61xxP/D R-62xxP/D
INNOLINE
DC/DC-Converter
Specifications (refer to the standard application circuit, Ta: 25C)
Characteristics Vo Ripple & Noise Transient Response (see note 1) Remote ON / OFF (see note 2) (positive logic) Remote Off Input Current Switching Frequency Quiescent Current Operating Temperature Range Storage Temperature Range Internal Power Dissipation Io x Vo x (1-Efficiency) Vin = min. to max. at 0% load Conditions R-61xxP/D R-62xxP/D 50% Load Change Vout Over / Undershoot Open or high (Power ON) Low (Power OFF) Remote ON/OFF low level
R-6xxxP_D Series
Min. Typ. 40mVpp 40mVpp 100us 5% Max. 100mVpp 120mVpp 200us 10V 0.8V 100A 200kHz -40C -40C 250kHz 6mA 300kHz 10mA +85C +125C 1.0W
2.0V
Notes:
1. Requires a 100F electrolytic or tantalum output capacitor for proper operation in all applications (the capacitor to be placed as close as possible to the output pins). 2. ON / OFF pin can be driven by TTL (logic gate), open-collector bipolar transistor or open-drain MOSFET. 3. Output Current vs. Input Voltage (see graph below).
Standard Application Circuit
Vin OFF 1F (Optional) ON TTL Com
2, 3, 4 C1 1
R-61XX R-62XX
9, 10, 11
(Adjust down)
R1
Vout
C2
12
Q1
5, 6, 7,8
(Adjust up)
R2
100F/10V (REQD)
Com
Output Current vs Input Voltage
90 85 80 60 40 20 0 0.5 0.7 1 1.5
2 1.2A
1
R-61XX
0
9.0
14
24 28 32
Ambient Temperature (C)
Output Current (A)
R-
62 XX
Input Voltage (V)
Internal Power Dissipation (W)
Max output current calculation: Internal power dissipation (1W) = Io x Vo x (1-Efficiency) Io = 1(W) / Vo x (1-Efficiency) Example : R-6212P at Vin = 28VDC Efficiency = 94% (see "Selection Guide" table) Vo = 12VDC Io = 1W / 12V x (1-0.94) = 1.388A = 1.5A www.recom-international.com
at Vin = 14VDC Efficiency = 96% (see "Selection Guide" table) Vo = 12Vdc Io = 1W / 12V x (1-0.96) = 2.08A (spec. = 2A max.)
24-August-2005
135
INNOLINE
DC/DC-Converter
Characteristics
R-623.3 / R-613.3 Efficiency vs Output Current
100.0 92.5 90.0 87.5 85.0 82.5 80 70 60 50 0.1 Iout (A) 0.5 1.0 1.5
R-6xxxP_D Series
R-623.3 / R-613.3 Ripple vs Output Current
100 80 Vin = 9V Vin = 12V Vin = 26V 60 Ripple (mV) 40 20 0 0.1 Iout (A) 0.5 1.0 1.5 2.0 Vin = 26V Vin = 12V Vin = 9V
Efficiency (%)
2.0
R-625.0 / R-615.0 Efficiency vs Output Current
100 92.5 90.0 87.5 85.0 82.5 80 70 60 50 0.1 Iout (A) 0.5 1.0 1.5
R-625.0 / R-615.0 Ripple vs Output Current
100 Vin = 9V Vin = 12V Vin = 24V Vin = 38V 80 60 Vin = 38V Vin = 24V Vin = 12V Vin = 9V
Efficiency (%)
Ripple (mV)
2.0
40 20 0 0.1 Iout (A) 0.5 1.0 1.5
2.0
Package Style and Pinning (mm)
SIP12 PIN Package
3rd angle projection 9.1 32.20 9.1
32.20
15.00
RECOM R-615.0P
1 2 3 4 5 6 7 8 9 10 11 12
15.00
RECOM R-615.0D
1 2 3 4 5 6 7 8 9 10 11 12
0.2
4.0 2.13 0.7 2.54 0.2
2.13
0.7
2.54
Bottom View
Bottom View
0.7 4.0
0.7
Pin Connections Pin # 1 2, 3, 4 5, 6, 7, 8 9 , 10 , 11, 12 Tolerance: 0.25 mm Name ON / OFF Vin GND Vout Vout-Adj Description Input pin : Active low (less than 0.8V) to disable the device Power input Input and output ground (common) Power output With external resistors R1,R2 to selected output voltage
136
24-August-2005
www.recom-international.com
INNOLINE
DC/DC-Converter
Table 1: Adjustment Resistor Values
1Adc 2Adc Vout (nominal) Vout (adj) 1.5 1.8 2.0 2.5 3.0 3.3 3.6 3.9 4.5 5.0 5.1 5.5 6.0 7.0 8.0 9.0 10 11 12 13 14 15 10K 5.1K 2.5K 1.7K 1.2K 10K 5.9K 3.9K 2.8K 1.6K 18K 9.1K 3.9K 2.4K 2.2K 1.6K 1.1K 60K 15K R-611.8P/D R-621.8P/D 1.8VDC R1 13.6K R2 R-612.5P/D R-622.5P/D 2.5VDC R1 3.3K 8.2K 15K 3.1K 5.1K 13K 51K 820 1.5K 3.6K 7.0K 9.7K 14K 20K 60K R2 R-613.3P/D R-623.3P/D 3.3VDC R1 R2 R1
R-6xxxP_D Series
R-615.0P/D R-625.0P/D 5VDC R2 R1 R-619.0P/D R-629.0P/D 9VDC R2 R1 R-6112P/D R-6212P/D 12VDC R2
0 1.5K 3.3K 7.5K 11K 12K 17K 24K 51K 130K
0 560 1.2K 2.1K 4.0K 4.3K 5.6K 7.5K 12K 19K 31K 36K 15K 8.2K 4.7K 2.7K 1.3K 11K 4.0K 1.6K 55K 125K
7.2K 2.8K 1.5K 880 450 180
www.recom-international.com
24-August-2005
137


▲Up To Search▲   

 
Price & Availability of R-6125P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X