Part Number Hot Search : 
CD4025AF 328RPDP D4093 MAJ160A F2001 FM101 2SD19 MCR10
Product Description
Full Text Search
 

To Download NWK933TP1N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NWK933
NWK933
3.3V 10/100 Fast Ethernet Transceiver to MII
DS5029 Issue no 2.1 May 1999
Features Odering Information
q q q q q q q q q q q q q q q q q
Integrated 10/100 Mbps Ethernet in a Single Chip Solution Single 3.3V Power Supply Half Duplex and Full Duplex in both 10BASE-T and 100BASE-TX Full MII for a Glueless MAC Connection Extended Register Set Integrated 10BASE-T Transceivers and Receive / Transmit Filters Integrated Adaptive Equaliser and Base Line Wander Correction (for FDDI Killer Packet) Full Auto-Negotiation Support for 10BASE-T and 100BASE-TX both Half and Full Duplex Link Status Change Interrupt Parallel Detection for Supporting Non Auto Negotiation in Legacy Link Partners Low Dynamic Current Deep Sleep Low Power Mode <1mA Internal Power on Reset 64 pin 1mm thick TQFP Package Single Magnetics for 10BASE-T and 100BASE-TX Operation for a Single RJ45 Connector Support for Flow Control 802.3 Specification Integrated 6 LED Driver
NWK933/CG/TP1N
q q q q
Low External Component Count Loop-back mode for diagnostics Intelligent power management (auto shutdown, auto wake) Low Transmit Jitter
Description
The NWK933 is a single chip 3.3V CMOS physical layer solution from MII to the magnetics. It is designed for 10BASE-T and 100BASE-TX Ethernet, based on the IEEE 802.3 specifications.
The NWK933 is compatible with the Auto Negotiation section of IEEE 802.3u and provides all the support needed for the 802.3 Full duplex specification.
Switch or MAC
NWK933
Isolation Magnetics
RJ45
Figure 1 System block diagram
1
NWK933
64 TX_CLK 63 TX03 62 TXD2 61 TXD1 60 TXD0 59 RX_ER 58 RXD3 57 RXD2 56 RXD1 55 RXD0 54 DVDD2 53 RX_CLK 52 DGND2 51 RX_DV 50 CRS 49 COL
SUBGND2 1 TX_ER 2 DGND1 3 TX_EN 4 LNKST 5 ACTST 6 COLST 7 DVDD1 8 RXVDD3 9 RXGND3 10 FDST 11 SPDST 12 PA4 13 RESETN 14 RXVDD2 15 RXGND2 16
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
MINT DVDD3 MDC MDIO DGND3 RefCLK OSCVDD XTAL1 XTAL2 OSCGND TXGND4 TXVDD4 TXREF100 TXREF10 TXVDD3 TXGND3
PA3 17 RXGND1 18 RXIP 19 RXIN 20 RXVDD1 21 ANEN 22 TXOP 23 TXVDD2 24 TXGND2 25 TXGND1 26 TXVDD1 27 TXON 28 PA2 29 PA1 30 PA0 31 SUBGND1 32
TP64
Figure 2Pin connections
Functional Description
The NWK933 has three basic modes of operation: 10BASE-T, 100BASE-TX and LOW POWER modes. The Control block is designed to manage these modes by starting and stopping the 10M and 100M transceivers in a well-controlled manner such that no spurious signals are output on either the MII or twisted-pair interfaces. Furthermore, it continuously monitors the behaviour of the transceivers and takes corrective action if a fault is detected. Other modes described herein are repeater mode and reset mode.
10Base-T Operation 10Mb/s Data Transfer on the MII
10Mb/s data is transferred across the MII with clock speeds of 2.5MHz. The MAC outputs data to the NWK933 via the MII interface, on the TXD[3:0] bus. This data is synchronised to the rising edge of TX_CLK. To indicate that there is valid data for transmission on the MII, the MAC sets the TX_EN signal active. This forces the NWK933 device to take in the data on the TXD[3:0] bus. This is serialised and directly encoded as Manchester data, before being output on the TXOP/ TXON differential output for transmission through 1:O2 magnetics and onto the twisted-pair. The transmit current is governed by the current through the TXREF10 pin, which must be grounded through a resistor as described in "External Components".
25MHz Reference Clock
The NWK933 requires a 25MHz +/-100ppm timing reference for 802.3 compatible operation. This may be supplied either from the integrated oscillator or from an external source. When the integrated oscillator is used, a suitable crystal must be connected across the XTAL1 & XTAL2 pins (see "External Components") and REFCLK must be tied low. When an external source is used, it must be input to the REFCLK pin and XTAL1 must be tied low. XTAL2 must be unconnected.
RX10 Clock Recovery
The NWK933 employs a digital delay line controlled by the 100MHz Synthesizer DLL to derive a sampling clock from the incoming signal. The recovered clock runs at twice the data rate (nominally 20MHz). When a signal is received from the Signal Detect block, it is used to strobe Link Pulses and Manchester encoded serial data.
2
NWK933
The Manchester data stream will be decoded into a 4bit parallel data bus, RXD[3:0]. The RXD bus is clocked out on RX_CLK rising. The NWK933 must detect the first 4 bits of pre-amble before RX_DV is set high. When RX_DV is high, any Manchester coding violation will set RX_ER high. RX_DV is reset by a continuous sequence of zeroes, or by the end-of-packet IDLE terminator (11 11 00 00). Whilst RX_DV is low, the data is invalid.
RX10 Latency
When connected to appropriate magnetics the latency through the RX10 path is less than 6BT (600ns). This timing is measured from the input of the receive magnetics to the rising edge of RX_CLK. The RX10 path may ignore up to three Manchester encoded bits at the start of data reception (802.3 allows up to 5 bits).
100MHz Synthesizer
This synthesizer employs a delay-locked loop (DLL) to generate a 100MHz timing reference from the 25MHz reference clock. This 100MHz reference is used by the 10BASE-T transmit and receive functions and is divided by 5 to provide a 20MHz data strobe. The 20MHz clock is used to derive the 2.5 MHz TX_CLK in 10BASE-T mode. The synthesizer is disabled when not in 10BASE-T mode.
100Base-TX Operation
100Mb/s Data Exchange on the MII Interface 100Mb/s data is transferred across the MII with clock speeds of 25MHz. The MAC outputs data to the NWK933 via the MII interface, on the TXD[3:0] bus. This data is synchronised to the rising edge of TX_CLK. To indicate that there is valid data for transmission on the MII, the MAC sets the TX_EN signal active. This forces the NWK933 device to take in the data on the TXD[3:0] bus and replace the first octet of the MAC preamble with Start-of-Stream Delimiter (SSD) symbols to indicate the start of the Physical Layer Stream. When the data transfer across the MII is complete, the MAC deasserts the TX_EN signal and the NWK933 adds End-of-Stream Delimiters (ESD) symbols onto the end of the data stream. The complete data stream (the Physical Layer Stream) is encoded from 4 bits into 5 bits, scrambled, converted to MLT3 and driven to the TXOP and TXON pin differentially. The TX100 path is disabled when not in 100BASE-TX mode and, with the exception of the RX100 Signal Detect, the RX100 Receive Path is disabled when not in 100BASE-TX mode.
TX10 Pulse Shaper & Filter
The Pulse Shaper & Filter employs a digital Finite Impulse Response filter (FIR) to pre-compensate for line distortion and to remove high frequency components in accordance with the 802.3 Standard. The Pulse Shaper & Filter is disabled when not in 10BASE-T mode.
TX10 Latency
When connected to appropriate magnetics the latency through the TX10 path is less than 2BT (200ns) for data transmissions. This timing is measured from the rising edge of TX_CLK to the output of the transmit magnetics. The TX10 path will not transmit up to the first two Manchester encoded bits of a data transmission, as permitted by the 802.3 Standard.
125MHz Synthesizer
This synthesizer employs a phase-locked loop (PLL) to generate a 125MHz timing reference from the 25MHz reference clock. This 125MHz reference is used by the 100BASE-TX transmit function and is divided by 5 to provide a 25MHz data strobe on TX_CLK. TX_CLK is frequency and phase locked to the 25MHz reference with a small phase offset. The synthesizer is disabled when not in 100BASE-TX mode.
RX10 Filter & RX10 Signal Detect
These blocks work in unison to remove noise and to block signals that do not achieve the voltage levels specified in 802.3. Signals that do not achieve the required level are not sampled in the Clock Recovery block and are not passed to the outputs.
3
NWK933
TX100 PISO, Encoder and Scrambler
Data from the MII is loaded into the TX100 PISO, Encoder and Scrambler on the rising edge of TX_CLK. It is converted to serial MLT3 for outputting to the TX100 Driver. The TXD[3] bit is output first. The PISO & Encoder do not operate until the 125MHz Synthesizer is locked to the 25MHz reference. This avoids transmission of spurious signals onto the twisted-pair.
RX100 Clock Recovery
The RX100 Clock Recovery circuit uses a PhaseLocked Loop (PLL) to derive a sampling clock from the incoming signal. The recovered clock runs at the symbol bit rate rate (nominally 125MHz) and is used to clock the MLT3 decoder and the Serial to Parallel converter (SIPO). The recovered clock is divided by 5 to generate the receive clock (RX_CLK) which is used to strobe received data across the MII interface. When no signal is detected in 100BASE-TX mode, the PLL is locked to the reference clock and runs at 125MHz. This ensures that RX_CLK runs continuously at 25MHz in 100BASE-TX mode. When a signal is present, the Clock Recovery PLL remains locked to the reference until the equalizer has adjusted, then it requires up to 1ms to phase lock to the incoming signal. No data is passed to the MII interface until lock is established.
TX100 Driver
The TX100 Driver outputs the differential signal onto the TXOP and TXON pins. It operates with 1:root 2 magnetics to provide impedance matching and amplification of the signal in accordance with the 802.3 specifications. The transmit current is governed by the current through the TXREF100 pin, which must be grounded through a resistor as described in "External Components". The TX100 driver is disabled in 10BASE-T mode and in loop back mode.If no data is being transmitted from the MAC, the NWK933 outputs idle symbols of 11111 (suitably scrambled).
RX100 SIPO, Decoder and Descrambler
The RX100 SIPO, Decoder and Descrambler convert the received signal from serial MLT3 to 4-bit wide parallel receive data on the MII. This appears on the RXD[3:0] bus which is clocked out on the falling edge of RX_CLK. When a frame starts the NWK933 decodes the SSD symbols and then asserts the RX_DV signal, in order to inform the MAC that valid data is available. When the NWK933 detects the ESD, it deasserts the RX_DV signal.
TX100 Latency
The transmit latency from the first TX_CLK rising when TX_EN is high to the first bit of the "J" symbol on the cable is 8BT.
RX100 Equalizer & Base-line Wander Correction
The RX100 Equalizer compensates for the signal attenuation and distortion resulting from transmission down the cable and through the isolation transformers. The Equalizer is self-adjusting and is designed to restore signals received from up to 10dB cable attenuation (at 16MHz). When the Equalizer is active it adjusts to the incoming signal within 1ms. Thereafter, the Equalizer will continuously adjust to small variations in signal level without corrupting the received data. The 100BASE-TX MLT3 code contains significant low frequency components which are not passed through the isolation transformers and cannot be restored by an adaptive equalizer. This leads to a phenomenon known as Base-line Wander which will cause an unacceptable increase in error rate if not corrected. The NWK933 employs a quantized feedback technique to restore the low frequency components and thus maintain a very low error rate even when receiving signals such as the "killer packet" described in the TP_PMD spec.
RX100 Latency
The latency from the first bit of the "J" symbol on the cable to CRS assertion is between 11 and 15BT. The latency from the first bit of the "T" symbol on the cable to CRS de-assertion is between 19 and 23BT.
100Mb/s Transmit Errors
If the NWK933 detects that the TX_ER signal has gone active whilst the TX_EN signal is active, then it will propagate the detected error onto the cable by transmitting the symbol "00100" . Figure 3 shows the meaning of the different states of TX_EN and TX_ER. TX_ER is sampled inside the NWK933 on the rising edge of TX_CLK.
4
NWK933
TX_EN TX_ER 0 1 1 X 0 1 TXD [3:0] ignored 0000 through 1111 0000 through 1111 Indication Normal inter frame data Normal data transmission Transmit error propagation
Initialization (RESET_N)
The NWK933 incorporates a power-on-reset circuit for self-initialization on power-up. During initialization the open-drain RESET_N pin is driven low and all data outputs are disabled to prevent spurious outputs to the twisted-pair and to the MII interface. RESET_N will remain low until the power supply has been stable for at least 400ns. The NWK933 will then release RESET_N allowing the external pull-up to pull the pin high. Device initialisation will not commence until RESET_N is high. This allows the user to extend the inactive period by externally holding RESET_N low. It will not normally be necessary for the user to reset the NWK933 because it is designed to automatically recover from fault conditions. However, if required, the user may initialize the device by doing a hardware or software reset.
Figure 3. 100Mb/s Transmit Error States
100Mb/s Receive Errors
When there is no data on the cable, the receiver will see only the idle code of scrambled 1's. If a non idle symbol is detected, the receiver looks for the SSD so that it can align the incoming message for decoding. If any 2 non consecutive zeros are detected within 10 bits, but are not the SSD symbols a false carrier indication is signalled to the MII by asserting RX_ER and setting RXD[3:0] to 1110 whilst keeping RX_DV inactive. The remainder of the message is ignored until 10 bits of 1's are detected. If any data is decoded after a SSD which is neither a valid data code nor an ESD, then an error is flagged by setting RX_ER active whilst the RX_DV signal is active. This also happens if 2 idle codes are detected before a valid ESD has been received or descramble synchronisation is lost during packet reception. The states of RX_DV and RX_ER are summarised in Figure 4. RX_ER is clocked on the falling edge of RX_CLK, and will remain active for at least 1 period of RX_CLK.
Reset Mode
There are two types of reset in the NWK933 - hardware and software. The hardware reset is activated by setting the RESET_N pin to logic 0, and holding it low for at least 100ns. This mode causes an over-all reset in the NWK933 - both analog and digital circuitry are reset. Whilst RESET_N is low, the SPDST and FDST pins are inputs, and are used to determine the speed and duplex capability which will be advertised during auto-neg. A low on SPDST advertises 100M capability. A high on FDST advertises full duplex capability. The software reset is activated by setting bit 15 in register 0 high. This bit is a self clear bit and causes a partial reset of the device. Figure 5 summarises the different blocks to be reset and which reset will affect them:
RX_DV RX_ER 0 0 1 1 0 1 0 1
RXD [3:0] 0000 through 1111 1110 0000 through 1111 0101 or 0110
Indication Normal inter frame False carrier indication
Block
Normal data reception Data reception with errors
HW Reset yes yes
SW reset yes yes
management register PCS state machine (RCV, XMT, ANEG)
Figure 4. 100Mb/s receive error states
XMT scrambler RCV scramble
yes yes yes yes
yes yes No No
CONTROLS
Initialization, mode selection and other options are governed by the control inputs and register as described in the following paragraphs.
control state machine analog
Figure 5. Effects of Reset
Note: Holding RESET_N low will hold the device in a static, low power state.
5
NWK933
Low-Power Mode
This function is set via the management interface. Using MDC and MDIO, Bit 11 of register 0 is written high to put the NWK933 into Low-Power mode. The type of low power mode is dependant on bits 14 and 15 in register 24. For 24[15:14] = 0:0 the 10BASE-T and 100BASE-TX transceivers are disabled. The oscillator continues to run. Both RX_CLK and TX_CLK are stopped, the RXD bus is held low and TXD, TXEN, and TXER are ignored. MDC and MDIO are still active for new commands. This mode is intended to conserve power when the network connection is not required and the TXOP/TXON output is undriven. Typical current consumption is less than 10mA. For 24[15:14] = 0:1, everything is turned off, including the voltage references and the oscillator. This mode must be exited via the management interface. Typical current consumption is 0.5mA. For 24[15:14] = 1:0, the only function available is the signal detect. The NWK933 will detect a signal amplitude on the cable and activate the interrupt. MINT can be selected as either an active low or high interrupt. Typical current consumption is less than 10mA. For 24[15:14] = 1:1, the NWK933 will automatically power down into a sleep mode if no activity is seen on the cable for approx 2 seconds. Power up is also automatic if activity is seen. Typical current consumption is less than 10mA. consecutive false CRS events with no good frame in between them or if a false CRS event is longer then 480 +/- 4BT. If the NWK933 receives a good carrier event (480 +/- 4BT) or a good idle event (idle symbols for a period of 25000 to 30000 bit time) it will resume frame transfer to the MII. A false CRS event happens if, at the beginning of a carrier event, the JK symbols are not received correctly. When the NWK933 is in 100M mode it will count all false CRS events in register 27 bits 7:0. This counter is self cleared upon read. If a disconnect event occurs between the consecutive reads of register 27, bit 15 in the register will set high. Auto-Negotiation Enable (ANEN) Auto-negotiation may be hardware disabled by setting the ANEN pin to logic zero. During operation, autonegotiation can be disabled by setting the ANEN pin low or by setting bit 12 of register 0 to zero. If autoneg is disabled, the NWK933 will lose the link, and link will be re-established only after the NWK933 control state machine has determined the speed using bits 13 and 8 of register 0 to determine speed and duplex respectively.
MII Management Interface, MDC and MDIO
The management interface is a 2 wire serial interface connecting a PHY to a management entity. The management unit controls the PHY and gathers information on the status of the PHY. It does this via the implemented registers using MDC to clock the data on the MDIO pin.
Loopback Mode
Diagnostic loopback may be selected at any time by asserting setting Bit 14 in register 0. In 10BASE-T mode transmission to the TXOP/ TXON output will be stopped and the RX10 Clock Recovery will receive input from the TX10 transmit path rather than from the RXIP/RXIN inputs. In 100BASE-TX mode transmission to the TXOP/TXON output will be stopped and the RX100 Clock Recovery will receive input from the TX100 transmit path.
Link Status Change Interrupt, MINT
MINT is, by default, an active low interrupt which is activated whenever a change in the link status occurs. It can be changed to be active high by setting bit 13 in register 24. The interrupt will remain active until the controller acknowledges the interrupt by writing to register 21 (any data). Should one or more link status changes occur between the assertion of MINT and an ackowledge, then MINT will be deasserted and then reasserted (deassertion time between 100ns and 150ns). Only a single interrupt event may be queued at any one time. Multiple status changes between an ackowledge will generate only a single queued interrupt.
Repeater Mode
The NWK933 can be put into Repeater Mode by setting register 24 bit 0 high. In this mode, the CRS will be active on receive only. In 100Mbps repeater mode, the NWK933 is able to perform a disconnect function from the MII. This function is enabled by bit 1 in register 24. (Note that if the device is not in repeater mode, this bit has no effect). The NWK933 will disconnect from the MII if it receives two
6
NWK933
TXD3-0 TX_ER TX_EN TX_CLK
TX10REF FRAMING & CONTROL MANCHESTER ENCODER TX10 PULSE SHAPER TX10 DRIVER
TX10 CLOCK GEN. RX10 FILTER & SIGNAL DETECT FRAMING & CONTROL CRS COL RXD3-0 RX_ER RX_DV RX_CLK FRAMING & 5B4B DECODE ALIGNER & DESCRAMBLE RX100 CLOCK & DATA RECOVERY RX100 EQUALIZER & BLW LINK PULSE & MANCHESTER DECODE RX10 CLOCK & DATA RECOVERY RX100 & SIGNAL DETECT TXOP TXON RXOP RXON
FRAMING &4B5B ENCODE
TX100 SCRAMBLER
TX100 PISO & ENCODER
TX100 DRIVER TX100REF
TX100 CLOCK GEN.
ACTST LNKST COLST FDST SPDST
Internal clock
LEDS POWER ON RESET OSC CONTROLS ANEG LOGIC
ANEN MDC MDIO PA4-0
Figure 6 NWK933 block diagram
RESET_N
REFCLK
XTAL1
XTAL2
MINT
7
NWK933
Pin list
Pin #
MD interface 20 19 28 23 35 36 14 41 40 MII interface 46 45 53 MDC MDIO RX_CLK Input IOput Output Output Output Output Input Output Input Input Input Output Output Input Output Output Output IOput LNKST IOput Management interface clock (up to 2.5MHz) Management data Receive clock (2.5MHz for 10, 25MHz for 100) Receive data MII interace Receive data valid. Active high. Receive error. Active high. (RXD4 in symbol mode) Reference clock Transmit clock (2.5MHz for 10, 25MHz for 100) Transmit Data MII interface Transmit Enable. Active high. Transmit Error. Active high. (TXD4 in symbol mode) Carrier sense signal. Active high. Collision signal. Active high. Auto Negotiation enable. Active high. MII interrupt control. Receive / transmit active indication (LED interface). Active low. Collision active indication (LED interface) Active low. Full duplex indication when RESET_N high (LED interface). Active low. Input when RESET_N is low. High input means 933 advertises full duplex capability. 5 12 SPDST Output Link OK indication (LED interface). Active low. Speed indication when RESET_N high (LED interface). High for 100Mb/s mode. Input when RESET_N is low. Low input means 933 advertises 100Mb/s capability. 31, 30, 29, 17, 13 PA0, PA1, PA2, PA3, PA4 Input Phy address RXIN RXIP TXON TXOP TXREF10 TXREF100 RESETN XTAL1 XTAL2 Input Input Output Output Input Input IOput Input Input Differential receive pair from magnetics (-) Differential receive pair from magnetics (+) 100 Differential transmit pair to magnetics (-) 100 Differential transmit pair to magnetics (+) 10BASE-T transmitter current setting pin 100BASE-TX transmitter current setting pin Active low, power on reset output and external reset input 25MHz crystal input 25MHz crystal input
Name
Type
Description
55, 56, 57, 58 RXD0, RXD1, RXD2, RXD3 51 59 43 64 RX_DV RX_ER REFCLK TX_CLK TXD2, TXD3 4 2 50 49 22 48 6 7 11 TX_EN TX_ER CRS COL ANEN MINT ACTST COLST FDST
60, 61, 62, 63 TXD0, TXD1,
8
NWK933
General
The following is the register set that is implemented in the NWK933 device: The interface to these registers is via the MDC and MDIO signals. The address of the NWK933 is specified by the PA<4:0> static inputs The MD command is issued by the controller and can be read or write: command preamble READ WRITE 32 bits of 1 32 bits of 1 start data 01 01 op code 10 01 phy address reg number 5 bits 5 bits 5 bits 5 bits TA Z0 10 Data 16 bit from phy 16 bit from MAC
SC = Self clear RO = read only RW = read or write LL = latch low until register read LH = latch high until register read Register Set reg 0 - control register Bit 0.15 0.14 0.13 0.12 0.11 0.10 0.9 0.8 0.7 0.6:0 Bit name Reset Loopback Speed selection ANEG enable Power down Isolation Restart ANEG Duplex selection Collision test Reserved Description 1 = PHY reset 0 = Normal operation 1 = Loopback mode active 0 = Normal operation 1 = 100 Mbps 0 = 10 Mbps 1 = Enable ANEG process 0 = Disable ANEG process 1 = Power down active 0 = Normal operation 1 = isolation in process 0 = Normal operation 1 = Restart the ANEG process 0 = Normal operation 1= Full Duplex mode 0 = Half duplex mode 1 = Collision test active 0 = Normal operation Write as 0 ignore on read. Default 0 0 1 1 0 0 0 1 0 R/W RW SC RW RW RW RW RW RW SC RW RW
9
NWK933
reg 1- status register
Bit 1.15 1.14 1.13 1.12 1.11 1.10 1.9 1.8:7 1.6 1.5 1.4 1.3 1.2 1.1 1.0 Bit name 100BaseT4 100BASE-TX - FDX 100BASE-TX - HDX 10BASE-T - FDX 10BASE-T - HDX 100BaseT2 - FDX 100BaseT2 - HDX Reserved MF preamble suppression ANEG complete Remote fault ANEG able Link status Jabber detect Extended regs Description 1 = PHY able to perform 100BaseT4 0 = PHY not able to perform 100BaseT4 1 = PHY able to perform 100BASE-TX 0 = PHY not able to perform 100BASE-TX 1 = PHY able to perform 100BASE-TX 0 = PHY not able to perform 100BASE-TX 1 = PHY able to perform 10BASE-T 0 = PHY not able to perform 10BASE-T 1 = PHY able to perform 10BASE-T 0 = PHY not able to perform 10BASE-T 1 = PHY able to perform 100BaseT2 0 = PHY not able to perform 100BaseT2 1 = PHY able to perform 100BaseT2 0 = PHY not able to perform 100BaseT2 ignore when read 1= Phy accept management frames with short preamble 0 = normal preamble only 1 = ANEG process completed 0 = ANEG process not completed or not active 1= Remote fault condition detected 0 = no Remote fault condition detected 1 = Phy is able to perform ANEG 0 = Phy is not able to perform ANEG 1= Link is up 0 = Link is down 1 = jabber condition detected 0 = normal operation 1 = extended register capability 0 = no extended registers Default 0 1 1 1 1 0 0 0 0 0 0 1 0 0 1 R/W RO RO RO RO RO RO RO RO RO RO RO LH RO RO LL RO RO
reg 2/3- NWK933 Identifier register
Bit 2.15:0 3.15:0 Bit name OUI OUI/device ID Description Mitel OUI bits Mitel OUI bits and device code Default 0282 1C7X R/W RO RO
10
NWK933
reg 4- ANEG advertisement register
Bit 4.15 4.14 4.13 4.12:10 4.9:5 4.4:0 Bit name NP reserved remote fault reserved Technology selector field T4, 100Fdx, 100Hdx, 10Fdx, 10Hdx 0 = no remote fault detected 1= a remote fault been detected Description Next page able - the NWK933 is not able to perform next page Default 0 0 0 0 0F 01 R/W RO RO R/W R/W R/W R/W
reg 5- ANEG link partner ability register
Bit 5.15 5.14 5.13 5.12:5 5.4:0 Bit name NP ACK remote fault ability selector field Description partner is next page capable partner sent an acknowledge bit partner detected a remote fault partner's technology ability partner selector field Default 0 0 0 0 0 R/W RO RO RO RO RO
reg 6- ANEG expansion register
Bit 6.15:5 6.4 6. 3 6.2 6.1 6.0 Bit name reserved parallel detect fault link partner next page able next page able Page received link partner aneg able 0 = aneg process finished. No fault detected 1 = a fault has been detected 0 = Link partner is not next page able 1 = Link partner is next page able 0 = NWK933 is not able for next page 0 = no new page been received 1= a new page has been received and is in reg 5 0 = Link partner is not aneg able 1 = Link partner is aneg able Description Default 0 0 0 0 0 0 R/W RO RO LH RO RO RO LH RO
reg 16, 17, 18, 19, 20 - Test registers
Bit 15:0 Bit name reserved Description test mode only Default 0000 R/W res
11
NWK933
reg 21 - MII interrupt control register
Bit 21.15:0 Bit name Clear Interrupt Description Write any data pattern to clear MINT Default 0 R/W WO
reg 22, 23 - Test registers
Bit 15:0 Bit name reserved Description test mode only Default 0000 R/W res
reg 24- NWK933 specific register
Bit 24.15:14 Bit name PWRCON[1:0] Description Low power controls: 00 = full receive path active. No transmit. 01 = Deep sleep (all off including VREF & OSC) 10 = Sleep (generate MII interrupt on activity) 11 = auto shut down, auto wake on activity 1 = MINT output active high 0 = MINT output active low 1 = disable 10Base-T autopolarity correction 1 = disable SQE in 10Base-T half duplex mode 0 = in case of jabber the 10Base-T will cut the transmitted frame (normal operation) 1 = Jabber function disable 1 = enable MII loopback in 10Base-T half duplex mode Force receive regardless of link Force transmit regardless of link CRS behavior in full duplex mode:0 = CRS is active for transmit only 1= CRS active for receive or transmit 1 = MDIO data accepted without preamble 0 = normal operation 1 = bypass the aligner function 0 = normal operation 1 = bypass the 4B5B encoder function 0 = normal operation 1 = bypass the scrambler function 0 = disable disconnection events 1 = enable disconnect on false carrier detection Set repeater mode (affects CRS generation) Default 00 R/W RW
24.13 24.12 24.11 24.10
MINTPOL Pol Dis SQE disable JAB disable
0 0 0 0
RW RW RW RW
24. 9 24.8 24.7 24.6
loop 10 Force RX Force TX CRS_CTL
0 0 0 0
RW RW RW RW
24.5 24.4 24.3 24.2 24.1 24:0
MF Byp ALIGN Byp ENC Byp SCR DISCEN RPTR
0 0 0 0 0 0
RW RW RW RW RW RW
12
NWK933
reg 25 - ANEG status
Bit 25.15:14 25.13 25.12:8 25.7 25.6 25.5 25.4 25.3:0 Bit name reserved Pol PA aneg complete Duplex speed ability mtc ANEG state Description test mode only - do not set high 1 indicates polarity reversal on RX inputs (10Base-T) copy of PHY address pins 1 = aneg completed 0 = aneg did not complete (same as reg1.5) ANEG result - duplex operation 0 = HDX, 1 = FDX ANEG result - speed of operation 0 = 10M, 1 = 100M 1 = abilities match between registers 4 & 5 ANEG state machine current state Default 0 0 PA<4:0> 0 0 0 0 0 R/W RO RO RO RO RO RO RO RO
reg 26 - Symbol error counter
Bit 26.15:0 Bit name RX_ERR counter Description number of RX_ERR events since last read - Clears either in change of speed or read of this reg. Default 0 R/W RO SC
reg 27 - False carrier event counter
Bit 27.15 27.14:8 27.7:0 Bit name disconnect reserved false CRS counter number of False CRS events since last read. Active only when DISCEN = 1". Description the disconnect mechanism status Default 0 0 0 R/W RO LH RO RO SC
reg 28, 29, 30, 31 - Test registers
Bit 15:0 Bit name reserved Description test mode only Default 0000 R/W res
13
NWK933
Operating Conditions
Supply voltage Ambient temperature +3.0V to 3.6V 0C to +70C
DC Electrical Characteristics
Recommended operating conditions apply except where stated.
Characteristic
Symbol
Value
Min Max VDD 0.8 1 -1 8
Units
Conditions
DC parameters - input High level input voltage Low level input voltage High level input current Low level input current Pin capacitance to ground DC parameters - output -6mA buffers High level output voltage Low level output voltage High level output current Low level output current Rise time Fall time Pin capacitance to ground Differential Output Peak Differential Voltage High Level Zero Level low Level 2.2 0.95 -0.05 -1.05 2.8 1.05 0.05 -0.95 V V V V 10Mbs mode 100Mbs mode 100Mbs mode 100Mbs mode VOH VOL IOH IOL 2.4 VSS VDD 0.4 -6 6 4 4 8 V V mA mA nS nS pF VIH VIL IIH IIL 2 VSS V V A A pF
no pull up including package
0.4V to 2.4V into 20pF load 0.4V to 2.4V into 20pF load
Note: Differential outputs are 802.3 compliant
AC Electrical Characteristics
Recommended operating conditions apply except where stated. Characteristic Symbol Value Min Max Units Conditions
Differential Output Baseline to +Vout Baseline to -Vout +Vout to Baseline -Vout to Baseline Note: Differential outputs are 802.3 compliant 3 3 3 3 5 5 5 5 nS nS nS nS 100Mbs mode 100Mbs mode 100Mbs mode 100Mbs mode
14
NWK933
AC Electrical Characteristics (continued)
Recommended operating conditions apply except where stated. Characteristic Symbol Value Min Max Units Conditions
REFCLK
Frequency Duty cycle 25100ppm 45 55 MHz %
RXCLK
Frequency Duty cycle Frequency Duty cycle 25100ppm 40 60 2.5100ppm 40 60 MHz % MHz % 100Mbs mode 100Mbs mode 10Mbs mode 10Mbs mode
TXCLK
Frequency Duty cycle Frequency Duty cycle 25100ppm 40 60 2.5100ppm 40 60 MHz % MHz % 100Mbs mode 100Mbs mode 10Mbs mode 10Mbs mode
MDC
Frequency Minimum high/low Supply Current 10 Base-T Idle 10 Base-T Active 100 Base-T Idle 100 BAse-T Active Sleep Mode Deep sleep mode Resetn = 0 160 Typ 80 180 128 133 5 0.25 1 2.5 Max 90 200 145 150 6 1 2 mA mA mA mA mA mA mA Measured at 3.3V Room Temperature These Figures include the current flowing in the Transmit resistors MHz ns
15
NWK933
TXD3 TXD2 TXD1 TXD0 RX_ER RXD3 RXD2 RXD1 RXD0 DVDD2 RX_CLK DGND2 RX_DV CRS COL
TX_CLK
Vdd Vdd Vdd
SUBGND2 TX_ER DGND1 TX_EN LNKST ACTST COLST DVDD1 RXVDD3 RXGND3 FDST SPDST 10K(5%) PA4 RESETN RXVDD2 RXGND2
MINT DVDD3 MDC MDIO DGND3 RefCLK OSCVDD XTAL1 XTAL2 OSCGND TXCGND4 TXVDD4 TXREF100 TXREF10 TXVDD3 TXGND3
Vdd
25MHz
Vdd
C2
C2
Vdd 5K(5%)
TXVDD2 TXGND2 TXGND1 TXVDD1 TXON
PA2 PA1 PA0 SUBGND1
PA3 RXGND1 RXIP RXIN
RXVDD1 ANEN TXOP
1.24K 1%
1.24K 1%
30 (1%) 30 (1%) 0.01F 20 (1%) 20 (1%)
RXOP
24.9 (1%)
24.9 (1%) 10
0.01F
RXON TXIP TXIN TXIC
1:2 MAGNETICS
Figure 7 External Components
EXTERNAL COMPONENTS
Connecting an External 25MHz Reference If an external clock is used then it should be driven into the REFCLK input, and XTAL1 must be connected to ground. XTAL2 must be left unconnected. If a crystal is used, REFCLK must be connected to ground. RESETN Pull-up Resistor This resistor is required regardless of whether or not RESETN is used externally. RX Input Decoupling The method of using a split input load resistor and de-coupling the centre tap reduces common mode noise.
Crystal Oscillator
For IEEE802.3 compliance the oscillator must run at 25MHz 100ppm. The NWK933 on-chip circuitry contributes less than 40ppm variability to the oscillator frequency, therefore the crystal must be specified to 60ppm. This must include variations due to temperature and ageing. The crystal must be capable of dissipating 0.5mW of power. External capacitors are required on the XTAL1 & XTAL2 pins. Manufacturer's recommendations should be followed. Tracking to the crystal and the capacitors must be as short as possible. Other signal paths must not cross the area. The NWK933 is supported by the following magnetics: VENDOR Pulse MAGNETICS H1119
16
http://www.mitelsemi.com
World Headquarters - Canada Tel: +1 (613) 592 2122 Fax: +1 (613) 592 6909 North America Tel: +1 (770) 486 0194 Fax: +1 (770) 631 8213 Asia/Pacific Tel: +65 333 6193 Fax: +65 333 6192 Europe, Middle East, and Africa (EMEA) Tel: +44 (0) 1793 518528 Fax: +44 (0) 1793 518581
Information relating to products and services furnished herein by Mitel Corporation or its subsidiaries (collectively "Mitel") is believed to be reliable. However, Mitel assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Mitel or licensed from third parties by Mitel, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Mitel, or non-Mitel furnished goods or services may infringe patents or other intellectual property rights owned by Mitel. This publication is issued to provide information only and (unless agreed by Mitel in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Mitel without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Mitel's conditions of sale which are available on request.
M Mitel (design) and ST-BUS are registered trademarks of MITEL Corporation Mitel Semiconductor is an ISO 9001 Registered Company Copyright 1999 MITEL Corporation All Rights Reserved Printed in CANADA TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of NWK933TP1N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X