Part Number Hot Search : 
DTC113Z PC120FI DS714 SM3P2 LBA716 00ETTS MZ7407C 014014
Product Description
Full Text Search
 

To Download NTMS5P02R206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTMS5P02R2 Power MOSFET -5.4 Amps, -20 Volts
P-Channel Enhancement-Mode Single SOIC-8 Package
http://onsemi.com Features
VDSS -20 V RDS(ON) TYP 26 mW @ -4.5 V ID MAX -5.4 A
* High Density Power MOSFET with Ultra Low RDS(on) * * * * * *
Providing Higher Efficiency Miniature SOIC-8 Surface Mount Package - Saves Board Space Diode Exhibits High Speed with Soft Recovery IDSS Specified at Elevated Temperature Drain-to-Source Avalanche Energy Specified Mounting Information for the SOIC-8 Package is Provided Pb-Free Package is Available
Single P-Channel D
Applications
G S
* Power Management in Portable and Battery-Powered Products, i.e.:
Computers, Printers, PCMCIA Cards, Cellular & Cordless Telephones
MARKING DIAGRAM & PIN ASSIGNMENT
8 1 SOIC-8 CASE 751 STYLE 13 8 D D DD
E5P02x AYWW G G 1 NC S SG
E5P02 x A Y WW G
= Specific Device Code = Blank or S = Assembly Location = Year = Work Week = Pb-Free Package
(Note: Microdot may be in either location)
ORDERING INFORMATION
Device NTMS5P02R2 NTMS5P02R2G Package SOIC-8 SOIC-8 (Pb-Free) Shipping 2500/Tape & Reel 2500/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D
(c) Semiconductor Components Industries, LLC, 2006
March, 2006 - Rev. 2
1
Publication Order Number: NTMS5P02R2/D
NTMS5P02R2
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Drain-to-Source Voltage Drain-to-Gate Voltage (RGS = 1.0 mW) Gate-to-Source Voltage - Continuous Thermal Resistance - Junction-to-Ambient (Note 1) Total Power Dissipation @ TA = 25C Continuous Drain Current @ 25C Continuous Drain Current @ 70C Maximum Operating Power Dissipation Maximum Operating Drain Current Pulsed Drain Current (Note 4) Thermal Resistance - Junction-to-Ambient (Note 2) Total Power Dissipation @ TA = 25C Continuous Drain Current @ 25C Continuous Drain Current @ 70C Maximum Operating Power Dissipation Maximum Operating Drain Current Pulsed Drain Current (Note 4) Thermal Resistance - Junction-to-Ambient (Note 3) Total Power Dissipation @ TA = 25C Continuous Drain Current @ 25C Continuous Drain Current @ 70C Maximum Operating Power Dissipation Maximum Operating Drain Current Pulsed Drain Current (Note 4) Operating and Storage Temperature Range Single Pulse Drain-to-Source Avalanche Energy - Starting TJ = 25C (VDD = -20 Vdc, VGS = -5.0 Vdc, Peak IL = -8.5 Apk, L = 10 mH, RG = 25 W) Maximum Lead Temperature for Soldering Purposes, 1/8 from case for 10 seconds Symbol VDSS VDGR VGS RqJA PD ID ID PD ID IDM RqJA PD ID ID PD ID IDM RqJA PD ID ID PD ID IDM TJ, Tstg EAS TL Value -20 -20 10 50 2.5 -7.05 -5.62 1.2 -4.85 -28 85 1.47 -5.40 -4.30 0.7 -3.72 -20 159 0.79 -3.95 -3.15 0.38 -2.75 -12 -55 to +150 360 260 Unit V V V C/W W A A W A A C/W W A A W A A C/W W A A W A A C mJ C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Mounted onto a 2 square FR-4 Board (1 sq. 2 oz Cu 0.06 thick single sided), t 10 seconds. 2. Mounted onto a 2 square FR-4 Board (1 sq. 2 oz Cu 0.06 thick single sided), t = steady state. 3. Minimum FR-4 or G-10 PCB, t = Steady State. 4. Pulse Test: Pulse Width = 300 ms, Duty Cycle = 2%.
http://onsemi.com
2
NTMS5P02R2
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted) (Note 5)
Characteristic OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (VGS = 0 Vdc, ID = -250 mAdc) Temperature Coefficient (Positive) Zero Gate Voltage Drain Current (VDS = -16 Vdc, VGS = 0 Vdc, TJ = 25C) (VDS = -16 Vdc, VGS = 0 Vdc, TJ = 125C) (VDS = -20 Vdc, VGS = 0 Vdc, TJ = 25C) Gate-Body Leakage Current (VGS = -10 Vdc, VDS = 0 Vdc) Gate-Body Leakage Current (VGS = +10 Vdc, VDS = 0 Vdc) ON CHARACTERISTICS Gate Threshold Voltage (VDS = VGS, ID = -250 mAdc) Temperature Coefficient (Negative) Static Drain-to-Source On-State Resistance (VGS = -4.5 Vdc, ID = -5.4 Adc) (VGS = -2.5 Vdc, ID = -2.7 Adc) Forward Transconductance (VDS = -9.0 Vdc, ID = -5.4 Adc) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING CHARACTERISTICS (Notes 6 & 7) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge BODY-DRAIN DIODE RATINGS (Note 6) Diode Forward On-Voltage Reverse Recovery Time (IS = -5.4 Adc, VGS = 0 Vdc, dIS/dt = 100 A/ms) Reverse Recovery Stored Charge 5. Handling precautions to protect against electrostatic discharge is mandatory. 6. Indicates Pulse Test: Pulse Width = 300 ms max, Duty Cycle = 2%. 7. Switching characteristics are independent of operating junction temperature. (IS = -5.4 Adc, VGS = 0 V) (IS = -5.4 Adc, VGS = 0 Vdc, TJ = 125C) VSD trr ta tb QRR - - - - - - -0.95 -0.72 40 20 20 0.03 -1.25 - 75 - - - mC Vdc ns (VDS = -16 Vdc, VGS = -4.5 Vdc, ID = -5.4 Adc) (VDD = -16 Vdc, ID = -5.4 Adc, VGS = -4.5 Vdc, RG = 6.0 W) (VDD = -16 Vdc, ID = -1.0 Adc, VGS = -4.5 Vdc, RG = 6.0 W) td(on) tr td(off) tf td(on) tr td(off) tf Qtot Qgs Qgd - - - - - - - - - - - 18 25 70 55 22 70 65 90 20 4.0 7.0 35 50 125 100 - - - - 35 - - nC ns ns (VDS = -16 Vdc, VGS = 0 Vdc, f = 1.0 MHz) Ciss Coss Crss - - - 1375 510 200 1900 900 380 pF VGS(th) Vdc -0.65 - - - - -0.9 2.9 0.026 0.037 15 -1.25 - 0.033 0.048 - mV/C W V(BR)DSS Vdc -20 - - - - - - - -15 - - -0.2 - - - - -1.0 -10 - -100 nAdc 100 mV/C mAdc Symbol Min Typ Max Unit
IDSS
IGSS IGSS
nAdc
RDS(on)
gFS
Mhos
http://onsemi.com
3
NTMS5P02R2
12 -ID, DRAIN CURRENT (AMPS) 10 8 6 4 2 0 0 -1.7 V VGS = -1.3 V 0.25 0.5 0.75 1 1.25 1.5 1.75 -VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) 2 -8 V -2.3 V -4.5 V -3.7 V -3.1 V -2.7 V -2.5 V 12 -ID, DRAIN CURRENT (AMPS) TJ = 25C -2.1 V VDS -10 V 10 8 6 4 2 0 1 1.5 2 2.5 -VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) 3
-1.9 V
100C 25C TJ = -55C
Figure 1. On-Region Characteristics
RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) 0.08 ID = -5.4 A TJ = 25C 0.06 RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) 0.05
Figure 2. Transfer Characteristics
TJ = 25C 0.04
VGS = -2.5 V
VGS = -2.7 V 0.03 VGS = -4.5 V 0.02
0.04
0.02
0
0
8 2 4 6 -VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
10
0.01
2
4
8 10 6 -ID, DRAIN CURRENT (AMPS)
12
RDS(on), DRAIN-TO-SOURCE RESISTANCE (NORMALIZED)
Figure 3. On-Resistance versus Gate-To-Source Voltage
1.6 1.4 1.2 1 0.8 0.6 -50 ID = -5.4 A VGS = -4.5 V 10,000
Figure 4. On-Resistance versus Drain Current and Gate Voltage
VGS = 0 V -IDSS, LEAKAGE (nA) TJ = 150C
1000 TJ = 125C
-25
0 25 50 75 100 125 TJ, JUNCTION TEMPERATURE (C)
150
100
2
4 6 8 10 12 14 16 18 -VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
20
Figure 5. On-Resistance Variation with Temperature
Figure 6. Drain-To-Source Leakage Current versus Voltage
http://onsemi.com
4
NTMS5P02R2
-VGS , GATE-TO-SOURCE VOLTAGE (VOLTS) VDS = 0 V Ciss VGS = 0 V TJ = 25C 5 4 3 2 1 0 ID = -5.4 A TJ = 25C QT -VDS Q1 Q2 -VGS 20 16 12 8 4 0 -VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
4000 C, CAPACITANCE (pF)
3000 Crss 2000 Ciss 1000 Crss 10 5 0 -VGS -VDS GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS) 5 10 15 20 Coss
0
0
4
8
12
16
20
24
Qg, TOTAL GATE CHARGE (nC)
Figure 8. Gate-To-Source and Drain-To-Source Voltage versus Total Charge
Figure 7. Capacitance Variation
1000 -IS, SOURCE CURRENT (AMPS) VDD = -16 V ID = -5.4 A VGS = -4.5 V t, TIME (ns) 5 4 3 2 1 0 VGS = 0 V TJ = 25C
td(off) tf tr
100
td(on)
10
1
10 RG, GATE RESISTANCE (OHMS)
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
Figure 9. Resistive Switching Time Variation versus Gate Resistance
Figure 10. Diode Forward Voltage versus Current
DRAIN-TO-SOURCE DIODE CHARACTERISTICS
100 ID , DRAIN CURRENT (AMPS) VGS = 20 V SINGLE PULSE TC = 25C
1 ms
10 di/dt 10 ms 1 RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT 0.1 1 10 IS trr ta tb TIME dc 100 tp IS 0.25 IS
0.1
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 11. Maximum Rated Forward Biased Safe Operating Area
Figure 12. Diode Reverse Recovery Waveform
http://onsemi.com
5
NTMS5P02R2
TYPICAL ELECTRICAL CHARACTERISTICS
10 Rthja(t), EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5 0.2 0.1 0.05 0.02 0.01 Chip
0.0163 W
0.1
Normalized to qja at 10s.
0.0652 W 0.1988 W 0.6411 W 0.9502 W
0.01
0.0307 F
0.1668 F
0.5541 F
1.9437 F
72.416 F
0.001
SINGLE PULSE 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01 t, TIME (s) 1.0E+00 1.0E+01 1.0E+02
Ambient 1.0E+03
Figure 13. Thermal Response
http://onsemi.com
6
NTMS5P02R2
PACKAGE DIMENSIONS
SOIC-8 NB CASE 751-07 ISSUE AG
-X- A
8 5
B
1
S
4
0.25 (0.010)
M
Y
M
-Y- G
K
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS DIM MIN MAX A 4.80 5.00 B 3.80 4.00 C 1.35 1.75 D 0.33 0.51 G 1.27 BSC H 0.10 0.25 J 0.19 0.25 K 0.40 1.27 M 0_ 8_ N 0.25 0.50 S 5.80 6.20 STYLE 13: PIN 1. N.C. 2. SOURCE 3. SOURCE 4. GATE 5. DRAIN 6. DRAIN 7. DRAIN 8. DRAIN INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
C -Z- H D 0.25 (0.010)
M SEATING PLANE
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
SOLDERING FOOTPRINT*
1.52 0.060
7.0 0.275
4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
7
NTMS5P02R2/D


▲Up To Search▲   

 
Price & Availability of NTMS5P02R206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X