Part Number Hot Search : 
405GP 10100CT ED302T 11014 UP6018 E09BT3 MM1038 NTE713
Product Description
Full Text Search
 

To Download MURS240T3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MURS230T3, MURS240T3
Preferred Devices
Surface Mount Ultrafast Power Rectifiers
Ideally suited for high voltage, high frequency rectification, or as free wheeling and protection diodes in surface mount applications where compact size and weight are critical to the system.
http://onsemi.com Features
* * * * *
Small Compact Surface Mountable Package with J-Bend Leads Rectangular Package for Automated Handling High Temperature Glass Passivated Junction Low Forward Voltage Drop (0.95 Volts Max @ 2.0 A, TJ = 150C) Pb-Free Packages are Available
ULTRAFAST RECTIFIERS 2 AMPERES, 300-400 VOLTS
Mechanical Characteristics:
* Case: Epoxy, Molded * Weight: 95 mg (Approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * *
Leads are Readily Solderable Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds Polarity: Polarity Band Indicates Cathode Lead
SMB CASE 403A
MARKING DIAGRAM
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage MURS230T3 MURS240T3 Average Rectified Forward Current @ TL = 150C @ TL = 125C Non-Repetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Operating Junction Temperature Range Symbol VRRM VRWM VR IF(AV) 1.0 2.0 IFSM 35 A Value Unit V 300 400 A
AYWW U2x G G
TJ
-65 to +175
C
Assembly Location Year Work Week Device Code x = F for MURS230T3 = G for MURS240T3 G = Pb-Free Package (Note: Microdot may be in either location)
A Y WW U2x
= = = =
THERMAL CHARACTERISTICS
Rating Thermal Resistance, Junction-to-Lead (TL = 25C) Symbol RqJL Max 13 Unit C/W
ORDERING INFORMATION
Device MURS230T3 MURS230T3G MURS240T3 MURS240T3G Package SMB SMB (Pb-Free) SMB SMB (Pb-Free) Shipping 2500 Tape & Reel 2500 Tape & Reel 2500 Tape & Reel 2500 Tape & Reel
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2006
1
February, 2006 - Rev. 5
Publication Order Number: MURS230T3/D
MURS230T3, MURS240T3
ELECTRICAL CHARACTERISTICS
Characteristic Maximum Instantaneous Forward Voltage (Note 1) (iF = 2.0 A, TJ = 25C) (iF = 2.0 A, TJ = 150C) Maximum Instantaneous Reverse Current (Note 1) (Rated DC Voltage, TJ = 25C) (Rated DC Voltage, TJ = 150C) Maximum Reverse Recovery Time (iF = 1.0 A, di/dt = 50 A/ms) (iF = 0.5 A, iR = 1.0 A, IR to 0.25 A) Maximum Forward Recovery Time (iF = 1.0 A, di/dt = 100 A/ms, Rec. to 1.0 V) 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2.0%. Symbol vF 1.30 1.05 iR 5.0 150 trr 65 50 tfr 50 ns ns mA Value Unit V
10 7.0 5.0
10 7.0 5.0
3.0 175C I , INSTANTANEOUS FORWARD CURRENT (AMPS) F 2.0 TC = 25C 1.0 0.7 0.5 100C mA) I , INSTANTANEOUS FORWARD CURRENT ( F
3.0 175C 2.0 TC = 25C 1.0 0.7 0.5 100C
0.3 0.2
0.3 0.2
0.1 0.07 0.05
0.1 0.07 0.05
0.03 0.02
0.03 0.02
0.01 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.01 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
http://onsemi.com
2
MURS230T3, MURS240T3
80 40 20 8.0 4.0 2.0 0.8 0.4 0.2 0.08 0.04 0.02 0.008 0.004 0.002 0 50 100 80 40 20 8.0 4.0 2.0 0.8 0.4 0.2 0.08 0.04 0.02 0.008 0.004 0.002 0 50 100
IR, REVERSE CURRENT (mA)
TJ = 175C
IR, REVERSE CURRENT ( mA)
TJ = 175C
TJ = 100C
TJ = 100C TJ = 25C
TJ = 25C
150
200
250
300
350
400
150
200
250
300
350
400
VR, REVERSE VOLTAGE (VOLTS)
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Typical Reverse Current*
* The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if applied VR is sufficiently below rated VR. 30 25 C, CAPACITANCE (pF) 20 15 10 5 0 0 4.0 8.0 12 16 20 24 28 32 36 40 VR, REVERSE VOLTAGE (VOLTS) NOTE: TYPICAL CAPACITANCE AT 0 V = 26 pF 35 30 C, CAPACITANCE (pF) 25 20 15 10 5 0 0 4
Figure 4. Maximum Reverse Current*
NOTE: MAXIMUM CAPACITANCE AT 0 V = 30 pF
8
12
16
20
24
28
32
36
40
VR, REVERSE VOLTAGE (VOLTS)
Figure 5. Typical Capacitance
Figure 6. Maximum Capacitance
PF(AV), AVERAGE POWER DISSIPATION (WATTS)
IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
10 9 8 7 6 5 4 3 2 1 0 80 90 100 110 120 130 140 150 160 170 180 TC, CASE TEMPERATURE (C) SQUARE WAVE dc RATED VOLTAGE APPLIED RqJL = 13C/W TJ = 175C
5 TJ = 175C 4
3 SQUARE WAVE dc 1 0 0 0.5 1.0 1.5 2.0 2.5 IF(AV), AVERAGE FORWARD CURRENT (AMPS)
2
Figure 7. Current Derating, Case
Figure 8. Power Dissipation
http://onsemi.com
3
MURS230T3, MURS240T3
PACKAGE DIMENSIONS
SMB CASE 403A-03 ISSUE F
HE E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P. MILLIMETERS NOM MAX 2.13 2.45 0.10 0.20 2.03 2.20 0.23 0.31 3.56 3.95 4.32 4.60 5.44 5.60 1.02 1.60 0.51 REF INCHES NOM 0.084 0.004 0.080 0.009 0.140 0.170 0.214 0.040 0.020 REF
b
D
DIM A A1 b c D E HE L L1
MIN 1.90 0.05 1.96 0.15 3.30 4.06 5.21 0.76
MIN 0.075 0.002 0.077 0.006 0.130 0.160 0.205 0.030
MAX 0.096 0.008 0.087 0.012 0.156 0.181 0.220 0.063
A
L
L1
c
A1
SOLDERING FOOTPRINT*
2.261 0.089
2.743 0.108
2.159 0.085
SCALE 8:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
MURS230T3/D


▲Up To Search▲   

 
Price & Availability of MURS240T3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X