Part Number Hot Search : 
P4KE10A PSVFBGA M29LV LD39150 CM057 A1SHB EC110 ON1376
Product Description
Full Text Search
 

To Download MURHB840CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MURHB840CT/D
Designer'sTM Data Sheet
SWITCHMODETM Power Rectifier
D2PAK Power Surface Mount Package
Designed for use in switching power supplies, inverters and as free wheeling diodes, these state-of-the-art devices have the following features: * Package Designed for Power Surface Mount Applications * Ultrafast 28 Nanosecond Recovery Times * 175C Operating Junction Temperature * Epoxy Meets UL94, VO @ 1/8 * High Temperature Glass Passivated Junction * High Voltage Capability * Low Leakage Specified @ 150C Case Temperature * Short Heat Sink Tab Manufactured -- Not Sheared! * Similar in Size to Industry Standard TO-220 Package Mechanical Characteristics * Case: Epoxy, Molded 3 * Weight: 1.7 grams (approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable * Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds * Shipped 50 units per plastic tube * Available in 24 mm Tape and Reel, 800 units per reel by adding a "T4" suffix to the part number * Marking: UH840
1 4
MURHB840CT
Motorola Preferred Device
ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
4 1 3 CASE 418B-02 D2PAK
MAXIMUM RATINGS, PER LEG
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Rated VR), TC = 120C Total Device Peak Repetitive Forward Current (Rated VR, Square Wave, 20 kHz), TC = 120C Non-repetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Controlled Avalanche Energy Operating Junction Temperature and Storage Temperature IFM IFSM WAVAL TJ, Tstg Symbol VRRM VRWM VR IF(AV) Value 400 Unit Volts
4.0 8.0 8 100 20 - 65 to +175
Amps Amps Amps mJ C
THERMAL CHARACTERISTICS, PER LEG
Maximum Thermal Resistance -- Junction to Case -- Junction to Ambient (1) (1) See Chapter 7 for mounting conditions RJC RJA 3.0 50 C/W
Designer's Data for "Worst Case" Conditions -- The Designer's Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit curves -- representing boundaries on device characteristics -- are given to facilitate "worst case" design.
Designer's and SWITCHMODE are trademarks of Motorola, Inc. Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value. Rev 1
(c)RectifierInc. 1996 Data Motorola, Device
1
MURHB840CT
ELECTRICAL CHARACTERISTICS, PER LEG
Characteristic Maximum Instantaneous Forward Voltage (2) Maximum Instantaneous Reverse Current (2) Maximum Reverse Recovery Time (IF = 1.0 Amp, di/dt = 50 Amps/s) (2) Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0% (iF = 4.0 Amps, TC = 150C) (iF = 4.0 Amps, TC = 25C) (Rated dc Voltage, TC = 150C) (Rated dc Voltage, TC = 25C) Symbol vF iR trr Max 1.9 2.2 500 10 28 Unit Volts A ns
i F, INSTANTANEOUS FORWARD CURRENT (AMP)
100 50 IR, REVERSE CURRENT ( A) 20 10 5 2 1 0.5 0.2 0.1 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 25C 100C TJ = 150C
1000 500 200 100 50 20 10 5 2 1 0.5 0.2 0.1 TJ = 150C
100C
25C
0
50
100
150
200
250
300
350
400
vF, INSTANTANEOUS VOLTAGE (VOLTS)
VR, REVERSE VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current, Per Leg
I F, AVERAGE POWER DISSIPATION (WATTS)
10 RATED VR APPLIED RJC = 3C/W C, CAPACITANCE (pF) 170 180
1000
8
100
6
DC SQUARE WAVE
4 2
10
0 110
120
130 140 150 160 TC, CASE TEMPERATURE (C)
1 0.01
0.1 1 10 VR, REVERSE VOLTAGE (VOLTS)
100
Figure 3. Current Derating, Case
Figure 4. Typical Capacitance, Per Leg
2
Rectifier Device Data
PF(AV) , AVERAGE POWER DISSIPATION (WATTS)
MURHB840CT
20 18 16 14 12 10 8 6 4 2 0 1 2 3 4 5 6 7 8 IF(AV), AVERAGE FORWARD CURRENT (AMPS) 9 10 TJ = 175C SQUARE WAVE DC
Figure 5. Forward Power Dissipation, Per Leg
INFORMATION FOR USING THE D2PAK SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection interface
0.74 18.79
between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.065 1.651 0.420 10.66 0.07 1.78 0.14 3.56
inches mm
0.330 8.38
D2PAK POWER DISSIPATION
The power dissipation of the D2PAK is a function of the drain pad size. This can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient; and the operating temperature, TA. Using the values provided on the data sheet for the D2PAK package, PD can be calculated as follows: PD = TJ(max) - TA RJA the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device which in this case is 3.0 watts. PD = 175C - 25C = 3.0 watts 50C/W
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into
The 50C/W for the D2PAK package assumes the recommended drain pad area of 158K mil2 on FR-4 glass epoxy printed circuit board to achieve a power dissipation of 3.0 watts using the footprint shown. Another alternative is to use a ceramic substrate or an aluminum core board such as Thermal CladTM. By using an aluminum core board material such as Thermal Clad, the power dissipation can be doubled using the same footprint.
Rectifier Device Data
3
MURHB840CT
GENERAL SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 5 seconds.
* When shifting from preheating to soldering, the maximum * After soldering has been completed, the device should be
allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device. * Due to shadowing and the inability to set the wave height to incorporate other surface mount components, the D2PAK is not recommended for wave soldering. temperature gradient shall be 5C or less.
RECOMMENDED PROFILE FOR REFLOW SOLDERING
For any given circuit board, there will be a group of control settings that will give the desired heat pattern. The operator must set temperatures for several heating zones, and a figure for belt speed. Taken together, these control settings make up a heating "profile" for that particular circuit board. On machines controlled by a computer, the computer remembers these profiles from one operating session to the next. Figure 6 shows a typical heating profile for use when soldering the D2PAK to a printed circuit board. This profile will vary among soldering systems but it is a good starting point. Factors that can affect the profile include the type of soldering system in use, density and types of components on the board, type of solder used, and the type of board or substrate material being used. This profile shows temperature versus time. The line on the graph shows the actual temperature that might be experienced on the surface of a test board at or near a central solder joint. The two profiles are based on a high density and a low density board. The Vitronics SMD310 convection/infrared reflow soldering system was used to generate this profile. The type of solder used was 62/36/2 Tin Lead Silver with a melting point between 177 -189C. When this type of furnace is used for solder reflow work, the circuit boards and solder joints tend to heat first. The components on the board are then heated by conduction. The circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. Because of this effect, the main body of a component may be up to 30 degrees cooler than the adjacent solder joints.
STEP 1 PREHEAT ZONE 1 "RAMP" 200C
STEP 2 STEP 3 VENT HEATING "SOAK" ZONES 2 & 5 "RAMP"
STEP 4 HEATING ZONES 3 & 6 "SOAK"
STEP 5 HEATING ZONES 4 & 7 "SPIKE" 170C
STEP 6 VENT
STEP 7 COOLING
DESIRED CURVE FOR HIGH MASS ASSEMBLIES 150C 150C
205 TO 219C PEAK AT SOLDER JOINT
160C
100C 100C
140C
SOLDER IS LIQUID FOR 40 TO 80 SECONDS (DEPENDING ON MASS OF ASSEMBLY)
DESIRED CURVE FOR LOW MASS ASSEMBLIES 50C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
Figure 6. Typical Solder Heating Profile for D2PAK
4
Rectifier Device Data
MURHB840CT
PACKAGE DIMENSIONS
C E B
4
V
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.340 0.380 0.380 0.405 0.160 0.190 0.020 0.035 0.045 0.055 0.100 BSC 0.080 0.110 0.018 0.025 0.090 0.110 0.575 0.625 0.045 0.055 MILLIMETERS MIN MAX 8.64 9.65 9.65 10.29 4.06 4.83 0.51 0.89 1.14 1.40 2.54 BSC 2.03 2.79 0.46 0.64 2.29 2.79 14.60 15.88 1.14 1.40
A
1 2 3
S
-T-
SEATING PLANE
K G D 3 PL 0.13 (0.005) H
M
J
DIM A B C D E G H J K S V
T
CASE 418B-02 ISSUE B
STYLE 3: PIN 1. 2. 3. 4.
ANODE CATHODE ANODE CATHODE
Rectifier Device Data
5
MURHB840CT
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
6
CODELINE TO BE PLACED HERE
Rectifier Device Data MURHB840CT/D


▲Up To Search▲   

 
Price & Availability of MURHB840CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X