Part Number Hot Search : 
AM42D YS64D640 LR8729 JAN2001J YS64D640 3N171 ML6XX28 MC401
Product Description
Full Text Search
 

To Download MURD620CTT4G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MURD620CT
Preferred Device
SWITCHMODETM Power Rectifier
DPAK Surface Mount Package
These state-of-the-art devices are designed for use in switching power supplies, inverters and as free wheeling diodes.
Features http://onsemi.com
* * * *
Pb-Free Packages are Available Ultrafast 35 Nanosecond Recovery Time Low Forward Voltage Drop Low Leakage
ULTRAFAST RECTIFIER 6.0 AMPERES, 200 VOLTS
1 4 3
Mechanical Characteristics:
* Case: Epoxy, Molded * Weight: 0.4 Gram (Approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * Lead and Mounting Surface Temperature for Soldering Purposes: * *
260C Max. for 10 Seconds Shipped 75 Units Per Plastic Tube Available in 16 mm Tape and Reel, 2500 Units Per Reel, by Adding a "T4'' Suffix to the Part Number
4 12 3 Y WW
Leads are Readily Solderable
MARKING DIAGRAM
YWW U 620T
DPAK CASE 369C
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Rated VR, TC = 140C) Per Diode Per Device Peak Repetitive Forward Current (Rated VR, Square Wave, Per Diode 20 kHz, TC = 145C) Non-Repetitive Peak Surge Current (Surge Applied at Rated Load Conditions Halfwave, 60 Hz) Operating Junction and Storage Temperature Range Symbol VRRM VRWM VR IF(AV) 3.0 6.0 IF 6.0 A MURD620CTG 50 A MURD620CTT4 MURD620CTT4G TJ, Tstg -65 to +175 C DPAK (Pb-Free) DPAK DPAK (Pb-Free) 75 Units/Rail 2500/Tape & Reel 2500/Tape & Reel Value 200 Unit V = Year = Work Week
ORDERING INFORMATION
A Device MURD620CT Package DPAK Shipping 75 Units/Rail
IFSM
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2004
1
August, 2004 - Rev. 5
Publication Order Number: MURD620CT/D
MURD620CT
THERMAL CHARACTERISTICS (Per Diode)
Rating Thermal Resistance - Junction-to-Case Thermal Resistance - Junction-to-Ambient (Note 1) Symbol RqJC RqJA Value 9 80 Unit C/W C/W
ELECTRICAL CHARACTERISTICS (Per Diode)
Maximum Instantaneous Forward Voltage Drop (Note 2) (iF = 3 Amps, TC = 25C) (iF = 3 Amps, TC = 125C) (iF = 6 Amps, TC = 25C) (iF = 6 Amps, TC = 125C) Maximum Instantaneous Reverse Current (Note 2) (TJ = 25C, Rated dc Voltage) (TJ = 125C, Rated dc Voltage) Maximum Reverse Recovery Time (IF = 1 Amp, di/dt = 50 Amps/ms, VR = 30 V, TJ = 25C) (IF = 0.5 Amp, iR = 1 Amp, IREC = 0.25 A, VR = 30 V, TJ = 25C) 1. Rating applies when surface mounted on the minimum pad sizes recommended. 2. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2.0%. 100 IR, REVERSE CURRENT (mA) 70 50 100 TJ = 175C 10 150C 100C vF 1 0.96 1.2 1.13 iR 5 250 trr 35 25 ns mA V
1.0
30 i , INSTANTANEOUS FORWARD CURRENT (AMPS) F 20
0.1
25C
0.01 0.001 0 20 40 60 80 100 120 140 160 180 200 VR, REVERSE VOLTAGE (VOLTS)
10 7.0 5.0
Figure 2. Typical Leakage Current* (Per Leg)
3.0 175C 2.0 PF(AV) , AVERAGE POWER DISSIPATION (WATTS) 150C 1.0 0.7 0.5 100C 14 13 12 11 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 TJ = 25C * The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these curves if VR is sufficiently below rated VR. 5.0 10 IPK/IAV = 20 SINE WAVE dc
0.3 0.2
SQUARE WAVE
TJ = 175C
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 vF, INSTANTANEOUS VOLTAGE (VOLTS)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
Figure 1. Typical Forward Voltage (Per Leg)
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 3. Average Power Dissipation (Per Leg)
http://onsemi.com
2
MURD620CT
IF(AV) , AVERAGE FORWARD CURRENT (AMPS) RATED VOLTAGE APPLIED RqJC = 9C/W TJ = 175C 5.0 dc 4.0 3.0 2.0 1.0 0 100 110 120 130 140 150 160 170 180 TC, CASE TEMPERATURE (C) SINE WAVE OR SQUARE WAVE IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 8.0 7.0 6.0 4.0 3.5 3.0 2.5 2.0 dc 1.5 1.0 0.5 0 0 20 40 60 80 100 120 140 160 180 200 TA, AMBIENT TEMPERATURE (C) SINE WAVE OR SQUARE WAVE TJ = 175C SURFACE MOUNTED ON MIN. PAD SIZE RECOMMENDED RATED VOLTAGE APPLIED RqJA = 80C/W
Figure 4. Current Derating, Case (Per Leg)
Figure 5. Current Derating, Ambient (Per Leg)
100 70 50 C, CAPACITANCE (pF) 30 20 TJ = 25C 10 7.0 5.0 3.0 2.0 1.0 0 10 20 30 40 50 60 70 80 90 100 VR, REVERSE VOLTAGE (VOLTS)
Figure 6. Typical Capacitance (Per Leg)
http://onsemi.com
3
MURD620CT
PACKAGE DIMENSIONS
DPAK CASE 369C ISSUE O
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.027 0.035 0.018 0.023 0.037 0.045 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.090 BSC 0.180 0.215 0.025 0.040 0.020 --- 0.035 0.050 0.155 --- MILLIMETERS MIN MAX 5.97 6.22 6.35 6.73 2.19 2.38 0.69 0.88 0.46 0.58 0.94 1.14 4.58 BSC 0.87 1.01 0.46 0.58 2.60 2.89 2.29 BSC 4.57 5.45 0.63 1.01 0.51 --- 0.89 1.27 3.93 ---
-T- B V R
4
SEATING PLANE
C E
A S
1 2 3
Z U
K F L D G
2 PL
J H 0.13 (0.005) T
DIM A B C D E F G H J K L R S U V Z
M
SOLDERING FOOTPRINT*
6.20 0.244 2.58 0.101 5.80 0.228 1.6 0.063 6.172 0.243 3.0 0.118
SCALE 3:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
MURD620CT/D


▲Up To Search▲   

 
Price & Availability of MURD620CTT4G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X