Part Number Hot Search : 
GVXO753 1N6273A 70012 DN8799 SI8250 ZLNB2013 5M0365 G7151
Product Description
Full Text Search
 

To Download MT9162 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISO2-CMOS MT9162 5 Volt Single Rail Codec Advance Information
Features
* * * * * * * * * * Single 5 volt supply Programmable -law/A-law Codec and filters Fully differential output driver SSI digital interface SSI speed control via external pins CSLO-CSL2 Individual transmit and receive mute controls 0dB gain in receive path 6dB gain in transmit path Low power operation ITU-T G.714 compliant
DS5178 ISSUE 4 August 1999
Ordering Information MT9162AE MT9162AS MT9162AN 20 Pin Plastic DIP (300 mil) 20 Pin SOIC 20 Pin SSOP
-40C to +85C
Description
The MT9162 5V single rail Codec incorporates a built-in Filter/Codec, transmit anti-alias filter, a reference voltage and bias source. The device supports both A-law and -law requirements. The analog interface is capable of driving a 20k ohm load. The MT9162 is fabricated in Mitel's ISO2-CMOS technology ensuring low power consumption and high reliability.
Applications
* * * Cellular radio sets Local area communications stations Line cards
FILTER/CODEC GAIN VDD VSS VBias VRef AIN+ ENCODER DECODER 6dB 0 dB Analog Interface AIN-
AOUT + AOUT -
Din Dout STB CLOCKin PCM Serial Interface
Timing
Control
PWRST
IC
A/
CSL0
CSL1 CSL2 RXMute TXMute
Figure 1 - Functional Block Diagram
7-161
MT9162
Advance Information
VBias VRef PWRST IC A/ RXMUTE TXMUTE CSL0 CSL1 CSL2
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
AIN+ AINVSS AOUT + AOUT VDD CLOCKin STB Din Dout
20 PIN PDIP/SOIC/SSOP Figure 2 - Pin Connections
Pin Description
Pin # 1 2 3 4 5 6 7 8 9 10 11 Name VBias VRef Description Bias Voltage (Output). (VDD/2) volts is available at this pin for biasing external amplifiers. Connect 0.1 F capacitor to VSS. Connect 1 F capacitor to Vref. Reference Voltage for Codec (Output). Nominally [(VDD/2)-1.9] volts. Used internally. Connect 0.1 F capacitor to VSS. Connect 1 F capacitor to VBias Internal Connection. Tie externally to VSS for normal operation. A/ Law Selection. CMOS level compatable input pin governs the companding law used by the device. A-law selected when pin tied to VDD or -law selected when pin tied to VSS.
PWRST Power-up Reset. Resets internal state of device via Schmitt Trigger input (active low). IC A/
RXMute Receive Mute. When 1, the transmit PCM is forced to negative zero code. When 0, normal operation. CMOS level compatible. TXMute Transmit Mute. When 1, the transmit PCM is forced to negative zero code. When 0, normal operation. CMOS level compatible. CSL0 CSL1 CSL2 Dout Clock Speed Select. These pins are used to program the speed of the SSI mode as well as the conversion rate between the externally supplied MCL clock and the 512 kHz clock required by the filter/codec. Refer to Table 2 for details. CMOS level compatible. Data Output. A tri-state digital output for 8-bit wide channel data being sent to the Layer 1 device. Data is shifted out via the pin concurrent with the rising edge of BCL during the timeslot defined by STB. Data Input. A digital input for 8-bit wide data from the layer 1 device. Data is sampled on the falling edge of BCL during the timeslot defined by STB. CMOS level compatible. Data Strobe. This input determines the 8-bit timeslot used by the device for both transmit and receive data. This active high signal has a repetition rate of 8 kHz. CMOS level compatible.
12 13 14
Din STB
CLOCKin Clock (Input). The clock provided to this input pin is used by the internal device functions. Connect bit clock to this pin when it is 512 kHz or greater. Connect a 4096 kHz clock to this pin when the bit clock is 128 kHz or 256 kHz. CMOS level compatible. VDD AOUTPositive Power Supply. Nominally 5 volts. Inverting Analog Output. (balanced).
15 16 17 18 19 20
7-162
AOUT+ Non-Inverting Analog Output. (balanced). VSS AinAin+ Ground. Nominally 0 volts. Inverting Analog Input. No external anti-aliasing is required. Non-Inverting Analog Input. Non-inverting input. No external anti-aliasing is required.
Advance Information
Overview
The 5V single rail Codec features complete Analog/ Digital and Digital/Analog conversion of audio signals (Filter/Codec) and an analog interface to a standard analog transmitter and receiver (Analog Interface). The receiver amplifier is capable of driving a 20k ohm load.
MT9162
Companding law selection for the Filter/Codec is provided by the A/ companding control pin. Table 1 illustrates these choices. ITU-T (G.711) -Law
1000 0000 1111 1111 0111 1111 0000 0000
Code
+ Full Scale + Zero
A-Law
1010 1010 1101 0101 0101 0101 0010 1010
Functional Description
Filter/Codec The Filter/Codec block implements conversion of the analog 0-3.3 kHz speech signals to/from the digital domain compatible with 64 kb/s PCM B-Channels. Selection of companding curves and digital code assignment are programmable. These are ITU-T G.711 A-law or -Law, with true-sign/Alternate Digit Inversion. The Filter/Codec block also implements a transmit audio path gain in the analog domain. Figure 3 depicts the nominal half-channel for the MT9162. The internal architecture is fully differential to provide the best possible noise rejection as well as to allow a wide dynamic range from a single 5 volt supply design. This fully differential architecture is continued into the analog interface section to provide full chip realization of these capabilities for the external functions. A reference voltage (VRef), for the conversion requirements of the Codec section, and a bias voltage (VBias), for biasing the internal analog sections, are both generated on-chip. VBias is also brought to an external pin so that it may be used for biasing external gain setting amplifiers. A 0.1F capacitor must be connected from VBias to analog ground at all times. Likewise, although VRef may only be used internally, a 0.1F capacitor from the VRef pin to ground is required at all times. The analog ground reference point for these two capacitors must be physically the same point. To facilitate this the VRef and VBias pins are situated on adjacent pins. The transmit filter is designed to meet ITU-T G.714 specifications. An anti-aliasing filter is included. This is a second order lowpass implementation with a corner frequency at 25 kHz. The receive filter is designed to meet ITU-T G.714 specifications. Filter response is peaked to compensate for the sinx/x attenuation caused by the 8 kHz sampling rate.
-Zero (quiet code) - Full Scale
Table 1: Law Selection Analog Interfaces Standard interfaces are provided by the MT9162. These are: * The analog inputs (transmitter), pins AIN+/AIN-. The maximum peak to peak input is 3.667Vpp -law and across AIN+/AIN- 3.8Vpp A-law. * The analog outputs (receiver), pins AOUT+/ AOUT-. This internally compensated fully differential output driver is capable of driving a load of 20k ohms. PCM Serial Interface A serial link is required to transport data between the MT9162 and an external digital transmission device. The MT9162 utilizes the strobed data interface found on many standard Codec devices. This interface is commonly referred to as Simple Serial Interface (SSI). The required mode of operation is selected via the CSL2-0 control pins. See Table 2 for selections based in CSL2-0 pin settings. Quiet Code The PCM serial port can be made to send quiet code to the decoder and receive filter path by setting the RxMute pin high. Likewise, the PCM serial port will send quiet code in the transmit path when the
7-163
MT9162
CSL2
1 1 0 0 0 0
Advance Information
External Clock Bit Rate (kHz)
128 256 512 1536 2048 4096
CSL1
0 0 0 0 1 1
CSL0
0 1 0 1 0 1
CLOCKin (kHz)
4096 4096 512 1536 2048 4096
The timing requirements for SSI are shown in Figures 5 & 6. In SSI mode the MT9162 supports only B-Channel operation. Hence, in SSI mode transmit and receive B-Channel data are always in the channel defined by the STB input. The data strobe input STB determines the 8-bit timeslot used by the device for both transmit and receive data. This is an active high signal with an 8 kHz repetition rate. SSI operation is separated into two categories based upon the data rate of the available bit clock. If the bit clock is 512 kHz or greater then it is used directly by the internal MT9162 functions allowing synchronous operation. If the available bit clock is 128 kHz or 256 kHz, then a 4096 kHz master clock is required to derive clocks for the internal MT9162 functions. Applications where Bit Clock (BCL) is below 512 kHz are designated as asynchronous. The MT9162 will re-align its internal clocks to allow operation when the external master and bit clocks are asynchronous. Control pins CSL2, CSL1 and CSL0 are used to program the bit rates.
Table 2: Bit Clock Rate Selection TxMute pin is high. When either of these pins are low their respective paths function normally. The -Zero entry of Table 1 is used for the quiet code definition. SSI Mode The SSI BUS consists of input and output serial data streams named Din and Dout respectively, a Clock input signal (CLOCKin), and a framing strobe input (STB). A 4.096 MHz master clock is also required for SSI operation if the bit clock is less than 512 kHz.
Serial
Port
Filter/Codec and Analog Interface
Aout + Decoder 2.05 dB Receive Filter Gain 0 dB -2.05 dB Receiver Driver 20k
PCM
Din
Aout-
PCM
Dout
Encoder -2.05 dB
TransmitFilter Transmit Filter Gain Gain 0dB 0 to +7 dB (1 dB steps)
Transmit Gain -0.37 dB
Transmit Gain 8.42 dB
AIN+ AIN-
Analog Input
Internal To Device
External To Device
Figure 3 - Audio Gain Partitioning
7-164
Advance Information
For synchronous operation, data is sampled from Din, on the falling edge of BCL during the time slot defined by the STB input. Data is made available, on Dout, on the rising edge of BCL during the time slot defined by the STB input. Dout is tri-stated at all times when STB is not true. If STB is valid, then quiet code will be transmitted on Dout during the valid strobe period. There is no frame delay through the PCM serial circuit for synchronous operation. For asynchronous operation Dout and Din are as defined for synchronous operation except that the allowed output jitter on Dout is larger. This is due to the resynchronization circuitry activity and will not affect operation since the bit cell period at 128 kb/s and 256 kb/s is relatively large. There is a one frame delay through the PCM serial circuit for asynchronous operation. Refer to the specifications of Figures 5 & 6 for both synchronous and asynchronous SSI timing. PWRST While the MT9162 is held in PWRST no device control or functionality is possible.
VBias 1 F 0.1 F 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11
MT9162
Applications
Figure 4 shows the MT9162 in a line card application.
0.1 F
(
Typical External Gain AV= 5-10
)
Input from Subscriber Line Interface
+5V
100k 100k 1k 100k 1k 100k 1k 100k CS0 1k 100k CS1 1k 100k 1k CS2 A/ RxMUTE TxMUTE
Out to Subscriber Line Interface +5V
MT9162
DC to DC Converter
+5V Din Lin MT8972 Dout Frame Pulse
From Digital Phone Twisted Pair
ZT
DNIC
Lout
Clock
Figure 4 - Line Card Application
7-165
MT9162
Absolute Maximum Ratings
Parameter 1 2 3 4 Supply Voltage Voltage on any I/O pin Current on any I/O pin (transducers excluded) Storage Temperature Symbol VDD - VSS VI/VO II/IO TS
Advance Information
Min - 0.3 VSS - 0.3 - 65
Max 7 VDD + 0.3 20 + 150
Units V V mA C mW
5 Power Dissipation (package) PD 750 Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Recommended Operating Conditions Characteristics 1 2 3 4 Supply Voltage CMOS Input Voltage (high) CMOS Input Voltage (low) Operating Temperature Sym VDD VIHC VILC TA
Voltages are with respect to VSS unless otherwise stated
Min 4.75 4.5 VSS - 40
Typ 5
Max 5.25 VDD 0.5 + 85
Units V V V C
Test Conditions
Power Characteristics
Characteristics 1 2 Static Supply Current (clock disabled) Dynamic Supply Current: Total all functions enabled Sym IDDC1 Min Typ 4 Max 20 Units A Test Conditions Outputs unloaded, Input signals static, not loaded See Note 1
IDDFT
7.0
10
mA
Note 1: Power delivered to the load is in addition to the bias current requirements.
7-166
Advance Information
DC Electrical Characteristics - Voltages are with respect to ground (VSS)
Characteristics 1 2 3 4 5 6 Input HIGH Voltage CMOS inputs Input LOW Voltage CMOS inputs VBias Voltage Output VRef Output Voltage Input Leakage Current Positive Going Threshold Voltage (PWRST only) Negative Going Threshold Voltage (PWRST only) Output HIGH Current Output LOW Current Output Leakage Current Output Capacitance Input Capacitance Sym VIHC VILC VBias VRef IIZ VT+ VTIOH IOL IOZ Co Ci 3 5 7 10 0.01 15 10 10 3.7 1.3 VDD/2
VDD/2-1.9 unless otherwise stated.
MT9162
Min 3.5
Typ
Max
Units V
Test Conditions
1.5
V V V A V V mA mA A pF pF VOH = 0.9*VDD See Note 1 VOL = 0.1*VDD See Note 1 VOUT = VDD and VSS Max. Load = 10k No load VIN=VDD to VSS
0.1
10
7 8 9 10 11
DC Electrical Characteristics are over recommended temperature range & recommended power supply voltages. Typical figures are at 25 C and are for design aid only: not guaranteed and not subject to production testing. * Note 1 - Magnitude measurement, ignore signs.
Clockin Tolerance Characteristics
Characteristics 1 CLOCKin Frequency (Asynchronous Mode) Min 4095.6 Typ 4096 Max 4096.4 Units kHz Test Conditions (i.e., 100 ppm)
AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages. Typical figures are at 25 C and are for design aid only: not guaranteed and not subject to production testing.
7-167
MT9162
0dBm0 = ALo3.14 - 3.14dB = 1.843Vrms for A-Law, at the Codec. (VRef=0.6 volts and VBias=2.5 volts.)
Advance Information
AC Characteristics for A/D (Transmit) Path - 0dBm0 = ALo3.17 - 3.17dB = 1.773Vrms for -Law and
Characteristics 1 Analog input equivalent to overload decision Absolute half-channel gain AIN to Dout 3 Gain tracking vs. input level ITU-T G.714 Method 2 Signal to total Distortion vs. input level. ITU-T G.714 Method 2 Transmit Idle Channel Noise Gain relative to gain at <50Hz 60Hz 200Hz 300 - 3000 Hz 3000 - 3400 Hz 4000 Hz >4600 Hz Absolute Delay Group Delay relative to DAX GAX1 GTX 5.2 -0.3 -0.6 -1.6 35 29 24 8.5 -71 12 -69 -25 -30 0.0 0.25 0.25 -12.5 -25 6.0 6.8 0.3 0.6 1.6 dB dB dB dB dB dB dB dBrnC0 dBm0p dB dB dB dB dB dB dB s s s s s at frequency of minimum delay 500-600 Hz 600 - 1000 Hz 1000 - 2600 Hz 2600 - 2800 Hz 100mV peak signal on VDD -law PSSR1-3 not production tested Sym ALi3.17 ALi3.14 Min Typ 7.334 7.6 Max Units Vp-p Vp-p Test Conditions -Law A-Law Both at Codec Transmit filter gain=0dB setting. @1020Hz 3 to -40 dBm0 -40 to -50 dBm0 -50 to -55 dBm0 0 to -30 dBm0 -40 dBm0 -45 dBm0 -Law A-Law
2
4
DQX
5 6
NCX NPX GRX
-45 -0.25 -0.9 -23 -40 DAX DDX 360 750 380 130 750
7 8
9
Power Supply Rejection f=1020 Hz f=0.3 to 3 kHz f=3 to 4 kHz f=4 to 50 kHz PSSR PSSR1 PSSR2 PSSR3 37 37 40 35 40 dB dB dB dB
AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages. Typical figures are at 25 C and are for design aid only: not guaranteed and not subject to production testing.
7-168
Advance Information
AC Characteristics for D/A (Receive) Path - 0dBm0 = ALo3.17 - 3.17dB = 1.773Vrms for -Law and
0dBm0 = ALo3.14 - 3.14dB = 1.843Vrms for A-Law, at the Codec. (VRef=0.6 volts and VBias=2.5 volts.)
MT9162
Characteristics 1 2 3 Analog output at the Codec full scale Absolute half-channel gain. Din to AOUT Gain tracking vs. input level ITU-T G.714 Method 2 Signal to total distortion vs. input level. ITU-T G.714 Method 2 Receive Idle Channel Noise Gain relative to gain at 1020Hz 200Hz 300 - 3000 Hz 3000 - 3400 Hz 4000 Hz >4600 Hz Absolute Delay Group Delay relative to DAR
Sym ALo3.17 ALo3.14 GAR1 GTR
Min
Typ 7.225 7.481
Max
Units Vp-p Vp-p
Test Conditions -Law A-Law @1020Hz 3 to -40 dBm0 -40 to -50 dBm0 -50 to -55 dBm0 0 to -30 dBm0 -40 dBm0 -45 dBm0 -Law A-Law
-0.8 -0.3 -0.6 -1.6 35 29 24
0
0.8 0.3 0.6 1.6
dB dB dB dB dB dB dB
4
GQR
5 6
NCR NPR GRR -0.25 -0.90
7 -84
10 -80 0.25 0.25 0.25 -12.5 -25
dBrnC0 dBm0p dB dB dB dB dB s s s s s
7 8
DAR DDR
240 750 380 130 750 -74 -80
at frequency of min. delay 500-600 Hz 600 - 1000 Hz 1000 - 2600 Hz 2600 - 2800 Hz G.714.16 ITU-T
9
Crosstalk
D/A to A/D A/D to D/A
CTRT CTTR
dB dB
AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages. Typical figures are at 25 C and are for design aid only: not guaranteed and not subject to production testing.
Electrical Characteristics for Analog Outputs
Characteristics 1 2 3 Load impedance at Output Allowable output capacitive load Analog output harmonic distortion Sym EZL ECL ED Min 20k 20 0.5 Typ Max Units ohms pF % Test Conditions across AOUT each pin: AOUT+, AOUT-
20k ohms load across AOUT VO693mVRMS
Electrical Characteristics are over recommended temperature range & recommended power supply voltages. Typical figures are at 25 C and are for design aid only: not guaranteed and not subject to production testing.
7-169
MT9162
Electrical Characteristics for Analog Inputs
Characteristics 1 Maximum input voltage without overloading Codec across AIN+/AINVIOLH 2.90 3.00 50 Vp-p Sym Min Typ Max Units
Advance Information
Test Conditions
A/ = 0 A/ = 1 AIN+/AIN- to VSS
2
Input Impedance
ZI
k
Electrical Characteristics are over recommended temperature range & recommended power supply voltages. Typical figures are at 25 C and are for design aid only: not guaranteed and not subject to production testing.
AC Electrical Characteristics - SSI BUS Synchronous Timing (see Figure 5)
Characteristics 1 BCL Clock Period 2 BCL Pulse Width High 3 BCL Pulse Width Low 4 BCL Rise/Fall Time 5 Strobe Pulse Width 6 Strobe setup time before BCL falling 7 Strobe hold time after BCL falling 8 Dout High Impedance to Active Low from Strobe rising 9 Dout High Impedance to Active High from Strobe rising 10 Dout Active Low to High Impedance from Strobe falling 11 Dout Active High to High Impedance from Strobe falling 12 Dout Delay (high and low) from BCL rising 13 Din Setup time before BCL falling 14 Din Hold Time from BCL falling Sym tBCL tBCLH tBCLL tR/tF tENW tSSS tSSH tDOZL tDOZH tDOLZ tDOHZ tDD tDIS tDIH 20 50 70 80 Min 244 122 122 20 8 x tBCL
tBCL-80
Typ
Max 1953
Units ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Test Conditions BCL=4096 kHz to 512 kHz BCL=4096 kHz BCL=4096 kHz Note 1 Note 1
tBCL-80 50 50 50 50 50
CL=150 pF, RL=1K CL=150 pF, RL=1K CL=150 pF, RL=1K CL=150 pF, RL=1K CL=150 pF, RL=1K
Timing is over recommended temperature range & recommended power supply voltages. Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing. NOTE 1: Not production tested, guaranteed by design.
7-170
Advance Information
tBCL tF
MT9162
tBCLH tR CLOCKin 70% (BCL) 30%
tBCLL tDIS Din 70% 30% tDOZL Dout 70% 30% tDOZH tSSS STB 70% 30% tENW tSSH tDOLZ tDOHZ tDD tDIH
NOTE: Levels refer to % VDD (CMOS I/O)
Figure 5 - SSI Synchronous Timing Diagram
AC Electrical Characteristics - SSI BUS Asynchronous Timing (note 1) (see Figure 6)
Characteristics 1 Bit Cell Period 2 Frame Jitter 3 Bit 1 Dout Delay from STB going high 4 Bit 2 Dout Delay from STB going high 5 Bit n Dout Delay from STB going high Sym TDATA Tj tdda1 tdda2 tddan 600+ TDATA-Tj 600 + (n-1) x TDATA-Tj TDATA-Tj TDATA\2 +500ns-Tj +(n-1) x TDATA TDATA\2 +500ns+Tj +(n-1) x TDATA 600+ TDATA 600 + (n-1) x TDATA Min Typ 7812 3906 600 Tj+600 600 + TDATA+Tj 600 + (n-1) x TDATA+Tj TDATA+Tj Max Units ns ns ns ns ns ns CL=150 pF, RL=1K CL=150 pF, RL=1K CL=150 pF, RL=1K n=3 to 8 Test Conditions BCL=128 kHz BCL=256 kHz
6 Bit 1 Data Boundary 7 Din Bit n Data Setup time from STB rising
TDATA1 tSU
ns ns n=1-8
8 Din Data Hold time from STB rising
tho
ns
Timing is over recommended temperature range & recommended power supply voltages. Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing.
7-171
MT9162
Advance Information
Tj
STB
70% 30% tdda2 tdha1 tdda1 70% 30% Bit 1 TDATA1 tho tsu Bit 2 Bit 3 TDATA
Dout
Din
70% 30% TDATA/2 D1 TDATA D2 TDATA D3
NOTE: Levels refer to % VDD (CMOS I/O)
Figure 6 - SSI Asynchronous Timing Diagram
7-172
Package Outlines
Pin 1
E
A
C L H
e Notes: 1) Not to scale 2) Dimensions in inches 3) (Dimensions in millimeters) 4) Ref. JEDEC Standard M0-150/M0118 for 48 Pin 5) A & B Maximum dimensions include allowable mold flash
D A2
A1 B
20-Pin
Dim
24-Pin Min
0.002 (0.05)
28-Pin Min Max
0.079 (2) 0.002 (0.05)
48-Pin Min
0.095 (2.41) 0.008 (0.2)
Min
A A1 B C D E e A2 H L 0.27 (6.9) 0.2 (5.0) 0.002 (0.05) 0.0087 (0.22)
Max
0.079 (2)
Max
0.079 (2)
Max
0.110 (2.79) 0.016 (0.406) 0.0135 (0.342) 0.010 (0.25)
0.013 (0.33) 0.008 (0.21) 0.295 (7.5) 0.22 (5.6)
0.0087 (0.22)
0.013 (0.33) 0.008 (0.21)
0.0087 (0.22)
0.013 (0.33) 0.008 (0.21)
0.008 (0.2)
0.31 (7.9) 0.2 (5.0)
0.33 (8.5) 0.22 (5.6)
0.39 (9.9) 0.2 (5.0)
0.42 (10.5) 0.22 (5.6)
0.62 (15.75) 0.291 (7.39)
0.63 (16.00) 0.299 (7.59)
0.025 BSC (0.635 BSC) 0.065 (1.65) 0.29 (7.4) 0.022 (0.55) 0.073 (1.85) 0.32 (8.2) 0.037 (0.95)
0.025 BSC (0.635 BSC) 0.065 (1.65) 0.29 (7.4) 0.022 (0.55) 0.073 (1.85) 0.32 (8.2) 0.037 (0.95)
0.025 BSC (0.635 BSC) 0.065 (1.65) 0.29 (7.4) 0.022 (0.55) 0.073 (1.85) 0.32 (8.2) 0.037 (0.95)
0.025 BSC (0.635 BSC) 0.089 (2.26) 0.395 (10.03) 0.02 (0.51) 0.099 (2.52) 0.42 (10.67) 0.04 (1.02)
Small Shrink Outline Package (SSOP) - N Suffix
General-11
Package Outlines
Pin 1
E
A
C L H
e D 4 mils (lead coplanarity) Notes: 1) Not to scale 2) Dimensions in inches 3) (Dimensions in millimeters) 4) A & B Maximum dimensions include allowable mold flash B L
A1
DIM
A A1 B C D E e H L
16-Pin Min
0.093 (2.35) 0.004 (0.10) 0.013 (0.33) 0.009 (0.231) 0.398 (10.1) 0.291 (7.40)
18-Pin Min
0.093 (2.35) 0.004 (0.10) 0.013 (0.33) 0.009 (0.231) 0.447 (11.35) 0.291 (7.40)
20-Pin Min
0.093 (2.35) 0.004 (0.10) 0.013 (0.33) 0.009 (0.231) 0.496 (12.60) 0.291 (7.40)
24-Pin
Min 0.093 (2.35) 0.004 (0.10) 0.013 (0.33) 0.009 (0.231) 0.5985 (15.2) 0.291 (7.40) Max 0.104 (2.65) 0.012 (0.30) 0.020 (0.51) 0.013 (0.318) 0.614 (15.6) 0.299 (7.40) Min
28-Pin
Max 0.104 (2.65) 0.012 (0.30) 0.020 (0.51) 0.013 (0.318) 0.7125 (18.1) 0.299 (7.40)
Max
0.104 (2.65) 0.012 (0.30) 0.020 (0.51) 0.013 (0.318) 0.413 (10.5) 0.299 (7.40)
Max
0.104 (2.65) 0.012 (0.30) 0.030 (0.51) 0.013 (0.318) 0.4625 (11.75) 0.299 (7.40)
Max
0.104 (2.65) 0.012 (0.30) 0.020 (0.51) 0.013 (0.318) 0.512 (13.00) 0.299 (7.40)
0.093 (2.35) 0.004 (0.10) 0.013 (0.33) 0.009 (0.231) 0.697 (17.7) 0.291 (7.40)
0.050 BSC (1.27 BSC) 0.394 (10.00) 0.016 (0.40) 0.419 (10.65) 0.050 (1.27)
0.050 BSC (1.27 BSC) 0.394 (10.00) 0.016 (0.40) 0.419 (10.65) 0.050 (1.27)
0.050 BSC (1.27 BSC) 0.394 (10.00) 0.016 (0.40) 0.419 (10.65) 0.050 (1.27)
0.050 BSC (1.27 BSC) 0.394 (10.00) 0.016 (0.40) 0.419 (10.65) 0.050 (1.27)
0.050 BSC (1.27 BSC) 0.394 (10.00) 0.016 (0.40) 0.419 (10.65) 0.050 (1.27)
Lead SOIC Package - S Suffix
NOTES: 1. Controlling dimensions in parenthesis ( ) are in millimeters. 2. Converted inch dimensions are not necessarily exact.
General-7
Package Outlines
3 2 1
E1
E
n-2 n-1 n D A2 L b2 Notes: D1 1) Not to scale 2) Dimensions in inches 3) (Dimensions in millimeters) A C eA e b eB eC
Plastic Dual-In-Line Packages (PDIP) - E Suffix
8-Pin DIM Min A A2 b b2 C D D1 E E1 e eA L eB eC
0 0.115 (2.92) 0.014 (0.356) 0.045 (1.14) 0.008 (0.203) 0.355 (9.02) 0.005 (0.13) 0.300 (7.62) 0.240 (6.10) 0.325 (8.26) 0.280 (7.11)
16-Pin Plastic Max Min Max
0.210 (5.33) 0.115 (2.92) 0.014 (0.356) 0.045 (1.14) 0.008 (0.203) 0.780 (19.81) 0.005 (0.13) 0.300 (7.62) 0.240 (6.10) 0.325 (8.26) 0.280 (7.11) 0.195 (4.95) 0.022 (0.558) 0.070 (1.77) 0.014(0.356) 0.800 (20.32)
18-Pin Plastic Min Max
0.210 (5.33) 0.115 (2.92) 0.014 (0.356) 0.045 (1.14) 0.008 (0.203) 0.880 (22.35) 0.005 (0.13) 0.300 (7.62) 0.240 (6.10) 0.325 (8.26) 0.280 (7.11) 0.195 (4.95) 0.022 (0.558) 0.070 (1.77) 0.014 (0.356) 0.920 (23.37)
20-Pin Plastic Min Max
0.210 (5.33) 0.115 (2.92) 0.014 (0.356) 0.045 (1.14) 0.008 (0.203) 0.980 (24.89) 0.005 (0.13) 0.300 (7.62) 0.240 (6.10) 0.325 (8.26) 0.280 (7.11) 0.195 (4.95) 0.022 (0.558) 0.070 (1.77) 0.014 (0.356) 1.060 (26.9)
Plastic
0.210 (5.33) 0.195 (4.95) 0.022 (0.558) 0.070 (1.77) 0.014 (0.356) 0.400 (10.16)
0.100 BSC (2.54) 0.300 BSC (7.62) 0.115 (2.92) 0.150 (3.81) 0.430 (10.92) 0.060 (1.52)
0.100 BSC (2.54) 0.300 BSC (7.62) 0.115 (2.92) 0.150 (3.81) 0.430 (10.92) 0 0.060 (1.52)
0.100 BSC (2.54) 0.300 BSC (7.62) 0.115 (2.92) 0.150 (3.81) 0.430 (10.92) 0 0.060 (1.52)
0.100 BSC (2.54) 0.300 BSC (7.62) 0.115 (2.92) 0.150 (3.81) 0.430 (10.92) 0 0.060 (1.52)
NOTE: Controlling dimensions in parenthesis ( ) are in millimeters.
General-8
Package Outlines
3 2 1
E1
E
n-2 n-1 n D A2 L b2 Notes: D1 1) Not to scale 2) Dimensions in inches 3) (Dimensions in millimeters)
A C eA
e b
eB
Plastic Dual-In-Line Packages (PDIP) - E Suffix
22-Pin DIM Min A A2 b b2 C D D1 E E E1 E1 e eA eA eB L
0.115 (2.93) 0.160 (4.06) 15 0.100 BSC (2.54) 0.400 BSC (10.16) 0.330 (8.39) 0.380 (9.65) 0.125 (3.18) 0.014 (0.356) 0.045 (1.15) 0.008 (0.204) 1.050 (26.67) 0.005 (0.13) 0.390 (9.91) 0.430 (10.92)
24-Pin Plastic Max Min Max
0.250 (6.35) 0.125 (3.18) 0.014 (0.356) 0.030 (0.77) 0.008 (0.204) 1.150 (29.3) 0.005 (0.13) 0.600 (15.24) 0.290 (7.37) 0.485 (12.32) 0.246 (6.25) 0.670 (17.02) .330 (8.38) 0.580 (14.73) 0.254 (6.45) 0.195 (4.95) 0.022 (0.558) 0.070 (1.77) 0.015 (0.381) 1.290 (32.7)
28-Pin Plastic Min Max
0.250 (6.35) 0.125 (3.18) 0.014 (0.356) 0.030 (0.77) 0.008 (0.204) 1.380 (35.1) 0.005 (0.13) 0.600 (15.24) 0.670 (17.02) 0.195 (4.95) 0.022 (0.558) 0.070 (1.77) 0.015 (0.381) 1.565 (39.7)
40-Pin Plastic Min Max
0.250 (6.35) 0.125 (3.18) 0.014 (0.356) 0.030 (0.77) 0.008 (0.204) 1.980 (50.3) 0.005 (0.13) 0.600 (15.24) 0.670 (17.02) 0.195 (4.95) 0.022 (0.558) 0.070 (1.77) 0.015 (0.381) 2.095 (53.2)
Plastic
0.210 (5.33) 0.195 (4.95) 0.022 (0.558) 0.070 (1.77) 0.015 (0.381) 1.120 (28.44)
0.485 (12.32)
0.580 (14.73)
0.485 (12.32)
0.580 (14.73)
0.100 BSC (2.54) 0.600 BSC (15.24) 0.300 BSC (7.62) 0.430 (10.92) 0.115 (2.93) 0.200 (5.08) 15
0.100 BSC (2.54) 0.600 BSC (15.24)
0.100 BSC (2.54) 0.600 BSC (15.24)
0.115 (2.93)
0.200 (5.08) 15
0.115 (2.93)
0.200 (5.08) 15
Shaded areas for 300 Mil Body Width 24 PDIP only
http://www.mitelsemi.com
World Headquarters - Canada Tel: +1 (613) 592 2122 Fax: +1 (613) 592 6909 North America Tel: +1 (770) 486 0194 Fax: +1 (770) 631 8213 Asia/Pacific Tel: +65 333 6193 Fax: +65 333 6192 Europe, Middle East, and Africa (EMEA) Tel: +44 (0) 1793 518528 Fax: +44 (0) 1793 518581
Information relating to products and services furnished herein by Mitel Corporation or its subsidiaries (collectively "Mitel") is believed to be reliable. However, Mitel assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Mitel or licensed from third parties by Mitel, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Mitel, or non-Mitel furnished goods or services may infringe patents or other intellectual property rights owned by Mitel. This publication is issued to provide information only and (unless agreed by Mitel in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Mitel without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Mitel's conditions of sale which are available on request.
M Mitel (design) and ST-BUS are registered trademarks of MITEL Corporation Mitel Semiconductor is an ISO 9001 Registered Company Copyright 1999 MITEL Corporation All Rights Reserved Printed in CANADA TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of MT9162

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X