Part Number Hot Search : 
Q4004L3 P6KE1 G5017 03002 03002 03002 ICS87 851933
Product Description
Full Text Search
 

To Download MRF6P23190HR6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
Document Number: MRF6P23190H Rev. 1, 5/2006
RF Power Field Effect Transistor
N - Channel Enhancement - Mode Lateral MOSFET
Designed for CDMA base station applications with frequencies from 2300 to 2400 MHz. Suitable for WiMAX, WiBro and multicarrier amplifier applications. To be used in Class AB and Class C for WLL applications. * Typical 2 - Carrier W - CDMA Performance: VDD = 28 Volts, IDQ = 1900 mA, Pout = 40 Watts Avg., Full Frequency Band, Channel Bandwidth = 3.84 MHz, PAR = 8.5 dB @ 0.01% Probability on CCDF. Power Gain -- 14 dB Drain Efficiency -- 23.5% IM3 @ 10 MHz Offset -- - 37.5 dBc in 3.84 MHz Channel Bandwidth ACPR @ 5 MHz Offset -- - 41 dBc in 3.84 MHz Channel Bandwidth * Capable of Handling 10:1 VSWR, @ 28 Vdc, 2340 MHz, 190 Watts CW Output Power Features * Characterized with Series Equivalent Large - Signal Impedance Parameters * Internally Matched for Ease of Use * Qualified Up to a Maximum of 32 VDD Operation * Integrated ESD Protection * Lower Thermal Resistance Package * Designed for Lower Memory Effects and Wide Instantaneous Bandwidth Applications * Low Gold Plating Thickness on Leads, 40 Nominal. * RoHS Compliant * In Tape and Reel. R6 Suffix = 150 Units per 56 mm, 13 inch Reel.
MRF6P23190HR6
2300- 2400 MHz, 40 W AVG., 28 V 2 x W - CDMA LATERAL N - CHANNEL RF POWER MOSFET
CASE 375D - 05, STYLE 1 NI - 1230
Table 1. Maximum Ratings
Rating Drain- Source Voltage Gate- Source Voltage Total Device Dissipation @ TC = 25C Derate above 25C Storage Temperature Range Case Operating Temperature Operating Junction Temperature Symbol VDSS VGS PD Tstg TC TJ Value - 0.5, +68 - 0.5, +12 795 4.5 - 65 to +150 150 200 Unit Vdc Vdc W W/C C C C
Table 2. Thermal Characteristics
Characteristic Thermal Resistance, Junction to Case Case Temperature 100C, 160 W CW Case Temperature 83C, 40 W CW Symbol RJC Value (1,2) 0.22 0.24 Unit C/W
1. MTTF calculator available at http://www.freescale.com/rf. Select Tools/Software/Application Software/Calculators to access the MTTF calculators by product. 2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf. Select Documentation/Application Notes - AN1955.
(c) Freescale Semiconductor, Inc., 2006. All rights reserved.
MRF6P23190HR6 1
RF Device Data Freescale Semiconductor
Table 3. ESD Protection Characteristics
Test Methodology Human Body Model (per JESD22 - A114) Machine Model (per EIA/JESD22 - A115) Charge Device Model (per JESD22 - C101) Class 1C (Minimum) A (Minimum) III (Minimum)
Table 4. Electrical Characteristics (TC = 25C unless otherwise noted)
Characteristic Off Characteristics(1) IDSS IDSS IGSS -- -- -- -- -- -- 10 1 1 Adc Adc Adc Zero Gate Voltage Drain Leakage Current (VDS = 68 Vdc, VGS = 0 Vdc) Zero Gate Voltage Drain Leakage Current (VDS = 28 Vdc, VGS = 0 Vdc) Gate- Source Leakage Current (VGS = 5 Vdc, VDS = 0 Vdc) On Characteristics Gate Threshold Voltage(1) (VDS = 10 Vdc, ID = 200 Adc) Gate Quiescent Voltage(3) (VDS = 28 Vdc, ID = 1900 mAdc, Measured in Functional Test) Drain- Source On - Voltage(1) (VGS = 10 Vdc, ID = 2.2 Adc) Forward Transconductance(1) (VDS = 10 Vdc, ID = 2 Adc) Dynamic Characteristics (1,2) Reverse Transfer Capacitance (VDS = 28 Vdc 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc) Crss -- 1.5 -- pF VGS(th) VGS(Q) VDS(on) gfs 1 2 0.1 -- 2 2.8 0.21 5.3 3 4 0.3 -- Vdc Vdc Vdc S Symbol Min Typ Max Unit
Functional Tests(3) (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 1900 mA, Pout = 40 W Avg., f1 = 2300 MHz, f2 = 2310 MHz and f1 = 2390 MHz, f2 = 2400 MHz, 2 - Carrier W - CDMA, 3.84 MHz Channel Bandwidth Carriers. ACPR measured in 3.84 MHz Channel Bandwidth @ 5 MHz Offset. IM3 measured in 3.84 MHz Bandwidth @ 10 MHz Offset. PAR = 8.5 dB @ 0.01% Probability on CCDF. Power Gain Drain Efficiency Intermodulation Distortion Adjacent Channel Power Ratio Input Return Loss 1. Each side of device measured separately. 2. Part internally matched both on input and output. 3. Measurement made with device in push - pull configuration. Gps D IM3 ACPR IRL 13 22 -- -- -- 14 23.5 - 37.5 - 41 - 13 16 -- - 35 - 38 -- dB % dBc dBc dB
MRF6P23190HR6 2 RF Device Data Freescale Semiconductor
+ R1 VBIAS + C12 + C11 C10 C9 B2 Z3 RF INPUT Z1 Z2 Z4 C2 Z16 Z14 C4 R2 VBIAS + C16 + C15 C14 C13 B4 C8 C22 C23 C24 C25 C26 C6 + C28 B3 Z20 Z18 Z22 Z24 C1 DUT Z6 Z8 Z10 Z12 Z5 Z7 Z9 C5 Z13 Z11 C3 Z15 B1 Z19 Z17 Z21 Z23 C7 C17 C18 C19 C20 C21 C27
VSUPPLY
Z25
Z26
Z27
RF OUTPUT Z28
VSUPPLY
Z1, Z28 Z2 Z3 Z4 Z5, Z6 Z7, Z8 Z9, Z10 Z11, Z12 Z13, Z14 Z15, Z16
0.380 x 0.081 Microstrip 0.850 x 0.135 Microstrip 2.244 x 0.081 Microstrip 0.186 x 0.074 Microstrip 0.614 x 0.081 Microstrip 0.570 x 0.282 Microstrip 0.072 x 0.500 Microstrip 0.078 x 0.500 Microstrip 0.861 x 0.050 Microstrip 0.187 x 0.782 Microstrip
Z17, Z18 Z19, Z20 Z21, Z22 Z23 Z24 Z25 Z26 Z27 PCB
0.321 x 0.782 Microstrip 0.404 x 0.074 Microstrip 0.918 x 0.081 Microstrip 0.346 x 0.081 Microstrip 2.103 x 0.081 Microstrip 0.037 x 0.135 Microstrip 0.250 x 0.300 Microstrip 0.563 x 0.135 Microstrip Arlon GX - 0300- 5022, 0.030, r = 2.55
Figure 1. MRF6P23190HR6 Test Circuit Schematic
Table 5. MRF6P23190HR6 Test Circuit Component Designations and Values
Part B1, B2, B3, B4 C1, C2, C3, C4 C5, C6, C7, C8 C9, C13 C10, C14, C17, C22 C11, C15 C12, C16 C18, C19, C20, C21, C23, C24, C25, C26 C27, C28 R1, R2 Description Ferrite Beads (0805) 5.1 pF 100B Chip Capacitors 5.6 pF 100B Chip Capacitors 0.01 F, 100 V Chip Capacitors 2.2 F, 50 V Chip Capacitors 22 F, 25 V Tantalum Capacitors 47 F, 16 V Tantalum Capacitors 10 F, 50 V Chip Capacitors (2220) 330 F, 63 V Electrolytic Capacitors 240 , 1/8 W Chip Resistors (1206) Part Number 2508051107Y0 100B5R1CP500X 100B5R6CP500X C1825C103J1RAC C1825C225J5RAC ECS - T1ED226R T491D476K016AS GRM55DR61H106KA88B NACZF331M63V Manufacturer Fair- Rite ATC ATC Kemet Kemet Panasonic TE series Kemet Murata Nippon
MRF6P23190HR6 RF Device Data Freescale Semiconductor 3
R1
C12 C11 C10* C9*
C20 C21
B1 B2 C5 C7
C17
C18 C19 C27
C3 C1 CUT OUT AREA C2 C4
MRF6P23190H Rev. 3
C6 B3 B4
C8
C22 C23 C24 R2 C16 C15 C14* C13* C25 C26 C28 *Stacked.
Figure 2. MRF6P23190HR6 Test Circuit Component Layout
MRF6P23190HR6 4 RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
14.4 14.2 14 Gps, POWER GAIN (dB) 13.8 13.6 13.4 13.2 13 ACPR IRL Gps IM3 3.84 MHz Channel Bandwidth PAR = 8.5 dB @ 0.01% Probability (CCDF) VDD = 28 Vdc, Pout = 40 W (Avg.), IDQ = 1900 mA 2-Carrier W-CDMA, 10 MHz Carrier Spacing D 25 24 23 22 -36 -38 -40 -42 -44 2430 D, DRAIN EFFICIENCY (%) IM3 (dBc), ACPR (dBc) -13 -15 -16 -18 -19 -21 D, DRAIN EFFICIENCY (%) IM3 (dBc), ACPR (dBc) -12 -13 -15 -16 -18 -19 2850 mA IRL, INPUT RETURN LOSS (dB) IRL, INPUT RETURN LOSS (dB)
12.8 2270
2290
2310
2330
2350
2370
2390
2410
f, FREQUENCY (MHz)
Figure 3. 2 - Carrier W - CDMA Broadband Performance @ Pout = 40 Watts Avg.
14 13.8 13.6 Gps, POWER GAIN (dB) 13.4 13.2 13 12.8 12.6 ACPR IRL Gps IM3 3.84 MHz Channel Bandwidth PAR = 8.5 dB @ 0.01% Probability (CCDF) VDD = 28 Vdc, Pout = 80 W (Avg.), IDQ = 1900 mA 2-Carrier W-CDMA, 10 MHz Carrier Spacing D
35 34 32 31 -26 -28 -30 -32 -34 2430
12.4 2270
2290
2310
2330
2350
2370
2390
2410
f, FREQUENCY (MHz)
Figure 4. 2 - Carrier W - CDMA Broadband Performance @ Pout = 80 Watts Avg.
16 15 Gps, POWER GAIN (dB) 14 13 12 11 10 0.5 IDQ = 2850 mA 2375 mA 1900 mA 1425 mA 950 mA VDD = 28 Vdc, f1 = 2345 MHz, f2 = 2355 MHz Two-Tone Measurements, 10 MHz Tone Spacing 1 10 100 500 IMD, THIRD ORDER INTERMODULATION DISTORTION (dBc)
-10 -20 -30 -40 -50 -60 -70 1 10 100 Pout, OUTPUT POWER (WATTS) PEP Pout, OUTPUT POWER (WATTS) PEP 1425 mA 2375 mA IDQ = 950 mA 1900 mA VDD = 28 Vdc, f1 = 2345 MHz, f2 = 2355 MHz Two-Tone Measurements, 10 MHz Tone Spacing
Figure 5. Two - Tone Power Gain versus Output Power
Figure 6. Third Order Intermodulation Distortion versus Output Power
MRF6P23190HR6 RF Device Data Freescale Semiconductor 5
TYPICAL CHARACTERISTICS
IMD, INTERMODULATION DISTORTION (dBc)
0 -10 -20 -30 -40 -50 -60 0.1 3rd Order 5th Order VDD = 28 Vdc, Pout = 190 W (PEP) IDQ = 1900 mA, Two-Tone Measurements (f1 + f2)/2 = Center Frequency of 2350 MHz 63 Pout, OUTPUT POWER (dBm) 61 59 57 55 53 51 49 35 VDD = 28 Vdc, IDQ = 1900 mA Pulsed CW, 8 sec(on), 1 msec(off) f = 2350 MHz 37 39 41 43 45 47 49 P1dB = 54.5 dBm (283.85 W) Actual P6dB = 55.73 dBm (374.11 W) P3dB = 55.1 dBm (325.54 W) Ideal
7th Order
1
10
100
TWO-TONE SPACING (MHz)
Pin, INPUT POWER (dBm)
Figure 7. Intermodulation Distortion Products versus Tone Spacing
D, DRAIN EFFICIENCY (%), Gps, POWER GAIN (dB) 36 30 24 18 12 IM3 6 0 1 ACPR
Figure 8. Pulse CW Output Power versus Input Power
-25 85_C 25_C -30_C -30 85_C D -30_C 25_C -35 -40 -45 -50 -55 10 100 200
TC = -30_C
Gps 85_C 25_C
Pout, OUTPUT POWER (WATTS) AVG.
Figure 9. 2 - Carrier W - CDMA ACPR, IM3, Power Gain and Drain Efficiency versus Output Power
17 16 Gps, POWER GAIN (dB) 15 14 85_C 13 12 11 1 10 100 D VDD = 28 Vdc IDQ = 1900 mA f = 2350 MHz TC = -30_C 25_C Gps -30_C
60 50 D, DRAIN EFFICIENCY (%) 85_C 40 30 20 10 0 400 Pout, OUTPUT POWER (WATTS) CW Gps, POWER GAIN (dB)
15 IDQ = 1900 mA f = 2350 MHz 14
13
12 20 V 24 V 28 V 32 V
11 10 0 50
16 V VDD = 12 V 100
IM3 (dBc), ACPR (dBc)
VDD = 28 Vdc, IDQ = 1900 mA f1 = 2345 MHz, f2 = 2355 MHz 2-Carrier W-CDMA, 10 MHz Carrier Spacing, 3.84 MHz Channel Bandwidth, PAR = 8.5 dB @ 0.01% Probability (CCDF)
150
200
250
300
Pout, OUTPUT POWER (WATTS) CW
Figure 10. Power Gain and Drain Efficiency versus CW Output Power MRF6P23190HR6 6
Figure 11. Power Gain versus Output Power
RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
1010 MTTF FACTOR (HOURS x AMPS2)
109
108
107 90 100 110 120 130 140 150 160 170 180 190 200 210 TJ, JUNCTION TEMPERATURE (C) This above graph displays calculated MTTF in hours x ampere2 drain current. Life tests at elevated temperatures have correlated to better than 10% of the theoretical prediction for metal failure. Divide MTTF factor by ID2 for MTTF in a particular application.
Figure 12. MTTF Factor versus Junction Temperature
W - CDMA TEST SIGNAL
100 10 PROBABILITY (%) 1 (dB) 0.1 0.01 0.001 0.0001 0 2 4 6 8 10 PEAK-TO-AVERAGE (dB) W-CDMA. ACPR Measured in 3.84 MHz Channel Bandwidth @ 5 MHz Offset. IM3 Measured in 3.84 MHz Bandwidth @ 10 MHz Offset. PAR = 8.5 dB @ 0.01% Probability on CCDF
+20 +30 0 -10 -20 -30 -40 -50 -60 -70
3.84 MHz Channel BW
-ACPR in +ACPR in 3.84 MHz BW 3.84 MHz BW -IM3 in 3.84 MHz BW -15 -10 -5 0 5 10
+IM3 in 3.84 MHz BW 15 20 25
-80 -25 -20
f, FREQUENCY (MHz)
Figure 13. CCDF W - CDMA 3GPP, Test Model 1, 64 DPCH, 67% Clipping, Single - Carrier Test Signal
Figure 14. 2-Carrier W-CDMA Spectrum
MRF6P23190HR6 RF Device Data Freescale Semiconductor 7
f = 2400 MHz Zo = 50
Zsource
f = 2300 MHz
f = 2400 MHz
Zload
f = 2300 MHz
VDD = 28 Vdc, IDQ = 1900 mA, Pout = 40 W Avg. f MHz 2300 2310 2320 2330 2340 2350 2360 2370 2380 2390 2400 Zsource 9.31 - j12.12 9.27 - j11.93 9.24 - j11.75 9.21 - j11.57 9.18 - j11.40 9.16 - j11.23 9.14 - j11.06 9.13 - j10.90 9.12 - j10.75 9.11 - j10.59 9.11 - j10.45 Zload 7.89 - j32.78 7.61 - j32.19 7.35 - j31.62 7.10 - j31.06 6.86 - j30.53 6.64 - j30.01 6.43 - j29.51 6.23 - j29.02 6.04 - j28.55 5.86 - j28.09 5.68 - j27.64
Zsource = Test circuit impedance as measured from gate to gate, balanced configuration. Zload = Test circuit impedance as measured from drain to drain, balanced configuration. Device Under Test Output Matching Network
Input Matching Network
+
-
- Z source Z
+ load
Figure 15. Series Equivalent Source and Load Impedance MRF6P23190HR6 8 RF Device Data Freescale Semiconductor
NOTES
MRF6P23190HR6 RF Device Data Freescale Semiconductor 9
NOTES
MRF6P23190HR6 10 RF Device Data Freescale Semiconductor
PACKAGE DIMENSIONS
2X
Q bbb
M
A
A G4 L
1 2
TA
M
B
M
B
NOTES: 1. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M-1994. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION H IS MEASURED 0.030 (0.762) AWAY FROM PACKAGE BODY. 4. RECOMMENDED BOLT CENTER DIMENSION OF 1.52 (38.61) BASED ON M3 SCREW. DIM A B C D E F G H K L M N Q R S aaa bbb ccc INCHES MIN MAX 1.615 1.625 0.395 0.405 0.150 0.200 0.455 0.465 0.062 0.066 0.004 0.007 1.400 BSC 0.082 0.090 0.117 0.137 0.540 BSC 1.219 1.241 1.218 1.242 0.120 0.130 0.355 0.365 0.365 0.375 0.013 REF 0.010 REF 0.020 REF DRAIN DRAIN GATE GATE SOURCE MILLIMETERS MIN MAX 41.02 41.28 10.03 10.29 3.81 5.08 11.56 11.81 1.57 1.68 0.10 0.18 35.56 BSC 2.08 2.29 2.97 3.48 13.72 BSC 30.96 31.52 30.94 31.55 3.05 3.30 9.01 9.27 9.27 9.53 0.33 REF 0.25 REF 0.51 REF
3 4X
4
K aaa
M
4X
(FLANGE)
B
D
TA
M
B
M
ccc ccc
M
M
TA
(LID)
M
B
M
TA N (LID)
M
B
M
R
H C
F
E
PIN 5 M (INSULATOR) bbb
M
T
SEATING PLANE
(INSULATOR)
S
bbb
M
TA
M
B
M
TA
M
B
M
STYLE 1: PIN 1. 2. 3. 4. 5.
CASE 375D - 05 ISSUE E NI - 1230
MRF6P23190HR6 RF Device Data Freescale Semiconductor 11
How to Reach Us:
Home Page: www.freescale.com E - mail: support@freescale.com USA/Europe or Locations Not Listed: Freescale Semiconductor Technical Information Center, CH370 1300 N. Alma School Road Chandler, Arizona 85224 +1 - 800- 521- 6274 or +1 - 480- 768- 2130 support@freescale.com Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) support@freescale.com Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1 - 8 - 1, Shimo - Meguro, Meguro - ku, Tokyo 153 - 0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1 - 800- 441- 2447 or 303 - 675- 2140 Fax: 303 - 675- 2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. Freescalet and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2006. All rights reserved.
MRF6P23190HR6
Rev. 12 1, 5/2006 Document Number: MRF6P23190H
RF Device Data Freescale Semiconductor


▲Up To Search▲   

 
Price & Availability of MRF6P23190HR6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X