Part Number Hot Search : 
001456 630D101 2N2221AX 2000411 000WD SS110L SK74150 2N2221AX
Product Description
Full Text Search
 

To Download MMUN21XXLT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMUN2111LT1 Series
Preferred Devices
Bias Resistor Transistors
PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SOT-23 package which is designed for low power surface mount applications.
Features http://onsemi.com
PIN 3 COLLECTOR (OUTPUT) PIN 2 EMITTER (GROUND)
PIN 1 BASE (INPUT)
R1 R2
* * * * * *
Simplifies Circuit Design Reduces Board Space Reduces Component Count The SOT-23 package can be soldered using wave or reflow. The modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die. Available in 8 mm embossed tape and reel. Pb-Free Packages are Available
MARKING DIAGRAM
3 1 2
SOT-23 CASE 318 STYLE 6 1
A6x M G G
MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating Collector-Base Voltage Collector-Emitter Voltage Collector Current Symbol VCBO VCEO IC Value 50 50 100 Unit Vdc Vdc mAdc
A6x x M G
= Device Code = A - L (Refer to page 2) = Date Code* = Pb-Free Package
(Note: Microdot may be in either location) *Date Code orientation may vary depending upon manufacturing location.
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Lead Junction and Storage, Temperature Range Symbol PD Max 246 (Note 1) 400 (Note 2) 1.5 (Note 1) 2.0 (Note 2) 508 (Note 1) 311 (Note 2) 174 (Note 1) 208 (Note 2) -55 to +150 Unit mW C/W C/W C/W C
ORDERING INFORMATION
Device MMUN21xxLT1 MMUN21xxLT1G MMUN21XXLT3 MMUN21XXLT3G Package SOT-23 SOT-23 (Pb-Free) SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel 10000/Tape & Reel
RqJA RqJL TJ, Tstg
SOT-23 10000/Tape & Reel (Pb-Free)
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. FR-4 @ Minimum Pad 2. FR-4 @ 1.0 x 1.0 inch Pad
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
DEVICE MARKING INFORMATION
See specific marking information in the device marking table on page 2 of this data sheet. Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2005
1
August, 2005 - Rev. 5
Publication Order Number: MMUN2111LT1/D
MMUN2111LT1 Series
DEVICE MARKING AND RESISTOR VALUES
Device* MMUN2111LT1, G MMUN2111LT3, G MMUN2112LT1, G MMUN2113LT1, G MMUN2113LT3, G MMUN2114LT1, G MMUN2115LT1, G (Note 3) MMUN2116LT1, G (Note 3) MMUN2130LT1, G (Note 3) MMUN2131LT1, G (Note 3) MMUN2132LT1, G (Note 3) MMUN2133LT1, G (Note 3) MMUN2134LT1, G (Note 3) Package SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 Marking A6A A6B A6C A6D A6E A6F A6G A6H A6J A6K A6L R1 (K) 10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 R2 (K) 10 22 47 47 1.0 2.2 4.7 47 47 Shipping 3000/Tape & Reel 10,000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
*The "G'' suffix indicates Pb-Free package available. 3. New devices. Updated curves to follow in subsequent data sheets.
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector-Base Cutoff Current (VCB = 50 V, IE = 0) Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0) Emitter-Base Cutoff Current (VEB = 6.0 V, IC = 0) MMUN2111LT1 MMUN2112LT1 MMUN2113LT1 MMUN2114LT1 MMUN2115LT1 MMUN2116LT1 MMUN2130LT1 MMUN2131LT1 MMUN2132LT1 MMUN2133LT1 MMUN2134LT1 ICBO ICEO IEBO - - - - - - - - - - - - - 50 50 - - - - - - - - - - - - - - - 100 500 0.5 0.2 0.1 0.2 0.9 1.9 4.3 2.3 1.5 0.18 0.13 - - nAdc nAdc mAdc Symbol Min Typ Max Unit
Collector-Base Breakdown Voltage (IC = 10 mA, IE = 0) Collector-Emitter Breakdown Voltage (Note 4) (IC = 2.0 mA, IB = 0) 4. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%
V(BR)CBO V(BR)CEO
Vdc Vdc
http://onsemi.com
2
MMUN2111LT1 Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic ON CHARACTERISTICS (Note 5) DC Current Gain (VCE = 10 V, IC = 5.0 mA) MMUN2111LT1 MMUN2112LT1 MMUN2113LT1 MMUN2114LT1 MMUN2115LT1 MMUN2116LT1 MMUN2130LT1 MMUN2131LT1 MMUN2132LT1 MMUN2133LT1 MMUN2134LT1 hFE 35 60 80 80 160 160 3.0 8.0 15 80 80 - 60 100 140 140 250 250 5.0 15 27 140 130 - - - - - - - - - - - - 0.25 Vdc Symbol Min Typ Max Unit
Collector-Emitter Saturation Voltage (IC = 10 mA, IE = 0.3 mA) (IC = 10 mA, IB = 5 mA) MMUN2130LT1/MMUN2131LT1 (IC = 10 mA, IB = 1 mA) MMUN2115LT1/MMUN2116LT1/ MMUN2132LT1/MMUN2133LT1/MMUN2134LT1 Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW) MMUN2111LT1 MMUN2112LT1 MMUN2114LT1 MMUN2115LT1 MMUN2116LT1 MMUN2130LT1 MMUN2131LT1 MMUN2132LT1 MMUN2133LT1 MMUN2134LT1 MMUN2113LT1
VCE(sat)
VOL - - - - - - - - - - - VOH MMUN2115LT1 MMUN2116LT1 MMUN2131LT1 MMUN2132LT1 MMUN2130LT1 MMUN2111LT1 MMUN2112LT1 MMUN2113LT1 MMUN2114LT1 MMUN2115LT1 MMUN2116LT1 MMUN2130LT1 MMUN2131LT1 MMUN2132LT1 MMUN2133LT1 MMUN2134LT1 R1 7.0 15.4 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 0.8 0.17 - 0.8 0.055 10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 1.0 0.21 - 1.0 0.1 13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 1.2 0.25 - 1.2 0.185 4.9 - - - - - - - - - - - - 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 -
Vdc
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW) Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW) (VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
Vdc
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kW) Input Resistor
kW
Resistor Ratio
MMUN2111LT1/MMUN2112LT1/MMUN2113LT1 MMUN2114LT1 MMUN2115LT1/MMUN2116LT1 MMUN2130LT1/MMUN2131LT1/MMUN2132LT1 MMUN2133LT1
R1/R2
5. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%
http://onsemi.com
3
MMUN2111LT1 Series
TYPICAL ELECTRICAL CHARACTERISTICS MMUN2111LT1
250 PD , POWER DISSIPATION (MILLIWATTS) 200 VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 TA = -25C 75C 0.1
25C
150 100 50 0 -50 RqJA = 625C/W
0
50
100
150
0.01
0
20
40
60
80
TA, AMBIENT TEMPERATURE (C)
IC, COLLECTOR CURRENT (mA)
Figure 1. Derating Curve
1000 h FE , DC CURRENT GAIN (NORMALIZED) VCE = 10 V 4
Figure 2. VCE(sat) versus IC
TA = 75C 100 25C -25C
C ob , CAPACITANCE (pF)
3
f = 1 MHz lE = 0 V TA = 25C
2
1
10
1
10 IC, COLLECTOR CURRENT (mA)
100
0
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
Figure 3. DC Current Gain
100
Figure 4. Output Capacitance
75C
25C TA = -25C
100 VO = 0.2 V Vin, INPUT VOLTAGE (VOLTS)
IC , COLLECTOR CURRENT (mA)
10 1
10
TA = -25C 25C 75C
0.1
1
0.01 0.001 0 1 2
VO = 5 V 3 4 5 6 7 Vin, INPUT VOLTAGE (VOLTS) 8 9 10 0.1 0 10 20 30 IC, COLLECTOR CURRENT (mA) 40 50
Figure 5. Output Current versus Input Voltage
Figure 6. Input Voltage versus Output Current
http://onsemi.com
4
MMUN2111LT1 Series
TYPICAL ELECTRICAL CHARACTERISTICS MMUN2112LT1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) IC/IB = 10 TA = -25C 25C 1 75C h FE , DC CURRENT GAIN (NORMALIZED) 10 1000 VCE = 10 V
TA = 75C 100
25C
-25C
0.1
0.01
0
20 40 60 IC, COLLECTOR CURRENT (mA)
80
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 7. VCE(sat) versus IC
Figure 8. DC Current Gain
4 IC , COLLECTOR CURRENT (mA) f = 1 MHz lE = 0 V TA = 25C
100
75C
25C TA = -25C
Cob , CAPACITANCE (pF)
3
10
1
2
0.1 VO = 5 V 0 1 2 3 4 5 6 7 8 9 10
1
0.01
0
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
0.001
Vin, INPUT VOLTAGE (VOLTS)
Figure 9. Output Capacitance
Figure 10. Output Current versus Input Voltage
100 VO = 0.2 V Vin, INPUT VOLTAGE (VOLTS) TA = -25C 10 75C 25C
1
0.1
0
10
20 30 IC, COLLECTOR CURRENT (mA)
40
50
Figure 11. Input Voltage versus Output Current
http://onsemi.com
5
MMUN2111LT1 Series
TYPICAL ELECTRICAL CHARACTERISTICS MMUN2113LT1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 TA = -25C 75C 1000 h FE , CURRENT GAIN (NORMALIZED) TA = 75C 25C 100 -25C
25C
0.1
0.01
0
10 20 30 IC, COLLECTOR CURRENT (mA)
40
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 12. VCE(sat) versus IC
1 0.8 C ob , CAPACITANCE (pF) 0.6 0.4 0.2 0 I C , COLLECTOR CURRENT (mA) f = 1 MHz lE = 0 V TA = 25C
Figure 13. DC Current Gain
100 10 1 0.1 0.01 VO = 5 V 0 1 2 3 4 5
TA = 75C
25C -25C
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
0.001
6
7
8
9
10
Vin, INPUT VOLTAGE (VOLTS)
Figure 14. Output Capacitance
Figure 15. Output Current versus Input Voltage
100 TA = -25C 10
VO = 2 V 25C 75C
Vin , INPUT VOLTAGE (VOLTS)
1
0.1
0
10
20 30 IC, COLLECTOR CURRENT (mA)
40
50
Figure 16. Input Voltage versus Output Current
http://onsemi.com
6
MMUN2111LT1 Series
TYPICAL ELECTRICAL CHARACTERISTICS MMUN2114LT1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 hFE , DC CURRENT GAIN (NORMALIZED) IC/IB = 10 TA = -25C 25C 75C 180 160 140 120 100 80 60 40 20 0 1 2 4 6 8 10 15 20 40 50 60 70 IC, COLLECTOR CURRENT (mA) 80 90 100 VCE = 10 V 25C -25C TA = 75C
0.1
0.01
0.001
0
20 40 60 IC, COLLECTOR CURRENT (mA)
80
Figure 17. VCE(sat) versus IC
4.5 4 C ob , CAPACITANCE (pF) 3.5 3 2.5 2 1.5 1 0.5 0 0 2 4 6 8 10 15 20 25 30 35 40 VR, REVERSE BIAS VOLTAGE (VOLTS) 45 50 f = 1 MHz lE = 0 V TA = 25C 100
Figure 18. DC Current Gain
TA = 75C IC, COLLECTOR CURRENT (mA) -25C
25C
10
VO = 5 V 1 0 2 4 6 Vin, INPUT VOLTAGE (VOLTS) 8 10
Figure 19. Output Capacitance
Figure 20. Output Current versus Input Voltage
10 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS)
+12 V TA = -25C 25C 75C
Typical Application for PNP BRTs
1
LOAD 0.1
0
10
20 30 40 IC, COLLECTOR CURRENT (mA)
50
Figure 21. Input Voltage versus Output Current
Figure 22. Inexpensive, Unregulated Current Source
http://onsemi.com
7
MMUN2111LT1 Series
PACKAGE DIMENSIONS
SOT-23 TO-236AB CASE 318-08 ISSUE AM
D
3 SEE VIEW C NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.20 0.30 0.54 0.69 2.40 2.64 STYLE 6: PIN 1. BASE 2. EMITTER 3. COLLECTOR INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.008 0.021 0.094
E
1 2
HE
b e q A L A1 L1 VIEW C
0.25
DIM A A1 b c D E e L L1 HE
MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.10 0.35 2.10
MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.004 0.014 0.083
MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.012 0.029 0.104
SOLDERING FOOTPRINT*
0.95 0.037
0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MMUN2111LT1/D


▲Up To Search▲   

 
Price & Availability of MMUN21XXLT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X