Part Number Hot Search : 
MAX17129 H16245 EMC1201 23721 DS309BNC XXX3XX 472J400 2SC3840
Product Description
Full Text Search
 

To Download MMBZ52XXELT3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBZ5221ELT1 Series
Preferred Device
Zener Voltage Regulators
225 mW SOT-23 Surface Mount
This series of Zener diodes is offered in the convenient, surface mount plastic SOT-23 package. These devices are designed to provide voltage regulation with minimum space requirement. They are well suited for applications such as cellular phones, hand held portables, and high density PC boards.
Features
http://onsemi.com
* * * * * * *
3 Cathode
1 Anode
225 mW Rating on FR-4 or FR-5 Board Zener Voltage Range - 2.4 V to 91 V Package Designed for Optimal Automated Board Assembly Small Package Size for High Density Applications ESD Rating of Class 3 (>16 kV) per Human Body Model Peak Power - 225 W (8 x 20 ms) Pb-Free Packages are Available
MARKING DIAGRAM
3 1 2
SOT-23 CASE 318 STYLE 8 1
Bxx M G G
Mechanical Characteristics: CASE: Void-free, transfer-molded, thermosetting plastic case FINISH: Corrosion resistant finish, easily solderable MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260C for 10 Seconds
POLARITY: Cathode indicated by polarity band FLAMMABILITY RATING: UL 94 V-0 MAXIMUM RATINGS
Rating Peak Power Dissipation @ 20 ms (Note 1) @ TL 25C Total Power Dissipation on FR-5 Board, (Note 2) @ TA = 25C Derated above 25C Thermal Resistance, Junction-to-Ambient Total Power Dissipation on Alumina Substrate, (Note 3) @ TA = 25C Derated above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature Range Symbol Ppk PD 225 1.8 RqJA PD 300 2.4 RqJA TJ, Tstg 417 -65 to +150 mW mW/C C/W C 556 mW mW/C C/W Max 225 Unit W Device
Bxx xx M G
= Device Code = (Refer to page 2) = Date Code* = Pb-Free Package
(Note: Microdot may be in either location) *Date Code orientation may vary depending upon manufacturing location.
ORDERING INFORMATION
Package SOT-23 Shipping 3000/Tape & Reel
MMBZ52xxELT1 MMBZ52xxELT1G MMBZ52xxELT3 MMBZ52XXELT3G
SOT-23 3000/Tape & Reel (Pb-Free) SOT-23 10000/Tape & Reel
SOT-23 10000/Tape & Reel (Pb-Free)
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Nonrepetitive current pulse per Figure 9. 2. FR-5 = 1.0 X 0.75 X 0.62 in. 3. Alumina = 0.4 X 0.3 X 0.024 in., 99.5% alumina.
DEVICE MARKING INFORMATION
See specific marking information in the device marking column of the Electrical Characteristics table on page 2 of this data sheet. Devices listed in bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2005
1
August, 2005 - Rev. 6
Publication Order Number: MMBZ5221ELT1/D
MMBZ5221ELT1 Series
ELECTRICAL CHARACTERISTICS
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25C unless otherwise noted, VF = 0.95 V Max. @ IF = 10 mA) Symbol VZ IZT ZZT IZK ZZK IR VR IF VF Parameter Reverse Zener Voltage @ IZT Reverse Current Maximum Zener Impedance @ IZT Reverse Current Maximum Zener Impedance @ IZK Reverse Leakage Current @ VR Reverse Voltage Forward Current Forward Voltage @ IF VZ VR IR VF IZT V IF I
Zener Voltage Regulator
ELECTRICAL CHARACTERISTICS (Pinout: 1-Anode, 2-NC, 3-Cathode) (VF = 0.9 V Max @ IF = 10 mA for all types.)
Zener Voltage (Note 4) Device Marking BE2 BE7 BE9 BF1 BF2 BF3 BF4 BF6 BF7 BF8 BF9 BG2 BG3 BG5 BG6 BG7 BG8 BG9 BH2 BH4 VZ (V) Min 2.28 3.13 3.70 4.08 4.46 4.84 5.32 5.89 6.46 7.12 7.79 8.65 9.50 11.40 12.35 13.30 14.25 15.20 17.10 19.00 Nom 2.4 3.3 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 12 13 14 15 16 18 20 Max 2.52 3.47 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.55 10.50 12.60 13.65 14.70 15.75 16.80 18.90 21.00 @ IZT mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9 8.5 7.8 7 6.2 Zener Impedance ZZT @ IZT W 30 28 23 22 19 17 11 7 5 6 8 10 17 30 13 15 16 17 21 25 ZZK @ IZK W 1200 1600 1900 2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 Leakage Current IR @ VR mA 100 25 10 5 5 5 5 5 3 3 3 3 3 1 0.5 0.1 0.1 0.1 0.1 0.1 V 1 1 1 1 2 2 3 4 5 6 6.5 7 8 9.1 9.9 10 11 12 14 15
Device MMBZ5221ELT1/T3, G MMBZ5226ELT1/T3, G MMBZ5228ELT1/T3, G MMBZ5229ELT1/T3, G MMBZ5230ELT1/T3, G MMBZ5231ELT1/T3,G MMBZ5232ELT1/T3,G MMBZ5234ELT1/T3,G MMBZ5235ELT1/T3,G MMBZ5236ELT1/T3, G MMBZ5237ELT1/T3, G MMBZ5239ELT1/T3, G MMBZ5240ELT1/T3,G MMBZ5242ELT1/T3,G MMBZ5243ELT1/T3, G MMBZ5244ELT1/T3, G MMBZ5245ELT1/T3,G MMBZ5246ELT1, G MMBZ5248ELT1/T3,G MMBZ5250ELT1/T3,G
4. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25C. *The "G'' suffix indicates Pb-Free package available. MMBZ5246EL, MMBZ5252EL, and MMBZ5265EL Not Available in 10,000/Tape & Reel.
http://onsemi.com
2
MMBZ5221ELT1 Series
ELECTRICAL CHARACTERISTICS (continued) (Pinout: 1-Anode, 2-NC, 3-Cathode) (VF = 0.9 V Max @ IF = 10 mA for all types.)
Zener Voltage (Note 5) Device Marking BH6 BH7 BH8 BH9 BJ1 BJ2 BJ3 BJ7 BJ8 BK1 VZ (V) Min 22.80 23.75 25.65 26.60 28.50 31.35 34.20 48.45 53.20 58.90 Nom 24 25 27 28 30 33 36 51 56 62 Max 25.20 26.25 28.35 29.40 31.50 34.65 37.80 53.55 58.80 65.10 @ IZT mA 5.2 5 4.6 4.5 4.2 3.8 3.4 2.5 2.2 2 Zener Impedance ZZT @ IZT W 33 35 41 44 49 58 70 125 150 185 ZZK @ IZK W 600 600 600 600 600 700 700 1100 1300 1400 mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 Leakage Current IR @ VR mA 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 V 18 19 21 21 23 25 27 37 43 47
Device* MMBZ5252ELT1, G MMBZ5253ELT1/T3 MMBZ5254ELT1/T3,G MMBZ5255ELT1/T3, G MMBZ5256ELT1/T3, G MMBZ5257ELT1/T3,G MMBZ5258ELT1/T3, G MMBZ5262ELT1/T3, G MMBZ5263ELT1/T3, G MMBZ5265ELT1, G
5. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25C. *The "G'' suffix indicates Pb-Free package available. MMBZ5246EL, MMBZ5252EL, and MMBZ5265EL Not Available in 10,000/Tape & Reel.
http://onsemi.com
3
MMBZ5221ELT1 Series
TYPICAL CHARACTERISTICS
8 7 6 5 4 3 2 1 0 VZ @ IZT TYPICAL TC VALUES FOR MMBZ5221BLT1 SERIES 100 VZ , TEMPERATURE COEFFICIENT (mV/ C) TYPICAL TC VALUES FOR MMBZ5221BLT1 SERIES VZ @ IZT
VZ , TEMPERATURE COEFFICIENT (mV/ C)
10
-1
-2 -3 2
3
4 5 6 7 8 9 10 VZ, NOMINAL ZENER VOLTAGE (V)
11
12
1
10 VZ, NOMINAL ZENER VOLTAGE (V)
100
Figure 1. Temperature Coefficients (Temperature Range - 55C to +150C)
Figure 2. Temperature Coefficients (Temperature Range - 55C to +150C)
1000 Z ZT, DYNAMIC IMPEDANCE ( ) IZ = 1 mA 5 mA 20 mA 10 TJ = 25C IZ(AC) = 0.1 IZ(DC) f = 1 kHz
1000 IF, FORWARD CURRENT (mA) 75 V (MMBZ5267BLT1) 91 V (MMBZ5270BLT1)
100
100
10
150C 1 1 10 VZ, NOMINAL ZENER VOLTAGE 100 1 0.4 0.5
75C 25C
0C 1.1 1.2
0.6 0.7 0.8 0.9 1.0 VF, FORWARD VOLTAGE (V)
Figure 3. Effect of Zener Voltage on Zener Impedance
Figure 4. Typical Forward Voltage
http://onsemi.com
4
MMBZ5221ELT1 Series
TYPICAL CHARACTERISTICS
1000 0 V BIAS 1 V BIAS C, CAPACITANCE (pF) 100 BIAS AT 50% OF VZ NOM 10 TA = 25C 1000 I R , LEAKAGE CURRENT (m A) 100 10 1 0.1 +150C
0.01 +25 C -55 C 10 20 30 40 50 60 70 VZ, NOMINAL ZENER VOLTAGE (V) 80 90
0.00 1 0.0001 1 1 10 VZ, NOMINAL ZENER VOLTAGE (V) 0.00001 100 0
Figure 5. Typical Capacitance
100 TA = 25C I Z , ZENER CURRENT (mA) I Z , ZENER CURRENT (mA) 10 10 100
Figure 6. Typical Leakage Current
TA = 25C
1
1
0.1
0.1
0.01
0
2
4 6 8 VZ, ZENER VOLTAGE (V)
10
12
0.01
10
30
50 70 VZ, ZENER VOLTAGE (V)
90
Figure 7. Zener Voltage versus Zener Current (VZ Up to 12 V)
Figure 8. Zener Voltage versus Zener Current (12 V to 91 V)
100 % OF PEAK PULSE CURRENT 90 80 70 60 50 40 30 20 10 0 0 tP tr
PEAK VALUE IRSM @ 8 ms PULSE WIDTH (tP) IS DEFINED AS THAT POINT WHERE THE PEAK CURRENT DECAY = 8 ms HALF VALUE IRSM/2 @ 20 ms
20
40 t, TIME (ms)
60
80
Figure 9. 8 x 20 ms Pulse Waveform
http://onsemi.com
5
MMBZ5221ELT1 Series
PACKAGE DIMENSIONS
SOT-23 TO-236AB CASE 318-08 ISSUE AM
D
3 SEE VIEW C NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.20 0.30 0.54 0.69 2.40 2.64 INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.008 0.021 0.094
E
1 2
HE
b e q A L A1 L1 VIEW C
0.25
DIM A A1 b c D E e L L1 HE
MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.10 0.35 2.10
MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.004 0.014 0.083
MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.012 0.029 0.104
STYLE 8: PIN 1. ANODE 2. NO CONNECTION 3. CATHODE
SOLDERING FOOTPRINT*
0.95 0.037
0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MMBZ5221ELT1/D


▲Up To Search▲   

 
Price & Availability of MMBZ52XXELT3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X