Part Number Hot Search : 
MA3082WA C9827H 1N30N60 NT600 KE200 R1080 RD13JS BOURNS
Product Description
Full Text Search
 

To Download MJL3281A05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MJL3281A (NPN) MJL1302A (PNP)
Preferred Devices
Complementary Bipolar Power Transistors
Features
* * * * * * * * * * *
Exceptional Safe Operating Area NPN/PNP Gain Matching within 10% from 50 mA to 5 A Excellent Gain Linearity High BVCEO High Frequency Pb-Free Packages are Available Reliable Performance at Higher Powers Symmetrical Characteristics in Complementary Configurations Accurate Reproduction of Input Signal Greater Dynamic Range High Amplifier Bandwith
http://onsemi.com
Benefits
15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS
MARKING DIAGRAM
Applications
Home
* High-End Consumer Audio Products *
Amplifiers Home Receivers Professional Audio Amplifiers Theater and Stadium Sound Systems Public Address Systems (PAs)
1 2 3
MJLxxxxA AYYWWG
TO-264 CASE 340G STYLE 2 xxxx A YY WW G
3 1 EMITTER BASE 2 COLLECTOR = 3281 or 1302 = Location Code = Year = Work Week = Pb-Free Package
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector-Emitter Voltage - 1.5 V Collector Current - Continuous - Peak (Note 1) Base Current - Continuous Total Power Dissipation @ TC = 25C Derate Above 25C Operating and Storage Junction Temperature Range Symbol VCEO VCBO VEBO VCEX IC IB PD TJ, Tstg Value 260 260 5.0 260 15 25 1.5 200 1.43 - 65 to +150 Unit Vdc Vdc Vdc Vdc Adc Adc Watts W/C C MJL1302A
ORDERING INFORMATION
Device MJL3281A MJL3281AG Package TO-264 TO-264 (Pb-Free) TO-264 TO-264 (Pb-Free) Shipping 25 Units/Rail 25 Units/Rail
25 Units/Rail 25 Units/Rail
MJL1302AG
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction-to-Case Symbol RJC Max 0.625 Unit C/W
Preferred devices are recommended choices for future use and best overall value.
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Pulse Test: Pulse Width = 5 ms, Duty Cycle < 10%.
(c) Semiconductor Components Industries, LLC, 2005
1
October, 2005 - Rev. 9
Publication Order Number: MJL3281A/D
MJL3281A (NPN) MJL1302A (PNP)
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector-Emitter Sustaining Voltage (IC = 100 mAdc, IB = 0) Collector Cutoff Current (VCB = 260 Vdc, IE = 0) Emitter Cutoff Current (VEB = 5 Vdc, IC = 0) SECOND BREAKDOWN Second Breakdown Collector with Base Forward Biased (VCE = 50 Vdc, t = 1 s (non-repetitive) (VCE = 100 Vdc, t = 1 s (non-repetitive) ON CHARACTERISTICS DC Current Gain (IC = 500 mAdc, VCE = 5 Vdc) (IC = 1 Adc, VCE = 5 Vdc) (IC = 3 Adc, VCE = 5 Vdc) (IC = 5 Adc, VCE = 5 Vdc) (IC = 8 Adc, VCE = 5 Vdc) Collector-Emitter Saturation Voltage (IC = 10 Adc, IB = 1 Adc) DYNAMIC CHARACTERISTICS Current-Gain - Bandwidth Product (IC = 1 Adc, VCE = 5 Vdc, ftest = 1 MHz) Output Capacitance (VCB = 10 Vdc, IE = 0, ftest = 1 MHz) fT 30 Cob - 600 - pF MHz hFE 75 75 75 75 45 VCE(sat) - 3 150 150 150 150 - Vdc IS/b 4 1 - - Adc VCEO(sus) 260 ICBO - IEBO - 5 50 Adc - Adc Vdc Symbol Min Max Unit
http://onsemi.com
2
MJL3281A (NPN) MJL1302A (PNP)
TYPICAL CHARACTERISTICS
PNP MJL1302A
f T, CURRENT BANDWIDTH PRODUCT (MHz) 50 VCE = 10 V 40 30 20 10 0 TJ = 25C ftest = 1 MHz 0.1 1.0 IC, COLLECTOR CURRENT (AMPS) 10 5V f T, CURRENT BANDWIDTH PRODUCT (MHz) 60 50 40 30 20 10 0 0.1 TJ = 25C ftest = 1 MHz 1.0 IC, COLLECTOR CURRENT (AMPS) 10
NPN MJL3281A
VCE = 10 V 5V
Figure 1. Typical Current Gain Bandwidth Product PNP MJL1302A
1000 VCE = 5.0 V hFE , DC CURRENT GAIN 1000
Figure 2. Typical Current Gain Bandwidth Product NPN MJL3281A
VCE = 5.0 V
hFE , DC CURRENT GAIN
TJ = 100C 100 -25 C
25C
TJ = 100C 100 -25 C
25C
10 0.05
0.1
1.0 10 IC, COLLECTOR CURRENT (AMPS)
100
10 0.05
0.1
1.0 10 IC, COLLECTOR CURRENT (AMPS)
100
Figure 3. DC Current Gain PNP MJL1302A
3.0 SATURATION VOLTAGE (VOLTS) SATURATION VOLTAGE (VOLTS) 2.5 2.0 1.5 1.0 0.5 0 0.1 TJ = 25C IC/IB = 10 VBE(sat) 2.5 2.0 1.5 TJ = 25C IC/IB = 10
Figure 4. DC Current Gain NPN MJL3281A
VBE(sat) 1.0 0.5 0
VCE(sat) 1.0 10 IC, COLLECTOR CURRENT (AMPS) 100 0.1
VCE(sat) 1.0 10 IC, COLLECTOR CURRENT (AMPS) 100
Figure 5. Typical Saturation Voltages http://onsemi.com
3
Figure 6. Typical Saturation Voltages
MJL3281A (NPN) MJL1302A (PNP)
TYPICAL CHARACTERISTICS
PNP MJL1302A
VBE(on) , BASE-EMITTER VOLTAGE (VOLTS) TJ = 25C VBE(on) , BASE-EMITTER VOLTAGE (VOLTS) 10 10 TJ = 25C VCE = 5 V (DASHED) 1.0 VCE = 20 V (SOLID)
NPN MJL3281A
VCE = 5 V (DASHED) 1.0 VCE = 20 V (SOLID)
0.1
0.1
1.0 10 IC, COLLECTOR CURRENT (AMPS)
100
0.1
0.1
1.0 10 IC, COLLECTOR CURRENT (AMPS)
100
Figure 7. Typical Base-Emitter Voltage
Figure 8. Typical Base-Emitter Voltage
PNP MJL1302A
10000 Cib 10000
NPN MJL3281A
Cib
C, CAPACITANCE (pF)
1000
Cob
C, CAPACITANCE (pF)
1000 Cob
TJ = 25C ftest = 1 MHz 100 0.1 1.0 10 100 100 0.1
TJ = 25C ftest = 1 MHz 1.0 10 100
VR, REVERSE VOLTAGE (VOLTS)
VR, REVERSE VOLTAGE (VOLTS)
Figure 9. MJL1302A Typical Capacitance
Figure 10. MJL3281A Typical Capacitance
100
10 ms 10 1 sec 1.0 250 ms 0.1 50 ms
There are two limitations on the power handling ability of a transistor; average junction temperature and secondary breakdown. Safe operating area curves indicate IC - VCE limits of the transistor that must be observed for reliable operation; i.e., the transistor must not be subjected to greater dissipation than the curves indicate. The data of Figure 11 is based on TJ(pk) = 150C; TC is variable depending on conditions. At high case temperatures, thermal limitations will reduce the power than can be handled to values less than the limitations imposed by second breakdown.
1000
IC , COLLECTOR CURRENT (AMPS)
1.0
10
100
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 11. Active Region Safe Operating Area
http://onsemi.com
4
MJL3281A (NPN) MJL1302A (PNP)
PACKAGE DIMENSIONS
TO-3PBL (TO-264) CASE 340G-02 ISSUE J
Q -B- 0.25 (0.010)
M
TB
M
-T- C
U N A R
1 2 3
E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. MILLIMETERS MIN MAX 28.0 29.0 19.3 20.3 4.7 5.3 0.93 1.48 1.9 2.1 2.2 2.4 5.45 BSC 2.6 3.0 0.43 0.78 17.6 18.8 11.2 REF 4.35 REF 2.2 2.6 3.1 3.5 2.25 REF 6.3 REF 2.8 3.2 INCHES MIN MAX 1.102 1.142 0.760 0.800 0.185 0.209 0.037 0.058 0.075 0.083 0.087 0.102 0.215 BSC 0.102 0.118 0.017 0.031 0.693 0.740 0.411 REF 0.172 REF 0.087 0.102 0.122 0.137 0.089 REF 0.248 REF 0.110 0.125
L
P K
F 2 PL G
W D 3 PL 0.25 (0.010)
M
J H TB
S
DIM A B C D E F G H J K L N P Q R U W
STYLE 2: PIN 1. BASE 2. COLLECTOR 3. EMITTER
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
PowerBase is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
5
MJL3281A/D


▲Up To Search▲   

 
Price & Availability of MJL3281A05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X