Part Number Hot Search : 
1N5238 850MA BSP308 R1E10 SIC778DB 74LVC2 EPZ3011G AJ75A
Product Description
Full Text Search
 

To Download MCR8DCMT4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCR8DCM, MCR8DCN
Preferred Device
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
Designed for high volume, low cost, industrial and consumer applications such as motor control; process control; temperature, light and speed control.
Features
http://onsemi.com
* * * * * * *
Small Size Passivated Die for Reliability and Uniformity Low Level Triggering and Holding Characteristics Available in Surface Mount Lead Form - Case 369C Epoxy Meets UL 94 V-0 @ 0.125 in ESD Ratings: Human Body Model, 3B u 8000 V Machine Model, C u 400 V Pb-Free Packages are Available
SCRs 8 AMPERES RMS 600 - 800 VOLTS
G A K
4 12 Unit V 3 DPAK CASE 369C STYLE 4 A
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Peak Repetitive Off-State Voltage (Note 1) (TJ = -40 to 125C, Sine Wave, 50 to 60 Hz, Gate Open) MCR8DCM MCR8DCN On-State RMS Current (180 Conduction Angles; TC = 105C) Average On-State Current (180 Conduction Angles; TC = 105C) Peak Non-Repetitive Surge Current (1/2 Cycle, Sine Wave 60 Hz, TJ = 125C) Circuit Fusing Consideration (t = 8.3 msec) Forward Peak Gate Power (Pulse Width 1.0 msec, TC = 105C) Forward Average Gate Power (t = 8.3 msec, TC = 105C) Forward Peak Gate Current (Pulse Width 1.0 msec, TC = 105C) Operating Junction Temperature Range Storage Temperature Range Symbol VDRM, VRRM 600 800 IT(RMS) IT(AV) ITSM I2t PGM PG(AV) IGM TJ Tstg 8.0 5.1 80 26 5.0 0.5 2.0 -40 to 125 -40 to 150 Value
MARKING DIAGRAM
A A A2sec W W A C C 1 2 3 4 Y WW CR8DCx G = Year = Work Week = Device Code x= M or N = Pb-Free Package YWW CR 8DCxG
PIN ASSIGNMENT
Cathode Anode Gate Anode
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. VDRM, VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; positive gate voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the device are exceeded.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2005
1
November, 2005 - Rev. 4
Publication Order Number: MCR8DCM/D
MCR8DCM, MCR8DCN
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance - Junction-to-Case - Junction-to-Ambient - Junction-to-Ambient (Note 2)m Maximum Lead Temperature for Soldering Purposes (Note 3) RqJC RqJA RqJA TL 2.2 88 80 260 C/W Symbol Max Unit
C
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Characteristics OFF CHARACTERISTICS Peak Repetitive Forward or Peak Repetitive Reverse Blocking Current TJ = 25C (VAK = Rated VDRM or VRRM, Gate Open) TJ = 125C ON CHARACTERISTICS Peak On-State Voltage (Note 4) (ITM = 16 A) Gate Trigger Current (Continuous dc) (VAK = 12 V, RL = 100 W, TJ = 25C) (TJ = -40C) Gate Trigger Voltage (Continuous dc) (VAK = 12 V, RL = 100 W, TJ = 25C) (TJ = -40C) (TJ = 125C) Holding Current (VAK = 12 V, Initiating Current = 200 mA, Gate Open) Latching Current (VAK = 12 V, IG = 15 mA, TJ = 25C) (VAK = 12 V, IG = 30 mA, TJ = -40C) DYNAMIC CHARACTERISTICS Critical Rate of Rise of Off-State Voltage (VAK = Rated VDRM, Exponential Waveform, Gate Open, TJ = 125C) 2. Surface mounted on minimum recommended pad size. 3. 1/8 from case for 10 seconds. 4. Pulse Test: Pulse Width 2.0 ms, Duty Cycle 2%. dv/dt 50 200 - V/ms TJ = 25C TJ = -40C IL 4.0 - 22 - 30 60 VTM IGT 2.0 - VGT 0.5 - 0.2 IH 4.0 - 22 - 30 60 mA 0.65 - - 1.0 2.0 - mA 7.0 - 15 30 V - 1.4 1.8 V mA IDRM, IRRM mA - - - - 0.01 5.0 Symbol Min Typ Max Unit
ORDERING INFORMATION
Device MCR8DCMT4 MCR8DCMT4G MCR8DCNT4 MCR8DCNT4G Package DPAK DPAK (Pb-Free) 2500 / Tape & Reel DPAK DPAK (Pb-Free) Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
MCR8DCM, MCR8DCN
Voltage Current Characteristic of SCR
+ Current Anode + VTM on state IRRM at VRRM IH
Symbol
VDRM IDRM VRRM IRRM VTM IH
Parameter
Peak Repetitive Off State Forward Voltage Peak Forward Blocking Current Peak Repetitive Off State Reverse Voltage Peak Reverse Blocking Current Peak On State Voltage Holding Current Reverse Blocking Region (off state) Reverse Avalanche Region Anode -
+ Voltage IDRM at VDRM Forward Blocking Region (off state)
TC , MAXIMUM ALLOWABLE CASE TEMPERATURE ( C)
125
P(AV) , AVERAGE POWER DISSIPATION (WATTS)
10 180 8.0 a 120 90 dc 60
120
a
115
a = Conduction Angle
6.0
a = Conduction Angle
110 dc
4.0
a = 30
105 a = 30 0 1.0 2.0 60 3.0 90 4.0 120 5.0 180 6.0
2.0 0 0 1.0 2.0 3.0 4.0 5.0 6.0 IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
100 IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
Figure 1. Average Current Derating
Figure 2. On-State Power Dissipation
I T, INSTANTANEOUS ON-STATE CURRENT (AMPS)
100 TYPICAL @ TJ = 25C MAXIMUM @ TJ = 125C 10 r(t) , TRANSIENT RESISTANCE (NORMALIZED)
1.0
0.1 ZqJC(t) = RqJC(t)Sr(t)
MAXIMUM @ TJ = 25C 1.0
0.1 0 1.0 2.0 3.0 4.0 5.0 VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
0.01 0.1 1.0 10 100 1000 10 K t, TIME (ms)
Figure 3. On-State Characteristics
Figure 4. Transient Thermal Response
http://onsemi.com
3
MCR8DCM, MCR8DCN
100 VGT, GATE TRIGGER VOLTAGE (VOLTS) 5.0 20 35 50 65 80 95 110 125 I GT, GATE TRIGGER CURRENT (mA) 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 -40 -25 -10 5.0 20 35 50 65 80 95 110 125 TJ, JUNCTION TEMPERATURE (C) TJ, JUNCTION TEMPERATURE (C)
10
1.0 -40 -25 -10
Figure 5. Typical Gate Trigger Current versus Junction Temperature
100 100
Figure 6. Typical Gate Trigger Voltage versus Junction Temperature
IH , HOLDING CURRENT (mA)
10
IL, LATCHING CURRENT (mA) -40 -25 -10 5.0 20 35 50 65 80 95 110 125
10
1.0 TJ, JUNCTION TEMPERATURE (C)
1.0 -40 -25 -10
5.0
20
35
50
65
80
95
110
125
TJ, JUNCTION TEMPERATURE (C)
Figure 7. Typical Holding Current versus Junction Temperature
Figure 8. Typical Latching Current versus Junction Temperature
1000 VD = 800 V TJ = 125C STATIC dv/dt (V/ m s) 100 10 100 1000 10 K RGK, GATE-CATHODE RESISTANCE (OHMS)
Figure 9. Exponential Static dv/dt versus Gate-Cathode Resistance
http://onsemi.com
4
MCR8DCM, MCR8DCN
PACKAGE DIMENSIONS
DPAK CASE 369C ISSUE O
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.027 0.035 0.018 0.023 0.037 0.045 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.090 BSC 0.180 0.215 0.025 0.040 0.020 --- 0.035 0.050 0.155 --- MILLIMETERS MIN MAX 5.97 6.22 6.35 6.73 2.19 2.38 0.69 0.88 0.46 0.58 0.94 1.14 4.58 BSC 0.87 1.01 0.46 0.58 2.60 2.89 2.29 BSC 4.57 5.45 0.63 1.01 0.51 --- 0.89 1.27 3.93 ---
-T- B V R
4
SEATING PLANE
C E
A S
1 2 3
Z U
K F L D G
2 PL
J H 0.13 (0.005) T
DIM A B C D E F G H J K L R S U V Z
M
STYLE 4: PIN 1. CATHODE 2. ANODE 3. GATE 4. ANODE
SOLDERING FOOTPRINT*
6.20 0.244 2.58 0.101 5.80 0.228 1.6 0.063 6.172 0.243 3.0 0.118
SCALE 3:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
5
MCR8DCM/D


▲Up To Search▲   

 
Price & Availability of MCR8DCMT4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X