|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MC74VHCT574A Octal D-Type Flip-Flop with 3-State Output The MC74VHCT574A is an advanced high speed CMOS octal flip-flop with 3-state output fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. This 8-bit D-type flip-flop is controlled by a clock input and an output enable input. When the output enable input is high, the eight outputs are in a high impedance state. The VHCT inputs are compatible with TTL levels. This device can be used as a level converter for interfacing 3.3 V to 5.0 V, because it has full 5.0 V CMOS level output swings. The VHCT574A input and output (when disabled) structures provide protection when voltages between 0 V and 5.5 V are applied, regardless of the supply voltage. These input and output structures help prevent device destruction caused by supply voltage-input/output voltage mismatch, battery backup, hot insertion, etc. Features http://onsemi.com MARKING DIAGRAMS 20 VHCT574A AWLYYWWG 1 1 SOIC-20WB SUFFIX DW CASE 751D 20 VHCT 574A ALYWG G 1 * * * * * * * * * * * * High Speed: fmax = 140 MHz (Typ) at VCC = 5.0 V Low Power Dissipation: ICC = 4 mA (Max) at TA = 25C TTL-Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V Power Down Protection Provided on Inputs and Outputs Balanced Propagation Delays Designed for 4.5 V to 5.5 V Operating Range Low Noise: VOLP = 1.6 V (Max) Pin and Function Compatible with Other Standard Logic Families Latchup Performance Exceeds 300 mA ESD Performance: Human Body Model > 2000 V; Machine Model > 200 V Chip Complexity: 286 FETs or 71.5 Equivalent Gates Pb-Free Packages are Available* 1 TSSOP-20 SUFFIX DT CASE 948E A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G or G = Pb-Free Package (Note: Microdot may be in either location) FUNCTION TABLE INPUTS OE L L L H CP D H L X X OUTPUT Q H L No Change Z L, H, X ORDERING INFORMATION See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. (c) Semiconductor Components Industries, LLC, 2006 1 January, 2006 - Rev. 4 Publication Order Number: MC74VHCT574A/D MC74VHCT574A D0 D1 D2 D3 D4 2 3 4 5 6 19 18 17 16 15 14 13 12 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 OE D0 NONINVERTING OUTPUTS D1 D2 D3 D4 D5 D6 D7 GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 CP DATA INPUTS 7 D5 8 D6 9 D7 11 CP OE 1 Figure 1. Logic Diagram Figure 2. Pin Assignment II I II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIII II I I III I IIIIIIIIIIIIIIIIIIIIIII II II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I I III II I II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII II I I III II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIII MAXIMUM RATINGS Symbol VCC Vin Parameter Value Unit V V V DC Supply Voltage DC Input Voltage - 0.5 to + 7.0 - 0.5 to + 7.0 Vout IIK DC Output Voltage Outputs in 3-State High or Low State - 0.5 to + 7.0 - 0.5 to VCC + 0.5 - 20 20 25 75 500 450 Input Diode Current mA mA mA mA IOK Iout Output Diode Current (VOUT < GND; VOUT > VCC) DC Output Current, per Pin ICC PD DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Storage Temperature SOIC Package TSSOP Package mW _C Tstg - 65 to + 150 Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. Derating - SOIC Packages: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND v (Vin or Vout) v VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V CC ). Unused outputs must be left open. RECOMMENDED OPERATING CONDITIONS Symbol VCC Vin DC Supply Voltage DC Input Voltage Parameter Min 4.5 0 0 0 Max 5.5 5.5 Unit V V V Vout TA DC Output Voltage Outputs in 3-State High or Low State 5.5 VCC Operating Temperature - 40 0 + 85 20 _C tr, tf Input Rise and Fall Time VCC =5.0V 0.5V ns/V http://onsemi.com 2 25 CPD Power Dissipation Capacitance (Note 2) pF 1. Parameter guaranteed by design. tOSLH = |tPLHm - tPLHn|, tOSHL = |tPHLm - tPHLn|. 2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC / 8 (per flip-flop). CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC. I I I II I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I II I I I III I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I II I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I IIIII I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII III I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I II I I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIII I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIII IIIII IIIIIIII IIIIII IIIII I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III I III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIII II I I I II I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII I IIIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIII III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIII IIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIII I II I I I I I I I III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIII I II IIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIII IIIIIIII IIIIIIIIIIII I I I III I II I I III I I I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIII II I I I I I I I IIIII I I I II I I I I I I I IIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIII IIIIIIIIII I IIIIIIII III I I I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIII I IIIIII I IIIIII IIIIII II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns) DC ELECTRICAL CHARACTERISTICS Symbol Symbol tOSLH, tOSHL tPLH, tPHL tPLZ, tPHZ tPZL, tPZH IOPD ICCT VOH Cout fmax VOL VIH ICC IOZ Cin VIL Iin Maximum Three-State Output Capacitance, Output in High-Impedance State Maximum Input Capacitance Output to Output Skew Output Disable Time, OE to Q Output Enable Time, OE to Q Maximum Propagation Delay, CP to Q Maximum Clock Frequency (50% Duty Cycle) Output Leakage Current Quiescent Supply Current Maximum Quiescent Supply Current Maximum 3-State Leakage Current Maximum Input Leakage Current Maximum Low-Level Output Voltage Vin = VIH or VIL Minimum High-Level Output Voltage Vin = VIH or VIL Maximum Low-Level Input Voltage Minimum High-Level Input Voltage Parameter Parameter Per Input: VIN = 3.4V Other Input: VCC or GND VOUT = 5.5V Vin = VCC or GND Vin = VIL or VIH Vout = VCC or GND Vin = 5.5 V or GND IOL = 8mA IOL = 50mA IOH = - 8mA IOH = - 50mA Test Conditions VCC = 5.0 0.5V (Note 1) VCC = 5.0 0.5V RL = 1kW VCC = 5.0 0.5V RL = 1kW VCC = 5.0 0.5V VCC = 5.0 0.5V NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V) Symbol VOLP VOLV VIHD VILD Maximum Low Level Dynamic Input Voltage Minimum High Level Dynamic Input Voltage Quiet Output Minimum Dynamic VOL Quiet Output Maximum Dynamic VOL Parameter MC74VHCT574A http://onsemi.com Test Conditions CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 50pF CL = 50pF 4.5 to 5.5 4.5 to 5.5 0 to 5.5 VCC V 5.5 5.5 5.5 4.5 4.5 4.5 4.5 0 3.94 Min Min 4.4 2.0 90 85 TA = 25C TA = 25C Typical @ 25C, VCC = 5.0V Typ Typ 140 130 7.0 6.5 7.3 4.1 5.6 0.0 4.5 9 4 0.25 0.1 10.2 11.2 9.4 10.4 Max 1.35 0.36 Max 11.2 1.0 0.5 4.0 0.1 0.8 10 -1.2 Typ 1.2 TA = - 40 to 85C TA = - 40 to 85C 3.80 TA = 25C Min Min 1.0 1.0 1.0 1.0 1.0 4.4 2.0 80 95 -1.6 Max 0.8 2.0 1.6 2.5 1.0 12.0 11.5 12.5 10.5 11.5 Max 1.50 40.0 0.44 Max 1.0 5.0 0.1 0.8 10 MHz Unit Unit Unit mA mA mA mA mA pF pF ns ns ns ns V V V V V V V V 3 MC74VHCT574A TIMING REQUIREMENTS (Input tr = tf = 3.0ns) TA = 25C Symbol tsu th tw Parameter Minimum Setup Time, D to CP Minimum Hold Time, CP to D Minimum Pulse Width, CP Test Conditions VCC = 5.0 0.5 V VCC = 5.0 0.5 V VCC = 5.0 0.5 V Typ Limit 6.5 2.5 2.5 TA = - 40 to 85C Limit 8.5 2.5 2.5 Unit ns ns ns ORDERING INFORMATION Device MC74VHCT574ADW MC74VHCT574ADWG MC74VHCT574ADWR2 MC74VHCT574ADWRG MC74VHCT574ADT MC74VHCT574ADTG MC74VHCT574ADTR2 MC74VHCT574ADTRG Package SOIC-20WB SOIC-20WB (Pb-Free) SOIC-20WB SOIC-20WB (Pb-Free) TSSOP-20* TSSOP-20* TSSOP-20* TSSOP-20* Shipping 38 Units / Rail 38 Units / Rail 1000 / Tape & Reel 1000 / Tape & Reel 75 Units / Rail 75 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free. 3V CP 1.5V tW tPLH Q 1.5V VOL GND 1/fmax tPHL VOH OE 3V 1.5V GND tPZL tPLZ HIGH IMPEDANCE VOL +0.3V tPZH tPHZ VOH -0.3V HIGH IMPEDANCE Q 1.5V Q 1.5V Figure 3. Switching Waveform Figure 4. Switching Waveform VALID D 1.5V 3V GND tsu CP 1.5V th 3V GND Figure 5. Switching Waveform http://onsemi.com 4 MC74VHCT574A TEST POINT OUTPUT DEVICE UNDER TEST C L* DEVICE UNDER TEST TEST POINT OUTPUT 1 kW CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH. C L* *Includes all probe and jig capacitance *Includes all probe and jig capacitance Figure 6. Test Circuit Figure 7. Test Circuit D0 2 C Q D C Q D C Q D C Q D C Q D C Q D C Q D C Q D 11 1 19 Q0 D1 3 18 Q1 D2 4 17 Q2 D3 5 16 Q3 D4 6 15 Q4 D5 7 14 Q5 D6 8 13 Q6 D7 9 12 Q7 CP OE Figure 8. Expanded Logic Diagram http://onsemi.com 5 MC74VHCT574A PACKAGE DIMENSIONS SOIC-20 WB DW SUFFIX CASE 751D-05 ISSUE G D NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE PROTRUSION SHALL BE 0.13 TOTAL IN EXCESS OF B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L q MILLIMETERS MIN MAX 2.35 2.65 0.10 0.25 0.35 0.49 0.23 0.32 12.65 12.95 7.40 7.60 1.27 BSC 10.05 10.55 0.25 0.75 0.50 0.90 0_ 7_ A 11 X 45 _ q H M B M 20 10X 0.25 E 1 10 20X B 0.25 M B TA S B S A SEATING PLANE h 18X e A1 T C http://onsemi.com 6 L MC74VHCT574A PACKAGE DIMENSIONS TSSOP-20 D5 SUFFIX CASE 948E-02 ISSUE B 20X K REF M 0.15 (0.006) T U S 0.10 (0.004) TU S V S L PIN 1 IDENT 1 10 B -U- J J1 N 0.15 (0.006) T U S A -V- N F C D 0.100 (0.004) -T- SEATING PLANE G H DETAIL E ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative. http://onsemi.com 7 IIII IIII IIII SECTION N-N M DETAIL E 2X L/2 20 11 K K1 0.25 (0.010) NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 6.40 6.60 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.252 0.260 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_ -W- DIM A B C D F G H J J1 K K1 L M MC74VHCT574A/D |
Price & Availability of MC74VHCT540A06 |