Part Number Hot Search : 
D00469 MLL4740A 24C01A 74HC164D SC2272 29LV160 E0052 R1550C
Product Description
Full Text Search
 

To Download MC74VHC1G50DFT2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74VHC1G50 Buffer
The MC74VHC1G50 is an advanced high speed CMOS buffer fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. The internal circuit is composed of three stages, including a buffered output which provides high noise immunity and stable output. The MC74VHC1G50 input structure provides protection when voltages up to 7.0 V are applied, regardless of the supply voltage. This allows the MC74VHC1G50 to be used to interface 5.0 V circuits to 3.0 V circuits.
http://onsemi.com MARKING DIAGRAMS
SC-88A / SOT-353/SC-70 DF SUFFIX CASE 419A
* * * * * * *
High Speed: tPD = 3.5 ns (Typ) at VCC = 5 V Low Power Dissipation: ICC = 1 mA (Max) at TA = 25C Power Down Protection Provided on Inputs Balanced Propagation Delays Pin and Function Compatible with Other Standard Logic Families Chip Complexity: FET = 104; Equivalent Gate = 26
These devices are available in Pb-free package(s). Specifications herein apply to both standard and Pb-free devices. Please see our website at www.onsemi.com for specific Pb-free orderable part numbers, or contact your local ON Semiconductor sales office or representative.
VRd
Pin 1 d = Date Code
TSOP-5/SOT-23/SC-59 DT SUFFIX CASE 483
VRd
Pin 1 d = Date Code
NC
1
5
VCC 1
PIN ASSIGNMENT
NC IN A GND OUT Y VCC 2 3 4
IN A
2
GND
3
4
OUT Y
5
FUNCTION TABLE Figure 1. Pinout (Top View)
A Input L H Y Output L H
IN A
1
OUT Y
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
Figure 2. Logic Symbol
(c) Semiconductor Components Industries, LLC, 2006
March, 2006 - Rev. 12 -
1
Publication Order Number: MC74VHC1G50/D
MC74VHC1G50
MAXIMUM RATINGS (Note 1)
Symbol VCC VIN VOUT IIK IOK IOUT ICC PD JA TL TJ Tstg VESD DC Supply Voltage DC Input Voltage DC Output Voltage Input Diode Current Output Diode Current DC Output Current, per Pin DC Supply Current, VCC and GND Power dissipation in still air Thermal resistance Lead temperature, 1 mm from case for 10 s Junction temperature under bias Storage temperature ESD Withstand Voltage Human Body Model (Note 2) Machine Model (Note 3) Charged Device Model (Note 4) Above VCC and Below GND at 125C (Note 5) SC--88A, TSOP--5 SC--88A, TSOP--5 VOUT < GND; VOUT > VCC VCC = 0 High or Low State Characteristics Value --0.5 to +7.0 --0.5 to +7.0 --0.5 to 7.0 --0.5 to VCC + 0.5 --20 +20 +25 +50 200 333 260 +150 --65 to +150 > 2000 > 200 N/A 500 Unit V V V mA mA mA mA mW C/W C C C V
ILatch--Up
Latch--Up Performance
mA
1. Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute--maximum--rated conditions is not implied. Functional operation should be restricted to the Recommended Operating Conditions. 2. Tested to EIA/JESD22--A114--A 3. Tested to EIA/JESD22--A115--A 4. Tested to JESD22--C101--A 5. Tested to EIA/JESD78
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN VOUT TA tr , tf DC Supply Voltage DC Input Voltage DC Output Voltage Operating Temperature Range Input Rise and Fall Time VCC = 3.3 V 0.3 V VCC = 5.0 V 0.5 V Characteristics Min 2.0 0.0 0.0 --55 0 0 Max 5.5 5.5 VCC +125 100 20 Unit V V V C ns/V
Device Junction Temperature versus Time to 0.1% Bond Failures
Temperature C 80 90 100 110 120 130 140 Time, Hours 1,032,200 419,300 178,700 79,600 37,000 17,800 8,900 Time, Years 117.8 47.9 20.4 9.4 4.2 2.0 1.0 NORMALIZED FAILURE RATE Junction FAILURE RATE OF PLASTIC = CERAMIC UNTIL INTERMETALLICS OCCUR TJ = 130 C TJ = 120 C TJ = 110 C TJ = 100 C TJ = 80 C 100 TIME, YEARS TJ = 90 C
1 1 10 1000
Figure 3. Failure Rate vs. Time Junction Temperature
http://onsemi.com
2
MC74VHC1G50
DC ELECTRICAL CHARACTERISTICS
Symbol VIH Parameter Minimum High--Level Input Voltage Test Conditions VCC (V) 2.0 3.0 4.5 5.5 2.0 3.0 4.5 5.5 VIN = VIH or VIL IOH = --50 mA VIN = VIH or VIL IOH = --4 mA IOH = --8 mA VOL Maximum Low--Level Output Voltage VIN = VIH or VIL VIN = VIH or VIL IOL = 50 mA VIN = VIH or VIL IOL = 4 mA IOL = 8 mA IIN ICC Maximum Input Leakage Current Maximum Quiescent Supply Current VIN = 5.5 V or GND VIN = VCC or GND 2.0 3.0 4.5 3.0 4.5 2.0 3.0 4.5 3.0 4.5 0 to 5.5 5.5 1.9 2.9 4.4 2.58 3.94 0.0 0.0 0.0 0.1 0.1 0.1 0.36 0.36 0.1 1.0 2.0 3.0 4.5 TA = 25C Min 1.5 2.1 3.15 3.85 0.5 0.9 1.35 1.65 1.9 2.9 4.4 2.48 3.80 0.1 0.1 0.1 0.44 0.44 1.0 20 Typ Max TA 85C Min 1.5 2.1 3.15 3.85 0.5 0.9 1.35 1.65 1.9 2.9 4.4 2.34 3.66 0.1 0.1 0.1 0.52 0.52 1.0 40 Max -55 TA 125C Min 1.5 2.1 3.15 3.85 0.5 0.9 1.35 1.65 Max Unit V
VIL
Maximum Low--Level Input Voltage
V
VOH
Minimum High--Level Output Voltage VIN = VIH or VIL
V
V
V
V
mA mA
AC ELECTRICAL CHARACTERISTICS Cload = 50 pF, Input tr = tf = 3.0 ns
TA = 25C Symbol tPLH, tPHL Parameter Maximum Propagation Delay, Input A to Y Test Conditions VCC = 3.3 0.3 V VCC = 5.0 0.5 V CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF Min Typ 4.5 6.4 3.5 4.5 4 Max 7.1 10.6 5.5 7.5 10 TA 85C Min Max 8.5 12.0 6.5 8.5 10 -55 TA 125C Min Max 10.0 14.5 8.0 10.0 10 pF Unit ns
CIN
Maximum Input Capacitance
Typical @ 25C, VCC = 5.0 V CPD Power Dissipation Capacitance (Note 6) 8.0 pF 6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC. CPD is used to determine the no--load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
http://onsemi.com
3
MC74VHC1G50
TEST POINT A or B VCC 50% tPHL Y 50% VCC *Includes all probe and jig capacitance tPLH GND DEVICE UNDER TEST OUTPUT CL*
Figure 4. Switching Waveforms
Figure 5. Test Circuit
DEVICE ORDERING INFORMATION
Device Nomenclature Circuit Indicator MC MC MC Temp Range Identifier 74 74 74 Device Function 50 50 50 Package Suffix DF DF DT Tape & Reel Suffix T1 T2 T1 Tape and Reel Size 178 mm (7") 3000 Unit 178 mm (7") 3000 Unit 178 mm (7") 3000 Unit
Device Order Number MC74VHC1G50DFT1 MC74VHC1G50DFT2 MC74VHC1G50DTT1
Technology VHC1G VHC1G VHC1G
Package Type SC--88A / SOT--353 / SC--70 SC--88A / SOT--353 / SC--70 TSOP--5 / SOT--23 / SC--59
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
4
MC74VHC1G50
CAVITY TAPE
TOP TAPE
TAPE TRAILER (Connected to Reel Hub) NO COMPONENTS 160 mm MIN
COMPONENTS DIRECTION OF FEED
TAPE LEADER NO COMPONENTS 400 mm MIN
Figure 6. Tape Ends for Finished Goods
TAPE DIMENSIONS mm 2.00 4.00 4.00 1.50 TYP 1.75
8.00 0.30
3.50 0.50
1 1.00 MIN DIRECTION OF FEED
Figure 7. SC- -5/SC-70-88A/SOT-353 DFT1 Reel Configuration/Orientation
TAPE DIMENSIONS mm 2.00
4.00 4.00 1.50 TYP 1.75
8.00 0.30
3.50 0.50
1 1.00 MIN DIRECTION OF FEED
Figure 8. SC-70/SC-88A/SOT-353 DFT2 and SOT23-5/TSOP-5/SC59- DTT1 Reel Configuration/Orientation -5
http://onsemi.com
5
MC74VHC1G50
t MAX
1.5 mm MIN (0.06 in) A 20.2 mm MIN (0.795 in)
13.0 mm 0.2 mm (0.512 in 0.008 in)
50 mm MIN (1.969 in)
FULL RADIUS
G
Figure 9. Reel Dimensions
REEL DIMENSIONS
Tape Size 8 mm T and R Suffix T1, T2 A Max 178 mm (7 in) G 8.4 mm, + 1.5 mm, --0.0 (0.33 in + 0.059 in, --0.00) t Max 14.4 mm (0.56 in)
DIRECTION OF FEED
BARCODE LABEL POCKET HOLE
Figure 10. Reel Winding Direction
http://onsemi.com
6
MC74VHC1G50
PACKAGE DIMENSIONS
SC70-5/SC-88A/SOT-353 DF SUFFIX 5--LEAD PACKAGE CASE 419A--02 ISSUE G
G
A
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419A--01 OBSOLETE. NEW STANDARD 419A--02. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC -----0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087 MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC -----0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20
5
4
S
1 2 3
--B-
D 5 PL
0.2 (0.008)
M
B
M
N J
DIM A B C D G H J K N S
K
SOLDERING FOOTPRINT*
0.50 0.0197
0.65 0.025 0.65 0.025
0.40 0.0157 1.9 0.0748
SCALE 20:1
mm inches
Figure 11. SC-88A/SC70-5/SOT-353
*For additional information on our Pb--Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
7
MC74VHC1G50
PACKAGE DIMENSIONS
SOT23-5/TSOP-5/SC59-5 DT SUFFIX 5--LEAD PACKAGE CASE 483--01 ISSUE C
4 2 3
D
5 1
S
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. A AND B DIMENSIONS DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. MILLIMETERS INCHES DIM MIN MAX MIN MAX A 2.90 3.10 0.1142 0.1220 B 1.30 1.70 0.0512 0.0669 C 0.90 1.10 0.0354 0.0433 D 0.25 0.50 0.0098 0.0197 G 0.85 1.05 0.0335 0.0413 H 0.013 0.100 0.0005 0.0040 J 0.10 0.26 0.0040 0.0102 K 0.20 0.60 0.0079 0.0236 L 1.25 1.55 0.0493 0.0610 M 0_ 10 _ 0_ 10 _ S 2.50 3.00 0.0985 0.1181
L A
G J
C 0.05 (0.002) H K
M
SOLDERING FOOTPRINT*
1.9 0.074
0.95 0.037
2.4 0.094 1.0 0.039 0.7 0.028
SCALE 10:1 mm inches
Figure 12. THIN SOT23-5/TSOP-5/SC59-5
*For additional information on our Pb--Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800--282--9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082--1312 USA Phone: 480--829--7710 or 800--344--3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2--9--1 Kamimeguro, Meguro--ku, Tokyo, Japan 153--0051 Fax: 480--829--7709 or 800--344--3867 Toll Free USA/Canada Phone: 81--3--5773--3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC74VHC1G50/D


▲Up To Search▲   

 
Price & Availability of MC74VHC1G50DFT2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X