Part Number Hot Search : 
D4050 MBR2045 D23C1 GI9971 LSH33 B0023382 NJU6376 XN01119
Product Description
Full Text Search
 

To Download MC74LVX4245DT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74LVX4245 Dual Supply Octal Translating Transceiver
with 3-State Outputs
The 74LVX4245 is a 24-pin dual-supply, octal translating transceiver that is designed to interface between a 5.0 V bus and a 3.0 V bus in a mixed 3.0 V / 5.0 V supply environment such as laptop computers using a 3.3 V CPU and 5.0 V LCD display. The A port interfaces with the 5V bus; the B port interfaces with the 3.0 V bus. The Transmit/Receive (T/R) input determines the direction of data flow. Transmit (active-High) enables data from the A port to the B port. Receive (active-Low) enables data from the B port to the A port. The Output Enable (OE) input, when High, disables both A and B ports by placing them in 3-State.
Features http://onsemi.com MARKING DIAGRAMS
24 24 SOIC-24 DW SUFFIX CASE 751E 1 24 24 1 TSSOP-24 DT SUFFIX CASE 948H 1 LVXC4245 AWLYYWW LVX 4245 AWLYYWW
1
* * * * * * * *
Bi-directional Interface Between 5.0 V and 3.0 V Buses Control Inputs Compatible with TTL Level 5.0 V Data Flow at A Port and 3.0 V Data Flow at B Port Outputs Source/Sink 24 mA at 5.0 V Bus and 12 mA at 3.0 V Bus Guaranteed Simultaneous Switching Noise Level and Dynamic Threshold Performance Available in SOIC and TSSOP Packages Functionally Compatible with the 74 Series 245 Pb-Free Packages are Available*
A WL YY WW
= = = =
Assembly Location Wafer Lot Year Work Week
VCCB VCCB OE 24 23 22
B0 21
B1 20
B2 19
B3 18
B4 17
B5 16
B6 15
B7 14
GND 13
PIN NAMES
Pins OE T/R A0-A7 Function Output Enable Input Transmit/Receive Input Side A 3-State Inputs or 3-State Outputs Side B 3-State Inputs or 3-State Outputs
1
2
3 A0
4 A1
5 A2
6 A3
7 A4
8 A5
9 A6
10 A7
11
12
B0-B7
VCCA T/R
GND GND
Figure 1. 24-Lead Pinout (Top View)
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
1
March, 2005 - Rev. 4
Publication Order Number: MC74LVX4245/D
MC74LVX4245
OE 22 T/R 2 A0 3 21 A1 4 20 A2 5 19 A3 6 18 A4 7 17 A5 8 16 A6 9 15 A7 10 14 B7 B6 B5 B4 B3 B2 B1 B0
Figure 2. Logic Diagram
INPUTS OE L L H T/R L H X OPERATING MODE Non-Inverting B Data to A Bus A Data to B Bus Z
H = High Voltage Level; L = Low Voltage Level; Z = High Impedance State; X = High or Low Voltage Level and Transitions are Acceptable; For ICC reasons, Do Not Float Inputs
http://onsemi.com
2
MC74LVX4245
ABSOLUTE MAXIMUM RATINGS
Symbol VCCA, VCCB VI VI/O DC Supply Voltage DC Input Voltage DC Input/Output Voltage OE, T/R An Bn IIK IOK IO ICC, IGND TSTG Latchup DC Input Diode Current DC Output Diode Current DC Output Source/Sink Current DC Supply Current Per Output Pin Maximum Current at ICCA Maximum Current at ICCB OE, T/R Parameter Value -0.5 to +7.0 -0.5 to VCCA +0.5 -0.5 to VCCA +0.5 -0.5 to VCCB +0.5 20 50 50 50 200 100 -65 to +150 300 VI < GND VO < GND; VO > VCC Condition Unit V V V V mA mA mA mA
Storage Temperature Range DC Latchup Source/Sink Current
C mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
RECOMMENDED OPERATING CONDITIONS
Symbol VCCA, VCCB VI VI/O TA Dt/DV Supply Voltage Input Voltage Input/Output Voltage Operating Free-Air Temperature Minimum Input Edge Rate VIN from 30% to 70% of VCC; VCC at 3.0V, 4.5V, 5.5V Parameter VCCA VCCB OE, T/R An Bn Min 4.5 2.7 0 0 0 -40 0 Max 5.5 3.6 VCCA VCCA VCCB +85 8 Unit V V V C ns/V
DC ELECTRICAL CHARACTERISTICS
TA = 25C Symbol VIHA VIHB VILA VILB VOHA VOHB Parameter Minimum HIGH Level I t Voltage Input V lt An,OE T/R Bn Maximum LOW Level I t Voltage Input V lt An,OE T/R Bn Minimum HIGH Level O t t V lt Output Voltage Condition VOUT 0.1V or VCC - 0.1V VOUT 0.1V or VCC - 0.1V IOUT = -100mA IOH = -24mA IOUT = -100mA IOH = -12mA IOH = -8mA IOUT = 100mA IOL = 24mA IOUT = 100mA IOL = 12mA IOL = 8mA VCCA 5.5 4.5 5.0 5.0 5.5 4.5 5.0 5.0 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 VCCB 3.3 3.3 3.6 2.7 3.3 3.3 2.7 3.6 3.0 3.0 3.0 3.0 2.7 3.0 3.0 3.0 3.0 2.7 4.50 4.25 2.99 2.80 2.50 0.002 0.18 0.002 0.1 0.1 Typ 2.0 2.0 2.0 2.0 0.8 0.8 0.8 0.8 4.40 3.86 2.9 2.4 2.4 0.10 0.36 0.10 0.31 0.31 TA = -40 to +85C Guaranteed Limits 2.0 2.0 2.0 2.0 0.8 0.8 0.8 0.8 4.40 3.76 2.9 2.4 2.4 0.10 0.44 0.10 0.40 0.40 Unit V V V V V V
VOLA VOLB
Maximum LOW Level Output Voltage O t t V lt
V V
http://onsemi.com
3
MC74LVX4245
DC ELECTRICAL CHARACTERISTICS
TA = 25C Symbol IIN Parameter Max Input Leakage Current Max 3-State Output Leakage Max 3-State Output Leakage Maximum ICCT per Input OE, T/R Condition VI = VCCA, GND VI = VIH, VIL OE = VCCA VO = VCCA, GND VI = VIH, VIL OE = VCCA VO = VCCB, GND VI=VCCA-2.1V VI=VCCB-0.6V An=VCCA or GND Bn=VCCB or GND OE=GND T/R=GND An=VCCA or GND Bn=VCCB or GND OE=GND T/R=VCCA Notes 1, 2 Notes 1, 2 VCCA 5.5 VCCB 3.6 Typ 0.1 TA = -40 to +85C Guaranteed Limits 1.0 Unit mA
IOZA
An
5.5
3.6
0.5
5.0
mA
IOZB
Bn An,OE T/R Bn
5.5
3.6
0.5
5.0
mA
DICC
5.5 5.5
3.6 3.6
1.0
1.35 0.35
1.5 0.5
mA mA mA
ICCA
Quiescent VCCA Supply Current
5.5
3.6
8
80
ICCB
Quiescent VCCB Supply Current
mA 5.5 3.6 5 50
VOLPA VOLPB VOLVA VOLVB VIHDA VIHDB VILDA VILDB
Quiet Output Max Dynamic VOL Quiet Output Min Dynamic VOL Min HIGH Level Dynamic Input Voltage Max LOW Level Dynamic Input Voltage
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
3.3 3.3 3.3 3.3 3.3 3.3 3.3 3.3
1.5 1.2 -1.2 -0.8 2.0 2.0 0.8 0.8
V V V
Notes 1, 3
V
Notes 1, 3
1. Worst case package. 2. Max number of outputs defined as (n). Data inputs are driven 0V to VCC level; one output at GND. 3. Max number of data inputs (n) switching. (n-1) inputs switching 0V to VCC level. Input under test switching: VCC level to threshold (VIHD), 0V to threshold (VILD), f = 1MHz.
CAPACITIVE CHARACTERISTICS
Symbol CIN CI/O CPD Input Capacitance Input/Output Capacitance Power Dissipation Capacitance (Measured at 10MHz) BA AB Parameter Condition VCCA = 5.0V; VCCB = 3.3V VCCA = 5.0V; VCCB = 3.3V VCCA = 5.0V VCCB = 3.3V Typical 4.5 15 55 40 Unit pF pF pF
http://onsemi.com
4
MC74LVX4245
AC ELECTRICAL CHARACTERISTICS
TA = -40 to +85C CL = 50pF VCCA = 5V 0.5V VCCB = 3.3V 0.3V Symbol tPHL tPLH tPHL tPLH tPZL tPZH tPZL tPZH tPHZ tPLZ tPHZ tPLZ tOSHL tOSLH Parameter Propagation Delay A to B Propagation Delay B to A Output Enable Time OE to B Output Enable Time OE to A Output Disable Time OE to B Output Disable Time OE to A Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Typ (Note 4) 5.1 5.3 5.4 5.5 6.5 6.7 5.2 5.8 6.0 3.3 3.9 2.9 1.0 Max 9.0 9.0 9.0 9.0 10.5 10.5 9.5 9.5 10.0 7.0 7.5 7.0 1.5 TA = -40 to +85C CL = 50pF VCCA = 5V 0.5V VCCB = 2.7V Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max 10.0 10.0 10.0 10.0 11.5 11.5 10.0 10.0 10.0 7.5 7.5 7.5 1.5 Unit ns ns ns ns ns ns ns
Output to Output Skew, Data to Output (Note 5)
4. Typical values at VCCA = 5.0V; VCCB = 3.3V at 25C. 5. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH); parameter guaranteed by design.
ORDERING INFORMATION
Device MC74LVX4245DW MC74LVX4245DWR2 MC74LVX4245DWR2G MC74LVX4245DT MC74LVX4245DTR2 Package SOIC-24 SOIC-24 SOIC-24 (Pb-Free) TSSOP-24* TSSOP-24* Shipping 30 Units / Rail 1000 Tape & Reel 1000 Tape & Reel 62 Units / Rail 2500 Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
5
MC74LVX4245
Dual Supply Octal Translating Transceiver
The 74LVX4245 is a is a dual-supply device well capable of bidirectional signal voltage translation. This level shifting ability provides an excellent interface between low voltage CPU local bus and a standard 5.0 V I/O bus. The device control inputs can be controlled by either the low voltage CPU and core logic or a bus arbitrator with 5.0 V I/O levels. The LVX4245 is ideal for mixed voltage applications such as notebook computers using a 3.3 V CPU and 5.0 V peripheral devices.
Applications: Mixed Mode Dual Supply Interface Solutions
LOW VOLTAGE CPU LOCAL BUS
VCCB LVX4245 VCCA
VCCB LVX4245 VCCA EISA - ISA - MCA (5V I/O LEVELS)
The LVX4245 is designed to solve 3.0 V / 5.0 V interfaces when CMOS devices cannot tolerate I/O levels above their applied VCC. If an I/O pin of a 3.0 V device is driven by a 5.0 V device, the P-Channel transistor in the 3.0 V device will conduct - causing current flow from the I/O bus to the 3.0 V power supply. The result may be destruction of the 3.0 V device through latchup effects. A current limiting resistor may be used to prevent destruction, but it causes speed degradation and needless power dissipation. A better solution is provided in the LVX4245. It provides two different output levels that easily handle the dual voltage interface. The A port is a dedicated 5.0 V port; the B port is a dedicated 3.0 V port. Since the LVX4245 is a `245 transceiver, the user may either use it for bidirectional or unidirectional applications. The center 20 pins are configured to match a `245 pinout. This enables the user to easily replace this level shifter with a 3.0 V `245 device without additional layout work or re- manufacture of the circuit board (when both buses are 3.0 V).
Figure 3. 3.3V/5V Interface Block Diagram Powering Up the LVX4245
When powering up the LVX4245, please note that if the VCCB pin is powered-up well in advance of the VCCA pin, several milliamps of either ICCA or ICCB current will result. If the VCCA pin is powered-up in advance of the VCCB pin then only nanoamps of Icc current will result. In actuality the VCCB can be powered "slightly" before the VCCA without the current penalty, but this "setup time" is dependent on the power-up ramp rate of the VCC pins. With a ramp rate of approximately 50 mV/ns (50V/ms) a 25 ns setup time was observed (VCCB before VCCA). With a 7.0 V/ms rate, the setup time was about 140ns. When all is said and done, the safest powerup strategy is to simply power VCCA before VCCB. One more note: if the VCCB ramp rate is faster than the VCCA ramp rate then power problems might still occur, even if the VCCA powerup began prior to the VCCB powerup.
http://onsemi.com
6
MC74LVX4245
MICROCHANNEL/ EISA/ISA/AT 5V BUS
5V
LOCAL 3V BUS
3V
KEYBOARD CONTROLLER SUPER I/O CORE LOGIC 5V VCCA 3V VCCB
CACHE SRAM
CPU 386/486
LVX4245
TRANSCEIVERS A PORT A0:7 B PORT B0:7 ROM BIOS
PCMCIA CONTROLLER VGA CONTROLLER MEMORY DRIVER
Figure 4. MC74LVX4245 Fits Into a System with 3V Subsystem and 5V Subsystem
VCCA (T/R) DIR A0 A1 A2 A3 A4 A5 A6 A7 GND GND
MC74LVX4245
VCCB VCCB OE B0 B1 B2 B3 B4 B5 B6 B7 GND
STANDARD 74 SERIES `245
Figure 5. MC74LVX4245 Pin Arrangement Is Compatible to 20-Pin 74 Series `245s
http://onsemi.com
7
MC74LVX4245
VCC An, Bn 50% VCC tPLH Bn, An 50% VCC 50% VCC 0V tPHL 50% VCC VOL WAVEFORM 1 - PROPAGATION DELAYS tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns VOH
VCCA OE, T/R tPZH An, Bn 50% VCC 50% VCC tPHZ 50% VCC 0V VCC VOH - 0.3V 0V tPZL An, Bn 50% VCC tPLZ VCC VOL + 0.3V GND
WAVEFORM 2 - OUTPUT ENABLE AND DISABLE TIMES tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns
Figure 6. AC Waveforms
VCC R1 CL RL 2 x VCC OPEN
PULSE GENERATOR RT
DUT
TEST tPLH, tPHL, tPZH, tPHZ tPZL, tPLZ
SWITCH Open 2 x VCC
CL = 50pF or equivalent (Includes jig and probe capacitance) RL = R1 = 500W or equivalent RT = ZOUT of pulse generator (typically 50W)
Figure 7. Test Circuit
http://onsemi.com
8
MC74LVX4245
PACKAGE DIMENSIONS
SOIC-24 DW SUFFIX CASE 751E-04 ISSUE E
-A-
24 13 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 15.25 15.54 7.40 7.60 2.35 2.65 0.35 0.49 0.41 0.90 1.27 BSC 0.23 0.32 0.13 0.29 0_ 8_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.601 0.612 0.292 0.299 0.093 0.104 0.014 0.019 0.016 0.035 0.050 BSC 0.009 0.013 0.005 0.011 0_ 8_ 0.395 0.415 0.010 0.029
-B-
12X
P 0.010 (0.25)
M
B
M
1
12
24X
D 0.010 (0.25)
M
J TA
S
B
S
F R C -T-
SEATING PLANE X 45 _
M
22X
G
K
http://onsemi.com
9
MC74LVX4245
PACKAGE DIMENSIONS
TSSOP-24 DT SUFFIX CASE 948H-01 ISSUE A
24X K REF NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 7.70 7.90 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.303 0.311 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
2X
L/2
24
13
L
PIN 1 IDENT. 1 12
B -U-
0.15 (0.006) T U
S
A -V-
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
-W-
DIM A B C D F G H J J1 K K1 L M
DETAIL E N K 0.25 (0.010) M N F DETAIL E
J1
J
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
C CCC EE CCC ECC E
K1
SECTION N-N
http://onsemi.com
10
MC74LVX4245/D


▲Up To Search▲   

 
Price & Availability of MC74LVX4245DT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X