Part Number Hot Search : 
SAA7121 WJ176 M5M5256 74AUP1G SD453A PQ12R03 SP8714IG M5M5256
Product Description
Full Text Search
 

To Download MC74LVX245DWR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74LVX245 Octal Bus Transceiver
With 5 V-Tolerant Inputs
The MC74LVX245 is an advanced high speed CMOS octal bus transceiver. It is intended for two-way asynchronous communication between data buses. The direction of data transmission is determined by the level of the T/R input. The output enable pin (OE) can be used to disable the device, so that the buses are effectively isolated. All inputs are equipped with protection circuits against static discharge.
Features
http://onsemi.com MARKING DIAGRAMS
20 SOIC-20 DW SUFFIX CASE 751D 1 LVX245 AWLYYWW
* * * * * * * * *
High Speed: tPD = 4.7 ns (Typ) at VCC = 3.3 V Low Power Dissipation: ICC = 4 mA (Max) at TA = 25C Power Down Protection Provided on Inputs Balanced Propagation Delays Low Noise: VOLP = 0.8 V (Max) Pin and Function Compatible with Other Standard Logic Families Latchup Performance Exceeds 300 mA ESD Performance: Human Body Model > 2000 V; Machine Model > 200 V Pb-Free Packages are Available*
20 1
20 TSSOP-20 DT SUFFIX CASE 948E 1 LVX 245 ALYW
20 1
Application Notes
* Do not force a signal on an I/O pin when it is an active output, * *
damage may occur All floating (high impedance) input or I/O pins must be fixed by means of pullup or pulldown resistors or bus terminator ICs A parasitic diode is formed between the bus and VCC terminals. Therefore, the LVX245 cannot be used to interface 5.0 V to 3.0 V systems directly
VCC 20 OE 19 B0 18 B1 17 B2 16 B3 15 B4 14 B5 13 B6 12 B7 11 20 1
20 SOEIAJ-20 M SUFFIX CASE 967 1 74LVX245 AWLYWW
A WL, L Y, YY W, WW
= Assembly Location = Wafer Lot = Year = Work Week
ORDERING INFORMATION
1 T/R 2 A0 3 A1 4 A2 5 A3 6 A4 7 A5 8 A6 9 A7 10 GND
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
Figure 1. 20-Lead Pinout (Top View)
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
1
March, 2005 - Rev. 3
Publication Order Number: MC74LVX245/D
MC74LVX245
OE 19 T/R 1 A0 2 18 A1 3 17 A2 4 16 A3 5 15 A4 6 14 A5 7 13 A6 8 12 A7 9 11 B7 B6 B5 B4 B3 B2 B1 B0 OE L L H
Table 1. PIN NAMES
Pins OE T/R A0-A7 Bo-B7 Function Output Enable Input Transmit/Receive Input Side A 3-State Inputs or 3-State Outputs Side B 3-State Inputs or 3-State Outputs
INPUTS T/R L H X
OPERATING MODE Non-Inverting B Data to A Bus A Data to B Bus Z
H = High Voltage Level; L = Low Voltage Level; Z = High Impedance State; X = High or Low Voltage Level and Transitions are Acceptable; For ICC reasons, Do Not Float Inputs
Figure 2. Logic Diagram
ORDERING INFORMATION
Device MC74LVX245DWR2 MC74LVX245DWR2G MC74LVX245DTR2 MC74LVX245M MC74LVX245MEL Package SOIC-20 SOIC-20 (Pb-Free) TSSOP-20* SOEIAJ-20 (Pb-Free) SOEIAJ-20 (Pb-Free) Shipping 1000 / Tape & Reel 1000 / Tape & Reel 2500 / Tape & Reel 50 Units / Rail 2000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
2
II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I I II I I I I I I I III I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I II I I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I I I I I II I I I I I II I I I I IIIIIIIII IIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIII I I I II I I I I I II I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I III I I II I I I I I II I I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I I II I I I I II I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I I II I I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS
Symbol VCC VI/O Tstg ICC IOK Iout Vin PD IIK Storage Temperature Power Dissipation DC Supply Current, VCC and GND Pins DC Output Current, per Pin Output Diode Current Input Diode Current DC Output Voltage DC Input Voltage (T/R, OE) DC Supply Voltage Parameter
DC ELECTRICAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
SymbolIIIIIIIIII Test Conditions Parameter
Symbol
Dt/DV
VOH
VCC
VOL
VI/O
VIH
ICC
IOZ
VIL
Vin
TA
Iin
Quiescent Supply Current
Maximum 3-State Leakage Current
Input Leakage Current
Low-Level Output Voltage (Vin = VIH or VIL)
High-Level Output Voltage (Vin = VIH or VIL)
Low-Level Input Voltage
High-Level Input Voltage
Input Rise and Fall Time
Operating Temperature, All Package Types
DC Output Voltage
DC Input Voltage (T/R, OE)
DC Supply Voltage
IOL = 50 mA IOL = 50 mA IOL = 4 mA
Vin = 5.5 V or GND (T/R, OE)
Vin = VCC or GND
Vin = VIL or VIH Vout = VCC or GND
IOH = -50 mA IOH = -50 mA IOH = -4 mA
Parameter
http://onsemi.com
MC74LVX245
3 VCC V 3.6 3.6 3.6 2.0 3.0 3.0 2.0 3.0 3.0 2.0 3.0 3.6 2.0 3.0 3.6 1.9 2.9 2.58 Min 1.5 2.0 2.4 TA = 25C Typ 0.0 0.0 2.0 3.0 0.1 0.1 0.36 Max 0.2 5 0.1 0.5 0.8 0.8 4.0 Min -40 -0.5 to VCC +0.5 2.0 0 0 0 TA = - 40 to 85C -65 to +150 -0.5 to +7.0 -0.5 to +7.0 1.9 2.9 2.48 Min 1.5 2.0 2.4 Value 180 -20 75 25 20 Max VCC +85 100 5.5 3.6 0.1 0.1 0.44 40.0 2.5 1.0 0.5 0.8 0.8 Max ns/V Unit Unit Unit mW mA mA mA mA mA mA mA C C V V V V V V V V V V
MC74LVX245
III I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I III I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I II I I I I II I I I I II I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIII I I I II I I I I II I I I II I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIII II I I II I II I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIII I I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I I II I I I I II I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I III I I II I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
TA = 25C Typ 6.1 8.6 4.7 7.2 TA = - 40 to 85C Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max Symbol tPLH, tPHL Parameter Test Conditions Min Max Unit ns Propagation Delay Input to Output VCC = 2.7 V CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF 10.7 14.2 13.5 17.0 8.0 11.5 VCC = 3.3 0.3 V VCC = 2.7 V RL = 1 kW 6.6 10.1 tPZL, tPZH Output Enable Time to High and Low Level CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF CL = 50 pF 9.0 11.5 7.1 9.6 16.9 20.4 20.5 24.0 13.0 16.5 21.0 14.5 1.5 1.5 ns VCC = 3.3 0.3 V RL = 1 kW VCC = 2.7 V RL = 1 kW 11.0 14.5 tPLZ, tPHZ Output Disable Time From High and Low Level 11.5 9.6 18.0 12.8 1.5 1.5 ns VCC = 3.3 0.3 V RL = 1 kW VCC = 2.7 V VCC = 3.3 0.3 V CL = 50 pF tOSHL tOSLH Output-to-Output Skew (Note 1) CL = 50 pF CL = 50 pF ns 1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH); parameter guaranteed by design.
CAPACITIVE CHARACTERISTICS
TA = 25C Typ 4 8
TA = - 40 to 85C Min Max 10
Symbol Cin
Parameter
Min
Max 10
Unit pF pF pF
Input Capacitance (T/R, OE)
CI/O
Maximum 3-State I/O Capacitance
CPD
Power Dissipation Capacitance (Note 2)
21
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC / 8 (per bit). CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 3.3V, Measured in SOIC Package)
TA = 25C Symbol VOLP VOLV VIHD VILD Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum High Level Dynamic Input Voltage Maximum Low Level Dynamic Input Voltage Characteristic Typ 0.5 -0.5 Max 0.8 -0.8 2.0 0.8 Unit V V V V
http://onsemi.com
4
MC74LVX245
SWITCHING WAVEFORMS
T/R 50% VCC GND VCC GND HIGH IMPEDANCE VOL +0.3V VOH -0.3V HIGH IMPEDANCE
Input A or B Output B or A tPLH
50% tPHL 50% VCC
VCC GND
OE
50% VCC tPZL tPLZ
50% VCC
A or B A or B
50% VCC tPZH 50% VCC tPHZ
Figure 3.
Figure 4.
TEST CIRCUITS
TEST POINT OUTPUT DEVICE UNDER TEST CL* DEVICE UNDER TEST TEST POINT OUTPUT 1 kW CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH.
CL*
*Includes all probe and jig capacitance
*Includes all probe and jig capacitance
Figure 5. Propagation Delay Test Circuit
Figure 6. 3-State Test Circuit
http://onsemi.com
5
MC74LVX245
PACKAGE DIMENSIONS
SOIC-20 DW SUFFIX CASE 751D-05 ISSUE G
D
A
11 X 45 _
q
H
M
B
M
20
10X
0.25
E
NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE PROTRUSION SHALL BE 0.13 TOTAL IN EXCESS OF B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L q MILLIMETERS MIN MAX 2.35 2.65 0.10 0.25 0.35 0.49 0.23 0.32 12.65 12.95 7.40 7.60 1.27 BSC 10.05 10.55 0.25 0.75 0.50 0.90 0_ 7_
1
10
20X
B 0.25
M
B TA
S
B
S
A
SEATING PLANE
h
18X
e
A1
T
C
TSSOP-20 DT SUFFIX CASE 948E-02 ISSUE B
20X
K REF
M
L
0.15 (0.006) T U
S
0.10 (0.004)
TU
S
V
S
2X
L/2
L
PIN 1 IDENT 1 10
B -U-
J J1
N 0.15 (0.006) T U
S
A -V- N F
C D 0.100 (0.004) -T- SEATING
PLANE
G
H
DETAIL E
http://onsemi.com
6
IIII IIII IIII
SECTION N-N M DETAIL E
20
11
K K1
0.25 (0.010)
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 6.40 6.60 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.252 0.260 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
-W-
DIM A B C D F G H J J1 K K1 L M
MC74LVX245
PACKAGE DIMENSIONS
SOEIAJ-20 M SUFFIX CASE 967-01 ISSUE O
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 12.35 12.80 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.81 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.486 0.504 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.032
20
11
LE Q1 M_ L DETAIL P
E HE
1
10
Z D e VIEW P A
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
http://onsemi.com
7
MC74LVX245
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC74LVX245/D


▲Up To Search▲   

 
Price & Availability of MC74LVX245DWR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X