|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MC74LVX157 Quad 2-Channel Multiplexer With 5 V-Tolerant Inputs The MC74LVX157 is an advanced high speed CMOS quad 2-channel multiplexer. The inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V systems to 3.0 V systems. It consists of four 2-input digital multiplexers with common select (S) and enable (E) inputs. When E is held High, selection of data is inhibited and all the outputs go Low. The select decoding determines whether the I0 n or I1 n inputs get routed to the corresponding Z n outputs. Features http://onsemi.com MARKING DIAGRAMS 16 * * * * * * * * * High Speed: tPD = 5.1 ns (Typ) at VCC = 3.3 V Low Power Dissipation: ICC = 4 mA (Max) at TA = 25C Power Down Protection Provided on Inputs Balanced Propagation Delays Low Noise: VOLP = 0.5 V (Max) Pin and Function Compatible with Other Standard Logic Families Latchup Performance Exceeds 300 mA ESD Performance: Human Body Model > 2000 V; Machine Model > 200 V Pb-Free Packages are Available* SOIC-16 D SUFFIX CASE 751B 1 LVX157 AWLYWW 16 TSSOP-16 DT SUFFIX CASE 948F 1 LVX 157 ALYW 16 SOEIAJ-16 M SUFFIX CASE 966 1 LVX157 ALYW A WL or L Y WW or W = = = = Assembly Location Wafer Lot Year Work Week ORDERING INFORMATION See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. (c) Semiconductor Components Industries, LLC, 2005 1 March, 2005 - Rev. 2 Publication Order Number: MC74LVX157/D MC74LVX157 VCC 16 E 15 I0c 14 I1c 13 Zc 12 I0d 11 I1d 10 Zd 9 PIN NAMES Pins I0n I1n E S Zn Function Source 0 Data Inputs Source 1 Data Inputs Enable Input Select Input Outputs 1 S 2 I0a 3 I1a 4 Za 5 I0b 6 I1b 7 Zb 8 GND TRUTH TABLE INPUTS E H L L L L S X H H L L I0n X X X L H I1n X L H X X OUTPUT Zn L L H L H Figure 1. 16-Lead Pinout (Top View) S E I0a I1a I0b I1b I0c I1c I0d I1d 1 15 2 3 H = High Voltage Level; L = Low Voltage Level; X = High or Low Voltage Level ; For ICC Reasons DO NOT FLOAT Inputs 4 Za 5 6 7 Zb 14 13 12 Zc 11 10 9 Zd Figure 2. Logic Diagram ORDERING INFORMATION Device MC74LVX157DR2 MC74LVX157DR2G MC74LVX157DTR2 MC74LVX157M MC74LVX157MG MC74LVX157MEL MC74LVX157MELG Package SOIC-16 SOIC-16 (Pb-Free) TSSOP-16* SOEIAJ-16 SOEIAJ-16 (Pb-Free) SOEIAJ-16 SOEIAJ-16 (Pb-Free) Shipping 2500 Tape & Reel 2500 Tape & Reel 2500 Tape & Reel 50 Units / Rail 50 Units / Rail 2000 Tape & Reel 2000 Tape & Reel For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free. http://onsemi.com 2 IIIIIIIIIIIIIIIIIIIIII I II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII I I II II IIII I II IIII I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII I II IIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII I I III I I I I I I I II IIII II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIII I IIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III I I I I I I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII III I I I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. DC ELECTRICAL CHARACTERISTICS RECOMMENDED OPERATING CONDITIONS MAXIMUM RATINGS Symbol Symbol SymbolIIIIIIIIIIIIIIIIIIIIIII Parameter Dt/DV VOH VCC VCC Vout Vout VOL Tstg VIH ICC ICC IOK Iout VIL Vin Vin PD TA IIK Iin Quiescent Supply Current Input Leakage Current Low-Level Output Voltage (Vin = VIH or VIL) High-Level Output Voltage (Vin = VIH or VIL) Low-Level Input Voltage High-Level Input Voltage Input Rise and Fall Time Operating Temperature, All Package Types DC Output Voltage DC Input Voltage DC Supply Voltage Storage Temperature Power Dissipation DC Supply Current, VCC and GND Pins DC Output Current, per Pin Output Diode Current Input Diode Current DC Output Voltage DC Input Voltage DC Supply Voltage Parameter IOH = -50mA IOH = -50mA IOH = -4mA Vin = VCC or GND Vin = 5.5V or GND IOL = 50mA IOL = 50mA IOL = 4mA Test Conditions Parameter http://onsemi.com MC74LVX157 3 VCC V 3.6 3.6 2.0 3.0 3.0 2.0 3.0 3.0 2.0 3.0 3.6 2.0 3.0 3.6 1.9 2.9 2.58 Min 1.5 2.0 2.4 - - - - - - - - TA = 25C Typ 0.0 0.0 - 2.0 3.0 - - - - - - - - 0.1 0.1 0.36 0.1 0.5 0.8 0.8 - - - - - - Max 4.0 TA = - 40 to 85C -0.5 to VCC +0.5 1.9 2.9 2.48 Min Min -40 2.0 1.5 2.0 2.4 - - - - - - - - 0 0 0 -65 to +150 -0.5 to +7.0 -0.5 to +7.0 Value 180 50 25 20 -20 0.1 0.1 0.44 40.0 Max Max 1.0 VCC +85 100 5.5 3.6 0.5 0.8 0.8 - - - - - - ns/V Unit Unit Unit mW mA mA mA mA _C _C mA mA V V V V V V V V V V MC74LVX157 III I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I III I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII I IIIII I I I IIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I IIIII I IIIII I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII IIIII IIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I IIIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII I IIII II IIIII I I I IIIIIIIIIIIIIIIIIIIIII I IIIII I IIIII I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I III I I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIII IIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns) SymbolIIIIIIIII Parameter tPLH, tPHL Propagation Delay, Input to Output TA = 25C Typ 6.6 9.1 5.1 7.6 TA = - 40 to 85C Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 - - Max 15.5 19.0 Test Conditions Min - - - - - - - - - - - - - - Max Unit ns VCC = 2.7V CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 50pF CL = 50pF 12.5 16.0 7.9 11.4 VCC = 3.3 0.3V VCC = 2.7V 9.5 13.0 tPLH, tPHL Propagation Delay, S to Zn 8.9 11.4 7.0 9.5 16.9 20.4 20.5 24.0 13.0 16.5 20.5 24.0 13.5 17.0 1.5 1.5 ns VCC = 3.3 0.3V VCC = 2.7V 11.0 14.5 tPLH, tPHL Propagation Delay, E to Zn 9.1 11.6 7.2 9.7 - - 17.6 21.1 ns VCC = 3.3 0.3V VCC = 2.7V VCC = 3.3 0.3V 11.5 15.0 1.5 1.5 tOSHL tOSLH Output-to-Output Skew (Note 1) ns 1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH); parameter guaranteed by design. CAPACITIVE CHARACTERISTICS TA = 25C Typ 4 TA = - 40 to 85C Min - - Max 10 - Symbol Cin Parameter Min - - Max 10 - Unit pF pF Input Capacitance CPD Power Dissipation Capacitance (Note 2) 20 2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC / 4 (per bit). CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC. NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 3.3V, Measured in SOIC Package) Symbol VOLP VOLV VIHD VILD Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum High Level Dynamic Input Voltage Maximum Low Level Dynamic Input Voltage VCC In or S tPLH Zn 50% VCC 50% tPHL Zn E GND tPHL 50% Characteristic TA = 25C Typ 0.3 -0.3 - - Max 0.5 -0.5 2.0 0.8 Unit V V V V VCC GND tPLH 50% VCC Figure 3. TEST POINT OUTPUT DEVICE UNDER TEST CL* Figure 4. *Includes all probe and jig capacitance Figure 5. Propagation Delay Test Circuit http://onsemi.com 4 MC74LVX157 PACKAGE DIMENSIONS SOIC-16 D SUFFIX CASE 751B-05 ISSUE J -A- 16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019 -B- 1 8 P 8 PL 0.25 (0.010) M B S G F K C -T- SEATING PLANE R X 45 _ M D 16 PL M J 0.25 (0.010) TB S A S TSSOP-16 DT SUFFIX CASE 948F-01 ISSUE A 16X K REF NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.18 0.28 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.007 0.011 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_ 0.10 (0.004) 0.15 (0.006) T U S M TU S V S K K1 16 2X L/2 9 J1 B -U- L PIN 1 IDENT. 1 8 J N 0.25 (0.010) 0.15 (0.006) T U S A -V- N F DETAIL E C 0.10 (0.004) -T- SEATING PLANE H D G DETAIL E http://onsemi.com 5 EEE CCC EEE CCC M SECTION N-N -W- DIM A B C D F G H J J1 K K1 L M MC74LVX157 SOEIAJ-16 M SUFFIX CASE 966-01 ISSUE O 16 9 LE Q1 E HE M_ L DETAIL P 1 8 Z D e A VIEW P c NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.78 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.031 b 0.13 (0.005) M A1 0.10 (0.004) ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative. http://onsemi.com 6 MC74LVX157/D |
Price & Availability of MC74LVX157DR2 |