Part Number Hot Search : 
6BD24 L4004D3 00DT1 W9412G6 2SC3942 MUR3040 1C681 JS28F
Product Description
Full Text Search
 

To Download MC74LCX7405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74LCX74 Low-Voltage CMOS Dual D-Type Flip-Flop
With 5 V-Tolerant Inputs
The MC74LCX74 is a high performance, dual D-type flip-flop with asynchronous clear and set inputs and complementary (O, O) outputs. It operates from a 2.3 to 3.6 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows MC74LCX74 inputs to be safely driven from 5.0 V devices. The MC74LCX74 consists of 2 edge-triggered flip-flops with individual D-type inputs. The flip-flop will store the state of individual D inputs, that meet the setup and hold time requirements, on the LOW-to-HIGH Clock (CP) transition.
Features http://onsemi.com MARKING DIAGRAMS
14 14 1 SOIC-14 D SUFFIX CASE 751A 1 LCX74G AWLYWW
* * * * * *
14 14 1 TSSOP-14 DT SUFFIX CASE 948G 1 LCX 74 ALYWG G
Designed for 2.3 V to 3.6 V VCC Operation 5.0 V Tolerant Inputs - Interface Capability With 5.0 V TTL Logic LVTTL Compatible LVCMOS Compatible 24 mA Balanced Output Sink and Source Capability Near Zero Static Supply Current in All Three Logic States (10 mA) Substantially Reduces System Power Requirements Latchup Performance Exceeds 500 mA Human Body Model >2000 V Machine Model >200 V Pb-Free Packages are Available*
14 SOEIAJ-14 M SUFFIX CASE 965 1 74LCX74 ALYWG
* * ESD Performance: *
14 1
A = Assembly Location L, WL = Wafer Lot Y, YY = Year W, WW = Work Week G = Pb-Free Package G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 3 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
1
May, 2005 - Rev. 5
Publication Order Number: MC74LCX74/D
MC74LCX74
SD1 4
SD D1 2 D 5 Q Q CD CD1 1 6 O1 O1
VCC CD2 14 13
D2 12
CP2 SD2 O2 11 10 9
O2 8
CP1
3
CP
SD2 1 CD1 2 D1 3 CP1 4 5 6 O1 7 GND D2
10
SD1 O1
SD 12 D Q Q CD CD2 13 9 8 O2 O2
Figure 1. Pinout: 14-Lead (Top View)
CP2
11
CP
Figure 2. Logic Diagram PIN NAMES
Pins CP1, CP2 D1-D2 CD1, CD2 SD1, SD2 On-On Function Clock Pulse Inputs Data Inputs Direct Clear Inputs Direct Set Inputs Outputs
TRUTH TABLE
Inputs SDn L H L H H H H h L l NC X CDn H L L H H H CPn X X X Dn X X X h l X Outputs On H L H H L NC On L H H L H NC Load d Read Register L d and R d R i t Hold Operating Mode Asynchronous Set Asynchronous Clear Undetermined
= High Voltage Level = High Voltage Level One Setup Time Prior to the Low-to-High Clock Transition = Low Voltage Level = Low Voltage Level One Setup Time Prior to the Low-to-High Clock Transition = No Change = High or Low Voltage Level and Transitions are Acceptable = Low-to-High Transition = Not a Low-to-High Transition
For ICC reasons, DO NOT FLOAT Inputs
http://onsemi.com
2
MC74LCX74
MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK Parameter DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current Value -0.5 to +7.0 -0.5 VI +7.0 -0.5 VO VCC + 0.5 -50 -50 +50 IO ICC IGND TSTG DC Output Source/Sink Current DC Supply Current Per Supply Pin DC Ground Current Per Ground Pin Storage Temperature Range 50 100 100 -65 to +150 Output in HIGH or LOW State (Note 1) VI < GND VO < GND VO > VCC Condition Unit V V V mA mA mA mA mA mA C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. IO absolute maximum rating must be observed.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO IOH Supply Voltage Input Voltage Output Voltage HIGH Level Output Current (HIGH or LOW State) (3-State) VCC = 3.0 V - 3.6 V VCC = 2.7 V - 3.0 V VCC = 2.3 V - 2.7 V VCC = 3.0 V - 3.6 V VCC = 2.7 V - 3.0 V VCC = 2.3 V - 2.7 V -40 0 Parameter Operating Data Retention Only Min 2.0 1.5 0 0 Type 2.5, 3.3 2.5, 3.3 Max 3.6 3.6 5.5 VCC -24 -12 -8 +24 +12 +8 +85 10 Unit V V V mA
IOL
LOW Level Output Current
mA
TA Dt/DV
Operating Free-Air Temperature Input Transition Rise or Fall Rate, VIN from 0.8 V to 2.0 V, VCC = 3.0 V
C ns/V
ORDERING INFORMATION
Device MC74LCX74D MC74LCX74DG MC74LCX74DR2 MC74LCX74DR2G MC74LCX74DT MC74LCX74DTG MC74LCX74DTR2 MC74LCX74DTR2G MC74LCX74MEL MC74LCX74MELG Package SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) TSSOP-14* TSSOP-14* TSSOP-14* TSSOP-14* SOEIAJ-14 SOEIAJ-14 (Pb-Free) Shipping 55 Units / Rail 55 Units / Rail 2500 Tape & Reel 2500 Tape & Reel 96 Units / Rail 96 Units / Rail 2500 Tape & Reel 2500 Tape & Reel 2000 Tape & Reel 2000 Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
3
MC74LCX74
DC ELECTRICAL CHARACTERISTICS
TA = -40C to +85C Symbol VIH Characteristic HIGH Level Input Voltage (Note 2) Condition 2.3 V VCC 2.7 V 2.7 V VCC 3.6 V VIL LOW Level Input Voltage (Note 2) 2.3 V VCC 2.7 V 2.7 V VCC 3.6 V VOH HIGH Level Output Voltage 2.3 V VCC 3.6 V; IOH = -100 mA VCC = 2.3 V; IOH = -8 mA VCC = 2.7 V; IOH = -12 mA VCC = 3.0 V; IOH = -18 mA VCC = 3.0 V; IOH = -24 mA VOL LOW Level Output Voltage 2.3 V VCC 3.6 V; IOL = 100 mA VCC = 2.3 V; IOL = 8 mA VCC = 2.7 V; IOL = 12 mA VCC = 3.0 V; IOL = 16 mA VCC = 3.0 V; IOL = 24 mA II ICC Input Leakage Current Quiescent Supply Current 2.3 V VCC 3.6 V; 0 V VI 5.5 V 2.3 VCC 3.6 V; VI = GND or VCC 2.3 VCC 3.6 V; 3.6 VI or VO 5.5 V DICC Increase in ICC per Input 2.3 VCC 3.6 V; VIH = VCC - 0.6 V 2. These values of VI are used to test DC electrical characteristics only. VCC - 0.2 1.8 2.2 2.4 2.2 0.2 0.6 0.4 0.4 0.55 5 10 10 500 mA mA mA V Min 1.7 2.0 0.7 0.8 V V Max Unit V
AC CHARACTERISTICS tR = tF = 2.5 ns; RL = 500 W
Limits TA = -40C to +85C VCC = 3.3 V + 0.3 V CL = 50 pF Symbol fmax tPLH tPHL tPLH tPHL ts th tw Parameter Clock Pulse Frequency Propagation Delay CPn to On or On Propagation Delay SDn or CDn to On or On Setup Time, HIGH or LOW Dn to CPn Hold Time, HIGH or LOW Dn to CPn CPn Pulse Width, HIGH or LOW SDn or CDn Pulse Width, LOW trec tOSHL tOSLH Recovery Time SDn or CDn to CPn Output-to-Output Skew (Note 3) 3 1 1 4 2 Waveform 1 1 Min 150 1.5 1.5 1.5 1.5 2.5 1.5 3.3 3.3 2.5 1.0 1.0 7.0 7.0 7.0 7.0 Max VCC = 2.7 V CL = 50 pF Min 150 1.5 1.5 1.5 1.5 2.5 1.5 3.3 3.6 3.0 8.0 8.0 8.0 8.0 Max VCC = 2.5 V + 0.2 V CL = 30 pF Min 150 1.5 1.5 1.5 1.5 4.0 2.0 4.0 4.0 4.5 8.4 8.4 8.4 8.4 ns ns ns ns ns ns ns ns Max Unit MHz
3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH); parameter guaranteed by design.
http://onsemi.com
4
MC74LCX74
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25C Symbol VOLP VOLV Characteristic Dynamic LOW Peak Voltage (Note 4) Dynamic LOW Valley Voltage (Note 4) Condition VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V Min Typ 0.8 0.6 -0.8 -0.6 Max Unit V V V V
4. Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH-to-LOW or LOW-to-HIGH. The remaining output is measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol CIN COUT CPD Parameter Input Capacitance Output Capacitance Power Dissipation Capacitance Condition VCC = 3.3 V, VI = 0 V or VCC VCC = 3.3 V, VI = 0 V or VCC 10 MHz, VCC = 3.3 V, VI = 0 V or VCC Typical 7 8 25 Unit pF pF pF
Vcc Dn Vmi 0V ts CPn Vmi 0V fmax tPLH, tPHL VOH On, On Vmo VOL th tw Vcc
WAVEFORM 1 - PROPAGATION DELAYS, SETUP AND HOLD TIMES tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
Vcc SDn 0V Vcc CDn 1.5 V 0V tPLH On Vmo tPHL Vmo VOL tPLH On tPHL WAVEFORM 2 - PROPAGATION DELAYS tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns Vmo Vmo VOH
Figure 3. AC Waveforms http://onsemi.com
5
MC74LCX74
tw SDn, CDn Vmi 0V trec CPn Vmi 0V WAVEFORM 3 - RECOVERY TIME tR = tF = 2.5 ns from 10% to 90%; f = 1 MHz; tw = 500 ns Vcc Vcc
Vcc CPn Vmi tw Vmi 0V Vcc Vmi 0V
tw SDn, CDn, CPn Vmi
WAVEFORM 4 - PULSE WIDTH tR = tF = 2.5 ns (or fast as required) from 10% to 90%; Output requirements: VOL 0.8 V, VOH 2.0 V
Vcc Symbol Vmi Vmo 3.3 V + 0.3 V 1.5 V 1.5 V 2.7 V 1.5 V 1.5 V 2.5 V + 0.2 V Vcc/2 Vcc/2
Figure 3. AC Waveforms (Continued)
VCC
PULSE GENERATOR RT
DUT CL RL
CL = CL = RL = RT =
50 pF at VCC = 3.3 + 0.3 V or equivalent (includes jig and probe capacitance) 30 pF at VCC = 2.5 + 0.2 V or equivalent (includes jig and probe capacitance) R1 = 500 W or equivalent ZOUT of pulse generator (typically 50 W)
Figure 4. Test Circuit
http://onsemi.com
6
MC74LCX74
PACKAGE DIMENSIONS
SOIC-14 D SUFFIX CASE 751A-03 ISSUE G
-A-
14 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
-B-
P 7 PL 0.25 (0.010)
M
B
M
1
7
G C
R X 45 _
F
-T-
SEATING PLANE
D 14 PL 0.25 (0.010)
K
M
M
S
J
TB
A
S
DIM A B C D F G J K M P R
TSSOP-14 DT SUFFIX CASE 948G-01 ISSUE A
14X K REF NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS INCHES MIN MAX MIN MAX 4.90 5.10 0.193 0.200 4.30 4.50 0.169 0.177 --- 1.20 --- 0.047 0.05 0.15 0.002 0.006 0.50 0.75 0.020 0.030 0.65 BSC 0.026 BSC 0.50 0.60 0.020 0.024 0.09 0.20 0.004 0.008 0.09 0.16 0.004 0.006 0.19 0.30 0.007 0.012 0.19 0.25 0.007 0.010 6.40 BSC 0.252 BSC 0_ 8_ 0_ 8_
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
N
2X
L/2
14
8
0.25 (0.010) M
L
PIN 1 IDENT. 1 7
B -U-
N F DETAIL E K K1 J J1
0.15 (0.006) T U
S
A -V-
SECTION N-N -W-
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
DETAIL E
DIM A B C D F G H J J1 K K1 L M
http://onsemi.com
7
EEE CCC EEE CCC
MC74LCX74
PACKAGE DIMENSIONS
SOEIAJ-14 M SUFFIX CASE 965-01 ISSUE O
14
8
LE Q1 E HE M_ L DETAIL P
1
7
Z D e A VIEW P
c
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 1.42 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.056
b 0.13 (0.005)
M
A1 0.10 (0.004)
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC74LCX74/D


▲Up To Search▲   

 
Price & Availability of MC74LCX7405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X