Part Number Hot Search : 
AKD4425A TA7060 LHC20SA1 7533C 256X9 NCE3010 D1631 M83723
Product Description
Full Text Search
 

To Download MC74HCT574A05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74HCT574A Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
High-Performance Silicon-Gate CMOS
http://onsemi.com
The MC74HCT574A is identical in pinout to the LS574. This device may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs. Data meeting the setup time is clocked to the outputs with the rising edge of the Clock. The Output Enable input does not affect the states of the flip-flops, but when Output Enable is high, all device outputs are forced to the high-impedance state. Thus, data may be stored even when the outputs are not enabled. The HCT574A is identical in function to the HCT374A but has the flip-flop inputs on the opposite side of the package from the outputs to facilitate PC board layout.
Features
MARKING DIAGRAMS
20 PDIP-20 N SUFFIX CASE 738 1 1 20 SOIC-20 DW SUFFIX CASE 751D 1 HCT574A AWLYYWWG MC74HCT574AN AWLYYWWG
* * * * * * * *
Output Drive Capability: 15 LSTTL Loads TTL NMOS Compatible Input Levels Outputs Directly Interface to CMOS, NMOS and TTL Operating Voltage Range: 4.5 to 5.5 V Low Input Current: 1.0 mA In Compliance with the Requirements Defined by JEDEC Standard No. 7A Chip Complexity: 286 FETs or 71.5 Equivalent Gates Pb-Free Packages are Available*
1
20 TSSOP-20 DT SUFFIX CASE 948E 1 HCT 574A ALYWG G
1
A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G = Pb-Free Package G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
1
September, 2005 - Rev. 9
Publication Order Number: MC74HCT574A/D
MC74HCT574A
OUTPUT ENABLE D0 D1 D2 D3 D4 D5 D6 D7 GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 CLOCK DATA INPUTS D0 D1 D2 D3 D4 D5 D6 D7 CLOCK OUTPUT ENABLE 2 3 4 5 6 7 8 9 11 1 PIN 20 = VCC PIN 10 = GND 19 18 17 16 15 14 13 12 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 NON- INVERTING OUTPUTS
Figure 1. Pin Assignment
Figure 2. Logic Diagram
FUNCTION TABLE
Inputs OE L L L H Clock D H L X X Output Q H L No Change Z
ORDERING INFORMATION
Device MC74HCT574AN MC74HCT574ANG MC74HCT574ADW MC74HCT574ADWG MC74HCT574ADWR2 MC74HCT574ADWR2G MC74HCT574ADTR2 MC74HCT574ADTR2G Package PDIP-20 PDIP-20 (Pb-Free) SOIC-20 WIDE SOIC-20 WIDE (Pb-Free) SOIC-20 WIDE SOIC-20 WIDE (Pb-Free) TSSOP-20* TSSOP-20* Shipping 18 Units / Box 18 Units / Box 38 Units / Rail 38 Units / Rail 1000 Tape & Reel 1000 Tape & Reel 2500 Tape & Reel 2500 Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
II I IIIIIIIIIIIIIII IIIIIIIIIIIIIII II II IIIIIIIIIIIIIII II I III I IIIIIIIIIIIIIII II II IIIIIIIIIIIIIII IIIIIIIIIIIIIII II IIIIIIIIIIIII I IIIIIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIIIIIIII II II I IIIIIIIIIIIIIII
Design Criteria Value 71.5 1.5 5.0 Units ea ns Internal Gate Count* Internal Gate Propagation Delay Internal Gate Power Dissipation Speed Power Product mW pJ 0.0075 *Equivalent to a two-input NAND gate.
L,H, X
X = don't care Z = high impedance
http://onsemi.com
2
MC74HCT574A
I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I II II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I IIIIIIIIIIIIIIIIIII I I II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I II I I IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII I II III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I IIIII I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I II I I I II II I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I IIIII I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII I IIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIII I IIIIIIIIIIIIIIIIIIIIIII II I I I I I III I I IIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II I II I IIIIIIIIIIIIIIIIIIIIIII II I I I IIIII I II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I
II I I I I IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I I I IIIIIIIIIIIIIIIIIIIIIII I I I I IIIIIIIIIIIIIIIIIIIIIII I I I I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII II I I I I III IIIIIIIIIIIIIIIIIIIIIII I I I I I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII I I I I I I I I III I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIIII IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIII I IIII IIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS
VCC Vin Iin Vout Iout PD SymbolIIIIIIIIIIIII Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) Value Unit V V V - 0.5 to + 7.0 - 0.5 to VCC + 0.5 - 0.5 to VCC + 0.5 20 35 75 750 500 DC Output Voltage (Referenced to GND) DC Input Current, per Pin mA mA mA DC Output Current, per Pin ICC DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Storage Temperature Plastic DIP SOIC Package mW _C _C Tstg TL - 65 to + 150 260 Lead Temperature, 1 mm from Case for 10 secs (Plastic DIP or SOIC Package)
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND v (Vin or Vout) v VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. Derating - Plastic DIP: - 10 mW/_C from 65_ to 125_C - SOIC Package: - 7 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol VCC Parameter Min 4.5 0 Max 5.5 Unit V V DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND)
Vin, Vout TA
VCC
Operating Temperature, All Package Types Input Rise and Fall Time (Figure 3)
- 55 0
+ 125 500
_C ns
tr, tf
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit v 85_C 2.0 2.0 0.8 0.8 4.4 5.4
Symbol VIH VIL
Parameter
Test Conditions
VCC V 4.5 5.5 4.5 5.5 4.5 5.5 4.5 4.5 5.5 4.5 5.5 5.5 5.5
- 55 to 25_C 2.0 2.0 0.8 0.8 4.4 5.4
v 125_C 2.0 2.0 0.8 0.8 4.4 5.4 3.7 0.1 0.1 0.4
Unit V V
Minimum High-Level Input Voltage
Vout = 0.1 V or VCC - 0.1 V |Iout| v 20 mA Vout = 0.1 V or VCC - 0.1 V |Iout| v 20 mA Vin = VIH or VIL |Iout| v 20 mA Vin = VIH or VIL |Iout| v 6.0 mA Vin = VIH or VIL |Iout| v 20 mA Vin = VIH or VIL |Iout| v 6.0 mA
Maximum Low-Level Input Voltage
VOH
Minimum High-Level Output Voltage
V
3.98 0.1 0.1
3.84 0.1 0.1
VOL
Maximum Low-Level Output Voltage
0.26
0.33
Iin
Maximum Input Leakage Current
Vin = VCC or GND Vin = VCC or GND Iout = 0 mA
0.1 4.0
1.0 40
1.0 160
mA mA mA
ICC IOZ
Maximum Quiescent Supply Current (per Package) Maximum Three-State Leakage Current
Vin = VIL or VIH (Note 1) Vout = VCC or GND
- 0.5
- 5.0
- 10
DICC
Additional Quiescent Supply Current
2.9 2.4 5.5 mA 1. Output in high-impedance state. NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
Vin = 2.4 V, Any One Input Vin = VCC or GND, Other Inputs lout = 0 mA
- 55_C
25_C to 125_C
http://onsemi.com
3
MC74HCT574A
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
IIIII I I I I IIIII I II II II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I IIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIII I I I II II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIII I IIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIII I I II III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIII I I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I II IIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II I I I IIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I I III III II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I
Guaranteed Limit v 85_C 24 38 35 35 15 Symbol fMAX Parameter - 55 to 25_C 30 30 28 28 12 v 125_C 20 45 42 42 18 Unit Maximum Clock Frequency (50% Duty Cycle) (Figures 3 and 6) Maximum Propagation Delay, Clock to Q (Figures 3 and 6) MHz ns ns ns ns tPLH, tPHL tPLZ, tPHZ Maximum Propagation Delay, Output Enable to Q (Figures 4 and 7) tPZH, tPZL tTLH, tTHL Cin Maximum Propagation Delay Time, Output Enable to Q (Figures 4 and 7) Maximum Output Transition Time, Any Output (Figures 3, 4 and 6) Maximum Input Capacitance 10 10 10 pF NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D). Typical @ 25C, VCC = 5.0 V 58 CPD Power Dissipation Capacitance (Per Flip-Flop)*
2f + I CC
pF
* Used to determine the no-load dynamic power consumption: PD = CPD VCC ON Semiconductor High-Speed CMOS Data Book (DL129/D).
VCC . For load considerations, see Chapter 2 of the
TIMING REQUIREMENTS (VCC = 5.0 V 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Guaranteed Limit v 85_C
- 55 to 25_C
v 125_C
Symbol tsu th
Parameter
Figure 5 5 3 3
Min 10
Max
Min 13
Max
Min 15
Max
Unit ns ns ns ns
Minimum Setup Time, Data to Clock Minimum Hold Time, Clock to Data Minimum Pulse Width, Clock
5.0 15
5.0 19
5.0 22
tw
tr, If
Maximum Input Rise and Fall Times
500
500
500
EXPANDED LOGIC DIAGRAM
D0 2 D1 3 D2 4 D3 5 D4 6 D5 7 D6 8 D7 9
CLOCK
11 C D Q C D Q C D Q C D Q C D Q C D Q C D Q C D Q
ENABLE OUTPUT
1
19 Q0
18 Q1
17 Q2
16 Q3
15 Q4
14 Q5
13 Q6
12 Q7
http://onsemi.com
4
MC74HCT574A
SWITCHING WAVEFORMS
tr CLOCK 2.7 V 1.3 V 0.3 V tw 1/fmax tPLH Q 90% 1.3 V 10% tTLH tTHL tPHL Q Q tf 3.0 V GND OUTPUT ENABLE 1.3 V tPZL 1.3 V tPZH 1.3 V tPHZ tPLZ 10% 90% 3.0 V GND HIGH IMPEDANCE VOL VOH HIGH IMPEDANCE
Figure 3.
Figure 4.
TEST POINT VALID 1.3 V DATA tsu th 1.3 V CLOCK OUTPUT 3.0 V GND 3.0 V GND *Includes all probe and jig capacitance DEVICE UNDER TEST C L*
Figure 5.
Figure 6. Test Circuit
TEST POINT OUTPUT DEVICE UNDER TEST 1 kW CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH.
C L*
*Includes all probe and jig capacitance
Figure 7. Test Circuit
http://onsemi.com
5
MC74HCT574A
PACKAGE DIMENSIONS
PDIP-20 N SUFFIX PLASTIC DIP PACKAGE CASE 738-03 ISSUE E
-A-
20 1 11
B
10
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
C
L
DIM A B C D E F G J K L M N
-T-
SEATING PLANE
K M E G F D
20 PL
N J 0.25 (0.010)
M 20 PL
0.25 (0.010) TA
M
M
TB
M
INCHES MIN MAX 1.010 1.070 0.240 0.260 0.150 0.180 0.015 0.022 0.050 BSC 0.050 0.070 0.100 BSC 0.008 0.015 0.110 0.140 0.300 BSC 0_ 15 _ 0.020 0.040
MILLIMETERS MIN MAX 25.66 27.17 6.10 6.60 3.81 4.57 0.39 0.55 1.27 BSC 1.27 1.77 2.54 BSC 0.21 0.38 2.80 3.55 7.62 BSC 0_ 15_ 0.51 1.01
SOIC-20 DW SUFFIX CASE 751D-05 ISSUE G
D
A
11 X 45 _
q
H
M
B
M
20
10X
0.25
E
NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE PROTRUSION SHALL BE 0.13 TOTAL IN EXCESS OF B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L q MILLIMETERS MIN MAX 2.35 2.65 0.10 0.25 0.35 0.49 0.23 0.32 12.65 12.95 7.40 7.60 1.27 BSC 10.05 10.55 0.25 0.75 0.50 0.90 0_ 7_
1
10
20X
B 0.25
M
B TA
S
B
S
A
SEATING PLANE
h
18X
e
A1
T
C
http://onsemi.com
6
L
MC74HCT574A
PACKAGE DIMENSIONS
TSSOP-20 DT SUFFIX 20 PIN PLASTIC TSSOP PACKAGE CASE 948E-02 ISSUE B
20X
K REF
M
0.15 (0.006) T U
S
0.10 (0.004)
TU
S
V
S
L
PIN 1 IDENT 1 10
B -U-
J J1
N 0.15 (0.006) T U
S
A -V- N F
C D 0.100 (0.004) -T- SEATING
PLANE
G
H
DETAIL E
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
7
IIII IIII IIII
SECTION N-N M DETAIL E
2X
L/2
20
11
K K1
0.25 (0.010)
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 6.40 6.60 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.252 0.260 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
-W-
DIM A B C D F G H J J1 K K1 L M
MC74HCT574A/D


▲Up To Search▲   

 
Price & Availability of MC74HCT574A05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X