Part Number Hot Search : 
BCX71G RL102 ML614 110LT3 1EEBP C1100H LA6595T UPC831
Product Description
Full Text Search
 

To Download MC340306 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC3403, MC3303 Single Supply Quad Operational Amplifiers
The MC3403 is a low cost, quad operational amplifier with true differential inputs. The device has electrical characteristics similar to the popular MC1741C. However, the MC3403 has several distinct advantages over standard operational amplifier types in single supply applications. The quad amplifier can operate at supply voltages as low as 3.0 V or as high as 36 V with quiescent currents about one third of those associated with the MC1741C (on a per amplifier basis). The common mode input range includes the negative supply, thereby eliminating the necessity for external biasing components in many applications. The output voltage range also includes the negative power supply voltage.
Features http://onsemi.com MARKING DIAGRAMS
14 14 1 SOIC-14 D SUFFIX CASE 751A 1 MC3x03DG AWLYWW
* * * * * * * * * * * *
Short Circuit Protected Outputs Class AB Output Stage for Minimal Crossover Distortion True Differential Input Stage Single Supply Operation: 3.0 V to 36 V Split Supply Operation: 1.5 V to 18 V Low Input Bias Currents: 500 nA Max Four Amplifiers Per Package Internally Compensated Similar Performance to Popular MC1741C Industry Standard Pin-outs ESD Diodes Added for Increased Ruggedness Pb-Free Packages are Available
14 PDIP-14 P SUFFIX CASE 646 1 MC3x03P AWLYYWWG
14
1 x = 3 or 4 A = Assembly Location WL = Wafer Lot YY, Y = Year WW = Work Week G = Pb-Free Package
PIN CONNECTIONS Single Supply
3.0 V to 36 V 1 2 3 4 VEE, GND VEE VCC VCC 1 2 3 4 1.5 V to 18 V Inputs 2 6 Out 2 7 (Top View) VCC 4 5 + 2 - 4+ - 11 10 Inputs 3 9 8 Out 3 VEE/GND 1.5 V to 18 V Inputs 1 3
Split Supplies
Out 1 1 2 - + - +
14 Out 4 13 Inputs 4 12
1
3
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2006
October, 2006 - Rev. 10
1
Publication Order Number: MC3403/D
MC3403, MC3303
ORDERING INFORMATION
Device MC3303D MC3303DG MC3303DR2 MC3303DR2G MC3303P MC3303PG MC3403D MC3403DG MC3403DR2 MC3403DR2G MC3403P MC3403PG Package SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) PDIP-14 PDIP-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) PDIP-14 PDIP-14 (Pb-Free) 25 Units / Rail 2500 Tape & Reel 55 Units / Rail 25 Units / Rail 2500 Tape & Reel 55 Units / Rail Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
MAXIMUM RATINGS
Rating Power Supply Voltages Single Supply Split Supplies Input Differential Voltage Range (Note 1) Input Common Mode Voltage Range (Notes 1 and 2) Storage Temperature Range Operating Ambient Temperature Range MC3303 MC3403 Symbol VCC VCC, VEE VIDR VICR Tstg TA Value 36 18 36 18 -55 to +125 -40 to +85 0 to +70 150 Unit Vdc
Vdc Vdc C C
Junction Temperature
TJ
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Split power supplies. 2. For supply voltages less than 18 V, the absolute maximum input voltage is equal to the supply voltage.
http://onsemi.com
2
MC3403, MC3303
ELECTRICAL CHARACTERISTICS
(VCC = +15 V, VEE = -15 V for MC3403; VCC = +14 V, VEE = GND for MC3303 TA = 25C, unless otherwise noted.) MC3403 Characteristic Input Offset Voltage TA = Thigh to Tlow (Note 3) Input Offset Current TA = Thigh to Tlow Large Signal Open Loop Voltage Gain VO = 10 V, RL = 2.0 kW TA = Thigh to Tlow Input Bias Current TA = Thigh to Tlow Output Impedance f = 20 Hz Input Impedance f = 20 Hz Output Voltage Range RL = 10 kW RL = 2.0 kW RL = 2.0 kW, TA = Thigh to Tlow Input Common Mode Voltage Range Common Mode Rejection RS 10 kW Power Supply Current (VO = 0) RL = Individual Output Short-Circuit Current (Note 4) Positive Power Supply Rejection Ratio Negative Power Supply Rejection Ratio Average Temperature Coefficient of Input Offset Current TA = Thigh to Tlow Average Temperature Coefficient of Input Offset Voltage TA = Thigh to Tlow Power Bandwidth AV = 1, RL = 10 kW, VO = 20 V(p-p), THD = 5% Small-Signal Bandwidth AV = 1, RL = 10 kW, VO = 50 mV Slew Rate AV = 1, Vi = -10 V to +10 V Rise Time AV = 1, RL = 10 kW, VO = 50 mV Fall Time AV = 1, RL = 10 kW, VO = 50 mV Overshoot AV = 1, RL = 10 kW, VO = 50 mV Phase Margin AV = 1, RL = 2.0 kW, VO = 200 pF Crossover Distortion (Vin = 30 mVpp,Vout= 2.0 Vpp, f = 10 kHz) Symbol VIO IIO AVOL Min - - - - 20 15 - - - 0.3 12 10 10 +13 V -VEE 70 - 10 - - - Typ 2.0 - 30 - 200 - -200 - 75 1.0 13.5 13 - +13 V -VEE 90 2.8 20 30 30 50 Max 10 12 50 200 - - -500 -800 - - - - - - - 7.0 45 150 150 - Min - - - - 20 15 - - - 0.3 12 10 10 +12 V -VEE 70 - 10 - - - MC3303 Typ 2.0 - 30 - 200 - -200 - 75 1.0 12.5 12 - +12.5 V -VEE 90 2.8 30 30 30 50 Max 8.0 10 75 250 - - -500 -1000 - - - - - - - 7.0 45 150 150 - Unit mV nA V/mV
IIB zo zi VO
nA W MW V
VICR CMR ICC, IEE ISC PSRR+ PSRR- DIIO/DT
V dB mA mA mV/V mV/V pA/C
DVIO/DT
-
10
-
-
10
-
mV/C
BWp BW SR tTLH tTLH os fm -
- - - - - - - -
9.0 1.0 0.6 0.35 0.35 20 60 1.0
- - - - - - - -
- - - - - - - -
9.0 1.0 0.6 0.35 0.35 20 60 1.0
- - - - - - - -
kHz MHz V/ms ms ms % %
3. MC3303: Tlow = -40C, Thigh = +85C, MC3403: Tlow = 0C, Thigh = +70C 4. Not to exceed maximum package power dissipation.
http://onsemi.com
3
MC3403, MC3303
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = GND, TA = 25C, unless otherwise noted.)
MC3403 Characteristic Input Offset Voltage Input Offset Current Input Bias Current Large Signal Open Loop Voltage Gain RL = 2.0 kW Power Supply Rejection Ratio Output Voltage Range (Note 5) RL = 10 kW, VCC = 5.0 V RL = 10 kW, 5.0 VCC 30 V Power Supply Current Channel Separation f = 1.0 kHz to 20 kHz (Input Referenced) Symbol VIO IIO IIB AVOL PSRR VOR Min - - - 10 - 3.3 VCC-2.0 - - Typ 2.0 30 -200 200 - 3.5 VCC-1.7 2.5 -120 Max 10 50 -500 - 150 - - 7.0 - Min - - - 10 - 3.3 VCC-2.0 - - MC3303 Typ - - - 200 - 3.5 VCC-1.7 2.5 -120 Max 10 75 -500 - 150 - - 7.0 - Unit mV nA nA V/mV mV/V Vpp
ICC CS
mA dB
5. Output will swing to ground with a 10 kW pull down resistor.
Output Q19 Q20 Q18 Q17 Q16
Bias Circuitry Common to Four Amplifiers VCC Q27
Q23 5.0 pF 31k + Q22 Inputs - Q2 Q3 Q4 Q21 Q25 Q5 60 k Q6 Q7 Q8 Q10 Q24 Q1 2.0 k Q9 37 k
40 k Q28 Q15 Q13 Q11 25 Q12
Q29
Q30 2.4 k
VEE (GND)
Figure 1. Representative Schematic Diagram
(1/4 of Circuit Shown)
http://onsemi.com
4
MC3403, MC3303
CIRCUIT DESCRIPTION stage performs not only the first stage gain function but also performs the level shifting and Transconductance reduction functions. By reducing the Transconductance, a smaller compensation capacitor (only 5.0 pF) can be employed, thus saving chip area. The Transconductance reduction is accomplished by splitting the collectors of Q24 and Q22. Another feature of this input stage is that the input common mode range can include the negative supply or ground, in single supply operation, without saturating either the input devices or the differential to single-ended converter. The second stage consists of a standard current source load amplifier stage. The output stage is unique because it allows the output to swing to ground in single supply operation and yet does not exhibit any crossover distortion in split supply operation. This is possible because Class AB operation is utilized. Each amplifier is biased from an internal voltage regulator which has a low temperature coefficient, thus giving each amplifier good temperature characteristics as well as excellent power supply rejection.
120 AV = 100 A VOL , LARGE SIGNAL OPEN LOOP VOLTAGE GAIN (dB) 0.5 V/DIV 100 80 60 40 20 0 -20 1.0 10 100 1.0 k 10 k f, FREQUENCY (Hz) 100 k 1.0 M VCC = 15 V VEE = -15 V TA = 25C
5.0 V/DIV
20 ms/DIV
Figure 2. Inverter Pulse Response
The MC3403/3303 is made using four internally compensated, two-stage operational amplifiers. The first stage of each consists of differential input device Q24 and Q22 with input buffer transistors Q25 and Q21 and the differential to single ended converter Q3 and Q4. The first
50 mV/DIV *Note Class A B output stage produces distortion less sinewave. 50 ms/DIV
Figure 3. Sine Wave Response
Figure 4. Open Loop Frequency Response
30 VO, OUTPUT VOLTAGE RANGE (V pp) VO, OUTPUT VOLTAGE (Vpp ) 25 - 20 15 10 5.0 TA = 25C 0 -5.0 1.0 k 10 k 100 k f, FREQUENCY (Hz) 1.0 M +
-15 V VO 10 k +15 V
30
TA = 25C
20
10
0
0
2.0
4.0 6.0 8.0 10 12 14 16 18 VCC AND (VEE), POWER SUPPLY VOLTAGES (V)
20
Figure 5. Power Bandwidth
Figure 6. Output Swing versus Supply Voltage
http://onsemi.com
5
MC3403, MC3303
300 I IB, INPUT BIAS CURRENT (nA) VCC = 15 V VEE = -15 V TA = 25C
I IB , INPUT BIAS CURRENT (nA)
170
200
160
100
-75 -55
-35
-15
5.0
25
45
65
85
105 125
150
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
T, TEMPERATURE (C)
VCC AND (VEE), POWER SUPPLY VOLTAGES (V)
Figure 7. Input Bias Current versus Temperature
Figure 8. Input Bias Current versus Supply Voltage
VCC VCC 10 k R2 -
50 k 1N914 5.0 k
1/2
MC3403 + 10 k R1
VO
10 k Vref -
1/2
1N914 VCC VO fo = R C 1 2pRC
MC3403 + R1 VO = R1 +R2 VO = 1 V 2 CC Vref = 1 V 2 CC R C
For: fo = 1.0 kHz R = 16 kW C = 0.01 mF
Figure 9. Voltage Reference
Figure 10. Wien Bridge Oscillator
e1
+
MC3403 - -
1/2
1 R C
R2 R Vref
1/2
Hysteresis VOH
R1
-
R1
a R1
MC3403 + b R1 - 1/2 MC3403 + 1 R C
eo
Vin
MC3403 + R1 VinL = (VOL -Vref) +Vref R1 +R2 VinH = R1 (VOH -Vref) +Vref R1 +R2 R1 (VOH -VOL) R1 +R2
1/2
VO VO VOL VinL Vref VinH
e2
R Vh =
eo = C (1 +a +b) (e2 -e1)
Figure 11. High Impedance Differential Amplifier
Figure 12. Comparator with Hysteresis
http://onsemi.com
6
MC3403, MC3303
R C1 Vin C - MC3403 + Vref Vref R2 R1 Bandpass Output - TBP = center frequency gain TN = passband notch gain Vref MC3403 +
1/2 1/2
R 100 k C - 100 k
fo =
1 2pRC Vref = 1 V 2 CC
R1 = QR R2 = R1 TBP R3 = TNR2 C1 = 10 C
R2
MC3403 + Vref
1/2
- MC3403 +
1/2
R = 160 kW C = 0.001 mF R1 = 1.6 MW R2 = 1.6 MW R3 = 1.6 MW
R3
C1 Notch Output
For: fo Q TBP TN
= 1.0 kHz = 10 =1 =1
Where:
Figure 13. Bi-Quad Filter
VCC C Vin R1 C R3 - MC3403 +
1/2
CO VO CO = 10 C 1 V 2 CC
Vref =
1 V 2 CC Triangle Wave Output + MC3403 - C Rf f= R1 +RC 4 CRf R1 if R3 = R2 R1 R2 +R1
1/2
R2 R2 300 k R3 + 75 k R1 100 k Vref MC3403 -
1/2
Vref Given: Square Wave Output fo = center frequency A(fo) = gain at center frequency
Vref
Vref =
Choose value fo, C Then: R3 = Q p fo C R1 = R3 2 A(fo) R2 = R1 R5 4Q2 R1 -R5
Oo fo For less than 10% error from operational amplifier < 0.1 BW where fo and BW are expressed in Hz. If source impedance varies, filter may be preceded with voltage follower buffer to stabilize filter parameters.
Figure 14. Function Generator
Figure 15. Multiple Feedback Bandpass Filter
http://onsemi.com
7
MC3403, MC3303
PACKAGE DIMENSIONS
SOIC-14 CASE 751A-03 ISSUE H
-A-
14 8
-B-
P 7 PL 0.25 (0.010)
M
B
M
1
7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
G C -T-
SEATING PLANE
R X 45 _
F
D 14 PL 0.25 (0.010)
K
M
M
S
J
TB
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
SOLDERING FOOTPRINT*
7X
7.04 1 0.58
14X
14X
1.52
1.27 PITCH
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
8
MC3403, MC3303
PACKAGE DIMENSIONS
PDIP-14 CASE 646-06 ISSUE P
14
8
B
1 7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.290 0.310 --- 10 _ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.37 7.87 --- 10 _ 0.38 1.01
A F N -T-
SEATING PLANE
L C
H
G
D 14 PL
K
M
J M
DIM A B C D F G H J K L M N
0.13 (0.005)
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
9
MC3403/D


▲Up To Search▲   

 
Price & Availability of MC340306

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X