Part Number Hot Search : 
2KBP08M 100EL16 ADC413 UF10M 30DQ60KG TIP110 XC9536 CPD82X10
Product Description
Full Text Search
 

To Download MC3303906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC33039, NCV33039 Closed Loop Brushless Motor Adapter
The MC33039 is a high performance closed-loop speed control adapter specifically designed for use in brushless DC motor control systems. Implementation will allow precise speed regulation without the need for a magnetic or optical tachometer. This device contains three input buffers each with hysteresis for noise immunity, three digital edge detectors, a programmable monostable, and an internal shunt regulator. Also included is an inverter output for use in systems that require conversion of sensor phasing. Although this device is primarily intended for use with the MC33035 brushless motor controller, it can be used cost effectively in many other closed-loop speed control applications.
Features http://onsemi.com MARKING DIAGRAMS
PDIP-8 N SUFFIX CASE 626 1 1 MC33039P AWL YYWWG
* Digital Detection of Each Input Transition for Improved Low Speed * * * * *
Motor Operation TTL Compatible Inputs With Hysteresis Operation Down to 5.5 V for Direct Powering from MC33035 Reference Internal Shunt Regulator Allows Operation from a Non-Regulated Voltage Source Inverter Output for Easy Conversion between 60/300 and 120/240 Sensor Phasing Conventions Pb-Free Packages are Available
1
SOIC-8 D SUFFIX CASE 751 1 A WL, L YY, Y WW, W G or G
33039 ALYW G
= Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
PIN CONNECTIONS
C 1 Inputs
RT
VCC A 4 8 6 + 20 k Delay To Rotor Position Sensors B 2 Delay 1 Delay SQ R + + - 0.3 V R 2R + - 15 k 5 fout CT
8 VCC 7 GND 6 RT/CT 5 fout
B 2 A 3 A 4 (Top View)
+ + A 3
8.25 V
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet.
C
7 GND
Representative Block Diagram
(c) Semiconductor Components Industries, LLC, 2006
1
April, 2006 - Rev. 5
Publication Order Number: MC33039/D
MC33039, NCV33039
MAXIMUM RATINGS
Rating VCC Zener Current Logic Input Current (Pins 1, 2, 3) Output Current (Pins 4, 5), Sink or Source Power Dissipation and Thermal Characteristics Maximum Power Dissipation @ TA = + 85C Thermal Resistance, Junction-to-Air Operating Junction Temperature Operating Ambient Temperature Range MC33039 NCV33039 Storage Temperature Range I Symbol Z(V CC IIH IDRV PD RqJA TJ TA -40 to +85 -40 to +125 Tstg -65 to +150 C ) Value 30 5.0 20 650 100 +150 Unit mA mA mA mW C/W C C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
ELECTRICAL CHARACTERISTICS (VCC = 6.25 V, RT = 10 k, CT = 22 nF, TA = 25C, unless otherwise noted)
Characteristic LOGIC INPUTS Input Threshold Voltage High State Low State Hysteresis Input Current High State (VIH = 5.0 V) A B, C Low State (VIL = 0 V) A B, C MONOSTABLE AND OUTPUT SECTIONS Output Voltage High State fout (Isource = 5.0 mA) A (Isource = 2.0 mA) Low State fout (Isink = 10 mA) A (Isink = 10 mA) Capacitor CT Discharge Current Output Pulse Width (Pin 5) POWER SUPPLY SECTION Power Supply Operating Voltage Range MC33039 (TA = -40 to +85C) NCV33039 (TA = -40 to +125C) Power Supply Current Zener Voltage (IZ = 10 mA) Zener Dynamic Impedance (DIZ = 10 mA to 20 mA, f p 1.0 kHz) VCC 5.5 - VZ V VOH 3.60 4.20 VOL - - Idischg tPW 20 205 0.25 0.25 35 225 0.50 0.50 60 245 mA ms 3.95 4.75 4.20 - V V VIH VIL VH IIH - 40 - IIL - 190 - - 300 - 0.3 - 380 - 5.0 - 60 - 0.3 - 80 - 5.0 2.4 - 0.4 2.1 1.4 0.7 - 1.0 0.9 mA Symbol Min Typ Max Unit
ICC VZ Zka
1.8 7.5 -
3.9 8.25 2.0
5.0 9.0 5.0
mA V W
http://onsemi.com
2
MC33039, NCV33039
Rotor Electrical Position (Degrees) 0 60 120 180 240 300 360 480 600 720
A
60 Sensor Electrical Phasing Input
B
C
A
120 Sensor Electrical Phasing Input
B
C
A Output
Latch ISetI Input
Vth 0.67 VCC RT/CT
fout Output
Vout (AVG)
Constant Motor Speed
Increasing Motor Speed
Figure 1. Typical Three Phase, Six Step Motor Application
OPERATING DESCRIPTION The MC33039 provides an economical method of implementing closed-loop speed control of brushless DC motors by eliminating the need for a magnetic or optical tachometer. Shown in the timing diagram of Figure 1, the three inputs (Pins 1, 2, 3) monitor the brushless motor rotor position sensors. Each sensor signal transition is digitally detected, ORied at the Latch iSeti Input, and causes CT to discharge. A corresponding output pulse is generated at fout (Pin 5) of a defined amplitude, and programmable width determined by the values selected for RT and CT (Pin 6). The average voltage of the output pulse train increases with motor speed. When fed through a low pass filter or integrator, a DC voltage proportional to speed is generated. Figure 2 shows the proper connections for a typical closed loop application using the MC33035 brushless motor controller. Constant speed operation down to 100 RPM is possible with economical three phase four pole motors. The A inverter output (Pin 4) is used in systems where the controller and motor sensor phasing conventions are not compatible. A method of converting from either convention to the other is shown in Figure 3. For a more detailed explanation of this subject, refer to the text above Figure 39 on the MC33035 data sheet. The output pulse amplitude VOH is constant with temperature and controlled by the supply voltage on VCC (Pin 8). Operation down to 5.5 V is guaranteed over temperature. For systems without a regulated power supply, an internal 8.25 V shunt regulator is provided.
http://onsemi.com
3
Fault
N
VM
Rotor
S
POS DEC
Fwd/ Rev
S
Assy N
VCC
+ +
UVLO
REF
A 4 6 8.25 V CT R 2R 15 k
+ - +
Motor
Output Buffers
MC33039, NCV33039
Figure 2. Typical Closed Loop Speed Control Application
http://onsemi.com
8 RT Speed Set
+ -
4
Enable
3 5
20 k
EA PWM
- +
Thermal
Delay
R Q S S
2 SQ R
+ + -
Delay
1 0.3 V
Delay
OSC
Q R
+ -
MC33039P
7
MC33035P
ILIMIT
Brake
MC33039, NCV33039
100 t PW , OUTPUT PULSE WIDTH (ms) VCC = 6.25 V TA = 25C 10 CT = 220 nF 1.0 CT = 22 nF 0.1 CT = 2.2 nF 0.01 2.0 t PW , OUTPUT PULSE WIDTH CHANGE (%) + 1.6 VCC = 6.25 V RT = 10 k CT = 22 nF
+ 0.8
0
- 0.8
20 RT , TIMING RESISTOR (kW)
200
- 1.6 - 55
- 25
0 + 25 + 50 + 75 TA , AMBIENT TEMPERATURE (C)
+ 100
+ 125
Figure 3. fout, Pulse Width versus Timing Resistor
Figure 4. fout, Pulse Width Change versus Temperature
t PW , OUTPUT PULSE WIDTH CHANGE (%)
+ 4.0 ICC , SUPPLY CURRENT (mA) TA = 25C
20 16 Pins 1, 2, 3 Connected together
+ 2.0
12
0
8.0 TA = -40C TA = 125C 0 2.0 TA = 25C 8.0 10
- 2.0
4.0 0
- 4.0 4.5
5.5
6.5 7.5 VCC , SUPPLY VOLTAGE (V)
8.5
4.0 6.0 VCC , SUPPLY VOLTAGE (V)
Figure 5. fout, Pulse Width Change versus Supply Voltage
Figure 6. Supply Current versus Supply Voltage
V sat (SOURCE), SOURCE SATURATION CHANGE (%)
VCC - 2.0 Source Saturation (Load to Ground)
VCC = 6.25 V TA = 25C
V sat (sink), SINK SATURATION CHANGE (%)
V sat , OUTPUT SATURATION VOLTAGE (V)
0
+ 0.6 + 16 VCC = 6.25 V IO = 5.0 mA + 8.0 D Sink Saturation (Load to VCC) D Source Saturation (Load to Ground) 0 - 8.0
+ 0.4
- 4.0
+ 0.2 0
+ 0.4 Sink Saturation (Load to VCC) GND 0 0 4.0 8.0 12 IO , OUTPUT LOAD CURRENT (mA) 16
+ 0.2
- 0.2 - 16 - 55 - 25 0 + 25 + 50 + 75 TA , AMBIENT TEMPERATURE (C) + 100 + 125
Figure 7. fout, Saturation versus Load Current
Figure 8. fout, Saturation Change versus Temperature
http://onsemi.com
5
MC33039, NCV33039
ORDERING INFORMATION
Device MC33039D MC33039DG MC33039DR2 MC33039DR2G MC33039P MC33039PG NCV33039DR2* NCV33039DR2G* TA = -40C to +125C SOIC-8 2500 / Tape & Reel PDIP-8 50 Units / Rail TA = -40C to +85C SOIC-8 2500 / Tape & Reel 98 Units / Rail Operating Temperature Range Package Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *NCV33039: Tlow = -40C, Thigh = +125C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change control.
http://onsemi.com
6
MC33039, NCV33039
PACKAGE DIMENSIONS
P SUFFIX PLASTIC PACKAGE CASE 626-05 ISSUE L
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
8
5
-B-
1 4
F
NOTE 2
-A- L
C -T-
SEATING PLANE
J N D K
M
M
H
G 0.13 (0.005) TA
M
B
M
http://onsemi.com
7
MC33039, NCV33039
PACKAGE DIMENSIONS
SOIC-8 NB CASE 751-07 ISSUE AH
-X- A
8 5 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
B
1 4
S
0.25 (0.010)
M
Y
M
-Y- G C -Z- H D 0.25 (0.010)
M SEATING PLANE
K
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
DIM A B C D G H J K M N S
SOLDERING FOOTPRINT*
1.52 0.060
7.0 0.275
4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC33039/D


▲Up To Search▲   

 
Price & Availability of MC3303906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X