Part Number Hot Search : 
10ERB20 WL2805N SR100 015AZ24 TFA9810 CP82C88Z L1005 TC2503
Product Description
Full Text Search
 

To Download MC14555B06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC14555B, MC14556B Dual Binary to 1-of-4 Decoder/Demultiplexer
The MC14555B and MC14556B are constructed with complementary MOS (CMOS) enhancement mode devices. Each Decoder/Demultiplexer has two select inputs (A and B), an active low Enable input (E), and four mutually exclusive outputs (Q0, Q1, Q2, Q3). The MC14555B has the selected output go to the "high" state, and the MC14556B has the selected output go to the "low" state. Expanded decoding such as binary-to-hexadecimal (1-of-16), etc., can be achieved by using other MC14555B or MC14556B devices. Applications include code conversion, address decoding, memory selection control, and demultiplexing (using the Enable input as a data input) in digital data transmission systems.
Features
1 SOIC-16 D SUFFIX CASE 751B 1 16 1455xBG AWLYWW 1
http://onsemi.com MARKING DIAGRAMS
16 MC1455xBCP AWLYYWWG 1
PDIP-16 P SUFFIX CASE 648
* * * * * * *
Diode Protection on All Inputs Active High or Active Low Outputs Expandable Supply Voltage Range = 3.0 Vdc to 18 Vdc All Outputs Buffered Capable of Driving Two Low-Power TTL Loads or One Low-Power Schottky TTL Load Over the Rated Temperature Range Pb-Free Packages are Available*
SOEIAJ-16 F SUFFIX CASE 966 1 x A WL, L YY, Y WW, W G
16 MC1455xB ALYWG 1
MAXIMUM RATINGS (Voltages Referenced to VSS)
Parameter DC Supply Voltage Range Input or Output Voltage Range (DC or Transient) Input or Output Current (DC or Transient) per Pin Power Dissipation, per Package (Note 1) Ambient Temperature Range Storage Temperature Range Lead Temperature (8-Second Soldering) Symbol VDD Vin, Vout Iin, Iout PD TA Tstg TL Value -0.5 to +18.0 -0.5 to VDD + 0.5 10 500 -55 to +125 -65 to +150 260 Unit V V mA
= 5 or 6 = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
PIN ASSIGNMENTS
mW C C C
MC14555B
EA AA BA Q0A Q1A Q2A Q3A VSS 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD EB AB BB Q0B Q1B Q2B Q3B EA AA BA Q0A Q1A Q2A Q3A VSS
MC14556B
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD EB AB BB Q0B Q1B Q2B Q3B
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/C From 65C To 125C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS v (Vin or Vout) v VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
1
June, 2006 - Rev. 8
Publication Order Number: MC14555B/D
MC14555B, MC14556B
TRUTH TABLE
Inputs Enable E 0 0 0 0 1 Select B 0 0 1 1 X A 0 1 0 1 X 0 0 0 1 0 Outputs MC14555B 0 0 1 0 0 0 1 0 0 0 1 0 0 0 0 1 1 1 0 1 MC14556B 1 1 0 1 1 1 0 1 1 1 0 1 1 1 1 Q3 Q2 Q1 Q0 Q3 Q2 Q1 Q0
BLOCK DIAGRAM
MC14555B 2 3 1 A B E Q0 Q1 Q2 Q3 Q0 Q1 Q2 Q3 4 5 6 7 12 11 10 9 VDD = PIN 16 VSS = PIN 8 2 3 1 MC14556B A B E Q0 Q1 Q2 Q3 4 5 6 7 12 11 10 9
X = Don't Care
14 13 15
A B E
14 13 15
A B E
Q0 Q1 Q2 Q3
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
- 55C VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 VIH 5.0 10 15 IOH Source 5.0 5.0 10 15 IOL 5.0 10 15 15 - 5.0 10 15 5.0 10 15 - 3.0 - 0.64 - 1.6 - 4.2 0.64 1.6 4.2 - - - - - - - - - - - - 0.1 - 5.0 10 20 - 2.4 - 0.51 - 1.3 - 3.4 0.51 1.3 3.4 - - - - - - 4.2 - 0.88 - 2.25 - 8.8 0.88 2.25 8.8 0.00001 5.0 0.005 0.010 0.015 - - - - - - - 0.1 7.5 5.0 10 20 - 1.7 - 0.36 - 0.9 - 2.4 0.36 0.9 2.4 - - - - - - - - - - - - 1.0 - 150 300 600 mAdc 3.5 7.0 11 - - - 3.5 7.0 11 2.75 5.50 8.25 - - - 3.5 7.0 11 - - - mAdc 25C 125C Characteristic Symbol VOL Min - - - 4.95 9.95 14.95 - - - Max Min - - - 4.95 9.95 14.95 - - - Typ (Note 2) 0 0 0 5.0 10 15 2.25 4.50 6.75 Max Min - - - 4.95 9.95 14.95 - - - Max Unit Vdc Output Voltage Vin = VDD or 0 "0" Level 0.05 0.05 0.05 - - - 1.5 3.0 4.0 0.05 0.05 0.05 - - - 1.5 3.0 4.0 0.05 0.05 0.05 - - - 1.5 3.0 4.0 Vdc "1" Level Vin = 0 or VDD Input Voltage "0" Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) "1" Level (VO = 0.5 or 4.5 Vdc) (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) Input Current Input Capacitance, (Vin = 0) Quiescent Current (Per Package) VIL VOH Vdc Vdc Sink Iin Cin IDD mAdc pF mAdc Total Supply Current (Notes 3, 4) (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching) IT IT = (0.85 mA/kHz) f + IDD IT = (1.70 mA/kHz) f + IDD IT = (2.60 mA/kHz) f + IDD mAdc 2. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 3. The formulas given are for the typical characteristics only at 25C. 4. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL - 50) Vfk where: IT is in mA (per package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency, and k = 0.002.
http://onsemi.com
2
MC14555B, MC14556B
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25C)
Characteristic Symbol tTLH, tTHL VDD 5.0 10 15 5.0 10 15 5.0 10 15 Min - - - - - - - - - Typ (Note 6) 100 50 40 220 95 70 200 85 65 Max 200 100 80 440 190 140 ns 400 170 130 Unit ns Output Rise and Fall Time tTLH, tTHL = (1.5 ns/pF) CL + 25 ns tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns Propagation Delay Time - A, B to Output tPLH, tPHL = (1.7 ns/pF) CL + 135 ns tPLH, tPHL = (0.66 ns/pF) CL + 62 ns tPLH, tPHL = (0.5 ns/pF) CL + 45 ns Propagation Delay Time - E to Output tPLH, tPHL = (1.7 ns/pF) CL + 115 ns tPLH, tPHL = (0.66 ns/pF) CL + 52 ns tPLH, tPHL = (0.5 ns/pF) CL + 40 ns tPLH, tPHL ns tPLH, tPHL 5. The formulas given are for the typical characteristics only at 25C. 6. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. INPUT E LOW 20 ns 20 ns 90% 50% 10% VDD VSS VDD VSS VOH VOL 20 ns INPUT B tPHL OUTPUT Q3 MC14556B INPUT A HIGH, INPUT E LOW 20 ns 90% 50% 10% 90% 50% 10% 90% 50% 10% tTLH VDD tPLH VSS VOH A INPUTS (50% DUTY CYCLE) B INPUTS (50% DUTY CYCLE) OUTPUT Q1 All 8 outputs connect to respective CL loads. f in respect to a system clock. 1 2f tPLH OUTPUT Q3 MC14555B tTHL tPHL V tTLH OL VOH VOL tTHL
Figure 1. Dynamic Power Dissipation Signal Waveforms
Figure 2. Dynamic Signal Waveforms
LOGIC DIAGRAM (1/2 of Dual)
* A * B * E * *Eliminated for MC14555B Q3 Q2 Q1 Q0
http://onsemi.com
3
MC14555B, MC14556B
ORDERING INFORMATION
Device MC14555BCP MC14555BCPG MC14555BD MC14555BDG MC14555BDR2 MC14555BDR2G MC14555BFEL MC14555BFELG MC14556BCP MC14556BCPG MC14556BD MC14556BDR2 MC14556BDR2G MC14556BF MC14556BFEL MC14556BFELG Package PDIP-16 PDIP-16 (Pb-Free) SOIC-16 SOIC-16 (Pb-Free) SOIC-16 SOIC-16 (Pb-Free) SOEIAJ-16 SOEIAJ-16 (Pb-Free) PDIP-16 PDIP-16 (Pb-Free) SOIC-16 SOIC-16 SOIC-16 (Pb-Free) SOEIAJ-16 SOEIAJ-16 SOEIAJ-16 (Pb-Free) 2000 / Tape & Reel 2500 / Tape & Reel 50 Units / Tube 25 Units / Rail 48 Units / Rail 2000 / Tape & Reel 2500 / Tape & Reel 48 Units / Rail 25 Units / Rail Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
4
MC14555B, MC14556B
PACKAGE DIMENSIONS
PDIP-16 CASE 648-08 ISSUE T
-A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL.
B
1 8
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
DIM A B C D F G H J K L M S
INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040
MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
SOIC-16 CASE 751B-05 ISSUE J
-A-
16 9
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
http://onsemi.com
5
MC14555B, MC14556B
PACKAGE DIMENSIONS
SOEIAJ-16 CASE 966-01 ISSUE A
16
9
LE Q1 E HE M_ L DETAIL P
1
8
Z D e A VIEW P
c
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.10 0.20 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.78 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.031
b 0.13 (0.005)
M
A1 0.10 (0.004)
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
6
MC14555B/D


▲Up To Search▲   

 
Price & Availability of MC14555B06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X