Part Number Hot Search : 
RF230 TC1219 UF5404 FST31200 MAX863 P1727 S1L55063 DTR4A60
Product Description
Full Text Search
 

To Download MC14514B06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC14514B, MC14515B 4-Bit Transparent Latch / 4-to-16 Line Decoder
The MC14514B and MC14515B are two output options of a 4 to 16 line decoder with latched inputs. The MC14514B (output active high option) presents a logical "1" at the selected output, whereas the MC14515B (output active low option) presents a logical "0" at the selected output. The latches are R-S type flip-flops which hold the last input data presented prior to the strobe transition from "1" to "0". These high and low options of a 4-bit latch / 4 to 16 line decoder are constructed with N-channel and P-channel enhancement mode devices in a single monolithic structure. The latches are R-S type flip-flops and data is admitted upon a signal incident at the strobe input, decoded, and presented at the output. These complementary circuits find primary use in decoding applications where low power dissipation and/or high noise immunity is desired.
Features http://onsemi.com MARKING DIAGRAMS
24 1 PDIP-24 P SUFFIX CASE 709 1 MC145xxBCP AWLYYWWG
* Supply Voltage Range = 3.0 Vdc to 18 Vdc * Capable of Driving Two Low-power TTL Loads or One Low-power *
Schottky TTL Load the Rated Temperature Range Pb-Free Packages are Available*
1
SOIC-24 DW SUFFIX CASE 751E
24 MC145xxB AWLYYWWG 1
MAXIMUM RATINGS (Voltages Referenced to VSS)
Parameter DC Supply Voltage Range Input or Output Voltage Range (DC or Transient) Input or Output Current (DC or Transient) per Pin Power Dissipation per Package (Note 1) Ambient Temperature Range Storage Temperature Range Lead Temperature (8-Second Soldering) Symbol VDD Vin, Vout Iin, Iout PD TA Tstg TL Value -0.5 to +18.0 -0.5 to VDD +0.5 10 500 -55 to +125 -65 to +150 260 Unit V V mA
xx A WL YY WW G
= 14 or 15 = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
PIN ASSIGNMENT
mW C C C ST D1 D2 S7 S6 S5 S4 S3 S1 S2 S0 VSS 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VDD INH D4 D3 S10 S11 S8 S9 S14 S15 S12 S13
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS v (Vin or Vout) v VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
1
June, 2006 - Rev. 6
Publication Order Number: MC14514B/D
MC14514B, MC14515B
BLOCK DIAGRAM
S0 S1 S2 S3 S4 S5 S6 S7 S8 S9 S10 S11 S12 S13 S14 S15 11 9 10 8 7 6 5 4 18 17 20 19 14 13 16 15 ABCD ABCD ABCD ABCD ABCD ABCD ABCD ABCD ABCD ABCD ABCD ABCD ABCD ABCD ABCD ABCD
DECODE TRUTH TABLE (Strobe = 1)*
Data Inputs
Selected Output A 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 X MC14514 = Logic "1" MC14515 = Logic "0" S0 S1 S2 S3 S4 S5 S6 S7 S8 S9 S10 S11 S12 S13 S14 S15 All Outputs = 0, MC14514 All Outputs = 1, MC14515
VDD = PIN 24 VSS = PIN 12 DATA 1 DATA 2 DATA 3 DATA 4 STROBE 2 3 21 22 1 TRANSPARENT LATCH A B C D 4 TO 16 DECODER
Inhibit 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
D 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 X
C 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 X
B 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 X
INHIBIT
23
X = Don't Care *Strobe = 0, Data is latched
ORDERING INFORMATION
Device MC14514BCP MC14514BCPG MC14514BDW MC14514BDWR2 MC14514BDWR2G MC14515BCP MC14515BCPG MC14515BDW MC14515BDWR2 MC14515BDWR2G Package PDIP-24 PDIP-24 (Pb-Free) SOIC-24 SOIC-24 SOIC-24 (Pb-Free) PDIP-24 PDIP-24 (Pb-Free) SOIC-24 SOIC-24 SOIC-24 (Pb-Free) 1000 / Tape & Reel 15 Units / Rail 30 Units / Rail 1000 / Tape & Reel 15 Units / Rail 30 Units / Rail Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
MC14514B, MC14515B
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
- 55_C 25_C 125_C Characteristic Symbol VOL VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 VIH 5.0 10 15 IOH 5.0 5.0 10 15 IOL 5.0 10 15 15 - 5.0 10 15 5.0 10 15 - 1.2 - 0.25 - 0.62 - 1.8 0.64 1.6 4.2 - - - - - - - - - - - - 0.1 - 5.0 10 20 - 1.0 - 0.2 - 0.5 - 1.5 0.51 1.3 3.4 - - - - - - 1.7 - 0.36 - 0.9 - 3.5 0.88 2.25 8.8 0.00001 5.0 0.005 0.010 0.015 - - - - - - - 0.1 7.5 5.0 10 20 - 0.7 - 0.14 - 0.35 - 1.1 0.36 0.9 2.4 - - - - - - - - - - - - 1.0 - 150 300 600 mAdc 3.5 7.0 11 - - - 3.5 7.0 11 2.75 5.50 8.25 - - - 3.5 7.0 11 - - - mAdc Min - - - 4.95 9.95 14.95 - - - Max Min - - - 4.95 9.95 14.95 - - - Typ (Note 2) 0 0 0 5.0 10 15 2.25 4.50 6.75 Max Min - - - 4.95 9.95 14.95 - - - Max Unit Vdc Output Voltage Vin = VDD or 0 "0" Level 0.05 0.05 0.05 - - - 1.5 3.0 4.0 0.05 0.05 0.05 - - - 1.5 3.0 4.0 0.05 0.05 0.05 - - - 1.5 3.0 4.0 Vdc "1" Level Vin = 0 or VDD VOH Vdc Input Voltage "0" Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) "1" Level (VO = 0.5 or 4.5 Vdc) (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) Input Current Input Capacitance (Vin = 0) Quiescent Current (Per Package) VIL Vdc Source Sink Iin Cin IDD mAdc pF mAdc Total Supply Current (Note 3, 4) (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching) ITL IT = (1.35 mA/kHz) f + IDD IT = (2.70 mA/kHz) f + IDD IT = (4.05 mA/kHz) f + IDD mAdc 2. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 3. The formulas given are for the typical characteristics only at 25_C. 4. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL - 50) Vfk where: IT is in mA (per package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency, and k = 0.002.
http://onsemi.com
3
MC14514B, MC14515B
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
All Types Typ (Note 6) 180 90 65 100 50 40 550 225 150 400 150 100 125 50 38 - 100 - 40 - 30 175 50 38 Characteristic Symbol tTLH 5.0 10 15 tTHL 5.0 10 15 tPLH, tPHL 5.0 10 15 5.0 10 15 5.0 10 15 Hold Time Strobe to Data th 5.0 10 15 5.0 10 15 - - - - - - - - - 250 100 75 - 20 0 10 350 100 75 200 100 80 ns 1100 450 300 ns 800 300 200 ns - - - - - - - - - ns - - - 360 180 130 ns VDD Min Max Unit ns Output Rise Time tTLH = (3.0 ns/pF) CL + 30 ns tTLH = (1.5 ns/pF) CL + 15 ns tTLH = (1.1 ns/pF) CL + 10 ns Output Fall Time tTHL = (1.5 ns/pF) CL + 25 ns tTHL = (0.75 ns/pF) CL + 12.5 ns tTHL = (0.55 ns/pF) CL + 9.5 ns Propagation Delay Time; Data, Strobe to S tPLH, tPHL = (1.7 ns/pF) CL + 465 ns tPLH, tPHL = (0.86 ns/pF) CL + 192 ns tPLH, tPHL = (0.5 ns/pF) CL + 125 ns Inhibit Propagation Delay Times tPLH, tPHL = (1.7 ns/pF) CL + 315 ns tPLH, tPHL = (0.66 ns/pF) CL + 117 ns tPLH, tPHL = (0.5 ns/pF) CL + 75 ns Setup Time Data to Strobe tPLH, tPHL tsu Strobe Pulse Width tWH ns 5. The formulas given are for the typical characteristics only at 25_C. 6. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. VDD VDS STROBE INHIBIT For MC14514B 1. For P-channel: Inhibit = VSS 1. and D1-D4 constitute 1. binary code for "output 1. under test." 2. For N-channel: Inhibit = VDD D1 D2 D3 D4 S0 S1 S2 S3 S4 S5 S6 S7 S8 S9 S10 S11 S12 S13 S14 S15 VSS For MC14515B 1. For P-channel: Inhibit = VDD 2. For N-channel: Inhibit = VSS 2. and D1-D4 constitute binary 2. code for "output under test." ID EXTERNAL POWER SUPPLY
Figure 1. Drain Characteristics Test Circuit
http://onsemi.com
4
MC14514B, MC14515B
VDD ID
24
VDD
500 mF
0.01 mF CERAMIC 20 ns CL Vin 90% 10% 20 ns VDD VSS
PULSE GENERATOR
D1 S0 D2 D3 D4 STROBE INHIBIT S15
12
VSS
CL
Figure 2. Dynamic Power Dissipation Test Circuit and Waveform
VDD
STROBE INHIBIT PROGRAMMABLE PULSE GENERATOR D1 D2 D3 D4
S0 S1
OUTPUT S0 OUTPUT S1 CL CL
INPUT
tTLH
20 ns 90% 50%
tTHL VDD VSS tPHL VDD VSS tTHL
10% tPLH
OUTPUT
90% 50% 10% tTLH
S15
OUTPUT S15 CL
VSS
Figure 3. Switching Time Test Circuit and Waveforms
http://onsemi.com
5
LOGIC DIAGRAM
AB CD AB CD AB CD AB CD AB CD AB CD B AB CD AB CD R S Q C Q AB CD AB CD AB CD D AB CD AB CD R Q AB CD AB CD AB CD
11 S0 9 S1 10 S2 8 S3 7 S4 6 S5 5 S6 4 S7 18 S8 17 S9 20 S10 19 S11 14 S12 13 S13 16 S14 15 S15
DATA 1 2 S Q A
R S Q
Q
DATA 2 3
MC14514B, MC14515B
http://onsemi.com
R S Q Q
6
DATA 3 21
DATA 4 22
STROBE 1
INHIBIT 23
IN MC14515B ONLY
MC14514B, MC14515B
COMPLEX DATA ROUTING Two MC14512 eight-channel data selectors are used here with the MC14514B four-bit latch/decoder to effect a complex data routing system. A total of 16 inputs from data registers are selected and transferred via a 3-state data bus to a data distributor for rearrangement and entry into 16 output registers. In this way sequential data can be re-routed or intermixed according to patterns determined by data select and distribution inputs. Data is placed into the routing scheme via the eight inputs on both MC14512 data selectors. One register is assigned to each input. The signals on A0, A1, and A2 choose one of eight inputs for transfer out to the 3-state data bus. A fourth signal, labelled Dis, disables one of the MC14512 selectors, assuring transfer of data from only one register. In addition to a choice of input registers, 1 thru 16, the rate of transfer of the sequential information can also be varied. That is, if the MC14512 were addressed at a rate that is eight times faster then the shift frequency of the input registers, the most significant bit (MSB) from each register could be selected for transfer to the data bus. Therefore, all of the most significant bits from all of the registers can be transferred to the data bus before the next most significant bit is presented for transfer by the input registers. Information from the 3-state bus is redistributed by the MC14514B four-bit latch/decoder. Using the four-bit address, D1 thru D4, the information on the inhibit line can be transferred to the addressed output line to the desired output registers, A thru P. This distribution of data bits to the output registers can be made in many complex patterns. For example, all of the most significant bits from the input registers can be routed into output register A, all of the next most significant bits into register B, etc. In this way horizontal, vertical, or other methods of data slicing can be implemented.
DATA ROUTING SYSTEM
INPUT REGISTERS DATA TRANSFER 3-STATE DATA BUS DATA DISTRIBUTION OUTPUT REGISTERS
REGISTER 1
D0 D1 D2 D3 D4 D5 D6
DIS
Q D1 D2 D3 D4 S0 STROBE S1 S2 S3 S4 S5 S6 S7 S8 S9 S10 S11 S12 S13 INHIBIT S14 S15 MC14514B
MC14512
REGISTER A
REGISTER 8
D7 A0 A1 A2
DATA SELECT A0 A1 A2 D0 Q D1 D2 D3 D4 D5 D6 D7 DIS MC14512
REGISTER 9
REGISTER P
REGISTER 16
http://onsemi.com
7
MC14514B, MC14515B
PACKAGE DIMENSIONS
PDIP-24 CASE 709-02 ISSUE D
J
24 13 NOTES: 1. POSITIONAL TOLERANCE OF LEADS (D), SHALL BE WITHIN 0.25 (0.010) AT MAXIMUM MATERIAL CONDITION, IN RELATION TO SEATING PLANE AND EACH OTHER. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 4. CONTROLLING DIMENSION: INCH.
B
1 12
L
A N C
M
K H G F D
SEATING PLANE
DIM A B C D F G H J K L M N
INCHES MIN MAX 1.235 1.265 0.540 0.560 0.155 0.200 0.014 0.022 0.040 0.060 0.100 BSC 0.065 0.080 0.008 0.015 0.115 0.135 0.600 BSC 0_ 15_ 0.020 0.040
MILLIMETERS MIN MAX 31.37 32.13 13.72 14.22 3.94 5.08 0.36 0.56 1.02 1.52 2.54 BSC 1.65 2.03 0.20 0.38 2.92 3.43 15.24 BSC 0_ 15_ 0.51 1.02
SOIC-24 CASE 751E-04 ISSUE E
-A-
24 13 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 15.25 15.54 7.40 7.60 2.35 2.65 0.35 0.49 0.41 0.90 1.27 BSC 0.23 0.32 0.13 0.29 0_ 8_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.601 0.612 0.292 0.299 0.093 0.104 0.014 0.019 0.016 0.035 0.050 BSC 0.009 0.013 0.005 0.011 0_ 8_ 0.395 0.415 0.010 0.029
-B-
12X
P 0.010 (0.25)
M
B
M
1
12
24X
D 0.010 (0.25)
M
J TA
S
B
S
F R C -T-
SEATING PLANE X 45 _
M
22X
G
K
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
8
MC14514B/D


▲Up To Search▲   

 
Price & Availability of MC14514B06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X