Part Number Hot Search : 
TL7700 29LV04 T6250930 YC36SGD SMBJ17CA 65016G M3494EZ C1200
Product Description
Full Text Search
 

To Download MC14504B05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC14504B Hex Level Shifter for TTL to CMOS or CMOS to CMOS
The MC14504B is a hex non-inverting level shifter using CMOS technology. The level shifter will shift a TTL signal to CMOS logic levels for any CMOS supply voltage between 5 and 15 volts. A control input also allows interface from CMOS to CMOS at one logic level to another logic level: Either up or down level translating is accomplished by selection of power supply levels VDD and VCC. The VCC level sets the input signal levels while VDD selects the output voltage levels.
Features http://onsemi.com MARKING DIAGRAMS
PDIP-16 P SUFFIX CASE 648 16 MC14504BCP AWLYYWWG 1
* UP Translates from a Low to a High Voltage or DOWN Translates * * * * * *
from a High to a Low Voltage Input Threshold Can Be Shifted for TTL Compatibility No Sequencing Required on Power Supplies or Inputs for Power Up or Power Down 3 to 18 Vdc Operation for VDD and VCC Diode Protected Inputs to VSS Capable of Driving Two Low-Power TTL Loads or One Low-Power Schottky TTL Load Over the Rated Temperature Range Pb-Free Packages are Available*
Parameter DC Supply Voltage Range DC Supply Voltage Range Input Voltage Range (DC or Transient) Output Voltage Range (DC or Transient) Input or Output Current (DC or Transient) per Pin Power Dissipation, per Package (Note 1) Ambient Temperature Range Storage Temperature Range Lead Temperature (8-Second Soldering) Value -0.5 to +18.0 -0.5 to +18.0 -0.5 to +18.0 -0.5 to VDD + 0.5 10 500 -55 to +125 -65 to +150 260 Unit V V V V mA mW C C C
16 SOIC-16 D SUFFIX CASE 751B 1 14504BG AWLYWW
16 TSSOP-16 DT SUFFIX CASE 948F 1 14 504B ALYW
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol VCC VDD Vin Vout Iin, Iout PD TA Tstg TL
16 SOEIAJ-16 F SUFFIX CASE 966 1 A WL, L YY, Y WW, W G = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Indicator MC14504B ALYWG
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS v (Vin or Vout) v VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
(c) Semiconductor Components Industries, LLC, 2005
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
1
August, 2005 - Rev. 6
Publication Order Number: MC14504B/D
MC14504B
PIN ASSIGNMENT
VCC Aout Ain Bout Bin Cout Cin VSS 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD Fout Fin MODE Eout Ein Dout Din MODE TTL/CMOS MODE SELECT INPUT LEVEL SHIFTER OUTPUT VCC VDD
LOGIC DIAGRAM
Mode Select 1 (VCC) 0 (VSS) 1/6 of package shown.
Input Logic Levels TTL CMOS
Output Logic Levels CMOS CMOS
ORDERING INFORMATION
Device MC14504BCP MC14504BCPG MC14504BD MC14504BDG MC14504BDR2 MC14504BDR2G MC14504BDT MC14504BDTR2 MC14504BF MC14504BFEL Package PDIP-16 PDIP-16 (Pb-Free) SOIC-16 SOIC-16 (Pb-Free) SOIC-16 SOIC-16 (Pb-Free) TSSOP-16* TSSOP-16* SOEIAJ-16 SOEIAJ-16 Shipping 500 Units / Rail 500 Units / Rail 48 Units / Rail 48 Units / Rail 2500 Units / Tape & Reel 2500 Units / Tape & Reel 96 Units / Rail 2500 Units / Tape & Reel 50 Units / Rail 2000 Units / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
2
I I I I I I I II I I I I I II I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I II I I II I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I II I I I I II I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II III II I I I I II I I I II I II I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIII I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I II I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIII IIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I II I I I II I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II I I I I II I I I II I I I I II I I II I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I II I I I II I I I I I I I I II I I I I II I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II I I I I II I I I II I I I I I I I I II I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I II I I I II I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I II I I I I II I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II I I I I II I I I II III II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII II I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII IIIIIIIIIIIIIIIIIIIII II I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIII I I I II I I I I II I I II I I I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIII II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIII
2. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance.
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Quiescent Current (Per Package) TTL-CMOS Mode
Quiescent Current (Per Package) TTL-CMOS Mode
Quiescent Current (Per Package) CMOS-CMOS Mode
Input Capacitance (Vin = 0)
Input Current
Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc)
Input Voltage "1" Level (VOH = 9.0 Vdc) TTL-CMOS (VOH = 13.5 Vdc) TTL-CMOS (VOH = 9.0 Vdc) CMOS-CMOS (VOH = 13.5 Vdc) CMOS-CMOS (VOH = 13.5 Vdc) CMOS-CMOS
Input Voltage "0" Level (VOL = 1.0 Vdc) TTL-CMOS (VOL = 1.5 Vdc) TTL-CMOS (VOL = 1.0 Vdc) CMOS-CMOS (VOL = 1.5 Vdc) CMOS-CMOS (VOL = 1.5 Vdc) CMOS-CMOS
Output Voltage Vin = 0 V
(VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc)
Vin = VCC
Characteristic
"1" Level
"0" Level
Source
Sink
Symbol
IDD or ICC
VOH
VOL
IOH
VIH
ICC
IDD
IOL
Cin
VIL
Iin
VCC Vdc
5.0 5.0 5.0
5.0 5.0 5.0
5.0 5.0 5.0 5.0 10
5.0 5.0 5.0 5.0 10
- - -
-
-
- - -
- - - -
- - -
- - -
http://onsemi.com
MC14504B
VDD Vdc
5.0 10 15
5.0 10 15
5.0 10 15
5.0 10 15
5.0 5.0 10 15
5.0 10 15
5.0 10 15
15
10 15 10 15 15
10 15 10 15 15
-
3 - 3.0 - 0.64 - 1.6 - 4.2 4.95 9.95 14.95 0.64 1.6 4.2 Min 2.0 2.0 3.6 3.6 7.1 - - - - - - - - - - - - - - - - - - -III - - - 55_C 0.1 0.05 0.10 0.20 0.05 0.05 0.05 Max 5.0 5.0 5.0 0.5 1.0 2.0 0.8 0.8 1.5 1.5 3.0 - - - - - - - - - - - - - - - - 2.4 - 0.51 - 1.3 - 3.4 4.95 9.95 14.95 0.51 1.3 3.4 Min 2.0 2.0 3.5 3.5 7.0 - - - - - - - - - - - - - - - - - - 0.00001 Typ (Note 2) 0.0005 0.0010 0.0015 0.0005 0.0010 0.0015 - 4.2 - 0.88 - 2.25 - 8.8 25_C 0.88 2.25 8.8 1.5 1.5 2.75 2.75 5.5 1.3 1.3 2.25 2.25 4.5 5.0 5.0 10 15 0 0 0 2.5 2.5 2.5 0.1 0.05 0.10 0.20 0.05 0.05 0.05 Max 5.0 5.0 5.0 0.5 1.0 2.0 7.5 0.8 0.8 1.5 1.5 3.0 - - - - - - - - - - - - - - - - 1.7 - 0.36 - 0.9 - 2.4 4.95 9.95 14.95 0.36 0.9 2.4 Min 2.0 2.0 3.5 3.5 7.0 - - - - - - - - - - - - - - - - - - - 125_C 1.0 0.05 0.05 0.05 Max 6.0 6.0 6.0 3.8 7.5 15 1.5 3.0 6.0 0.8 0.8 1.4 1.5 2.9 - - - - - - - - - - - - - - - -III pF mAdc mAdc mAdc mAdc mAdc mAdc Unit Vdc Vdc Vdc Vdc
EE EE EE EE EE EE EE EE
0 5 10 15 VDD, SUPPLY VOLTAGE (Vdc) 20
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II II I I I III I I I I I II II II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II II II II I II II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIII I I II II I II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII I I IIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIII II IIIIIIII I III I I I I I III I I I I I II II II II II II I II II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II II II II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII I IIIIII I I I II I I I II I II II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIII II II II I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIII I I IIIIIIII II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIII
3. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. Output Rise and Fall Time Propagation Delay, Low to High Propagation Delay, High to Low
SWITCHING CHARACTERISTICS (CL = 50 pF, TA = 25_C)
Figure 3. Operating Boundary CMOS to CMOS Mode
VDD, SUPPLY VOLTAGE (Vdc)
VDD, SUPPLY VOLTAGE (Vdc)
EEEEEEEEE EEEEEEEEE EEEEEEEEE EEEEEEEEE EEEEEEEEE EEEEEEEEE EEEEEEEEE EEEEEEEEE EEEEEEEEE
5 10 15 VDD, SUPPLY VOLTAGE (Vdc)
Figure 1. Input Switchpoint CMOS to CMOS Mode
10
15
20
0
5
0
VSp , INPUT SWITCHPOINT VOLTAGE (Vdc)
VSp , INPUT SWITCHPOINT VOLTAGE (Vdc)
1
2
3
4
5
6
7
0
0
Characteristic
5
10 15 VCC, SUPPLY VOLTAGE (Vdc)
tTLH, tTHL
Symbol
tPLH
tPHL
VCC = 10 V
VCC = 5 V
20
CMOS - CMOS VCC > VDD
CMOS - CMOS VDD > VCC
CMOS - CMOS VCC > VDD
CMOS - CMOS VDD > VCC
20
Shifting Mode
http://onsemi.com
TTL - CMOS VDD > VCC TTL - CMOS VDD > VCC
MC14504B
ALL
4
Figure 4. Operating Boundary TTL to CMOS Mode Figure 2. Input Switchpoint TTL to CMOS Mode
VCC Vdc 5.0 5.0 10 10 15 15 - - - 5.0 5.0 10 10 15 15 5.0 5.0 5.0 5.0 10 15 20 0 1 2 3 4 5 6 7 0 5 VDD Vdc 10 15 15 5.0 5.0 10 5.0 10 15 10 15 15 5.0 5.0 10 10 15 10 15 Min - - - - - - - - - - - - - - - - - - - Limits Typ (Note 3) VCC = 5 V 170 170 100 275 275 145 100 50 40 120 120 70 185 185 175 170 160 140 140 Max 340 340 200 550 550 290 200 100 80 240 240 140 370 370 350 340 320 280 280 Unit ns ns ns 0 5 10 15 VCC, SUPPLY VOLTAGE (Vdc) 20
MC14504B
PACKAGE DIMENSIONS
PDIP-16 P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE T
-A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL.
B
1 8
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
DIM A B C D F G H J K L M S
INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040
MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
SOIC-16 D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
-A-
16 9
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
http://onsemi.com
5
MC14504B
PACKAGE DIMENSIONS
TSSOP-16 DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948F-01 ISSUE A
16X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
K
16
2X
L/2
9
J1 B -U-
L
PIN 1 IDENT. 1 8
J
N 0.25 (0.010) 0.15 (0.006) T U
S
A -V- N F DETAIL E
C 0.10 (0.004) -T- SEATING
PLANE
H D G
DETAIL E
http://onsemi.com
6
CCC EEE CCC EEE CCC
M
K1
SECTION N-N
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.18 0.28 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.007 0.011 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
-W-
DIM A B C D F G H J J1 K K1 L M
MC14504B
PACKAGE DIMENSIONS
SOEIAJ-16 F SUFFIX PLASTIC EIAJ SOIC PACKAGE CASE 966-01 ISSUE O
16
9
LE Q1 E HE M_ L DETAIL P
1
8
Z D e A VIEW P
c
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.78 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.031
b 0.13 (0.005)
M
A1 0.10 (0.004)
http://onsemi.com
7
MC14504B
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC14504B/D


▲Up To Search▲   

 
Price & Availability of MC14504B05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X