Part Number Hot Search : 
VB923 3216S MAX1436B MAX1436B MAX1436B BUK72 A3132 RC30S08
Product Description
Full Text Search
 

To Download MC14093B06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC14093B Quad 2-Input NAND" Schmitt Trigger
The MC14093B Schmitt trigger is constructed with MOS P-channel and N-channel enhancement mode devices in a single monolithic structure. These devices find primary use where low power dissipation and/or high noise immunity is desired. The MC14093B may be used in place of the MC14011B quad 2-input NAND gate for enhanced noise immunity or to "square up" slowly changing waveforms.
Features http://onsemi.com MARKING DIAGRAMS
14 PDIP-14 P SUFFIX CASE 646 1 14 SOIC-14 D SUFFIX CASE 751A 1 14 14093BG AWLYWW MC14093BCP AWLYYWWG
* Supply Voltage Range = 3.0 Vdc to 18 Vdc * Capable of Driving Two Low-Power TTL Loads or One Low-Power * * * * *
Schottky TTL Load Over the Rated Temperature Range Triple Diode Protection on All Inputs Pin-for-Pin Compatible with CD4093 Can be Used to Replace MC14011B Independent Schmitt-Trigger at each Input Pb-Free Packages are Available
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol VDD Vin, Vout Iin, Iout PD TA Tstg TL Parameter DC Supply Voltage Range Input or Output Voltage Range (DC or Transient) Input or Output Current (DC or Transient) per Pin Power Dissipation, per Package (Note 1) Ambient Temperature Range Storage Temperature Range Lead Temperature (8-Second Soldering) Value -0.5 to +18.0 -0.5 to VDD + 0.5 10 500 -55 to +125 -65 to +150 260 Unit V V
TSSOP-14 DT SUFFIX CASE 948G 1 14
14 093B ALYW G G
mA mW C C C
SOEIAJ-14 F SUFFIX CASE 965 1
MC14093B ALYWG
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS v (Vin or Vout) v VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G or G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2006
October, 2006 - Rev. 7
1
Publication Order Number: MC14093B/D
MC14093B
PIN ASSIGNMENT
IN 1A IN 2A OUTA OUTB IN 1B IN 2B VSS 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD IN 2D IN 1D OUTD OUTC IN 2C IN 1C
LOGIC DIAGRAM
1 2 5 6 8 9 12 13 VDD = PIN 14 VSS = PIN 7 3
4
10
11
EQUIVALENT CIRCUIT SCHEMATIC (1/4 OF CIRCUIT SHOWN)
ORDERING INFORMATION
Device MC14093BCP MC14093BCPG MC14093BD MC14093BDG MC14093BDR2 MC14093BDR2G MC14093BDTR2 MC14093BDTR2G MC14093BFEL MC14093BFELG Package PDIP-14 PDIP-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) TSSOP-14* TSSOP-14* SOEIAJ-14 SOEIAJ-14 (Pb-Free) 2000 Units / Tape & Reel 2500 Units / Tape & Reel 55 Units / Rail 25 Units / Rail Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
2
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III I II IIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII IIIII IIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I II I I I I III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I II II IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII IIIIIIIIIIIIIIIIIIIIIIII I I I I IIII I I I I I I III II IIII I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I I IIIIII I I I III IIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIII I IIIII I IIIIIIIIII IIII I I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III I I I I I I I I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIII I I I I I I I I III II IIII III I IIIIIIIIIIIIIIIIIIII I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIII II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I I II IIII III I I I I I I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIII III IIIII I I II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIII I I I I I I III II III II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
2. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 3. The formulas given are for the typical characteristics only at 25_C. 4. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL - 50) Vfk
where: IT is in mA (per package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency, and k = 0.004.
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Threshold Voltage Positive-Going
Hysteresis Voltage
Total Supply Current (3) (4) (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching)
Quiescent Current (Per Package)
Input Capacitance (Vin = 0)
Input Current
Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc)
Output Voltage Vin = VDD or 0
Negative-Going
(VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc)
Vin = 0 or VDD
Characteristic
"0" Level
"1" Level
Source
Sink
Symbol
VOH
VH
VOL
VT+
VT-
IOH
IDD
IOL
Cin
Iin
IT
VDD Vdc
5.0 10 15
5.0 10 15
5.0 10 15
5.0 10 15
5.0 10 15
5.0 10 15
5.0 5.0 10 15
5.0 10 15
5.0 10 15
15
-
http://onsemi.com
- 3.0 - 0.64 - 1.6 - 4.2 4.95 9.95 14.95 0.64 1.6 4.2 Min 0.9 2.5 4.0 2.2 4.6 6.8 0.3 1.2 1.6
MC14093B
- - -
-
-
- - -
- 55_C
3 0.1 3.6 7.1 10.8 0.25 0.5 1.0 0.05 0.05 0.05 Max 2.0 3.4 5.0 - - - - - - - - - - - 2.8 5.2 7.4 - 2.4 - 0.51 - 1.3 - 3.4 4.95 9.95 14.95 0.51 1.3 3.4 Min 0.9 2.5 4.0 2.2 4.6 6.8 0.3 1.2 1.6 - - - - - - - - IT = (1.2 mA/kHz) f + IDD IT = (2.4 mA/kHz) f + IDD IT = (3.6 mA/kHz) f + IDD 0.00001 0.0005 0.0010 0.0015 Typ (2) - 4.2 - 0.88 - 2.25 - 8.8 25_C 0.88 2.25 8.8 1.9 3.9 5.8 2.9 5.9 8.8 1.1 1.7 2.1 5.0 5.0 10 15 0 0 0 0.1 3.6 7.1 10.8 Max 2.0 3.4 5.0 7.5 - - - - - - - - - - 0.25 0.5 1.0 0.05 0.05 0.05 2.8 5.2 7.4 - 1.7 - 0.36 - 0.9 - 2.4 4.95 9.95 14.95 0.36 0.9 2.4 Min 0.9 2.5 4.0 2.2 4.6 6.8 0.3 1.2 1.6 - - - - - - - - 125_C 1.0 3.6 7.1 10.8 Max 2.0 3.4 5.0 7.5 15 30 - - - - - - - - - - - 0.05 0.05 0.05 2.8 5.2 7.4 mAdc mAdc mAdc mAdc mAdc Unit Vdc Vdc Vdc Vdc Vdc pF
MC14093B
II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I I III I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I III IIIIIIIIIIIIIIIIIII IIII I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I III I II I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIII I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIII
SWITCHING CHARACTERISTICS (CL = 50 pF, TA = 25_C)
Characteristic Symbol tTLH VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 Min - - - - - - - - - Typ (5) 100 50 40 100 50 40 125 50 40 Max 200 100 80 200 100 80 250 100 80 Unit ns Output Rise Time Output Fall Time tTHL ns Propagation Delay Time tPLH, tPHL ns 5. Data labeled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. VDD 14 PULSE GENERATOR OUTPUT INPUT 7 VSS CL 20 ns INPUT tPHL OUTPUT 90% 50% 10% tTHL tTLH 90% 50% 10% tPLH 20 ns VDD VSS VOH VOL
Figure 1. Switching Time Test Circuit and Waveforms
VH Vin
VDD Vin VSS VDD
VH
VDD
VSS VDD
Vout VSS
Vout VSS
(a) Schmitt Triggers will square up (a) inputs with slow rise and fall times.
(b) A Schmitt trigger offers maximum (b) noise immunity in gate applications.
Figure 2. Typical Schmitt Trigger Applications
http://onsemi.com
4
MC14093B
14 IOH Vout All unused inputs connected to ground. 0 IOH, DRAIN CURRENT (mAdc) -2.0 a b b VGS = -5.0 Vdc TA = -55C TA = +25C TA = +125C c -10 Vdc -8.0 b c 7 VGS c b IOL , DRAIN CURRENT (mAdc) a 10 8.0 a 14 VGS All unused inputs connected to ground. bc a b c a b c a b c 0 0 0 2.0 4.0 6.0 VDS, DRAIN VOLTAGE (Vdc) 8.0 10 5.0 Vdc TA = -55C TA = +25C TA = +125C 15 Vdc VGS = 10 Vdc 7 IOL Vout
-4.0
6.0
-6.0
4.0
b a
-15 Vdc
2.0
-10 -10
a -2.0
-8.0
-6.0 -4.0 VDS, DRAIN VOLTAGE (Vdc)
Figure 3. Typical Output Source Characteristics Test Circuit
Figure 4. Typical Output Sink Characteristics Test Circuit
VDD Vout , OUTPUT VOLTAGE (Vdc) 0 0
VT- VH
VT+
VDD
Vin, INPUT VOLTAGE (Vdc)
Figure 5. Typical Transfer Characteristics
http://onsemi.com
5
MC14093B
PACKAGE DIMENSIONS
PDIP-14 CASE 646-06 ISSUE P
14
8
B
1 7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.290 0.310 --- 10 _ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.37 7.87 --- 10 _ 0.38 1.01
A F N -T-
SEATING PLANE
L C
H
G
D 14 PL
K
M
J M
DIM A B C D F G H J K L M N
0.13 (0.005)
http://onsemi.com
6
MC14093B
SOIC-14 CASE 751A-03 ISSUE H
-A-
14 8
-B-
P 7 PL 0.25 (0.010)
M
B
M
1
7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
G C -T-
SEATING PLANE
R X 45 _
F
D 14 PL 0.25 (0.010)
K
M
M
S
J
TB
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
SOLDERING FOOTPRINT*
7X
7.04 1 0.58
14X
14X
1.52
1.27 PITCH
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
7
MC14093B
PACKAGE DIMENSIONS
TSSOP-14 CASE 948G-01 ISSUE B
14X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V N
S
2X
L/2
14
8
0.25 (0.010) M
L
PIN 1 IDENT. 1 7
B -U-
N F DETAIL E K
0.15 (0.006) T U
S
J J1
SECTION N-N -W-
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
DETAIL E
SOLDERING FOOTPRINT*
7.06 1
0.36
14X
14X
1.26
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
8
CCC EEE CCC EEE CCC
A -V-
K1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS INCHES DIM MIN MAX MIN MAX A 4.90 5.10 0.193 0.200 B 4.30 4.50 0.169 0.177 C --- 1.20 --- 0.047 D 0.05 0.15 0.002 0.006 F 0.50 0.75 0.020 0.030 G 0.65 BSC 0.026 BSC H 0.50 0.60 0.020 0.024 J 0.09 0.20 0.004 0.008 J1 0.09 0.16 0.004 0.006 K 0.19 0.30 0.007 0.012 K1 0.19 0.25 0.007 0.010 L 6.40 BSC 0.252 BSC M 0_ 8_ 0_ 8_
0.65 PITCH
DIMENSIONS: MILLIMETERS
MC14093B
PACKAGE DIMENSIONS
SOEIAJ-14 CASE 965-01 ISSUE A
14
8
LE Q1 E HE M_ L DETAIL P
1
7
Z D e A VIEW P
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE 0.50 LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.10 0.20 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 1.42 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.004 0.008 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.056
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
9
MC14093B/D


▲Up To Search▲   

 
Price & Availability of MC14093B06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X