Part Number Hot Search : 
25201 24SR12 S1048 GM0465R LT1P97A SLC0XXX 2SC4434 MMSZ5259
Product Description
Full Text Search
 

To Download MC14067B05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC14067B Analog Multiplexers / Demultiplexers
The MC14067 multiplexer/demultiplexer is a digitally controlled analog switch featuring low ON resistance and very low leakage current. This device can be used in either digital or analog applications. The MC14067 is a 16-channel multiplexer/demultiplexer with an inhibit and four binary control inputs A, B, C, and D. These control inputs select 1-of-16 channels by turning ON the appropriate analog switch (see MC14067 truth table.)
Features http://onsemi.com MARKING DIAGRAMS
PDIP-24 P SUFFIX CASE 709
* * * * * * * *
Low OFF Leakage Current Matched Channel Resistance Low Quiescent Power Consumption Low Crosstalk Between Channels Wide Operating Voltage Range: 3 to 18 V Low Noise Pin for Pin Replacement for CD4067B Pb-Free Packages are Available*
Parameter Value Unit V V A WL YY WW
MC14067BCP AWLYYWW
SOIC-24 DW SUFFIX CASE 751E
14067B AWLYYWW
II I I I I I IIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIII I I I I I I IIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIII I I I II I I I II I IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIII I I I I I II IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIII I I
Symbol VDD DC Supply Voltage Range - 0.5 to + 18.0 Vin, Vout Iin Input or Output Voltage Range (DC or Transient) - 0.5 to VDD + 0.5 10 25 500 Input Current (DC or Transient), per Control Pin Switch Through Current mA mA Isw PD TA TL Power Dissipation, per Package (Note 1) Ambient Temperature Range Storage Temperature Range Lead Temperature (8-Second Soldering) mW _C _C _C - 55 to + 125 - 65 to + 150 260 Tstg Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS v (Vin or Vout) v VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open. *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
MAXIMUM RATINGS (Voltages Referenced to VSS)
= Assembly Location = Wafer Lot = Year = Work Week
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
1
February, 2005 - Rev. 5
Publication Order Number: MC14067B/D
MC14067B
TRUTH TABLE
Control Inputs A X 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 B X 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 C X 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 D X 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 Inh 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Selected Channel None X0 X1 X2 X3 X4 X5 X6 X7 X8 X9 X10 X11 X12 X13 X14 X15
PIN ASSIGNMENT
X X7 X6 X5 X4 X3 X2 X1 X0 A B VSS 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VDD X8 X9 X10 X11 X12 X13 X14 X15 INHIBIT C D SWITCHES IN/OUT CONTROLS
16-Channel Analog Multiplexer/Demultiplexer
15 10 11 14 13 9 8 7 6 5 4 3 2 23 22 21 20 19 18 17 16 INHIBIT A B C D X0 X1 X2 X3 X4 X5 X6 X7 X8 X9 X10 X11 X12 X13 X14 X15
X
1
COMMON OUT/IN
VDD = PIN 24 VSS = PIN 12
FUNCTIONAL DIAGRAM
CONTROL INPUTS INHIBIT A B C D X0 X1 X2 X3 X4 X5 X6 X7 X8 X9 X10 X11 X12 X13 X14 X15 1-OF-16 DECODER
X IN/OUT
X OUT/IN
http://onsemi.com
2
II I I I I I I I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I II I I I I I I I IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIII IIIIIII III III II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII III III II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII III IIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIII III III II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIII III III II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIII III III II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIII IIIIIII III III II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIII III III II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII I I III III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III III II I I I I I I I IIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIII I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII IIIIIIIIIIIIIIIIIIIIII II I I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII III III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
SWITCHES IN/OUT AND COMMONS OUT/IN -- X, Y (Voltages Referenced to VSS) CONTROL INPUTS -- INHIBIT, A, B, C, D (Voltages Referenced to VSS) SUPPLY REQUIREMENTS (Voltages Referenced to VSS)
2. Data labeled "Typ" is not to be used for design purposes, but is intended as an indication of the IC's potential performance. 3. For voltage drops across the switch (DVswitch) > 600 mV ( > 300 mV at high temperature), excessive VDD current may be drawn; i.e. the current out of the switch may contain both VDD and switch input components. The reliability of the device will be unaffected unless the Maximum Ratings are exceeded. (See first page of this data sheet.)
ELECTRICAL CHARACTERISTICS
Capacitance, Feedthrough (Channel Off)
Capacitance, Common O/I
Capacitance, Switch I/O
Off-Channel Leakage Current (Figure 2)
DON Resistance Between Any Two Channels in the Same Package
ON Resistance
Output Offset Voltage
Recommended Static or Dynamic Voltage Across the Switch (3) (Figure 1)
Recommended Peak-to- Peak Voltage Into or Out of the Switch
Input Capacitance
Input Leakage Current
High-Level Input Voltage
Low-Level Input Voltage
Total Supply Current (Dynamic Plus Quiescent, Per Package
Quiescent Current Per Package
Power Supply Voltage Range
Characteristic
DVswitch
Symbol
ID(AV)
DRon
VOO
VDD
CI/O
CO/I
CI/O
VI/O
Ron
VIH
IDD
Cin
VIL
Ioff
Iin
VDD
5.0 10 15
5.0 10 15
5.0 10 15
5.0 10 15
5.0 10 15
5.0 10 15
15
15
--
- -
-
-
-
-
-
-
Control Inputs: Vin = VSS or VDD, Switch I/O: VSS v VI/O v VDD, and DVswitch v 500 mV (3)
Ron = per spec, Ioff = per spec
Ron = per spec, Ioff = per spec
Pins Not Adjacent Pins Adjacent
Inhibit = VDD (MC14067B) (MC14097B)
Inhibit = VDD
Vin = VIL or VIH (Control) Channel to Channel or Any One Channel
DVswitch v 500 mV Vin = VIL or VIH (Control), and Vin 0 to VDD (Switch)
Vin = 0 V, No Load
Channel On
Channel On or Off
Vin = 0 or VDD
TA = 25_C only (The channel component, (Vin - Vout)/Ron, is not included.)
Test Conditions
http://onsemi.com
MC14067B
(3),
3 Min 3.5 7.0 11 3.0 - - - - - - - - - - - - 0 0 - - - - - - - - - 55C Typical 100 0.1 MaxIII (2) Min Typ VDD 800 400 220 600 1.5 3.0 4.0 5.0 10 20 70 50 45 18 -- - - - - - - - - 3.5 7.0 11 3.0 -- - - - - - - - - - - - 0 0 - - - - - - - - (0.07 mA/kHz) f + IDD (0.20 mA/kHz) f + IDD (0.36 mA/kHz) f + IDD 0.00001 0.05 0.005 0.010 0.015 25_C 0.47 2.75 5.50 8.25 2.25 4.50 6.75 100 60 250 120 80 5.0 10 25 10 10 10 - - - 100 1050 500 280 0.1 Max VDD 600 7.5 1.5 3.0 4.0 5.0 10 20 70 50 45 18 - - - - - - - - Min 3.5 7.0 11 3.0 - - - - - - - - - - - - 0 0 - - - - - - - - 125_C 1000 1300 550 320 Max VDD 135 95 65 300 150 300 600 1.0 1.5 3.0 4.0 18 - - - - - - - - - Unit Vp-p mV nA mV mA mA mA pF pF pF pF W W V V V
MC14067B
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I I III I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIII I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I III I I I I IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I IIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I IIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIII I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
ELECTRICAL CHARACTERISTICS (CL = 50 pF, TA = 25_C)
Characteristic VDD - VSS
Vdc
Symbol
Typ (4)
Max
Unit ns
Propagation Delay Times Channel Input-to-Channel Output (RL = 200 kW) MC14067B
tPLH, tPHL
(Figure 3)
5.0 10 15
35 15 12
90 40 30
Control Input-to-Channel Output Channel Turn-On Time (RL = 10 kW) MC14067B
tPZH, tPZL
ns
(Figure 4)
5.0 10 15
240 115 75
600 290 190
Channel Turn-Off Time (RL = 300 kW) MC14067B
tPHZ, tPLZ
ns
(Figure 4)
5.0 10 15
250 120 75
625 300 190
Any Pair of Address Inputs to Output MC14067B
tPLH, tPHL
ns
5.0 10 15 10
280 115 85 0.3
700 290 215 -
Second Harmonic Distortion (RL = 10 kW, f = 1 kHz, Vin = 5 Vp-p)
-
%
ON Channel Bandwidth [RL = 1 kW, Vin = 1/2 (VDD - VSS) p-p(sine-wave)] 20 Log10 (Vout/Vin) = - 3 dB
BW
MHz
MC14067B
(Figure 5) -
10 10
15
- -
Off Channel Feedthrough Attenuation [RL = 1 kW, Vin = 1/2 (VDD-VSS) p-p(sine-wave)] fin = 20 MHz - MC14067B Channel Separation [RL = 1 kW, Vin = 1/2 (VDD-VSS) p-p (sine-wave)] Crosstalk, Control Inputs-to-Common O/I (R1 = 1 kW, RL = 10 kW, Control tr = tf = 20 ns, Inhibit = VSS)
- 40
dB
(Figure 5) -
10
- 40
-
dB
fin = 20 MHz
(Figure 6) -
10
30
-
mV
(Figure 7)
4. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance.
ORDERING INFORMATION
Device MC14067BCP MC14067BCPG MC14067BDW MC14067BDWG MC14067BDWR2 MC14067BDWR2G Package PDIP-14 PDIP-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) Shipping 500 Units / Rail 500 Units / Rail 55 Units / Rail 55 Units / Rail 2500 Units / Tape & Reel 2500 Units / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
4
MC14067B
ON SWITCH CONTROL SECTION OF IC LOAD V CONTROL SECTION OF IC OFF CHANNEL UNDER TEST VDD A OTHER CHANNEL(S) VSS
VSS VDD
SOURCE
VSS VDD
Figure 1. DV Across Switch
Figure 2. Off Channel Leakage
VDD A B C D INH Vin 20 ns Vin tPLH Vout 20 ns 90% 50% tPHL 50% 10% RL
PULSE GENERATOR
VC
A B C D INH RL Vin VDD VSS VX VSS VDD 20 ns 90% 50% 10% 90%
Vout CL = 50 pF
Vout CL = 50 pF 20 ns VC VDD VSS Vout 50% tPZH, tPZL Vout 50%
Vin = VDD VX = VSS Vin = VSS VX = VDD
tPHZ, tPLZ 10%
Figure 3. Propagation Delay Test Circuit and Waveforms Vin to Vout
Figure 4. Turn-On and Delay Turn-Off Test Circuit and Waveforms
http://onsemi.com
5
MC14067B
A, B, and C inputs used to turn ON or OFF the switch under test. A B C D INH Vin RL VDD A B C D INH ON OFF RL Vin RL
Vout CL = 50 pF
Vout CL = 50 pF
Figure 5. Bandwidth and Off-Channel Feedthrough Attenuation
Figure 6. Channel Separation (Adjacent Channels Used for Setup)
VC
A B C D INH R1 RL
Vout CL = 50 pF
Figure 7. Crosstalk, Control to Common O/I
VA VB
A B C D INH VDD
VDD
KEITHLEY 160 DIGITAL MULTIMETER VDD 1 kW RANGE
CL
Vout 50%
10 k
VA X-Y PLOTTER
VB tPHL Vout
50% tPLH 50%
VSS
Figure 8. Channel Resistance (RON) Test Circuit
Figure 9. Propagation Delay, Any Pair of Address Inputs to Output
http://onsemi.com
6
MC14067B
TYPICAL RESISTANCE CHARACTERISTICS
350 R ON , ON" RESISTANCE (OHMS) R ON , ON" RESISTANCE (OHMS) 300 250 200 150 100 50 0 -10 -8.0 -6.0 -4.0 -2.0 0 0.2 4.0 6.0 TA = 125C 25C -55 C 350 300 250 200 150 100 50 0 -10 -8.0 -6.0 -4.0 -2.0 0 0.2 4.0 TA = 125C 25C -55 C
8.0
10
6.0
8.0
10
Vin, INPUT VOLTAGE (VOLTS)
Vin, INPUT VOLTAGE (VOLTS)
Figure 10. VDD = 7.5 V, VSS = - 7.5 V
Figure 11. VDD = 5.0 V, VSS = - 5.0 V
700 R ON , ON" RESISTANCE (OHMS) RON , ON" RESISTANCE (OHMS) 600 500 400 300 200 100 0 -10 -8.0 -6.0 -4.0 -2.0 0 0.2
350 300 250 200 150 100 50 0 -10
TA = 25C
VDD = 2.5 V
TA = 125C 25C -55 C 4.0 6.0 8.0 10
5.0 V 7.5 V
-8.0 -6.0 -4.0 -2.0
0
0.2
4.0
6.0
8.0
10
Vin, INPUT VOLTAGE (VOLTS)
Vin, INPUT VOLTAGE (VOLTS)
Figure 12. VDD = 2.5 V, VSS = - 2.5 V
Figure 13. Comparison at 25C, VDD = - VSS
http://onsemi.com
7
MC14067B
APPLICATIONS INFORMATION Figure A illustrates use of the Analog Multiplexer / Demultiplexer. The 0-to-5 V Digital Control signal is used to directly control a 5 Vp-p analog signal. The digital control logic levels are determined by VDD and VSS. The VDD voltage is the logic high voltage; the VSS voltage is logic low. For the example. V DD = + 5 V = logic high at the control inputs; VSS = GND = 0 V = logic low. The maximum analog signal level is determined by V DD and VSS. The analog voltage must swing neither higher than VDD nor lower than VSS. The example shows a 5 Vp-p
+5 V VDD VSS +5.0 V 5 Vp-p ANALOG SIGNAL +5 V SWITCH I/O
signal which allows no margin at either peak. If voltage transients above VDD and/or below VSS are anticipated on the analog channels, external diodes (Dx) are recommended as shown in Figure B. These diodes should be small signal types able to absorb the maximum anticipated current surges during clipping. The absolute maximum potential difference between VDD and VSS is 18.0 volts. Most parameters are specified up to 15 V which is the recommended maximum difference between VDD and VSS.
COMMON O/I
5 Vp-p ANALOG SIGNAL
+ 2.5 V
EXTERNAL CMOS DIGITAL CIRCUITRY
MC14067B 0-TO-5 V DIGITAL CONTROL SIGNALS
GND
Figure A. Application Example
VDD DX SWITCH I/O DX VSS COMMON O/I
VDD DX
DX VSS
Figure B. External Germanium or Schottky Clipping Diodes
http://onsemi.com
8
MC14067B
PACKAGE DIMENSIONS
PDIP-24 P SUFFIX CASE 709-02 ISSUE C
J
24 13
B
1 12
L
NOTES: 1. POSITIONAL TOLERANCE OF LEADS (D), SHALL BE WITHIN 0.25 (0.010) AT MAXIMUM MATERIAL CONDITION, IN RELATION TO SEATING PLANE AND EACH OTHER. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 4. CONTROLLING DIMENSION: INCH.
A N C
M
K H G F D
SEATING PLANE
DIM A B C D F G H J K L M N
INCHES MIN MAX 1.235 1.265 0.540 0.560 0.155 0.200 0.014 0.022 0.040 0.060 0.100 BSC 0.065 0.080 0.008 0.015 0.115 0.135 0.600 BSC 0_ 15_ 0.020 0.040
MILLIMETERS MIN MAX 31.37 32.13 13.72 14.22 3.94 5.08 0.36 0.56 1.02 1.52 2.54 BSC 1.65 2.03 0.20 0.38 2.92 3.43 15.24 BSC 0_ 15_ 0.51 1.02
SOIC-24 DW SUFFIX CASE 751E-04 ISSUE E
-A-
24 13 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 15.25 15.54 7.40 7.60 2.35 2.65 0.35 0.49 0.41 0.90 1.27 BSC 0.23 0.32 0.13 0.29 0_ 8_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.601 0.612 0.292 0.299 0.093 0.104 0.014 0.019 0.016 0.035 0.050 BSC 0.009 0.013 0.005 0.011 0_ 8_ 0.395 0.415 0.010 0.029
-B-
12X
P 0.010 (0.25)
M
B
M
1
12
24X
D 0.010 (0.25)
M
J TA
S
B
S
F R C -T-
SEATING PLANE X 45 _
M
22X
G
K
http://onsemi.com
9
MC14067B
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
10
MC14067B/D


▲Up To Search▲   

 
Price & Availability of MC14067B05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X