Part Number Hot Search : 
MMSZ526 L8150 2SC3995 EDREDRED EUP2570 17S682K BT138 CL766
Product Description
Full Text Search
 

To Download MC14046B05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC14046B Phase Locked Loop
The MC14046B phase locked loop contains two phase comparators, a voltage-controlled oscillator (VCO), source follower, and zener diode. The comparators have two common signal inputs, PCAin and PCBin. Input PCAin can be used directly coupled to large voltage signals, or indirectly coupled (with a series capacitor) to small voltage signals. The self-bias circuit adjusts small voltage signals in the linear region of the amplifier. Phase comparator 1 (an exclusive OR gate) provides a digital error signal PC1out, and maintains 90 phase shift at the center frequency between PCAin and PCBin signals (both at 50% duty cycle). Phase comparator 2 (with leading edge sensing logic) provides digital error signals, PC2 out and LD, and maintains a 0 phase shift between PCA in and PCBin signals (duty cycle is immaterial). The linear VCO produces an output signal VCO out whose frequency is determined by the voltage of input VCO in and the capacitor and resistors connected to pins C1A, C1B, R1, and R2. The source-follower output SFout with an external resistor is used where the VCO in signal is needed but no loading can be tolerated. The inhibit input Inh, when high, disables the VCO and source follower to minimize standby power consumption. The zener diode can be used to assist in power supply regulation. Applications include FM and FSK modulation and demodulation, frequency synthesis and multiplication, frequency discrimination, tone decoding, data synchronization and conditioning, voltage-to-frequency conversion and motor speed control.
Features
http://onsemi.com MARKING DIAGRAMS
PDIP-16 P SUFFIX CASE 648 16 MC14046BCP AWLYYWWG 1 16 SOIC-16 DW SUFFIX CASE 751G 1 16 SOEIAJ-16 F SUFFIX CASE 966 1 A WL, L YY, Y WW, W G = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Indicator MC14046B ALYWG 14046BG AWLYYWW
* * * * * * *
Buffered Outputs Compatible with MHTL and Low-Power TTL Diode Protection on All Inputs Supply Voltage Range = 3.0 to 18 V Pin-for-Pin Replacement for CD4046B Phase Comparator 1 is an Exclusive OR Gate and is Duty Cycle Limited Phase Comparator 2 Switches on Rising Edges and is not Duty Cycle Limited Pb-Free Packages are Available*
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol VDD Vin Iin PD TA Tstg Parameter DC Supply Voltage Range Input Voltage Range (All Inputs) DC Input Current, per Pin Power Dissipation, per Package (Note 1) Operating Temperature Range Storage Temperature Range Value -0.5 to +18.0 -0.5 to VDD + 0.5 10 500 -55 to +125 -65 to +150 Unit V V mA mW C C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS v (Vin or Vout) v VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C
(c) Semiconductor Components Industries, LLC, 2005
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. Publication Order Number: MC14046B/D
1
August, 2005 - Rev. 10
MC14046B
BLOCK DIAGRAM
PCAin 14 PCBin 3 VCOin 9 VDD = PIN 16 VSS = PIN 8 INH 5 VSS SELF BIAS CIRCUIT PHASE COMPARATOR 1 PHASE COMPARATOR 2 VOLTAGE CONTROLLED OSCILLATOR (VCO) SOURCE FOLLOWER 2 PC1 out 13 PC2 out 1 LD 4 11 12 6 7 VCO out R1 R2 C1 A C1 B
PIN ASSIGNMENT
LD PC1out PCBin VCOout INH C1A C1B VSS 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD ZENER PCAin PC2out R2 R1 SFout VCOin
10 SF out 15 ZENER
II I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I III I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIII II IIII III II IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIII I II III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIII IIIII II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIII I II IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII II IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II III I I I I I I I I II III II IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII I I I I I I III II IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I IIII I II I I IIIIIIIIIII IIII II IIII I II II IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I IIII II III IIII II IIIIIIIIIIIIIIIIIIIII III II IIII IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I IIII II IIII IIII II III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIII II IIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIII III III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I I I I I I I II II IIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIII I I IIIIIIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIII
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic Symbol VOL VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 5.0 10 15 5.0 10 15 15 - Min - - - - 55_C 25_C Typ 0 0 0 125_C Max Min - - - Max Min - - - Max Unit Vdc Output Voltage Vin = VDD or 0 "0" Level 0.05 0.05 0.05 - - - 0.05 0.05 0.05 - - - 0.05 0.05 0.05 - - - "1" Level VOH Vin = 0 or VDD 4.95 9.95 14.95 - - - 4.95 9.95 14.95 - - - 5.0 10 15 4.95 9.95 14.95 - - - Vdc Input Voltage (Note 2) (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) (VO = 0.5 or 4.5 Vdc) (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) "0" Level VIL Vdc 1.5 3.0 4.0 - - - - - - - - - - 2.25 4.50 6.75 2.75 5.50 8.25 1.5 3.0 4.0 - - - - - - - - - - 1.5 3.0 4.0 - - - - - - - - - - "1" Level VIH 3.5 7.0 11 3.5 7.0 11 3.5 7.0 11 Vdc Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) IOH mAdc Source - 1.2 - 0.25 - 0.62 - 1.8 0.64 1.6 4.2 - - - - - - 1.0 - 0.2 - 0.5 - 1.5 0.51 1.3 3.4 - - - - - - 1.7 - 0.36 - 0.9 - 3.5 0.88 2.25 8.8 - 0.7 - 0.14 - 0.35 - 1.1 0.36 0.9 2.4 - - - - - Sink IOL mAdc Input Current Iin 0.1 - 5.0 10 20 0.00001 5.0 0.005 0.010 0.015 0.1 7.5 5.0 10 20 1.0 - 150 300 600 mAdc pF mAdc Input Capacitance Cin Quiescent Current (Per Package) Inh = PCAin = VDD, Zener = VCOin = 0 V, PCBin = VDD or 0 V, Iout = 0 mA Total Supply Current (Note 3) (Inh = "0", fo = 10 kHz, CL = 50 pF, R1 = 1.0 MW, R2 = R RSF = , and 50% Duty Cycle) IDD 5.0 10 15 5.0 10 15 IT IT = (1.46 mA/kHz) f + IDD IT = (2.91 mA/kHz) f + IDD IT = (4.37 mA/kHz) f + IDD mAdc 2. Noise immunity specified for worst-case input combination. Noise Margin for both "1" and "0" level = 1.0 Vdc min @ VDD = 5.0 Vdc 2.0 Vdc min @ VDD = 10 Vdc 2.5 Vdc min @ VDD = 15 Vdc 3. To Calculate Total Current in General: VCOin - 1.65 VDD - 1.35 3/4 VCOin - 1.65 3/4 IT [ 2.2 x VDD + + 1.6 x + 1 x 10-3 (CL + 9) VDD f + R1 R2 RSF 1 x 10-1 VDD2 100% Duty Cycle of PCAin 100 + IQ where: IT in mA, CL in pF, VCOin, VDD in Vdc, f in kHz, and R1, R2, RSF in MW, CL on VCOout.
http://onsemi.com
2
II I I I III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIII II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIIIIIII IIIIIIIIIIIIIII III II III IIII I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II III I I I IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIII IIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII IIIII I II IIII IIII II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II II III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II I IIII II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIIIIIII IIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIII II I I I I IIIIIIIIIIIIIIIIII I IIII IIIII IIIIIIII I I IIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII III II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II
4. The formula given is for the typical characteristics only. ZENER DIODE SOURCE-FOLLOWER VOLTAGE CONTROLLED OSCILLATOR (VCO) PHASE COMPARATORS 1 and 2
ELECTRICAL CHARACTERISTICS (Note 4) (CL = 50 pF, TA = 25C)
Dynamic Resistance (Iz = 1.0 mA)
Zener Voltage (Iz = 50 mA)
Linearity (VCOin = 2.5 V 0.3 V, RSF > 50 kW) (VCOin = 5.0 V 2.5 V, RSF > 50 kW) (VCOin = 7.5 V 5.0 V, RSF > 50 kW)
Offset Voltage (VCOin minus SFout, RSF > 500 kW)
Input Resistance - VCOin
Output Duty Cycle
Linearity (R2 = ) (VCOin = 2.5 V 0.3 V, R1 > 10 kW) (VCOin = 5.0 V 2.5 V, R1 > 400 kW) (VCOin = 7.5 V 5.0 V, R1 1000 kW)
Temperature - Frequency Stability (R2 = )
Maximum Frequency (VCOin = VDD, C1 = 50 pF R1 = 5.0 kW, and R2 = )
DC Coupled - PCAin, PCBin
Minimum Input Se-sitivity AC Coupled -- PCAin C series = 1000 pF, f = 50 kHz
Input Resistance - PCAin
Output Fall Time tTHL = (1.5 ns/pF) CL + 25 ns tTHL = (0.75 ns/pF) CL + 12.5 ns tTHL = (0.55 ns/pF) CL + 9.5 ns
Output Rise Time tTLH = (3.0 ns/pF) CL + 30 ns tTLH = (1.5 ns/pF) CL + 15 ns tTLH = (1.1 ns/pF) CL + 10 ns
- PCBin
Characteristic
http://onsemi.com
MC14046B
Symbol
fmax
tTHL
tTLH
Rin
Rin
Rin
Vin
RZ
VZ
-
-
-
-
-
-
3 5 to 15 5 to 15 VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 15 15 - - Minimum Device 150 150 6.7 0.5 1.0 1.4 1.0 0.2 0.1 - - - - - - - - - - - - - - - - - - - - - - - See Noise Immunity Typical 0.12 0.04 0.015 1500 1500 1.65 1.65 1.65 100 200 400 700 100 50 37 180 90 65 7.0 0.1 0.6 0.8 1.0 1.0 1.0 0.7 1.4 1.9 2.0 0.4 0.2 50 MaximumIII Device 300 600 1050 175 75 55 350 150 110 7.3 2.2 2.2 2.2 - - - - - - - - - - - - - - - - - - - mV p-p Units %/_C MHz MW MW MW ns ns % % % W V V
MC14046B
ORDERING INFORMATION
Device MC14046BCP MC14046BCPG MC14046BDW MC14046BDWG MC14046BDWR2 MC14046BDWR2G MC14046BF MC14046BFEL MC14046BFELG Package PDIP-16 PDIP-16 (Pb-Free) SOIC-16 WB SOIC-16 WB (Pb-Free) SOIC-16 WB SOIC-16 WB (Pb-Free) SOEIAJ-16 SOEIAJ-16 SOEIAJ-16 (Pb-Free) Shipping 500 Units / Rail 500 Units / Rail 47 Units / Rail 47 Units / Rail 1000 Units / Tape & Reel 1000 Units / Tape & Reel 50 Units / Rail 2000 Units / Tape & Reel 2000 Units / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
4
MC14046B
PHASE COMPARATOR 1
Input Stage 00 XX 11 PCAin PCBin 0 1 10 01
PC1out
PHASE COMPARATOR 2
Input Stage XX PCAin PCBin 01 11
00 10 10
00 01 11 01
00 10 11
PC2out LD (Lock Detect) Refer to Waveforms in Figure 3.
0 0
3-State Output Disconnected 1
1 0
Figure 1. Phase Comparators State Diagrams
I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIII I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII I
Characteristic Using Phase Comparator 1 Using Phase Comparator 2 No signal on input PCAin. VCO in PLL system adjusts to center frequency (f0). VCO in PLL system adjusts to minimum frequency (fmin). Phase angle between PCAin and PCBin. 90 at center frequency (f0), approaching 0_ and 180 at ends of lock range (2fL) Yes Always 0_ in lock (positive rising edges). Locks on harmonics of center frequency. Signal input noise rejection. Lock frequency range (2fL). No High Low The frequency range of the input signal on which the loop will stay locked if it was initially in lock; 2fL = full VCO frequency range = fmax - fmin. Capture frequency range (2fC). The frequency range of the input signal on which the loop will lock if it was initially out of lock. Depends on low-pass filter characteristics (see Figure 3). fC v fL fC = fL Center frequency (f0). The frequency of VCOout, when VCOin = 1/2 VDD fmin = 1 VCO output frequency (f). R2(C1 + 32 pF) 1 (VCO input = VSS) Note: These equations are intended to be a design guide. Since calculated component values may be in error by as much as a factor of 4, laboratory experimentation may be required for fixed designs. Part to part frequency variation with identical passive components is typically less than 20%. fmax = R1(C1 + 32 pF) + fmin (VCO input = VDD) Where: 10K v R1 v 1 M 10K v R2 v 1 M 100pF v C1 v .01 mF
Figure 2. Design Information http://onsemi.com
5
MC14046B
9 VCOin PCAin @ FREQUENCY f PCBin 14 3 PHASE 2 OR 13 COMPARATOR PC1out OR PC2out EXTERNAL LOW-PASS FILTER 9 11 R1 EXTERNAL /N COUNTER R2 12 SOURCE FOLLOWER 10 RSF 4 CIA CI 7 CIB VCOout @ FREQUENCY Nf = f SFout
VCO 6
Typical Low-Pass Filters
(a) INPUT R3 C2 OUTPUT 2fC [ 1 p 2 p fL R3 C2 (a) INPUT R3 R4 C2 Typically: OUTPUT N R4 C2 + 6N - fmax 2 p D f (R3 ) 3, 000W) C2 + 100NDf - R4 C2 fmax2 D f = fmax - fmin NOTE: Sometimes R3 is split into two series resistors each R3 / 2. A capacitor CC is then placed from the midpoint to ground. The value for CC should be such that the corner frequency of this network does not significantly affect Wn. In Figure B, the ratio of R3 to R4 sets the damping, R4 ^ (0.1)(R3) for optimum results.
LOW-PASS FILTER
Filter A Definitions: N = Total division ratio in feedback loop K = VDD/ for Phase Comparator 1 K = VDD/4 for Phase Comparator 2 2 p D fVCO KVCO + VDD - 2 V 2 p fr (at phase detector input) for a typical design Wn ^ 10 ^ 0.707 wn + KfKVCO NR3C2 wn + Filter B KfKVCO NC2(R3 ) R4) N ) KfKVCO
z+
Nwn 2KfKVCO 1 R3C2S ) 1
z + 0.5 wn (R3C2 ) F(s) +
F(s) +
R3C2S ) 1 S(R3C2 ) R4C2) ) 1
Waveforms Phase Comparator 1
PCAin VDD VSS VOH VOL VOH VOL VOH VOL PCAin
Phase Comparator 2
VDD VSS VOH VOL VOH VOL VOH VOL VOH VOL
PCBin PC1out VCOin
PCBin LD PC2out VCOin
Note: (1) (2) (3) (4)
for further information, see: F. Gardner, "Phase-Lock Techniques", John Wiley and Son, New York, 1966. G. S. Moschytz, "Miniature RC Filters Using Phase-Locked Loop", BSTJ, May, 1965. Garth Nash, "Phase-Lock Loop Design Fundamentals", AN-535, Motorola Inc. A. B. Przedpelski, "Phase-Locked Loop Design Articles", AR254, reprinted by Motorola Inc.
Figure 3. General Phase-Locked Loop Connections and Waveforms
http://onsemi.com
6
MC14046B
PACKAGE DIMENSIONS
PDIP-16 P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE T
-A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL.
B
1 8
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
DIM A B C D F G H J K L M S
INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040
MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
SOIC-16 WB DW SUFFIX PLASTIC SOIC PACKAGE CASE 751G-03 ISSUE C
D
16 M 9
A
q
h X 45_
0.25
NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DIMENSIONS D AND E DO NOT INLCUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS DIM MIN MAX A 2.35 2.65 A1 0.10 0.25 B 0.35 0.49 C 0.23 0.32 D 10.15 10.45 E 7.40 7.60 e 1.27 BSC H 10.05 10.55 h 0.25 0.75 L 0.50 0.90 q 0_ 7_
H
M
B
8X
1
8
16X
B TA
S
0.25
M
B
S
A
E B
A1
14X
e
SEATING PLANE
T
C
http://onsemi.com
7
L
MC14046B
PACKAGE DIMENSIONS
SOEIAJ-16 F SUFFIX PLASTIC EIAJ SOIC PACKAGE CASE 966-01 ISSUE O
16
9
LE Q1 E HE M_ L DETAIL P
1
8
Z D e A VIEW P
c
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.78 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.031
b 0.13 (0.005)
M
A1 0.10 (0.004)
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC14046B/D


▲Up To Search▲   

 
Price & Availability of MC14046B05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X