Part Number Hot Search : 
FSP4054 TDA1581 SZ6511 321J1U TA75074 SSL21084 MBRB2 HA13166
Product Description
Full Text Search
 

To Download MC14043B05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC14043B, MC14044B CMOS MSI
Quad R-S Latches
The MC14043B and MC14044B quad R-S latches are constructed with MOS P-Channel and N-Channel enhancement mode devices in a single monolithic structure. Each latch has an independent Q output and set and reset inputs. The Q outputs are gated through three-state buffers having a common enable input. The outputs are enabled with a logical "1" or high on the enable input; a logical "0" or low disconnects the latch from the Q outputs, resulting in an open circuit at the Q outputs.
Features
http://onsemi.com MARKING DIAGRAMS
* Double Diode Input Protection * Three-State Outputs with Common Enable * Outputs Capable of Driving Two Low-power TTL Loads or One * *
Low-Power Schottky TTL Load Over the Rated Temperature Range Supply Voltage Range = 3.0 Vdc to 18 Vdc Pb-Free Packages are Available*
PDIP-16 P SUFFIX CASE 648
16 MC140xxBCP AWLYYWWG 1
16 SOIC-16 D SUFFIX CASE 751B 1 140xxBG AWLYWW
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol VDD Vin, Vout Iin, Iout PD TA Tstg TL Parameter DC Supply Voltage Range Input or Output Voltage Range (DC or Transient) Input or Output Current (DC or Transient) per Pin Power Dissipation, per Package (Note 1) Ambient Temperature Range Storage Temperature Range Lead Temperature (8-Second Soldering) Value -0.5 to +18.0 -0.5 to VDD + 0.5 10 500 -55 to +125 -65 to +150 260 Unit V V mA mW C C C xx A WL, L YY, Y WW, W G SOEIAJ-16 F SUFFIX CASE 966 1 = Specific Device Code = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Indicator 16 MC140xxB ALYWG
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet.
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS v (Vin or Vout) v VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
1
August, 2005 - Rev. 6
Publication Order Number: MC14043B/D
MC14043B, MC14044B
PIN ASSIGNMENT MC14043B
Q3 Q0 R0 S0 E S1 R1 VSS 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD R3 S3 NC S2 R2 Q2 Q1 NC = NO CONNECTION Q3 NC S0 R0 E R1 S1 VSS
MC14044B
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD S3 R3 Q0 R2 S2 Q2 Q1
MC14043B
S0 4 2 Q0 R0 4
MC14044B
13 Q0
R0 S1
3 6 9
S0 Q1 R1
3 6 9
Q1
R1 S2
7 12 10
VDD = PIN 16 VSS = PIN 8 NC = PIN 13 Q2
S1 R2
7 12 10
VDD = PIN 16 VSS = PIN 8 NC = PIN 2 Q2
R2 S3
11 14 1
S2 Q3
11 14 1
TRUTH TABLE
SRE XX0 Q High Impedance
R3
Q3
TRUTH TABLE
SRE XX0 Q High Impedance
R3
15 5 0 0 1 1 0 1 0 1
ENABLE
1 No Change 1 0 1 1 1 1
S3
15 5 0 0 1 1 0 1 0 1
ENABLE
1 0 1 1 1 0 1 No Change
X = Don't Care
X = Don't Care
http://onsemi.com
2
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I II I II II I I III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I I II IIII I IIIIIIII III IIII III I III II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I III I I II II I III I I I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I III I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II II IIII I I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII IIII IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIII I II I I I I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I I I I I I I III II IIII III I II II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIII II IIII I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I I I I I III II IIII I II II IIII I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIII IIIII I I II II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Three-State Output Leakage Current Total Supply Current (Notes 3 & 4) (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs all buffers switching) Quiescent Current (Per Package) Input Capacitance (Vin = 0) Input Current Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) Input Voltage "0" Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) Output Voltage Vin = VDD or 0 (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) (VO = 0.5 or 4.5 Vdc) (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) Vin = 0 or VDD Characteristic "1" Level "1" Level "0" Level Source Sink Symbol VOH VOL IOH VIH IDD IOL Cin VIL ITL Iin IT VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 15 15
2. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 3. The formulas given are for the typical characteristics only at 25_C. 4. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL - 50) Vfk
where: IT is in mA (per package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency, and k = 0.004.
MC14043B, MC14044B
-
http://onsemi.com
- 3.0 - 0.64 - 1.6 - 4.2 4.95 9.95 14.95 0.64 1.6 4.2 Min 3.5 7.0 11 - - - - - - - - - - - - - 55_C 0.1 0.1 0.05 0.05 0.05 Max 1.0 2.0 4.0 1.5 3.0 4.0 - - - - - - - - - - - - - - - 2.4 - 0.51 - 1.3 - 3.4 4.95 9.95 14.95 0.51 1.3 3.4 Min IT = (0.58 mA/kHz) f + IDD IT = (1.15 mA/kHz) f + IDD IT = (1.73 mA/kHz) f + IDD 3.5 7.0 11 - - - - - - - - - - - - 0.00001 0.0001 Typ (Note 2) - 4.2 - 0.88 - 2.25 - 8.8 0.002 0.004 0.006 25_C 0.88 2.25 8.8 2.75 5.50 8.25 2.25 4.50 6.75 5.0 5.0 10 15 0 0 0 0.1 0.1 0.05 0.05 0.05 Max 1.0 2.0 4.0 7.5 1.5 3.0 4.0 - - - - - - - - - - - - - - 1.7 - 0.36 - 0.9 - 2.4 4.95 9.95 14.95 0.36 0.9 2.4 Min 3.5 7.0 11 - - - - - - - - - - - - 125_C 3.0 1.0 0.05 0.05 0.05 Max 30 60 120 1.5 3.0 4.0 - - - - - - - - - - - - - - mAdc mAdc mAdc mAdc mAdc mAdc Unit Vdc Vdc Vdc Vdc pF
3
MC14043B, MC14044B
II I I I I I II I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I IIIII I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I III I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I III I I I I I III II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII I I I I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIII III I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I III III I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I I IIIIII IIII IIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII IIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIII
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
Characteristic Symbol tTLH VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 Min Typ (Note 6) 100 50 40 100 50 40 175 75 60 175 75 60 80 40 30 80 40 30 Max Unit ns Output Rise Time tTLH = (1.35 ns/pF) CL + 32.5 ns tTLH = (0.60 ns/pF) CL + 20 ns tTLH = (0.40 ns/pF) CL + 20 ns Output Fall Time tTHL = (1.35 ns/pF) CL + 32.5 ns tTHL = (0.60 ns/pF) CL + 20 ns tTHL = (0.40 ns/pF) CL + 20 ns Propagation Delay Time tPLH = (0.90 ns/pF) CL + 130 ns tPLH = (0.36 ns/pF) CL + 57 ns tPLH = (0.26 ns/pF) CL + 47 ns tPHL = (0.90 ns/pF) CL + 130 ns tPHL = (0.90 ns/pF) CL + 57 ns tPHL = (0.26 ns/pF) CL + 47 ns - - - - - - - - - - - - 200 100 80 200 100 80 350 175 120 350 175 120 - - - - - - tTHL ns tPLH ns tPHL ns Set, Set Pulse Width tW 200 100 70 200 100 70 - - - ns Reset, Reset Pulse Width tW ns Three-State Enable/Disable Delay tPLZ, tPHZ, tPZL, tPZH 150 80 55 300 160 110 ns 5. The formulas given are for the typical characteristics only at 25_C. 6. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance.
AC WAVEFORMS
MC14043B
20 ns 90% SET 10% 20 ns RESET 50% 90% 10% tTHL Q 10% tPHL tTLH 90% 50% tPLH tPLH 20 ns 50% 20 ns 20 ns VDD VSS VDD VSS VOH VOL Q RESET SET 50% 10%
MC14044B
20 ns 90% 20 ns 50% tTLH 50% VDD VSS 20 ns 90% VDD 10% tTHL 10% tPHL VSS VOH VOL
90%
http://onsemi.com
4
MC14043B, MC14044B
THREE-STATE ENABLE/DISABLE DELAYS Set, Reset, Enable, and Switch Conditions for 3-State Tests
MC14043B Test tPZH tPZL tPHZ tPLZ Enable S1 Open Closed Open Closed S2 Closed Open Closed Open Q A B A B S VDD VSS VDD VSS R VSS VDD VSS VDD MC14044B S VSS VDD VSS VDD R VDD VSS VDD VSS TO OUTPUT UNDER TEST 1k CL 50 pF S1 VDD
S2
VSS VDD VSS tPZH QA 10% tPZL QB VDD VOL VOH 10% VSS
ENABLE
50%
90% tPHZ tPLZ
ORDERING INFORMATION
Device MC14043BCP MC14043BCPG MC14043BD MC14043BDG MC14043BDR2 MC14043BDR2G MC14043BFEL Package PDIP-16 PDIP-16 (Pb-Free) SOIC-16 SOIC-16 (Pb-Free) SOIC-16 SOIC-16 (Pb-Free) SOEIAJ-16 Shipping 500 Units / Rail 500 Units / Rail 48 Units / Rail 48 Units / Rail 2500 Units / Tape & Reel 2500 Units / Tape & Reel 2000 Units / Tape & Reel
MC14044BCP MC14044BCPG MC14044BD MC14044BDG MC14044BDR2 MC14044BDR2G
PDIP-16 PDIP-16 (Pb-Free) SOIC-16 SOIC-16 (Pb-Free) SOIC-16 SOIC-16 (Pb-Free)
500 Units / Rail 500 Units / Rail 48 Units / Rail 48 Units / Rail 2500 Units / Tape & Reel 2500 Units / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
5
MC14043B, MC14044B
PACKAGE DIMENSIONS
PDIP-16 P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE T
-A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL.
B
1 8
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
DIM A B C D F G H J K L M S
INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040
MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
SOIC-16 D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
-A-
16 9
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
http://onsemi.com
6
MC14043B, MC14044B
PACKAGE DIMENSIONS
SOEIAJ-16 F SUFFIX PLASTIC EIAJ SOIC PACKAGE CASE 966-01 ISSUE O
16
9
LE Q1 E HE M_ L DETAIL P
1
8
Z D e A VIEW P
c
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.78 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.031
b 0.13 (0.005)
M
A1 0.10 (0.004)
http://onsemi.com
7
MC14043B, MC14044B
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC14043B/D


▲Up To Search▲   

 
Price & Availability of MC14043B05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X