|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MC12093 /2, /4, /8 1.1 GHz Low Power Prescaler with Stand-By Mode Description The MC12093 is a single modulus prescaler for low power frequency division of a 1.1 GHz high frequency input signal. MOSAIC VTM technology is utilized to achieve low power dissipation of 6.75 mW at a minimum supply voltage of 2.7 V. On-chip output termination provides output current to drive a 2.0 pF (typical) high impedance load. If additional drive is required for the prescaler output, an external resistor can be added parallel from the OUT pin to GND to increase the output power. Care must be taken not to exceed the maximum allowable current through the output. Divide ratio control inputs SW1 and SW2 select the required divide ratio of /2, /4, or /8. Stand-By mode is featured to reduce current drain to 50 mA typical when the standby pin SB is switched LOW disabling the prescaler. Features http://onsemi.com MARKING DIAGRAM 8 8 1 SO-8 D SUFFIX CASE 751 1 12093 ALYW G DFN8 MN SUFFIX CASE 506AA 1 * * * * * * * 1.1 GHz Toggle Frequency Supply Voltage 2.7 V to 5.5 Vdc Low Power 3.0 mA Typical Operating Temperature -40C to 85C Divide by 2, 4 or 8 Selected by SW1 and SW2 Pins On-Chip Termination Pb-Free Packages are Available A L Y W G = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package PIN CONNECTIONS IN VCC SW2 OUT 1 2 3 4 8 7 6 5 Table 1. FUNCTIONAL TABLE SW L H L H SW2 L L H H Divide Ratio 8 4 4 2 IN SB SW1 Gnd (Top View) A LOW on the Stand-By Pin 7 disables the device. 1. SW1 & SW2: H = (VCC - 0.5 V) to VCC; L = Open. 2. SB: H = 2.0 V to VCC, L = GND to 0.8 V. ORDERING INFORMATION IN /2 /4 /8 See detailed ordering and shipping information in the package dimensions section on page 3 of this data sheet. Figure 1. Function Chart (c) Semiconductor Components Industries, LLC, 2006 January, 2006 - Rev. 6 1 Publication Order Number: MC12093/D 6B DG G 4 MC12093 VCC = 2.7 to 5.5 V C3 C1 IN 50W IN C2 GND C4 VCC SB SW1 SW2 OUT EXTERNAL COMPONENTS C1 = C2 = 1000 pF C3 = 0.1 mF C4 = 2.0 pF Load Figure 2. AC Test Circuit Table 2. ATTRIBUTES Characteristics Internal Input Pulldown Resistor Internal Input Pullup Resistor ESD Protection Human Body Model Machine Model Charged Device Model Pb Pkg Level 1 Level 1 Value N/A N/A > 4 kV > 200 V > 2 kV Pb-Free Pkg Level 1 Level 1 Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1) SOIC-8 DFN8 Flammability Rating Transistor Count Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test 1. For additional information, see Application Note AND8003/D. Oxygen Index: 28 to 34 UL 94 V-0 @ 0.125 in 125 Devices Table 3. MAXIMUM RATINGS Symbol VCC TA Tstg IO Power Supply Voltage, Pin 2 Operating Temperature Range Storage Temperature Range Maximum Output Current, Pin 4 Rating Value -0.5 to 6.0 -40 to 85 -65 to 150 4.0 Unit Vdc C C mA Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. NOTE: ESD data available upon request. http://onsemi.com 2 MC12093 Table 4. ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.5 V; TA = -40 to 85C) Symbol ft ICC ISB VIH1 VIL1 VIH2 VIL2 VOUT Characteristic Toggle Frequency (Sine Wave) Supply Current Stand-By Current Stand-By Input HIGH (SB) Stand-By Input LOW (SB) Divide Ratio Control Input HIGH (SW1 & SW2) Divide Ratio Control Input LOW (SW1 & SW2) Output Voltage Swing (2.0 pF Load) Output Frequency 12.5-350 MHz (Note 1) Output Frequency 350-400 MHz (Note 2) Output Frequency 400-450 MHz (Note 3) Output Frequency 450-550 MHz (Note 4) Input Voltage Sensitivity 250-1100 MHz 100-250 MHz Min 0.1 - - 2.0 Gnd VCC - 0.5 OPEN 0.6 0.5 0.4 0.3 100 400 Typ 1.4 3.0 120 - - VCC OPEN 0.80 0.70 0.55 0.45 - - Max 1.1 4.5 200 VCC 0.8 VCC + 0.5 OPEN - - - - 1000 1000 Vpp Unit GHz mA mA V V V VIN 1. 2. 3. 4. mVpp Input frequency 1.1 GHz, /8, minimum output frequency of 12.5 MHz. Input frequency 700-800 MHz, /2. Input frequency 800-900 MHz, /2. Input frequency 900-1100 MHz, /2. ORDERING INFORMATION Device MC12093D MC12093DG MC12093DR2 MC12093DR2G MC120932MNR4 MC12093MNR4G Package SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) DFN8 DFN8 (Pb-Free) Shipping 98 Units / Rail 98 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 1000 / Tape & Reel 1000 / Tape & Reel For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. http://onsemi.com 3 MC12093 PACKAGE DIMENSIONS SOIC-8 NB CASE 751-07 ISSUE AG -X- A 8 5 B 1 S 4 0.25 (0.010) M Y M -Y- G K NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244 C -Z- H D 0.25 (0.010) M SEATING PLANE N X 45 _ 0.10 (0.004) M J ZY S X S DIM A B C D G H J K M N S SOLDERING FOOTPRINT* 1.52 0.060 7.0 0.275 4.0 0.155 0.6 0.024 1.270 0.050 SCALE 6:1 mm inches *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. http://onsemi.com 4 MC12093 PACKAGE DIMENSIONS DFN8 CASE 506AA-01 ISSUE C D A B PIN ONE REFERENCE NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994 . 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.25 AND 0.30 MM FROM TERMINAL. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. DIM A A1 A3 b D D2 E E2 e K L MILLIMETERS MIN MAX 0.80 1.00 0.00 0.05 0.20 REF 0.20 0.30 2.00 BSC 1.10 1.30 2.00 BSC 0.70 0.90 0.50 BSC 0.20 --- 0.25 0.35 2X 0.10 C 2X 0.10 C 0.10 C 8X 0.08 C SEATING PLANE A1 8X L K ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC). MOSAIC V is a trademark of Motorola, Inc. ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative. CCCC CCCC CCCC CCCC D2 e/2 1 8 E TOP VIEW A (A3) C e 4 SIDE VIEW E2 5 8X b 0.10 C A B 0.05 C NOTE 3 BOTTOM VIEW http://onsemi.com 5 MC12093/D |
Price & Availability of MC12093D |