Part Number Hot Search : 
ZTB955E G510247 EM84513 L4808CX ZTX649DA 40331 TA203 SD120
Product Description
Full Text Search
 

To Download MC12026ADR2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC12026A 1.1 GHz Dual Modulus Prescaler
Description
The MC12026 is a high frequency, low voltage dual modulus prescaler used in phase-locked loop (PLL) applications. The MC12026A can be used with CMOS synthesizers requiring positive edges to trigger internal counters in a PLL to provide tuning signals up to 1.1 GHz in programmable frequency steps. A Divide Ratio Control (SW) permits selection of an 8/9 or 16/17 divide ratio as desired. The Modulus Control (MC) selects the proper divide number after SW has been biased to select the desired divide ratio.
Features
http://onsemi.com MARKING DIAGRAM
8 8 1 SOIC-8 D SUFFIX CASE 751 1 A L Y W G 026A ALYW G
* * * * * * * *
1.1 GHz Toggle Frequency Supply Voltage 4.5 to 5.5 V Low Power 4.0 mA Typical Operating Temperature Range of -40 to 85C The MC12026 is Pin Compatible with the MC12022 Short Setup Time (tset ) 6.0 ns Typical @ 1.1 GHz Modulus Control Input Level is Compatible with Standard CMOS and TTL Pb-Free Packages are Available
= Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
PIN CONNECTIONS
IN VCC SW OUT
1 2 3 4 8 7 6 5
Table 1. FUNCTIONAL TABLE
SW H H L L MC H L H L Divide Ratio 8 9 16 17
IN NC MC GND
(Top View)
1. SW: H = VCC, L = Open. A logic L can also be applied by grounding this pin, but this is not recommended due to increased power consumption. 2. MC: H = 2.0 V to VCC, L = GND to 0.8 V.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet.
Table 2. MAXIMUM RATINGS
Characteristics Power Supply Voltage, Pin 2 Operating Temperature Range Storage Temperature Range Modulus Control Input, Pin 6 Maximum Output Current, Pin 4 Symbol VCC TA Tstg MC IO Value -0.5 to 7.0 -40 to 85 -65 to 150 -0.5 to 6.5 10.0 Unit Vdc C C Vdc mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. NOTE: ESD data available upon request.
(c) Semiconductor Components Industries, LLC, 2006
January, 2006 - Rev. 8
1
Publication Order Number: MC12026A/D
MC12026A
Table 3. ELECTRICAL CHARACTERISTICS (VCC = 4.5 to 5.5; TA = -40 to 85C, unless otherwise noted.)
Characteristic Toggle Frequency (Sin Wave) Supply Current Output Unloaded (Pin 2) Modulus Control Input High (MC) Modulus Control Input Low (MC) Divide Ratio Control Input High (SW) Divide Ratio Control Input Low (SW) Output Voltage Swing (RL = 560 W; IO = 5.5 mA) (Note 3) (RL = 1.1 kW; IO = 2.9 mA) (Note 4) Modulus Setup Time MC to Out (Note 5) Input Voltage Sensitivity 100-250 MHz 250-1100 MHz 3. Divide Ratio of /8/9 at 1.1 GHz, CL = 8.0 pF. 4. Divide Ratio of /16/17 at 1.1 GHz, CL = 8.0 pF. 5. Assuming RL = 560 W at 1.1 GHz. Symbol ft ICC VIH1 VIL1 VIH2 VIL2 Vout Min 0.1 - 2.0 GND VCC - 0.5 V OPEN 1.0 Typ 1.4 4.0 - - VCC OPEN 1.6 Max 1.1 5.3 VCC 0.8 VCC + 0.5 V OPEN - Unit GHz mA V V V - Vpp
tSET Vin
- 400 100
6.0 - -
9.0 1000 1000
ns mVpp
D In In MC C
Q QB
D C
Q QB
D
Q
QB CM
1 D 0 C SW Q C Q Out QB D QB
Figure 1. Logic Diagram (MC12026A)
Prop. Delay In
Out
MC Setup MC Release Modulus setup time MC to out is the MC setup or MC release plus the prop delay.
MC
Figure 2. Modulus Setup Time
http://onsemi.com
2
MC12026A
VCC = 4.5 to 5.5V C3 SINE WAVE GENERATOR C1 IN 50 W C2 OUT IN MC GND RL CL VCC SW
MC INPUT
EXTERNAL COMPONENTS C1 = C2 = 1000 pF C3 = 0.1mF CL = 8pF (Including Scope and Jig Capacitance) RL = 560W (for /8/9 at 1.1GHz)
Figure 3. AC Test Circuit
+15.0 +10.0 +1257.40 +707.11 +397.64 +223.61 +125.74 +70.71 mVrms +39.76 +22.36 +12.57 +7.07 +3.98 +2.24 +1.26 0 200 400 600 800 1000 1200 1400 1600 +0.71 1800
0 -5.0 AMPLITUDE (dBm) -10.0 -15.0 -20.0 -25.0 -30.0 -35.0 -40.0 -45.0 -50.0
800 400 0 200 400 600 800 1000 1200 1400 1600 0 1800
FREQUENCY (MHz)
Figure 5. Output Amplitude versus Input Frequency
http://onsemi.com
3
mVpp
EEEEEEEEEEEEEEE EEEEEEEEEEEEEEE EEEEEEEEEEEEEEE EEEEEEEEEEEEEEE EEEEEEEEEEEEEEE EEEEEEEEEEEEEEE
OPERATING WINDOW FREQUENCY (MHz)
+5.0
Divide Ratio = 8; VCC = 5.0 V; TA = 25C Figure 4. Input Signal Amplitude versus Input Frequency
2000 1600 1200
MC12026A
5.88V
880mV 36.6ns (/8, 1.1 GHz Input Frequency, VCC = 5.0, TA = 25C, Output Loaded With 8.0pF)
86.6ns
Figure 6. Typical Output Waveform
http://onsemi.com
4
MC12026A
200 150 R 100 MHz 50 0 -50 -100 OHMS jX -500 -550 -600 -650 100 -150 -200 -250 -300 -350 -400 -450
200
300
400
500
600
700
800
900
1000
1100
1200
Figure 7. Typical Input Impedance versus Input Frequency
ORDERING INFORMATION
Device MC12026AD MC12026ADG MC12026ADR2 MC12026ADR2G Package SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) Shipping 98 Units / Rail 98 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
5
MC12026A
PACKAGE DIMENSIONS
SOIC-8 NB CASE 751-07 ISSUE AG
-X- A
8 5
B
1
S
4
0.25 (0.010)
M
Y
M
-Y- G
K
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
C -Z- H D 0.25 (0.010)
M SEATING PLANE
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
DIM A B C D G H J K M N S
SOLDERING FOOTPRINT*
1.52 0.060
7.0 0.275
4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MC12026A/D


▲Up To Search▲   

 
Price & Availability of MC12026ADR2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X