Part Number Hot Search : 
LP801B 1000S E005691 TMG20D80 LT1017IS MB90570C 8SA3KE22 CS2844
Product Description
Full Text Search
 

To Download MC10H104M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC10H104 Quad 2-Input AND Gate
Description
The MC10H104 is a quad 2-input AND gate. One of the gates has both AND/NAND outputs available. This MECL 10HTM part is a functional/pinout duplication of the standard MECL 10KTM family part, with 100% improvement in propagation delay, and no increase in power- supply current.
Features
http://onsemi.com MARKING DIAGRAMS*
16 MC10H104L AWLYYWW CDIP-16 L SUFFIX CASE 620A 1
* Propagation Delay, 1.0 ns Typical * Power Dissipation 25 mW/Gate (same as MECL 10K) * Improved Noise Margin 150 mV (Over Operating Voltage and * Voltage Compensated * MECL 10K Compatible * Pb-Free Packages are Available*
Temperature Range)
16 16 1 PDIP-16 P SUFFIX CASE 648 1 MC10H104P AWLYYWWG
10H104 ALYWG
SOEIAJ-16 CASE 966 1 20
20 1 PLLC-20 FN SUFFIX CASE 775 A WL, L YY, Y WW, W G
10H104G AWLYYWW
= Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
*For additional marking information, refer to Application Note AND8002/D. *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 3 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2006
February, 2006 - Rev. 8
1
Publication Order Number: MC10H104/D
MC10H104
VCC1 4 5 6 7 10 11 12 13 VCC1 = Pin 1 VCC2 = Pin 16 VEE = Pin 8 2 3 14 9 15 Aout Bout Ain Ain Bin Bin VEE 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC2 Dout Cout Din Din Cin Cin Dout
Pin assignment is for Dual-in-Line Package.
Figure 1. Logic Diagram
Figure 2. Pin Assignment
Table 1. MAXIMUM RATINGS
Symbol VEE VI Iout TA Tstg Characteristic Power Supply (VCC = 0) Input Voltage (VCC = 0) Output Current Operating Temperature Range Storage Temperature Range Plastic Ceramic Continuous Surge Rating -8.0 to 0 0 to VEE 50 100 0 to +75 -55 to +150 -55 to +165 Unit Vdc Vdc mA C C C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
Table 2. ELECTRICAL CHARACTERISTICS (VEE = -5.2 V 5%) (Note 1)
0 Symbol IE IinH IinL VOH VOL VIH VIL Characteristic Power Supply Current Input Current High Input Current Low High Output Voltage Low Output Voltage High Input Voltage Low Input Voltage Min - - 0.5 -1.02 -1.95 -1.17 -1.95 Max 39 425 - -0.84 -1.63 -0.84 -1.48 Min - - 0.5 -0.98 -1.95 -1.13 -1.95 25 Max 35 265 - -0.81 -1.63 -0.81 -1.48 Min - - 0.3 -0.92 -1.95 -1.07 -1.95 75 Max 39 265 - -0.735 -1.60 -0.735 -1.45 Unit mA A A Vdc Vdc Vdc Vdc
1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 Iinear fpm is maintained. Outputs are terminated through a 50 W resistor to -2.0 V.
http://onsemi.com
2
MC10H104
Table 3. AC PARAMETERS
0 Symbol tpd tr tf Propagation Delay Rise Time Fall Time Characteristic Min 0.4 0.5 0.5 Max 1.6 1.6 1.6 Min 0.45 0.5 0.5 25 Max 1.75 1.7 1.7 Min 0.45 0.5 0.5 75 Max 1.9 1.8 1.8 Unit ns ns ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously.
ORDERING INFORMATION
Device MC10H104M MC10H104MG MC10H104MEL MC10H104MELG MC10H104FN MC10H104FNG MC10H104FNR2 MC10H104FNR2G MC10H104L MC10H104P MC10H104PG Package SOEIAJ-16 SOEIAJ-16 (Pb-Free) SOEIAJ-16 SOEIAJ-16 (Pb-Free) PLLC-20 PLLC-20 (Pb-Free) PLLC-20 PLLC-20 (Pb-Free) CDIP-16 PDIP-16 PDIP-16 (Pb-Free) Shipping 50 Unit / Rail 50 Unit / Rail 2000 / Tape & Reel 2000 / Tape & Reel 46 Units / Rail 46 Units / Rail 500 / Tape & Reel 500 / Tape & Reel 25 Unit / Rail 25 Unit / Rail 25 Unit / Rail
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
3
MC10H104
PACKAGE DIMENSIONS
20 LEAD PLLC CASE 775-02 ISSUE E
B -N- Y BRK D -L- -M- W D V 0.010 (0.250) T L-M N Z 0.007 (0.180) M T L-M U
S
N
S S
0.007 (0.180) M T L-M
N
S
20
1
X VIEW D-D
G1
S
S
S
A Z R
0.007 (0.180) M T L-M 0.007 (0.180) M T L-M
S
N N
S
S
S
H K1
0.007 (0.180) M T L-M
S
N
S
C
E G G1 0.010 (0.250) S T L-M 0.004 (0.100) J -T- VIEW S
S SEATING PLANE
K F VIEW S 0.007 (0.180) M T L-M
S
N
S
N
S
NOTES: 1. DIMENSIONS AND TOLERANCING PER ANSI Y14.5M, 1982. 2. DIMENSIONS IN INCHES. 3. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 4. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 5. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 6. DIMENSIONS IN THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.385 0.395 0.385 0.395 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 --- 0.025 --- 0.350 0.356 0.350 0.356 0.042 0.048 0.042 0.048 0.042 0.056 --- 0.020 2_ 10 _ 0.310 0.330 0.040 ---
MILLIMETERS MIN MAX 9.78 10.03 9.78 10.03 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 --- 0.64 --- 8.89 9.04 8.89 9.04 1.07 1.21 1.07 1.21 1.07 1.42 --- 0.50 2_ 10 _ 7.88 8.38 1.02 ---
http://onsemi.com
4
MC10H104
PACKAGE DIMENSIONS
SOEIAJ-16 CASE 966-01 ISSUE A
16
9
LE Q1 E HE M_ L DETAIL P
1
8
Z
D A VIEW P c
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.10 0.20 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.78 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.031
e
b 0.13 (0.005)
M
A1 0.10 (0.004)
CDIP-16 L SUFFIX CERAMIC DIP PACKAGE CASE 620A-01 ISSUE O
B
16
A
9
A
M L
B
1 8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. 5 THIS DRAWING REPLACES OBSOLETE CASE OUTLINE 620-10. DIM A B C D E F G H K L M N INCHES MIN MAX 0.750 0.785 0.240 0.295 --- 0.200 0.015 0.020 0.050 BSC 0.055 0.065 0.100 BSC 0.008 0.015 0.125 0.170 0.300 BSC 0_ 15 _ 0.020 0.040 MILLIMETERS MIN MAX 19.05 19.93 6.10 7.49 --- 5.08 0.39 0.50 1.27 BSC 1.40 1.65 2.54 BSC 0.21 0.38 3.18 4.31 7.62 BSC 0_ 15 _ 0.51 1.01
16X
J
E F C K T N G
16X
0.25 (0.010)
M
TB
SEATING PLANE
D
0.25 (0.010)
M
TA
http://onsemi.com
5
MC10H104
PACKAGE DIMENSIONS
PDIP-16 P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE R
9
-A-
16
B
1 8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
F S
C
L
-T- H K G D
16 PL
SEATING PLANE
J TA
M
M
0.25 (0.010)
M
MECL 10H and MECL 10K are trademarks of Motorola, Inc.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MC10H104/D


▲Up To Search▲   

 
Price & Availability of MC10H104M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X