Part Number Hot Search : 
MBR10H50 SMB3EZ TBA120TN A101M 477M00 6DQ6B AON6516 TBA120TN
Product Description
Full Text Search
 

To Download MC100LVE310FN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC100LVE310 3.3V ECL 2:8 Differential Fanout Buffer
Description
The MC100LVE310 is a low voltage, low skew 2:8 differential ECL fanout buffer designed with clock distribution in mind. The device features fully differential clock paths to minimize both device and system skew. The LVE310 offers two selectable clock inputs to allow for redundant or test clocks to be incorporated into the system clock trees. To ensure that the tight skew specification is met it is necessary that both sides of the differential output are terminated into 50 W, even if only one side is being used. In most applications all eight differential pairs will be used and therefore terminated. In the case where fewer than eight pairs are used it is necessary to terminate at least the output pairs adjacent to the output pair being used in order to maintain minimum skew. Failure to follow this guideline will result in small degradations of propagation delay (on the order of 10 - 20 ps) of the outputs being used, while not catastrophic to most designs this will result in an increase in skew. Note that the package corners isolate outputs from one another such that the guideline expressed above holds only for outputs on the same side of the package. The MC100LVE310, as with most ECL devices, can be operated from a positive VCC supply in LVPECL mode. This allows the LVE310 to be used for high performance clock distribution in +3.3 V systems. Designers can take advantage of the LVE310's performance to distribute low skew clocks across the backplane or the board. In a PECL environment series or Thevenin line terminations are typically used as they require no additional power supplies, if parallel termination is desired a terminating voltage of VCC - 2.0 V will need to be provided. For more information on using PECL, designers should refer to Application Note AN1406/D. The VBB pin, an internally generated voltage supply, is available to this device only. For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage. VBB may also rebias AC coupled inputs. When used, decouple VBB and VCC via a 0.01 mF capacitor and limit current sourcing or sinking to 0.5 mA. When not used, VBB should be left open.
Features
http://onsemi.com
PLCC-28 FN SUFFIX CASE 776
MARKING DIAGRAM*
1
MC100LVE310G AWLYYWW
A WL YY WW G
= Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
*For additional marking information, refer to Application Note AND8002/D.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet.
* 200 ps Part-to-Part Skew * 50 ps Output-to-Output Skew * PECL Mode Operating Range:
* Q Output will Default LOW with All Inputs Open or * The 100 Series Contains Temperature Compensation * Pb-Free Packages are Available*
at VEE
* NECL Mode Operating Range:
VCC = 3.0 V to 3.8 V with VEE = 0 V VCC = 0 V with VEE = -3.0 V to -3.8 V
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
November, 2006 - Rev. 4
1
Publication Order Number: MC100LVE310/D
MC100LVE310
Q0 25 VEE CLK_SEL CLKa VCC CLKa VBB CLKb 26 27 28 1 2 3 4 5 CLKb 6 NC 7 8 9 Q7 10 Q6 11 Q6 Q0 24 Q1 VCCO Q1 23 22 21 Q2 20 Q2 19 18 17 16 Q3 Q3 Q4 VCCO Q4 Q5 Q5 CLKa CLKa CLKb CLKb CLK_SEL Q0 Q0 Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 Q5 Q5 Q6 Q6 Q7 Q7 VBB
Pinout: 28-Lead PLCC (Top View)
15 14 13 12
Q7 VCCO
Warning: All VCC, VCCO, and VEE pins must be externally connected to Power Supply to guarantee proper operation.
Figure 1. Logic Diagram and Pinout Assignment Table 1. PIN DESCRIPTION
PIN CLKa, CLKa; ,CLKb CLKb Q0:7, Q0:7 CLK_SEL VBB VCC, VCCO VEE NC FUNCTION ECL Differential Input Clocks ECL Differential Outputs ECL Input Clock Select Reference Voltage Output Positive Supply Negative Supply No Connect
Figure 2. Logic Symbol
Table 2. TRUTH TABLE
CLK_SEL L H Input Clock CLKa Selected CLKb Selected
Table 3. ATTRIBUTES
Characteristics Internal Input Pulldown Resistor Internal Input Pullup Resistor ESD Protection Human Body Model Machine Model Pb Pkg Level 1 Value YES N/A > 2 kV > 200 V Pb-Free Pkg Level 3
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1) PLCC-28 Flammability Rating Transistor Count Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test 1. For additional information, see Application Note AND8003/D. Oxygen Index: 28 to 34
UL 94 V-0 @ 0.125 in 212 Devices
http://onsemi.com
2
MC100LVE310
Table 4. MAXIMUM RATINGS
Symbol VCC VEE VI Iout IBB TA Tstg qJA qJC Tsol Parameter PECL Mode Power Supply NECL Mode Power Supply PECL Mode Input Voltage NECL Mode Input Voltage Output Current VBB Sink/Source Operating Temperature Range Storage Temperature Range Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Wave Solder Pb Pb-Free 0 lfpm 500 lfpm Standard Board PLCC-28 PLCC-28 PLCC-28 Condition 1 VEE = 0 V VCC = 0 V VEE = 0 V VCC = 0 V Continuous Surge VI v VCC VI w VEE Condition 2 Rating 8 to 0 -8 to 0 6 to 0 -6 to 0 50 100 0.5 -40 to +85 -65 to +150 63.5 43.5 22 to 26 5% 265 265 Unit V V V V mA mA mA C C C/W C/W C/W C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Table 5. LVPECL DC CHARACTERISTICS VCC = 3.3 V, VEE = 0 V (Note 2)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 3) Output LOW Voltage (Note 3) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 4) Input HIGH Current Input LOW Current 0.5 2215 1470 2135 1490 1.92 1.8 Min Typ 55 2295 1605 Max 60 2420 1745 2420 1825 2.04 2.9 150 0.5 2275 1490 2135 1490 1.92 1.8 Min 25C Typ 55 2345 1595 Max 60 2420 1680 2420 1825 2.04 2.9 150 0.5 2275 1490 2135 1490 1.92 1.8 Min 85C Typ 65 2345 1595 Max 70 2420 1680 2420 1825 2.04 2.9 150 Unit mA mV mV mV mV V V mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 2. Input and output parameters vary 1:1 with VCC. VEE can vary 0.3 V. 3. Outputs are terminated through a 50 W resistor to VCC - 2 V. 4. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. VIHCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL level must be such that the peak to peak voltage is less than 1.0 V and greater than or equal to VPP(min).
http://onsemi.com
3
MC100LVE310
Table 6. LVNECL DC CHARACTERISTICS VCC = 5.0 V, VEE = -3.3 V (Note 5)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR Characteristic Power Supply Current Output HIGH Voltage (Note 6) Output LOW Voltage (Note 6) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 7) Input HIGH Current Input LOW Current 0.5 -1085 -1830 -1165 -1810 -1.38 -1.5 Min Typ 55 -1005 -1695 Max 60 -880 -1555 -880 -1475 -1.26 -0.4 -102 5 -181 0 -1165 -181 0 -1.38 -1.5 Min 25C Typ 55 -955 -170 5 Max 60 -880 -1620 -880 -1475 -1.26 -0.4 -1025 -1810 -1165 -1810 -1.38 -1.5 Min 85C Typ 65 -955 -1705 Max 70 -880 -1620 -880 -1475 -1.26 -0.4 Unit mA mV mV mV mV V V
IIH IIL
150 0.5
150 0.5
150
mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. Input and output parameters vary 1:1 with VCC. VEE can vary 0.3 V. 6. Outputs are terminated through a 50 W resistor to VCC - 2 V. 7. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. VIHCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL level must be such that the peak to peak voltage is less than 1.0 V and greater than or equal to VPP(min).
Table 7. AC CHARACTERISTICS VCC = 3.3 V; VEE = 0.0 V or VCC = 0.0 V; VEE = -3.3 V (Note 8)
-40C Symbol fmax tPLH tPHL tskew tJITTER VPP tr/tf Characteristic Maximum Toggle Frequency Propagation Delay to Output IN (Differential Configuration) (Note 9) IN (Single-Ended) (Note 10) Within-Device Skew (Note 11) Part-to-Part Skew (Differential Configuration) Cycle-to-Cycle Jitter Input Swing (Note12) Output Rise/Fall Time (20%-80%) 500 200 TBD 1000 600 500 200 525 500 Min Typ TBD 725 750 75 250 TBD 1000 600 500 200 550 550 Max Min 25C Typ TBD 750 800 50 200 TBD 1000 600 575 600 Max Min 85C Typ TBD 775 850 50 200 Max Unit GHz ps
ps ps mV ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 8. VEE can vary 0.3 V. 9. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the differential output signals. 10. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal. 11. The within-device skew is defined as the worst case difference between any two similar delay paths within a single device. 12. VPP(min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The VPP(min) is AC limited for the LVE310 as a differential input as low as 50 mV will still produce full ECL levels at the output.
http://onsemi.com
4
MC100LVE310
Q Driver Device Q Zo = 50 W 50 W 50 W D Zo = 50 W D Receiver Device
VTT VTT = VCC - 2.0 V
Figure 3. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020/D - Termination of ECL Logic Devices.)
ORDERING INFORMATION
Device MC100LVE310FN MC100LVE310FNG MC100LVE310FNR2 MC100LVE310FNR2G Package PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) Shipping 37 Units / Rail 37 Units / Rail 500 / Tape & Reel 500 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D AN1406/D AN1503/D AN1504/D AN1568/D AN1672/D AND8001/D AND8002/D AND8020/D AND8066/D AND8090/D - ECL Clock Distribution Techniques - Designing with PECL (ECL at +5.0 V) - ECLinPSt I/O SPiCE Modeling Kit - Metastability and the ECLinPS Family - Interfacing Between LVDS and ECL - The ECL Translator Guide - Odd Number Counters Design - Marking and Date Codes - Termination of ECL Logic Devices - Interfacing with ECLinPS - AC Characteristics of ECL Devices
http://onsemi.com
5
MC100LVE310
PACKAGE DIMENSIONS
PLCC-28 FN SUFFIX PLASTIC PLCC PACKAGE CASE 776-02 ISSUE E
Y BRK D Z -L- -M- B 0.007 (0.180) U
M
T L-M
M
S
N
S S
-N-
0.007 (0.180)
T L-M
N
S
W
28 1
D
V
X VIEW D-D
G1
0.010 (0.250)
S
T L-M
S
N
S
A Z R E G G1 0.010 (0.250)
S
0.007 (0.180) 0.007 (0.180)
M M
T L-M T L-M
S S
N N
S S
H
0.007 (0.180)
M
T L-M
S
N
S
C
K1 0.004 (0.100) -T- SEATING
PLANE
J
K F VIEW S 0.007 (0.180)
M
VIEW S T L-M
S
T L-M
S
N
S
N
S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.485 0.495 0.485 0.495 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 --- 0.025 --- 0.450 0.456 0.450 0.456 0.042 0.048 0.042 0.048 0.042 0.056 --- 0.020 2_ 10_ 0.410 0.430 0.040 ---
MILLIMETERS MIN MAX 12.32 12.57 12.32 12.57 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 --- 0.64 --- 11.43 11.58 11.43 11.58 1.07 1.21 1.07 1.21 1.07 1.42 --- 0.50 2_ 10_ 10.42 10.92 1.02 ---
http://onsemi.com
6
MC100LVE310
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
7
MC100LVE310/D


▲Up To Search▲   

 
Price & Availability of MC100LVE310FN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X