Part Number Hot Search : 
C1210 ADCMP60 14014 AS2574BP CJ7809 147X0 Z0109 UP0431
Product Description
Full Text Search
 

To Download MC100EP29 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC10EP29, MC100EP29 3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
Description
http://onsemi.com MARKING DIAGRAM*
XXXX EP29 ALYWG G TSSOP-20 DT SUFFIX CASE 948E 20 1 XXXX EP29 ALYWG G
The MC10/100EP29 is a dual master-slave flip-flop. The device features fully differential Data and Clock inputs as well as outputs. The MC10/100EP29 is functionally equivalent to the MC10/100EL29. Data enters the master latch when the clock is LOW and transfers to the slave upon a positive transition on the clock input. The differential inputs have special circuitry which ensures device stability under open input conditions. When both differential inputs are left open the D input will pull down to VEE and the D input will bias around VCC/2. The outputs will go to a defined state, however the state will be random based on how the flip flop powers up. Both flip flops feature asynchronous, overriding Set and Reset inputs. Note that the Set and Reset inputs cannot both be HIGH simultaneously. The VBB pin, an internally generated voltage supply, is available to this device only. For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage. VBB may also rebias AC coupled inputs. When used, decouple VBB and VCC via a 0.01 mF capacitor and limit current sourcing or sinking to 0.5 mA. When not used, VBB should be left open. The 100 Series contains temperature compensation.
Features
QFN-20 MN SUFFIX CASE 485E xxx A L Y W G
* Maximum Frequency > 3 GHz Typical * 500 ps Typical Propagation Delays * PECL Mode Operating Range: VCC = 3.0 V to 5.5 V * NECL Mode Operating Range: VCC = 0 V * Open Input Default State * Safety Clamp on Inputs * These are Pb-Free Devices
with VEE = -3.0 V to -5.5 V with VEE = 0 V
= MC10 or 100 = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
(Note: Microdot may be in either location) *For additional marking information, refer to Application Note AND8002/D.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 8 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2006
December, 2006 - Rev. 4
1
Publication Order Number: MC10EP29/D
MC10EP29, MC100EP29
VCC 20 R0 19 S0 18 Q0 17 Q0 16 Q1 15 Q1 14 S1 13 R1 12 VEE 11
R
S
Q Q
Q Q CLK
S
R
D
CLK
D
1 D0
2 D0
3 VBB
4 CLK0
5 CLK0
6 CLK1
7 CLK1
8 D1
9 D1
10 VCC
Warning: All VCC and VEE pins must be externally connected to Power Supply to guarantee proper operation.
Figure 1. 20-Lead Pinout (Top View) and Logic Diagram
Exposed Pad D0 20 D0 19 VCC 18 R0 17 S0 16
VBB CLK0 CLK0 CLK1 CLK1
1 2 3 4 5 MC10/100EP17
15 14 13 12 11
Q0 Q0 Q1 Q1 S1
6 NOTE:
7
8
9
10
D1 D1 VCC VEE R1 The Exposed Pad (EP) on package bottom must be attached to a heat-sinking conduit. The Exposed Pad may only be electrically connected to VEE. Figure 1. QFN-20 Pinout (Top View)
Table 1. PIN DESCRIPTION
Pin D0*, D0*; D1*, D1* R0*, R1* CLK0*, CLK0* CLK1*, CLK1* S0* S1* Q0, Q0; Q1, Q1 VBB VCC VEE EP Function ECL Differential Data Inputs ECL Reset Inputs ECL Differential Clock Inputs ECL Differential Clock Inputs ECL Set Inputs ECL Differential Data Outputs Reference Voltage Output Positive Supply Negative Supply Exposed Pad
Table 2. TRUTH TABLE
R L L H L H S L L L H H D L H X X X CLK Z Z X X X Q L H L H Undef Q H L H L Undef
Z = LOW to HIGH Transition X = Don't Care
*Pins will default LOW when left open.
http://onsemi.com
2
MC10EP29, MC100EP29
Table 3. ATTRIBUTES
Characteristics Internal Input Pulldown Resistor Internal Input Pullup Resistor ESD Protection Human Body Model Machine Model Charged Device Model Pb Pkg Level 1 N/A Value 75 kW N/A > 2 kV > 100 V > 2 kV Pb-Free Pkg Level 3 Level 1
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1) TSSOP-20 QFN-20 Flammability Rating Transistor Count Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test 1. For additional information, see Application Note AND8003/D. Oxygen Index: 28 to 34
UL 94 V-0 @ 0.125 in 383 Devices
Table 4. MAXIMUM RATINGS
Symbol VCC VEE VI Iout IBB TA Tstg qJA qJC qJA qJC Tsol Parameter PECL Mode Power Supply NECL Mode Power Supply PECL Mode Input Voltage NECL Mode Input Voltage Output Current VBB Sink/Source Operating Temperature Range Storage Temperature Range Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Wave Solder Pb Pb-Free 0 lfpm 500 lfpm Standard Board 0 lfpm 500 lfpm Standard Board 20 TSSOP 20 TSSOP 20 TSSOP QFN-20 QFN-20 QFN-20 Condition 1 VEE = 0 V VCC = 0 V VEE = 0 V VCC = 0 V Continuous Surge VI v VCC VI w VEE Condition 2 Rating 6 -6 6 -6 50 100 0.5 -40 to +85 -65 to +150 140 100 23 to 41 47 33 18 265 265 Unit V V V V mA mA mA C C C/W C/W C/W C/W C/W C/W C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
http://onsemi.com
3
MC10EP29, MC100EP29
Table 5. 10EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 2)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 3) Output LOW Voltage (Note 3) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 4) Input HIGH Current Input LOW Current 0.5 Min 35 2165 1365 2090 1365 1790 2.0 1890 Typ 46 2290 1490 Max 55 2415 1615 2415 1690 1990 3.3 150 0.5 Min 37 2230 1430 2155 1460 1855 2.0 25C Typ 57 2480 1680 2480 1755 2055 3.3 150 0.5 1955 Max 48 2355 1555 Min 40 2290 1490 2215 1490 1915 2.0 2015 85C Typ 49 2415 1615 Max 60 2540 1740 2540 1815 2115 3.3 150 Unit mA mV mV mV mV mV V mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 2. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to -2.2 V. 3. All loading with 50 W to VCC - 2.0 V. 4. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
Table 6. 10EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 5)
-40C Symbol IEE VOH IEE VOH VOL VIH VIL VBB VIHCMR IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 3) Power Supply Current Output HIGH Voltage (Note 6) Output LOW Voltage (Note 6) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 7) Input HIGH Current Input LOW Current 0.5 Min 35 2165 35 3865 3065 3790 3065 3490 2.0 3590 Typ 46 2290 46 3990 3190 Max 55 2415 55 4115 3315 4115 3390 3690 5.0 150 0.5 Min 37 2230 37 3930 3130 3855 3130 3555 2.0 3655 25C Typ 57 2480 48 4055 3255 Max 48 2355 57 4180 3380 4180 3455 3755 5.0 150 0.5 Min 40 2290 40 3990 3190 3915 3190 3615 2.0 3715 85C Typ 49 2415 49 4115 3315 Max 60 2540 60 4240 3440 4240 3515 3815 5.0 150 Unit mA mV mA mV mV mV mV mV V mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to -0.5 V. 6. All loading with 50 W to VCC - 2.0 V. 7. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
http://onsemi.com
4
MC10EP29, MC100EP29
Table 7. 10EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = -5.5 V to -3.0 V (Note 8)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR Characteristic Power Supply Current Output HIGH Voltage (Note 9) Output LOW Voltage (Note 9) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 10) Input HIGH Current Input LOW Current 0.5 Min 35 -1135 -1935 -1210 -1935 -1510 -1410 VEE + 2.0 Typ 46 -1010 -1810 Max 55 -885 -1685 -885 -1610 -1310 0.0 Min 37 -1070 -1870 -1145 -1870 -1445 -1345 VEE + 2.0 25C Typ 48 -945 -1745 Max 57 -820 -1620 -820 -1545 -1245 0.0 Min 40 -1010 -1810 -1085 -1810 -1385 -1285 VEE + 2.0 85C Typ 49 -885 -1685 Max 60 -760 -1560 -760 -1485 -1185 0.0 Unit mA mV mV mV mV mV V
IIH IIL
150 0.5
150 0.5
150
mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 8. Input and output parameters vary 1:1 with VCC. 9. All loading with 50 W to VCC - 2.0 V. 10. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
Table 8. 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 11)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR Characteristic Power Supply Current Output HIGH Voltage (Note 12) Output LOW Voltage (Note 12) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 13) Input HIGH Current Input LOW Current 0.5 Min 35 2155 1355 2075 1355 1775 2.0 1875 Typ 46 2280 1480 Max 55 2405 1605 2420 1675 1975 3.3 Min 37 2155 1355 2075 1355 1775 2.0 1875 25C Typ 48 2280 1480 Max 57 2405 1605 2420 1675 1975 3.3 Min 40 2155 1355 2075 1355 1775 2.0 1875 85C Typ 49 2280 1480 Max 60 2405 1605 2420 1675 1975 3.3 Unit mA mV mV mV mV mV V
IIH IIL
150 0.5
150 0.5
150
mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 11. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to -2.2 V. 12. All loading with 50 W to VCC - 2.0 V. 13. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
http://onsemi.com
5
MC10EP29, MC100EP29
Table 9. 100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 14)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR Characteristic Power Supply Current Output HIGH Voltage (Note 15) Output LOW Voltage (Note 15) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 16) Input HIGH Current Input LOW Current 0.5 Min 35 3855 3055 3775 3055 3475 2.0 3575 Typ 46 3980 3180 Max 55 4105 3305 4120 3375 3675 5.0 Min 37 3855 3055 3775 3055 3475 2.0 3575 25C Typ 48 3980 3180 Max 57 4105 3305 4120 3375 3675 5.0 Min 40 3855 3055 3775 3055 3475 2.0 3575 85C Typ 49 3980 3180 Max 60 4105 3305 4120 3375 3675 5.0 Unit mA mV mV mV mV mV V
IIH IIL
150 0.5
150 0.5
150
mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 14. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to -0.5 V. 15. All loading with 50 W to VCC - 2.0 V. 16. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
Table 10. 100EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = -5.5 V to -3.0 V (Note 17)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR Characteristic Power Supply Current Output HIGH Voltage (Note 18) Output LOW Voltage (Note 18) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 19) Input HIGH Current Input LOW Current 0.5 Min 35 -1145 -1945 -1225 -1945 -1525 -1425 VEE + 2.0 Typ 46 -1020 -1820 Max 55 -895 -1695 -880 -1625 -1325 0.0 Min 37 -1145 -1945 -1225 -1945 -1525 -1425 VEE + 2.0 25C Typ 48 -1020 -1820 Max 57 -895 -1695 -880 -1625 -1325 0.0 Min 40 -1145 -1945 -1225 -1945 -1525 -1425 VEE + 2.0 85C Typ 49 -1020 -1820 Max 60 -895 -1695 -880 -1625 -1325 0.0 Unit mA mV mV mV mV mV V
IIH IIL
150 0.5
150 0.5
150
mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 17. Input and output parameters vary 1:1 with VCC. 18. All loading with 50 W to VCC - 2.0 V. 19. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
http://onsemi.com
6
MC10EP29, MC100EP29
Table 11. AC CHARACTERISTICS VCC = 0 V; VEE = -3.0 V to -5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 20)
-40C Symbol fmax tPLH, tPHL tS tH tRR/tRR2 tPW tJITTER VPP tr tf Characteristic Maximum Frequency (See Figure 2 Fmax/JITTER) Propagation Delay to Output Differential S R Setup Time Hold Time Set/Reset Recovery Minimum Pulse Width Set, Reset Cycle-to-Cycle Jitter (See Figure 2 Fmax/JITTER) Input Voltage Swing (Note 21) Output Rise/Fall Times (20% - 80%) Q, Q 150 100 CLK 300 275 300 100 100 150 500 Min Typ > 3.0 380 380 400 20 20 80 300 .2 800 180 <1 1200 250 150 150 450 475 500 350 300 325 100 100 150 500 Max Min 25C Typ > 3.0 420 400 420 20 20 80 300 .2 800 210 <1 1200 300 150 175 500 500 525 400 350 375 100 100 150 500 Max Min 85C Typ > 3.0 470 450 470 20 20 80 300 .2 800 230 <1 1200 325 550 550 575 Max Unit GHz ps
ps ps ps ps mV ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 20. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC-2.0 V. 21. VPP(min) is the minimum input swing for which AC parameters are guaranteed. 900 800 VOUTpp (mV) 700 600 500 400 300 200 100 0 (JITTER) 9 8 7 6 5 4 3 2 1 4000 5000 JITTER OUT ps (RMS)
0
1000
2000
3000
FREQUENCY (MHz)
Figure 2. Fmax/Jitter
http://onsemi.com
7
EE EE
EEEEEEEEEEEEE EEEEEEEEEEEEE
MC10EP29, MC100EP29
Q Driver Device Q Zo = 50 W 50 W 50 W D Zo = 50 W D Receiver Device
VTT VTT = VCC - 2.0 V
Figure 3. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020/D - Termination of ECL Logic Devices.)
ORDERING INFORMATION
Device MC10EP29DT MC10EP29DTG MC10EP29DTR2 MC10EP29DTR2G MC10EP29MNG MC10EP29MNTXG MC100EP29DT MC100EP29DTG MC100EP29DTR2 MC100EP29DTR2G MC100EP29MNG MC100EP29MNTXG Package TSSOP-20 TSSOP-20 (Pb-Free) TSSOP-20 TSSOP-20 (Pb-Free) QFN-20 (Pb-Free) QFN-20 (Pb-Free) TSSOP-20 TSSOP-20 (Pb-Free) TSSOP-20 TSSOP-20 (Pb-Free) QFN-20 (Pb-Free) QFN-20 (Pb-Free) Shipping 75 Units / Rail 75 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 92 Units / Rail 3000 / Tape & Reel 75 Units / Rail 75 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 92 Units / Rail 3000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D AN1406/D AN1503/D AN1504/D AN1568/D AN1672/D AND8001/D AND8002/D AND8090/D - ECL Clock Distribution Techniques - Designing with PECL (ECL at +5.0 V) - ECLinPSt I/O SPiCE Modeling Kit - Metastability and the ECLinPS Family - Interfacing Between LVDS and ECL - The ECL Translator Guide - Odd Number Counters Design - Marking and Date Codes - AC Characteristics of ECL Devices
http://onsemi.com
8
MC10EP29, MC100EP29
Resource Reference of Application Notes
AND8020/D AND8066/D AND8090/D - Termination of ECL Logic Devices - Interfacing with ECLinPS - AC Characteristics of ECL Devices
http://onsemi.com
9
MC10EP29, MC100EP29
PACKAGE DIMENSIONS
TSSOP-20 CASE 948E-02 ISSUE C
20X
K REF
M
2X
L/2
20
11
J J1 B -U- N
L
PIN 1 IDENT 1 10
0.15 (0.006) T U
S
A -V-
N F DETAIL E -W-
DIM A B C D F G H J J1 K K1 L M
C D 0.100 (0.004) -T- SEATING
PLANE
G
H
DETAIL E
SOLDERING FOOTPRINT*
7.06 1
0.36
16X
16X
1.26
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
10
IIII IIII IIII
SECTION N-N 0.25 (0.010) M
0.15 (0.006) T U
S
0.10 (0.004)
TU
S
V
S
K K1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 6.40 6.60 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.252 0.260 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
0.65 PITCH
DIMENSIONS: MILLIMETERS
MC10EP29, MC100EP29
PACKAGE DIMENSIONS
QFN-20 CASE 485E-01 ISSUE O
-X- A M N B 0.25 (0.010) T 0.25 (0.010) T R 0.08 (0.003) T E H L
6 5 10 11 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION D APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.25 AND 0.30 MM FROM TERMINAL. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. DIM A B C D E F G H J K L M N P R MILLIMETERS MIN MAX 4.00 BSC 4.00 BSC 0.80 1.00 0.23 0.35 2.75 2.85 2.75 2.85 0.50 BSC 1.38 1.43 0.20 REF 0.00 0.05 0.35 0.45 2.00 BSC 2.00 BSC 1.38 1.43 0.60 0.80 INCHES MIN MAX 0.157 BSC 0.157 BSC 0.031 0.039 0.009 0.014 0.108 0.112 0.108 0.112 0.020 BSC 0.054 0.056 0.008 REF 0.000 0.002 0.014 0.018 0.079 BSC 0.079 BSC 0.054 0.056 0.024 0.031
-Y-
J C K -T-
SEATING PLANE
G
F
1 20 16 15
D
NOTE 3 M
P
0.10 (0.004)
TXY
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
11
MC10EP29/D


▲Up To Search▲   

 
Price & Availability of MC100EP29

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X