Part Number Hot Search : 
8XXXCX TS864IPT TN800A FS10SM PE9904 167BZC BD683 D1866
Product Description
Full Text Search
 

To Download MBR0540-CA2-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD MBR0540
SCHOTTKY RECTIFIER
FEATURES
* For surface mounted applications * Low forward voltage drop (VF=0.50V Typ. at 0.5A) * Guard ring for transient and ESD protection
DIODE
-
+ SOD-123
+ SOD-323
*Pb-free plating product number: MBR0540L
ORDERING INFORMATION
Order Number Normal Lead Free Plating MBR0540-CA2-R MBR0540L-CA2-R MBR0540-CB2-R MBR0540L-CB2-R Package SOD-123 SOD-323 Packing Tape Reel Tape Reel
MBR0540L-CA2-R (1)Packing Type (2)Package Type (3)Lead Plating (1) R: Tape Reel (2) CA2: SOD-123, CB2: SOD-323 (3) L: Lead Free Plating Blank: Pb/Sn ,
MARKING
B4 Lead Plating
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 3
QW-R601-013,A
MBR0540
ABSOLUTE MAXIMUM RATINGS (Single Diode @TA=25 )
DIODE
PARAMETER SYMBOL RATINGS UNIT Maximum Repetitive Peak Reverse Voltage VRRM 40 V Maximum DC Blocking Voltage VR 40 V Working Peak Reverse Voltage VRWM 40 V Maximum RMS Reverse Voltage VR(RMS) 28 V Maximum Voltage Rate of Change (Rated VR) dv/dt 1000 V/s Average Rectified Forward Current IOUT 500 mA Non-Repetitive Peak Forward Surge Current IFSM 5.5 A Power Dissipation PD 410 mW Storage Temperature TSTG -65 ~ +150 Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER Thermal Resistance Junction to Ambient SYMBOL JA RATINGS 244 UNIT /W
ELECTRICAL CHARACTERISTICS (TA=25 , unless otherwise specified)
PARAMETER Reverse Breakdown Voltage Forward Voltage Drop Reverse Leakage Current Total Capacitance Typical Reverse Recovery Time SYMBOL BVR VF1 VF2 IR1 IR2 CT tRR TEST CONDITIONS IR=20A IF=0.5A IF=1A VR=20V VR=40V VR=1V, f=1MHz IF=IR=10mA, RL=100, recover to 0.1 x IR MIN 40 TYP MAX 0.51 0.62 10 20 170 4 UNIT V V A pF ns
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 3
QW-R601-013,A
MBR0540
TYPICAL CHARACTERISTICS
DIODE
Total Capacitance 120 100 80 60 40 Ta =25 f = 1MHz 0 5 10 15 20
Instantaneous Forward Current, IF (A)
Forward Characteristics TJ =25 7.0 Pulse width = 300 s 5.0 2% duty cycle 3.0 10
Total Capacitance, CT (pF)
1.0 0.7 0.5 0.3
20
0.1 0
Reverse Voltage, VR (V)
0.2 0.4 0.6 0.8 1.0 Instantaneous Forward Voltage, VF (V)
Forward Current Derating Curve
Average Rectified Forward Current, IOUT (A)
0.8
0.6
0.4
0.2
0
0
25 50 75 100 125 Lead Temperature, TL ( )
150
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 3
QW-R601-013,A


▲Up To Search▲   

 
Price & Availability of MBR0540-CA2-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X