Part Number Hot Search : 
2SD16 2SK1290 IA4805 2N6487 PA2755NL ZL10355 CWST6120 PS9634
Product Description
Full Text Search
 

To Download M74VHC1GT125DF1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74VHC1GT125 Noninverting Buffer / CMOS Logic Level Shifter
with LSTTL-Compatible Inputs
The MC74VHC1GT125 is a single gate noninverting buffer fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. The MC74VHC1GT125 requires the 3-state control input (OE) to be set High to place the output into the high impedance state. The device input is compatible with TTL-type input thresholds and the output has a full 5 V CMOS level output swing. The input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic-level translator from 3 V CMOS logic to 5 V CMOS Logic or from 1.8 V CMOS logic to 3 V CMOS Logic while operating at the high-voltage power supply. The MC74VHC1GT125 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the MC74VHC1GT125 to be used to interface 5 V circuits to 3 V circuits. The output structures also provide protection when VCC = 0 V. These input and output structures help prevent device destruction caused by supply voltage - input/output voltage mismatch, battery backup, hot insertion, etc.
Features http://onsemi.com MARKING DIAGRAMS
5 1 SC-88A/SOT-353/SC-70 DF SUFFIX CASE 419A 5 W1 M G G M 1 5 5 1 TSOP-5/SOT-23/SC-59 DT SUFFIX CASE 483 1 W1 M G G
* * * * * * * * *
High Speed: tPD = 3.5 ns (Typ) at VCC = 5 V Low Power Dissipation: ICC = 1 mA (Max) at TA = 25C TTL-Compatible Inputs: VIL = 0.8 V; VIH = 2 V CMOS-Compatible Outputs: VOH > 0.8 VCC; VOL < 0.1 VCC @Load Power Down Protection Provided on Inputs and Outputs Balanced Propagation Delays Pin and Function Compatible with Other Standard Logic Families Chip Complexity: FETs = 62; Equivalent Gates = 16 Pb-Free Packages are Available
1 2 3 4 OE 1 IN A 2 GND 3 4 OUT Y 5 VCC 5
W1 M G
= Device Code = Date Code* = Pb-Free Package
(Note: Microdot may be in either location) *Date Code orientation and/or position may vary depending upon manufacturing location.
PIN ASSIGNMENT
OE IN A GND OUT Y VCC
FUNCTION TABLE
A Input OE Input L L H Y Output L H Z
Figure 1. Pinout (Top View)
L H X
OE IN A
OUT Y
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
Figure 2. Logic Symbol
(c) Semiconductor Components Industries, LLC, 2007
1
February, 2007 - Rev. 12
Publication Order Number: MC74VHC1GT125/D
MC74VHC1GT125
MAXIMUM RATINGS
Symbol VCC VIN VOUT IIK IOK IOUT ICC PD qJA TL TJ Tstg VESD DC Supply Voltage DC Input Voltage DC Output Voltage Input Diode Current Output Diode Current DC Output Current, per Pin DC Supply Current, VCC and GND Power Dissipation in Still Air Thermal Resistance Lead Temperature, 1 mm from Case for 10 s Junction Temperature Under Bias Storage Temperature ESD Withstand Voltage Human Body Model (Note 1) Machine Model (Note 2) Charged Device Model (Note 3) Above VCC and Below GND at 125C (Note 4) SC-88A, TSOP-5 SC-88A, TSOP-5 VOUT < GND; VOUT > VCC VCC = 0 High or Low State Characteristics Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -20 +20 +25 +50 200 333 260 +150 -65 to +150 > 2000 > 200 N/A 500 Unit V V V mA mA mA mA mW C/W C C C V
ILatchup
Latchup Performance
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Tested to EIA/JESD22-A114-A 2. Tested to EIA/JESD22-A115-A 3. Tested to JESD22-C101-A 4. Tested to EIA/JESD78
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN VOUT TA tr , tf DC Supply Voltage DC Input Voltage DC Output Voltage Operating Temperature Range Input Rise and Fall Time VCC = 5.0 V 0.5 V Characteristics Min 3.0 0.0 0.0 -55 0 Max 5.5 5.5 VCC +125 20 Unit V V V C ns/V
Device Junction Temperature versus Time to 0.1% Bond Failures
NORMALIZED FAILURE RATE Junction Temperature 5C 80 90 100 110 120 130 140 FAILURE RATE OF PLASTIC = CERAMIC UNTIL INTERMETALLICS OCCUR TJ = 130 C TJ = 120 C TJ = 110 C TJ = 100 C TJ = 80 C 100 TIME, YEARS TJ = 90 C
Time, Hours 1,032,200 419,300 178,700 79,600 37,000 17,800 8,900
Time, Years 117.8 47.9 20.4 9.4 4.2 2.0 1.0
1 1 10 1000
Figure 3. Failure Rate vs. Time Junction Temperature
http://onsemi.com
2
14 CPD Power Dissipation Capacitance (Note 5) pF 5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC / 4 (per buffer). CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I II I I I II I I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I II I I I II I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I II I I II I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIII I I II I II II I II II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I II I I IIIIIIIIIIIIIIIIIIIIIII I I I II I II IIIIIIIIIIIIIIIIIIII I IIIIIIIIIII II I I II I II I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIII I II I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII IIIIIII IIIIIIIIIIII II I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIII II IIIIIIIIIII I I II I I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I II II I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I II IIIIIIIIIIIIIIIIIIIIIII I I I II I II I I IIIIIIIIIIIIIIIIIIII I I IIIIIII II II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII IIII IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIII II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II I II I I I I II I I II II I I I I I I I II I I I II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II I I I I IIIIIIIIII II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II I I II I I I I II I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II I I I I I I I II I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIII IIII IIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II I I III III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I IIII III I II I I IIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIII IIII II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II I I I I I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII I I I I II I I I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II I I I I I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I I II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II I I I I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II I I I I I I II I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIII IIII IIIIIIIIIIIIIIII II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIII III I I I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I IIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
AC ELECTRICAL CHARACTERISTICS Input tr = tf = 3.0 ns DC ELECTRICAL CHARACTERISTICS
Symbol tPLH, tPHL Symbol tPLZ, tPHZ tPZL, tPZH IOPD IOPD ICCT VOH Cout VOL VIH ICC IOZ Cin VIL IIN Maximum Three-State Output Capacitance (Output in High Impedance State) Maximum Input Capacitance Maximum Output Disable Time,OE to Y (Figures 4 and 5) Maximum Output Enable TIme,OE to Y (Figures 4 and 5) Parameter Maximum Propagation Delay, A to Y (Figures 3 and 5.) Output Leakage Current Maximum 3-State Leakage Current Output Leakage Current Quiescent Supply Current Maximum Quiescent Supply Current Maximum Input Leakage Current Maximum Low-Level Output Voltage VIN = VIH or VIL Minimum High-Level Output Voltage VIN = VIH or VIL Maximum Low-Level Input Voltage Minimum High-Level Input Voltage Parameter VOUT = 5.5 V VIN = VIH or VIL VOUT = VCC or GND VOUT = 5.5 V Input: VIN = 3.4 V Other Input: VCC or GND VIN = VCC or GND VIN = 5.5 V or GND VIN = VIH or VIL IOL = 4 mA IOL = 8 mA VIN = VIH or VIL IOL = 50 mA VIN = VIH or VIL IOH = - 4 mA IOH = - 8 mA VIN = VIH or VIL IOH = - 50 mA Test Conditions VCC = 5.0 0.5 V RL = RI = 500 W VCC = 3.3 0.3 V RL = RI = 500 W VCC = 5.0 0.5 V RL = RI = 500 W VCC = 3.3 0.3 V RL = RI = 500 W VCC = 5.0 0.5 V Test Conditions VCC = 3.3 0.3 V CL = 15pF CL = 50pF
MC74VHC1GT125
http://onsemi.com
CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF VCC (V) 0 to 5.5 0.0 5.5 0.0 5.5 5.5 3.0 4.5 3.0 4.5 3.0 4.5 3.0 4.5 3.0 4.5 5.5 3.0 4.5 5.5 2.58 3.94 Min 2.9 4.4 1.4 2.0 2.0 Min TA = 25C TA = 25C Typ 0.0 0.0 3.0 4.5 TypIII Max Min 4.8 7.0 6.5 8.0 3.6 5.1 5.4 7.9 3.8 5.3 5.6 8.1 6 4 0.25 0.10 1.35 0.36 0.36 0.53 0.8 0.8 Max 0.5 0.5 1.0 0.1 0.1 9.7 13.2 8.0 11.5 8.0 11.5 6.8 8.8 5.1 7.1 5.5 7.5 10 Typical @ 25C, VCC = 5.0 V 2.48 3.80 Min 2.9 4.4 1.4 2.0 2.0 TA 85C 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 TA 85C 1.0 2.5 1.50 0.44 0.44 0.53 0.8 0.8 Max 8.0 10.0 9.5 13.0 9.5 13.0 11.5 15.0 Max 5.0 5.0 0.1 0.1 20 6.0 8.0 6.5 8.5 10 -55 TA 125C -55 TA 125C 2.34 3.66 Min Min 2.9 4.4 1.4 2.0 2.0 1.0 2.5 10.0 12.0 14.5 18.0 8.5 10.5 12.0 16.0 Max 1.65 0.52 0.52 0.53 0.8 0.8 Max 11.5 15.0 7.5 9.5 0.1 0.1 10 10 10 40 Unit ns Unit mA mA mA mA mA mA pF pF ns ns V V V V
3
MC74VHC1GT125
SWITCHING WAVEFORMS
OE 50% tPZL Y 50% VCC tPZH Y 50% VCC tPHZ tPLZ VCC GND HIGH IMPEDANCE VOL + 0.3V VOH - 0.3V HIGH IMPEDANCE
A tPLH
50% tPHL 50% VCC
VCC GND
Y
Figure 4. Switching Waveforms
Figure 5.
TEST POINT OUTPUT DEVICE UNDER TEST C L* DEVICE UNDER TEST
TEST POINT OUTPUT 1 kW CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH.
CL *
*Includes all probe and jig capacitance
*Includes all probe and jig capacitance
Figure 6. Test Circuit
Figure 7. Test Circuit
INPUT
Figure 8. Input Equivalent Circuit
ORDERING INFORMATION
Device MC74VHC1GT125DF1 M74VHC1GT125DF1G MC74VHC1GT125DF2 M74VHC1GT125DF2G MC74VHC1GT125DT1 M74VHC1GT125DT1G Package SC-88A / SOT-353 / SC-70 SC-88A / SOT-353 / SC-70 (Pb-Free) SC-88A / SOT-353 / SC-70 SC-88A / SOT-353 / SC-70 (Pb-Free) TSOP-5 / SOT-23 / SC-59 TSOP-5 / SOT-23 / SC-59 (Pb-Free) 3000/Tape & Reel Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
4
MC74VHC1GT125
PACKAGE DIMENSIONS
SC-88A, SOT-353, SC-70 CASE 419A-02 ISSUE J
A G
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419A-01 OBSOLETE. NEW STANDARD 419A-02. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS.
5
4
S
1 2 3
-B-
DIM A B C D G H J K N S
D 5 PL
0.2 (0.008)
M
B
M
N J C
INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC --- 0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087
MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --- 0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20
H
K
SOLDERING FOOTPRINT*
0.50 0.0197
0.65 0.025 0.65 0.025 0.40 0.0157
mm inches
1.9 0.0748
SCALE 20:1
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
MC74VHC1GT125
PACKAGE DIMENSIONS
TSOP-5 CASE 483-02 ISSUE F
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. 5. OPTIONAL CONSTRUCTION: AN ADDITIONAL TRIMMED LEAD IS ALLOWED IN THIS LOCATION. TRIMMED LEAD NOT TO EXTEND MORE THAN 0.2 FROM BODY. DIM A B C D G H J K L M S MILLIMETERS MIN MAX 3.00 BSC 1.50 BSC 0.90 1.10 0.25 0.50 0.95 BSC 0.01 0.10 0.10 0.26 0.20 0.60 1.25 1.55 0_ 10 _ 2.50 3.00
NOTE 5 2X
D
5X
0.10 T 0.20 T L G A
5 1 2 4 3
0.20 C A B M B S K
DETAIL Z
2X
DETAIL Z
J C 0.05 H T
SEATING PLANE
SOLDERING FOOTPRINT*
1.9 0.074
0.95 0.037
2.4 0.094 1.0 0.039 0.7 0.028
SCALE 10:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
6
MC74VHC1GT125/D


▲Up To Search▲   

 
Price & Availability of M74VHC1GT125DF1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X