Part Number Hot Search : 
AR1220 AP163201 QFP48 1N5227B DG5306X CXA3516R MUR115PT QFP48
Product Description
Full Text Search
 

To Download M54HCT27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HCT27 M74HCT27
TRIPLE 3-INPUT NOR GATE
.HI .LOWPOWERDI .COMPATI .OUTPUTDRI .SYMMETRI .BALANCEDPROPAGATI .PI
GH SPEED tPD = 9 ns (TYP.) AT VCC = 5 V SSIPATION ICC = 1 A (MAX.) AT TA = 25 C BLE WITH TTL OUTPUTS VIH = 2V (MIN.) VIL = 0.8V (MAX) VE CAPABILITY 10 LSTTL LOADS CAL OUTPUT IMPEDANCE IOH = IOL = 4 mA (MIN.) ON DELAYS tPLH = tPHL N AND FUNCTION COMPATIBLE WITH 54/74LS27
B1R (Plastic Package)
F1R (Ceramic Package)
M1R (Micro Package)
C1R (Chip Carrier)
DESCRIPTION The M54/74HCT27 is a high speed CMOS TRIPLE 3-INPUT NOR GATE fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption. The internal circuit is composed of 3 stages including buffered output, which gives high noise immunity and a stable output. All inputs are equipped with protection circuits against static discharge and transient excess voltage. This integrated circuit has input and output characteristics that are fully compatible with 54/74 LSTTL logic families. M54/74HCT devices are designed to directly interface HSC2MOS systems with TTL and NMOS components. They are also plug in replacements for LSTTL devices giving a reduction of power consumption. INPUT AND OUTPUT EQUIVALENT CIRCUIT
ORDER CODES : M54HCT27F1R M74HCT27M1R M74HCT27B1R M74HCT27C1R
PIN CONNECTIONS (top view)
NC = No Internal Connection
February 1993
1/9
M54/M74HCT27
TRUTH TABLE
A L H X X B L X H X C L X X H Y H L L L
IEC Logic Symbol
PIN DESCRIPTION
PIN No 1, 3, 9 2, 4, 10 13, 5, 11 12, 6, 8 7 14 SYMBOL 1A to 3A 1B to 3B 1C to 3C 1Y to 3Y GND VCC NAME AND FUNCTION Data Inputs Data Inputs Data Inputs Data Outputs Ground (0V) Positive Supply Voltage
LOGIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK ICC IO or IGND PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 500 (*) -65 to +150 300 Unit V V V mA mA mA mA mW
o o
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition isnotimplied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC
2/9
M54/M74HCT27
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature: M54HC Series M74HC Series Input Rise and Fall Time (VCC = 4.5 to 5.5V) Parameter Value 4.5 to 5.5 0 to VCC 0 to VCC -55 to +125 -40 to +85 0 to 500 Unit V V V
o o
C C ns
DC SPECIFICATIONS
Test Conditions Symbol Parameter VCC (V) 4.5 to 5.5 4.5 to 5.5 4.5 VI = IO=-20 A VIH or IO=-4.0 mA V IL VI = IO= 20 A VIH or IO= 4.0 mA V IL VI = VCC or GND VI = VCC or GND Per Input pin VI = 0.5V or V I = 2.4V Other Inputs at V CC or GND IO= 0 TA = 25 oC 54HC and 74HC Min. 2.0 Typ. Max. Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. 2.0 Max. Min. 2.0 Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
V IL
0.8
0.8
0.8
V
V OH
4.4 4.18
4.5 4.31 0.0 0.17 0.1 0.26 0.1 1 2.0
4.4 4.13 0.1 0.33 1 10 2.9
4.4 4.10 0.1 V 0.4 1 20 3.0 A A mA V
VOL
Low Level Output Voltage
4.5
II ICC ICC
Input Leakage Current Quiescent Supply Current Additional worst case supply current
5.5 5.5 5.5
3/9
M54/M74HCT27
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns)
Test Conditions Symbol Parameter VCC (V) 4.5 4.5 TA = 25 C 54HC and 74HC Min. Typ. Max. 8 12 5 48 15 19 10
o
Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 19 24 10 22 29 10 Unit
tTLH tTHL tPLH tPHL CIN CPD (*)
Output Transition Time Propagation Delay Time Input Capacitance Power Dissipation Capacitance
ns ns pF pF
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC/3 (per Gate)
SWITCHING CHARACTERISTICS TEST CIRCUIT
TEST CIRCUIT ICC (Opr.)
INPUT WAVEFORM IS THE SAVE AS THAT IN CASE OF SWITCHING CHARACTERISTICS TEST.
4/9
M54/M74HCT27
Plastic DIP14 MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001A
5/9
M54/M74HCT27
Ceramic DIP14/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 1.52 0.38 15.24 2.79 0.55 1.52 0.31 2.54 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.060 3.3 0.015 0.600 0.110 0.022 0.060 0.012 0.100 0.406 0.317 0.200 TYP. MAX. 20 7.0 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053C
6/9
M54/M74HCT27
SO14 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013G
7/9
M54/M74HCT27
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
8/9
M54/M74HCT27
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
9/9


▲Up To Search▲   

 
Price & Availability of M54HCT27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X