Part Number Hot Search : 
MBI20 42PJ350 RF6515SR S3C8849 1210C SL0300A 460NB MAX16
Product Description
Full Text Search
 

To Download LTC1000-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducer LTC 1000-T
For the electronic measurement of currents : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN =
1000 A
Electrical data
IPN IP IP RM Primary nominal r.m.s. current Primary current, measuring range @ 24 V Max overload not measurable Measuring resistance with 15 V with 24 V ISN KN VC IC Vd Ve @ 1000 A max @ 1200 A max @ 1000 A max @ 2000 A max 1000 A 0 .. 2400 1) A 10 / 10 kA/ms RM min RM max 0 0 0 0 15 7 50 7 mA V mA kV kV kV
Features
* Closed loop (compensated) current
transducer using the Hall effect
* Insulated plastic case recognized
according to UL 94-V0
* Railway equipment.
Secondary nominal r.m.s. current Conversion ratio Supply voltage ( 5 %) Current consumption R.m.s. voltage for AC isolation test, 50 Hz, 1 mn R.m.s. voltage for partial discharge extinction
200 1 : 5000 15 .. 24 < 30 (@24V) +IS 13.4 2) 1.5 3) > 2.8
Advantages
* * * * * * *
Excellent accuracy Very good linearity Low temperature drift Optimized response time Wide frequency bandwidth No insertion losses High immunity to external interference * Current overload capability.
Accuracy - Dynamic performance data
XG Overall accuracy @ IPN , TA = 25C @ IPN , TA = - 40C .. + 85C Linearity Offset current @ IP = 0, TA = 25C Thermal drift of IO Response time 4) @ 90 % of IPN di/dt accurately followed Frequency bandwidth (- 1 dB) < 0.4 <1 < 0.1 Max 0.5 1 <1 > 100 DC .. 100 % % % mA mA s A/s kHz
L
Applications
* AC variable speed drives and servo
motor drives
IO IOT tr di/dt f
- 40C .. + 85C
* Static converters for DC motor drives * Battery supplied applications * Uninterruptible Power Supplies
(UPS)
General data
TA TS RS m Ambient operating temperature Ambient storage temperature Secondary coil resistance @ TA = 85C Mass Standards
1) 2) 3) 4)
* Switched Mode Power Supplies
(SMPS) - 40 .. + 85 C - 45 .. + 90 C 44 1270 g EN 50155 (01.12.20)
* Power supplies for welding
applications.
Notes :
With a di/dt of > 5 A/s Between primary and secondary + shield Between secondary and shield With a di/dt of 100 A/s. 030528/0
LEM Components
w w w.lem.com
Dimensions LTC 1000-T (in mm. 1 mm = 0.0394 inch)
Front view Left view
Secondary terminals
Terminal + : supply voltage + 15 .. 24 V Terminal M : measure Terminal - : supply voltage - 15 .. 24 V Terminal E : shield
Connection
or
Top view Mechanical characteristics
* General tolerance * Fixing the transducer
1 mm 2 holes 13 mm or by the primary bar 2 steel screws M12 24.5 Nm M5 threaded studs 2.2 Nm or 1.62 Lb.-Ft. Faston 6.3 x 0.8 mm
Remarks
* IS is positive when IP flows in the direction of the arrow. * Temperature of the primary conductor should not exceed
100C.
* Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
Fastening torque max
* Connection of secondary
Fastening torque max
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of LTC1000-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X