Part Number Hot Search : 
FN2359 7K025 W9425 76M00 TS556C IRGCT 2SK31 C2335R
Product Description
Full Text Search
 

To Download LS1240A-D08-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD LS1240A
ELECTRONIC TONE RINGER WITH BUILT-IN BRIDGE RECTIFIER
DESCRIPTION
The UTC LS1240A is monolithic integrated circuits and designed to be as a telephone ringer. It can drive a piezo-ceramic converter(buzzer) directly. The output current capacity of UTC LS1240A is higher than standard ringer. For driving a dynamic loudspeaker, UTC LS1240A needs only a decoupling capacitor to replace the usual transformer in use.
LINEAR INTEGRATED CIRCUIT
SOP-8
DIP-8
FEATURES
* Low current consumption. * Integrated rectifier bridge with zener diodes to overvoltage Protection. * Minimum external circuitry. * Both frequencies of tone and switching are adjustable by external components. * Integrated voltage and current hysteresis. *Pb-free plating product number: LS1240AL
ORDERING INFORMATION
Ordering Number Normal Lead Free Plating LS1240A-D08-T LS1240AL-D08-T LS1240A-S08-R LS1240AL-S08-R LS1240A-S08-T LS1240AL-S08-T Package DIP-8 SOP-8 SOP-8 Packing Tube Tape Reel Tube
LS1240AL-D08-T (1)Packing Type (2)Package Type (3)Lead Plating (1) R: Tape Reel, T: Tube (2) D08: DIP-8, S08: SOP-8 (3) Lead Free Plating, Blank: Pb/Sn
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 5
QW-R108-002,H
LS1240A
PIN CONFIGURATION
LINEAR INTEGRATED CIRCUIT
LINE
1 2
UTC LS1240 A
8 7 6 5
LINE
GND
Cr NULL
CSW
3 4
Ra
OUT
PIN DESCRIPTION
PIN 1 2 3 4 5 6 7 8 PIN NAME LINE GND Csw Ra OUT NULL Cr LINE DESCRIPTION Connecting pin to B-wire Ground Sweep rate control capacitor Output frequency control resistor Buzzer Not connected Rectifier capacitor Connecting pin to A-wire
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 5
QW-R108-002,H
LS1240A
BLOCK DIAGRAM
LINEAR INTEGRATED CIRCUIT
TELEPHONE LINE
1 IN
RECTIFIER BRIDGE
8 IN
TELEPHONE LINE
GND
2
7
RECTIFIER CAPACITOR
SWEEP RATE CONTROL CAPACITOR
3
SWITCHING FREQUENCY GENERATOR
THRESHOLD CIRCUIT WITH HYSTERESIS
6
N.C.
4 OUTPUT FREQYENCY CONTROL RESISTOR
NONE FREQUENCY GENERATOR
OUTPUT STAGE
5
BUZZER
TEST CIRCUIT
1 F 2.2k
8
5
VAB
7
UTC LS 1240A
1
2
RL
Vout
10 F
3
4 C1 100nF R1 14k
R1=
27200 f1 *(1-0.04 In f1(Hz) 1943
)
f2=0.725f1
fSWEEP = C1(nF)
750
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 5
QW-R108-002,H
LS1240A
ABSOLUTE MAXIUM RATINGS
LINEAR INTEGRATED CIRCUIT
PARAMETER SYMBOL RATINGS UNIT Calling Voltage (f=50Hz) Continuous VAB 120 Vrms Calling Voltage (f=50Hz) (5s ON/10s OFF) VAB 200 Vrms Supply Current IDC 30 mA Operating Temperature TOPR -40 ~ +70 C Storage Temperature TSTG -65 ~ +150 C Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25, unless otherwise specified)
PARAMETER Supply Voltage Current Consumption without load Activation Voltage Sustaining Voltage Differential Resistance in OFF Condition Output Voltage Swing Short Circuit Current AC Operation Output Frequencies (Vs=26V,R1=14k) Fout1/Fout2 Programming Resistor Range Sweep Frequency SYMBOL TEST CONDITIONS VS IB VS=9.3 to 25V VON VOFF RD VOUT IOUT VS=20V, RL=250 fOUT1 fOUT2 V3=0V V3=6V MIN TYP 1.5 12 7.8 6.4 VS-5 70 1.55 1.08 1.33 8 5.25 MAX UNIT 26 V 1.8 mA 13.5 V 9.3 V k V mA 2.53 1.9 1.43 56 9.75 kHz k Hz
C1=100nF,R1=14k
7.5
THERMAL DATA
PARAMETER Thermal Resistance Junction to Ambient SOP-8 DIP-8 SYMBOL JA RATINGS 150 100 UNIT /W
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 5
QW-R108-002,H
LS1240A
TYPICAL APPLICATION CIRCUIT
1 F 2.2k
LINEAR INTEGRATED CIRCUIT
8
5
CL
LINE
7
UTC LS1240A
RL=50 to 1000 4
10 F
1
2
3
C1 100nF
R1 14k
No current limitation is provided on the output stage of UTC LS1240A, so a minimum load DC of 50 ohms is advised. The two tone frequencies generated are switched by an internal oscillator in a fast sequence and made audible across an output amplifier in the loudspeaker, both tone frequencies and the switching frequency can be externally adjusted. The signal and the circuit is designed so that noise on the line or variations of the ringing signal cannot affect correct operation of the device.
U T C assum es no responsibility for equipm ent failures that result from using products at v alues that ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or other param eters) listed in products specifications of any and all U T C products described or contained herein. U T C products are not designed for use in life support appliances, dev ices or system s where m alfunction of these products can be reasonably ex pected to result in personal injury. R eproduction in whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate and reliable and m ay be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
5 of 5
QW-R108-002,H


▲Up To Search▲   

 
Price & Availability of LS1240A-D08-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X