|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PD - 95536 SMPS MOSFET IRFB23N20DPbF IRFS23N20DPBF IRFSL23N20DPbF HEXFET(R) Power MOSFET Applications High frequency DC-DC converters l Lead-Free l VDSS 200V RDS(on) max 0.10 ID 24A Benefits l Low Gate-to-Drain Charge to Reduce Switching Losses l Fully Characterized Capacitance Including Effective COSS to Simplify Design, (See App. Note AN1001) l Fully Characterized Avalanche Voltage and Current TO-220AB IRFB23N20D D2Pak IRFS23N20D TO-262 IRFSL23N20D Absolute Maximum Ratings Parameter ID @ TC = 25C ID @ TC = 100C IDM PD @TA = 25C PD @TC = 25C VGS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torqe, 6-32 or M3 screw Max. 24 17 96 3.8 170 1.1 30 3.3 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m) Units A W W/C V V/ns C Typical SMPS Topologies l Telecom 48V input Forward Converter through are on page 11 Notes www.irf.com 1 7/20/04 IRFB/IRFS/IRFSL23N20DPbF Static @ TJ = 25C (unless otherwise specified) Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage V(BR)DSS IDSS IGSS Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. 200 --- --- 3.0 --- --- --- --- Min. 13 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 0.26 --- --- --- --- --- --- Typ. --- 57 14 27 14 32 26 16 1960 300 65 2200 120 220 Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, I D = 1mA 0.10 VGS = 10V, ID = 14A 5.5 V VDS = VGS, ID = 250A 25 VDS = 200V, VGS = 0V A 250 VDS = 160V, VGS = 0V, TJ = 150C 100 VGS = 30V nA -100 VGS = -30V Max. Units Conditions --- S VDS = 50V, ID = 14A 86 ID = 14A 21 nC VDS = 160V 40 VGS = 10V, --- VDD = 100V --- ID = 14A ns --- R G = 4.6 --- VGS = 10V --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 160V, = 1.0MHz --- VGS = 0V, VDS = 0V to 160V Dynamic @ TJ = 25C (unless otherwise specified) gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff. Avalanche Characteristics Parameter EAS IAR EAR Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Typ. --- --- --- Max. 250 14 17 Units mJ A mJ Thermal Resistance Parameter RJC RCS RJA RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient Junction-to-Ambient Typ. --- 0.50 --- --- Max. 0.90 --- 62 40 Units C/W Diode Characteristics IS ISM VSD trr Q rr ton Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time Min. Typ. Max. Units 2 Conditions D MOSFET symbol 24 --- --- showing the A G integral reverse --- --- 96 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 14A, VGS = 0V --- 200 300 ns TJ = 25C, IF = 14A --- 1300 1940 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) www.irf.com IRFB/IRFS/IRFSL23N20DPbF 100 VGS 15V 12V 10V 8.0V 7.0V 6.0V 5.5V BOTTOM 5.0V TOP 100 I D , Drain-to-Source Current (A) 10 I D , Drain-to-Source Current (A) VGS 15V 12V 10V 8.0V 7.0V 6.0V 5.5V BOTTOM 5.0V TOP 1 10 5.0V 0.1 5.0V 0.01 0.1 20s PULSE WIDTH TJ = 25 C 1 10 100 1 0.1 20s PULSE WIDTH TJ = 175 C 1 10 100 VDS , Drain-to-Source Voltage (V) VDS , Drain-to-Source Voltage (V) Fig 1. Typical Output Characteristics Fig 2. Typical Output Characteristics 100 3.5 TJ = 175 C R DS(on) , Drain-to-Source On Resistance (Normalized) ID = 24A I D , Drain-to-Source Current (A) 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -60 -40 -20 0 10 TJ = 25 C 1 0.1 5.0 V DS = 50V 20s PULSE WIDTH 6.0 7.0 8.0 9.0 10.0 VGS = 10V 20 40 60 80 100 120 140 160 180 VGS , Gate-to-Source Voltage (V) TJ , Junction Temperature ( C) Fig 3. Typical Transfer Characteristics Fig 4. Normalized On-Resistance Vs. Temperature www.irf.com 3 IRFB/IRFS/IRFSL23N20DPbF 100000 20 VGS , Gate-to-Source Voltage (V) VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + Cgd ds ID = 14A VDS = 160V VDS = 100V VDS = 40V 16 10000 C, Capacitance (pF) Ciss 1000 12 Coss 100 8 Crss 4 10 1 10 100 1000 0 FOR TEST CIRCUIT SEE FIGURE 13 0 20 40 60 80 100 VDS, Drain-to-Source Voltage (V) QG , Total Gate Charge (nC) Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage 100 1000 ISD , Reverse Drain Current (A) OPERATION IN THIS AREA LIMITED BY RDS(on) 10 I D , Drain Current (A) TJ = 175 C 100 10us TJ = 25 C 1 100us 10 1ms 0.1 0.2 V GS = 0 V 0.5 0.8 1.1 1.4 1 TC = 25 C TJ = 175 C Single Pulse 1 10 100 10ms 1000 VSD ,Source-to-Drain Voltage (V) VDS, Drain-to-Source Voltage (V) Fig 7. Typical Source-Drain Diode Forward Voltage Fig 8. Maximum Safe Operating Area 4 www.irf.com IRFB/IRFS/IRFSL23N20DPbF 25 V DS VGS RG 10V Pulse Width 1 s Duty Factor 0.1 % RD 20 D.U.T. + ID , Drain Current (A) -VDD 15 10 Fig 10a. Switching Time Test Circuit 5 VDS 90% 0 25 50 TC , Case Temperature ( C) 75 100 125 150 175 Fig 9. Maximum Drain Current Vs. Case Temperature 10% VGS td(on) tr t d(off) tf Fig 10b. Switching Time Waveforms 1 Thermal Response (Z thJC ) D = 0.50 0.20 0.10 0.05 0.02 0.01 PDM t1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1 t2 0.1 0.01 0.00001 t1 , Rectangular Pulse Duration (sec) Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case www.irf.com 5 IRFB/IRFS/IRFSL23N20DPbF EAS , Single Pulse Avalanche Energy (mJ) 15V 600 TOP 500 VDS L DRIVER BOTTOM ID 5.9A 10A 14A 400 RG 20V D.U.T IAS tp + V - DD A 300 0.01 Fig 12a. Unclamped Inductive Test Circuit 200 100 V(BR)DSS tp 0 25 50 75 100 125 150 175 Starting TJ , Junction Temperature ( C) I AS Fig 12c. Maximum Avalanche Energy Vs. Drain Current Fig 12b. Unclamped Inductive Waveforms Current Regulator Same Type as D.U.T. QG 50K 12V .2F .3F 10 V QGS QGD VGS 3mA D.U.T. + V - DS VG Charge IG ID Current Sampling Resistors Fig 13a. Basic Gate Charge Waveform Fig 13b. Gate Charge Test Circuit 6 www.irf.com IRFB/IRFS/IRFSL23N20DPbF Peak Diode Recovery dv/dt Test Circuit D.U.T + + Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer - + RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test + VDD Driver Gate Drive P.W. Period D= P.W. Period VGS=10V * D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt VDD Re-Applied Voltage Inductor Curent Body Diode Forward Drop Ripple 5% ISD * VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFET(R) Power MOSFETs www.irf.com 7 IRFB/IRFS/IRFSL23N20DPbF TO-220AB Package Outline 10.54 (.415) 10.29 (.405) 3.78 (.149) 3.54 (.139) -A6.47 (.255) 6.10 (.240) Dimensions are shown in millimeters (inches) -B4.69 (.185) 4.20 (.165) 1.32 (.052) 1.22 (.048) 2.87 (.113) 2.62 (.103) 4 15.24 (.600) 14.84 (.584) 1.15 (.045) MIN 1 2 3 LEAD ASSIGNMENTS IGBTs, CoPACK 1 - GATE 21- GATE DRAIN 1- GATE 32- DRAINSOURCE 2- COLLECTOR 3- SOURCE 3- EMITTER 4 - DRAIN LEAD ASSIGNMENTS HEXFET 14.09 (.555) 13.47 (.530) 4- DRAIN 4.06 (.160) 3.55 (.140) 4- COLLECTOR 3X 3X 1.40 (.055) 1.15 (.045) 0.93 (.037) 0.69 (.027) M BAM 3X 0.55 (.022) 0.46 (.018) 0.36 (.014) 2.54 (.100) 2X NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH 2.92 (.115) 2.64 (.104) 3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS. TO-220AB Part Marking Information E XAMPL E : T HIS IS AN IR F 1010 L OT CODE 1789 AS S E MB L E D ON WW 19, 1997 IN T H E AS S E MB L Y L INE "C" INT E R NAT IONAL R E CT IF IE R L OGO AS S E MB L Y L OT CODE PAR T NU MB E R Note: "P" in assembly line position indicates "Lead-Free" DAT E CODE YE AR 7 = 1997 WE E K 19 L INE C 8 www.irf.com IRFB/IRFS/IRFSL23N20DPbF D2Pak Package Outline Dimensions are shown in millimeters (inches) D2Pak Part Marking Information (Lead-Free) T H IS IS AN IR F 5 3 0 S W IT H L O T CO D E 8 0 2 4 AS S E M B L E D O N W W 0 2 , 2 0 0 0 IN T H E AS S E M B L Y L IN E "L " N ote: "P " in as s em bly lin e po s i tion in dicates "L ead-F r ee" IN T E R N AT IO N AL R E CT IF IE R L O GO AS S E M B L Y L O T CO D E P AR T N U M B E R F 53 0 S D AT E CO D E Y E AR 0 = 2 0 0 0 W E E K 02 L IN E L OR IN T E R N AT IO N AL R E C T IF IE R L OG O AS S E M B L Y L OT CO D E P AR T N U M B E R F 530 S D AT E C O D E P = D E S IGN AT E S L E AD -F R E E P R O D U C T (O P T IO N AL ) Y E AR 0 = 2 0 0 0 WE E K 02 A = AS S E M B L Y S IT E C O D E www.irf.com 9 IRFB/IRFS/IRFSL23N20DPbF TO-262 Package Outline TO-262 Part Marking Information E X AMP L E : T H IS IS AN IR L 3 1 03 L L OT COD E 17 8 9 AS S E M B L E D ON WW 19 , 1 9 97 IN T H E AS S E MB L Y L IN E "C" N ote: "P " in as s em bly line pos ition indicates "L ead-F ree" IN T E R N AT ION AL R E CT IF I E R L OGO AS S E M B L Y L OT COD E P AR T N U MB E R D AT E COD E Y E AR 7 = 1 9 97 WE E K 19 L IN E C OR IN T E R N AT ION AL R E CT IF I E R L OGO AS S E M B L Y L OT COD E P AR T N U MB E R D AT E COD E P = D E S I GN AT E S L E AD -F R E E P R OD U CT (OP T ION AL ) Y E AR 7 = 1 9 9 7 WE E K 19 A = AS S E MB L Y S IT E COD E 10 www.irf.com IRFB/IRFS/IRFSL23N20DPbF D2Pak Tape & Reel Infomation TRR 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) 1.60 (.063) 1.50 (.059) 0.368 (.0145) 0.342 (.0135) FEED DIRECTION 1.85 (.073) 1.65 (.065) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 24.30 (.957) 23.90 (.941) TRL 10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178) FEED DIRECTION 13.50 (.532) 12.80 (.504) 27.40 (1.079) 23.90 (.941) 4 330.00 (14.173) MAX. 60.00 (2.362) MIN. NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE. 26.40 (1.039) 24.40 (.961) 3 30.40 (1.197) MAX. 4 Notes: Repetitive rating; pulse width limited by max. junction temperature. Pulse width 300s; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS Starting TJ = 25C, L = 2.6mH RG = 25, IAS = 14A. TJ 175C ISD 14A, di/dt 130A/s, VDD V(BR)DSS, This is only applied to TO-220AB package This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ). For recommended footprint and soldering techniques refer to application note #AN-994. Data and specifications subject to change without notice. www.irf.com IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.07/04 11 |
Price & Availability of IRFS23N20DPBF |