Part Number Hot Search : 
1N2070A 3N50C AB005 IVRC0428 XHXXXX AWM1200V 24H3R DPS52181
Product Description
Full Text Search
 

To Download IAM-D82 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
Rectangular Connectors
IAM-D82*D83, CAM-D84
Connectors
FEATURES
1. These are 15 pins external interface connectors. IAM-D82, D83 is a cable assembly plug, and CAM-D84 is an SMT socket. 2. This long-life connector can withstand 5,000 times coupling/decoupling cycle life and has a one-touch locking mechanism. It has a thin style to allow it to be used in low-profile sets.
IAM-D83 (Plug)
(o4)
IAM-D82 (Plug) CAM-D84(Socket)
(o4, o2.8)
HOW TO ORDER
1. IAM-D82 (Plug) 3. CAM-D84 (Socket)
D821 2
-9408
3 4
D841 2
-05 0-B G G A A
34 56789
1 Series No. (D82) 2 No. of contacts (013 : 13pins) (015 : 15pins) 3 Product Specifications 4 Item A : 13pins B : 15pins 2. IAM-D83 (Plug)
D831 1 2 3 4 2
-4727
3 4
1 Series No. (D84) 2 No. of contacts (013 : 13pins) (015 : 15pins) 3 Housing material (05 : Nylon resin) 4 UL Grade (0 : UL 94V-0) 5 Contact pin plating types (B: Gold) 6 Contact pin plating thickness (G : 0.3m) 7 Contact pin lead profile (G : Angle SMT) 8 Attachment on connector fitting side (A : None) 9 Attachment on connector PCB side (A : None)
Series No. (D83) No. of contacts (015 : 15pins) Product Specifications Item A : 13pins B : 15pins
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS Rated Voltage Rated Current Withstanding Voltage Insulation Resistance Contact Resistance 24V DC 0.5A 500V AC (rms) 1minute 100M min. (at 500V DC) 100m max.
MITSUMI
Rectangular Connectors
MECHANICAL CHARACTERISTICS Life (Matching Cycle) Total Insertion Force Total Withdrawal Force Using Temperature Range 5,000 times 29.4N (3kgf) max. 0.98~29.4N (0.1~3kgf) max. -30~+85C
MATERIAL & FINISH
Component Parts Housing Contact Shielded Case IAM-D82*D83 Case Board Lock Cord Clampar Housing CAM-D84 Contact Shielded Case Material PBT resin Copper Alloy Brass PBT resin Stainless Steel Nylon resin Copper Alloy Stainless Finish ---- Gold plating Nickel plating ---- ---- ---- ---- Gold plating Copper-tin plating
MITSUMI
DIMENSIONS
IAM-D82 (Plug)
IAM-D83 (Plug)
MITSUMI
Rectangular Connectors
CAM-D84 (13 pins : Socket)
CAM-D84 (15 pins : Socket)
Unit: mm


▲Up To Search▲   

 
Price & Availability of IAM-D82

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X