Part Number Hot Search : 
TS6121CH YSS220 MCR10 L6388 SR205 CY28352 BR10100 H1102
Product Description
Full Text Search
 

To Download HE8551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6113-B Issued Date : 1992.09.30 Revised Date : 2000.09.20 Page No. : 1/3
HE8551
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HE8551 is designed for use in 2W output amplifier of portable radios in class B push-pull operation.
Features
* High Total Power Dissipation (PT: 2W, TC=25C) * High Collector Current (IC: 1.5A) * Complementary to HE8051
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ....................................................................................................... -55 ~ +150 C Junction Temperature ............................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C)................................................................................................... 1 W Total Power Dissipation (Tc=25C) ................................................................................................... 2 W * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage.................................................................................................... -40 V VCEO Collector to Emitter Voltage................................................................................................. -25 V VEBO Emitter to Base Voltage......................................................................................................... -6 V IC Collector Current ...................................................................................................................... -1.5 A IB Base Current ............................................................................................................................ -0.5 A
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *VBE(sat) VBE(on) *hFE1 *hFE2 *hFE3 fT Min. -40 -25 -6 45 85 40 100 Typ. Max. -100 -100 -0.5 -1.2 -1 500 Unit V V V nA nA V V V Test Conditions IC=-100uA, IE=0 IC=-2mA, IB=0 IE=-100uA, IC=0 VCB=-35V, IE=0 VEB=-6V, IC=0 IC=-0.8A, IB=-80mA IC=-0.8A, IB=-80mA VCE=-1V, IC=-10mA VCE=-1V, IC=-5mA VCE=-1V, IC=-100mA VCE=-1V, IC=-800mA VCE=-10V, IC=-50mA, f=100MHz
*Pulse Test : Pulse Width 380us, Duty Cycle2%
MHz
Classification on hFE2
Rank Range B 85-160 C 120-200 D 190-300 E 250-500
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 10000
Spec. No. : HE6113-B Issued Date : 1992.09.30 Revised Date : 2000.09.20 Page No. : 2/3
Saturation Voltage & Collector Current
hFE @ VCE=1V
Saturation Voltage (mV)
1000
VBE(sat) @ IC=10IB 100
hFE
100
10 VCE (sat) @ IC=10IB
10 0.1 1 10 100 1000 10000
1 0.1 1 10 100 1000 10000
Collector Current (mA)
Collector Current (mA)
On Voltage & Collector Current
10000 100
Capacitance & Reverse-Biased Voltage
Capacitance (pF)
On Voltage (mV)
Cob 10
1000
VBE(on) @ VCE=1V
100 1 10 100 1000 10000
1 0.1
1
10
100
Collector Current (mA)
Reverse-Biased Voltage (V)
Cutoff Frequency & Collector Current
1000 10000 PT=1ms PT=100ms
Safe Operating Area
Collector Current-IC (mA)
Cutoff Frequency (MHz)
1000 PT=1s
VCE=10V 100
100
10
10 1 10 100 1000
1 1 10 100
Collector Current (mA)
Forward Voltage-VCE (V)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
12 3
Spec. No. : HE6113-B Issued Date : 1992.09.30 Revised Date : 2000.09.20 Page No. : 3/3
2
Marking :
HSMC Logo Part Number Date Code Rank Product Series
3
Laser Mark
HSMC Logo Product Series
C
D
Part Number
H I E F
G
Ink Mark Style : Pin 1.Emitter 2.Base 3.Collector
1
3-Lead TO-92 Plastic Package HSMC Package Code : A
*:Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes : 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HE8551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X