Part Number Hot Search : 
JANTX2N HC705 60R125 2SB942 ATTIN R3000 R6015ANZ APTM1
Product Description
Full Text Search
 

To Download FQB5N50CFTF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FQB5N50CF 500V N-Channel MOSFET
May 2006
FRFET
FQB5N50CF
500V N-Channel MOSFET
Features
* 5A, 500V, RDS(on) = 1.55 @VGS = 10 V * Low gate charge ( typical 18nC) * Low Crss ( typical 15pF) * Fast switching * 100% avalanche tested * Improved dv/dt capability
TM
Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild's proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switched mode power supplies, electronic lamp ballasts based on half bridge topology.
D
D
G G S
D2-PAK
FQB Series
S
Absolute Maximum Ratings
Symbol
VDSS ID IDM VGSS EAS IAR EAR dv/dt PD TJ, TSTG TL Drain-Source Voltage Drain Current - Continuous (TC = 25C) - Continuous (TC = 100C) Drain Current - Pulsed
(Note 1)
Parameter
FQB5N50CF
500 5 3.2 20 30
(Note 2) (Note 1) (Note 1) (Note 3)
Units
V A A A V mJ A mJ V/ns W W/C C C
Gate-Source Voltage Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Power Dissipation (TC = 25C) - Derate above 25C Operating and Storage Temperature Range Maximum lead temperature for soldering purposes, 1/8 from case for 5 seconds
300 5 9.6 4.5 96 0.76 -55 to +150 300
Thermal Characteristics
Symbol
RJC RJA RJA
Parameter
Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient* Thermal Resistance, Junction-to-Ambient
FQB5N50CF
1.3 40 62.5
Units
C/W C/W C/W
* When mounted on the minimum pad size recommended (PCB Mount)
(c)2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQB5N50CF Rev. A
FQB5N50CF 500V N-Channel MOSFET
Package Marking and Ordering Information
Device Marking
FQB5N50CF FQB5N50CF
Device
FQB5N50CFTM FQB5N50CFTF
Package
D2-PAK D2-PAK
Reel Size
330mm 330mm
Tape Width
24mm 24mm
Quantity
800 800
Electrical Characteristics
Symbol
Off Characteristics BVDSS BVDSS/ TJ IDSS IGSSF IGSSR VGS(th) RDS(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS ISM VSD trr Qrr
NOTES:
TC = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current
Test Conditions
VGS = 0 V, ID = 250 A ID = 250 A, Referenced to 25C VDS = 500 V, VGS = 0 V VDS = 400 V, TC = 125C VGS = 30 V, VDS = 0 V VGS = -30 V, VDS = 0 V VDS = VGS, ID = 250 A VGS = 10 V, ID = 2.5A VDS = 40 V, ID = 2.5 A VDS = 25 V, VGS = 0 V, f = 1.0 MHz
(Note 4)
Min
500 ------
Typ
-0.5 -----
Max Units
--10 100 100 -100 V V/C A A nA nA
Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse
On Characteristics Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance 2.0 ---1.3 5.2 4.0 1.55 -V S
Dynamic Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance ---480 80 15 625 105 20 pF pF pF
Switching Characteristics Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge VDS = 400 V, ID = 5A, VGS = 10 V
(Note 4, 5) (Note 4, 5)
VDD = 250 V, ID = 5A, RG = 25
--------
12 46 50 48 18 2.2 9.7
35 100 110 105 24 ---
ns ns ns ns nC nC nC
Drain-Source Diode Characteristics and Maximum Ratings Maximum Continuous Drain-Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0 V, IS = 5 A VGS = 0 V, IS = 5 A, dIF / dt = 100 A/s
(Note 4)
------
---65 110
5 20 1.4 ---
A A V ns nC
1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L = 21.5mH, IAS = 5A, VDD = 50V, RG = 25 , Starting TJ = 25C 3. ISD 5A, di/dt 200A/s, VDD BVDSS, Starting TJ = 25C 4. Pulse Test : Pulse width 300s, Duty cycle 2% 5. Essentially independent of operating temperature
2 FQB5N50CF Rev. A
www.fairchildsemi.com
FQB5N50CF 500V N-Channel MOSFET
Typical Performance Characteristics
Figure 1. On-Region Characteristics Figure 2. Transfer Characteristics
VGS Top :
1
10
ID, Drain Current [A]
ID, Drain Current [A]
15.0 V 10.0 V 8.0 V 7.0 V 6.5 V 6.0 V 5.5 V Bottom : 5.0 V
10
1
150C 25C
10
0
10
0
-55C
10
-1
Notes : 1. 250s Pulse Test 2. TC = 25C
-1
Notes : 1. VDS = 40V
10
-1
2. 250s Pulse Test
10
10
0
10
1
2
4
6
8
10
VDS, Drain-Source Voltage [V]
VGS, Gate-Source Voltage [V]
Figure 3. On-Resistance Variation vs. Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage Variation vs. Source Current and Temperatue
4.5 4.0
10
1
RDS(ON) [], Drain-Source On-Resistance
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 5
VGS = 10V
IDR, Reverse Drain Current [A]
10
0
VGS = 20V
150? 25?
Notes : 1. VGS = 0V 2. 250s Pulse Test
Note : TJ = 25C
10
15
10
-1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ID, Drain Current [A]
VSD, Source-Drain voltage [V]
Figure 5. Capacitance Characteristics
1200
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd
Figure 6. Gate Charge Characteristics
12
1000
Crss = Cgd
10
VGS, Gate-Source Voltage [V]
VDS = 100V VDS = 250V VDS = 400V
Capacitance [pF]
800
Ciss Coss
8
600
6
400
Crss
200
Notes ; 1. VGS = 0 V 2. f = 1 MHz
4
2
Note : ID = 5A
0 -1 10
0
10
0
10
1
0
5
10
15
20
VDS, Drain-Source Voltage [V]
QG, Total Gate Charge [nC]
3 FQB5N50CF Rev. A
www.fairchildsemi.com
FQB5N50CF 500V N-Channel MOSFET
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation vs. Temperature Figure 8. On-Resistance Variation vs. Temperature
1.2
3.0
BVDSS, (Normalized) Drain-Source Breakdown Voltage
1.1
RDS(ON), (Normalized) Drain-Source On-Resistance
2.5
2.0
1.0
1.5
1.0
0.9
Notes : 1. VGS = 0 V 2. ID = 250A
0.5
Notes : 1. VGS = 10 V 2. ID = 2.5 A
0.8 -100
-50
0
50
100
150
200
0.0 -100
-50
0
50
100
150
200
TJ, Junction Temperature [C]
TJ, Junction Temperature [C]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current vs. Case Temperature
6
10
2
Operation in This Area is Limited by R DS(on)
10 s
5
ID, Drain Current [A]
10
1
100 s 1ms 10ms 100ms DC
* Notes : o 1. TC = 25 C 2. TJ = 150 C 3. Single Pulse
o
ID, Drain Current [A]
3
4
3
10
0
2
1
10
-1
10
0
10
1
10
2
10
0 25
50
75
100
125
o
150
175
VDS, Drain-SourceVoltage[V]
TC, Case Temperature [ C]
Figure 11. Transient Thermal Response Curve
0
10
D=0.5
Z? JC Thermal Response (t),
0.2 0.1
10
-1
0.05 0.02 0.01
PDM t1 t2
10
-2
single pulse
* Notes : 0 1. ZJC(t) = 1.3 C/W Max. 2. Duty Factor, D=t1/t2 3. TJM - TC = PDM * ZJC(t)
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
t1, Square Wave Pulse Duration [sec]
4 FQB5N50CF Rev. A
www.fairchildsemi.com
FQB5N50CF 500V N-Channel MOSFET
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
5 FQB5N50CF Rev. A
www.fairchildsemi.com
FQB5N50CF 500V N-Channel MOSFET
Peak Diode Recovery dv/dt Test Circuit & Waveforms
6 FQB5N50CF Rev. A
www.fairchildsemi.com
FQB5N50CF 500V N-Channel MOSFET
Mechanical Dimensions
D2-PAK
Dimensions in Millimeters
7 FQB5N50CF Rev. A
www.fairchildsemi.com
FQB5N50CF 500V N-Channel MOSFET
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. FAST(R) ACExTM ActiveArrayTM FASTrTM BottomlessTM FPSTM Build it NowTM FRFETTM CoolFETTM GlobalOptoisolatorTM CROSSVOLTTM GTOTM DOMETM HiSeCTM EcoSPARKTM I2CTM E2CMOSTM i-LoTM ImpliedDisconnectTM EnSignaTM IntelliMAXTM FACTTM FACT Quiet SeriesTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UniFETTM UltraFET(R) VCXTM WireTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I19
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
8 FQB5N50CF Rev. A
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FQB5N50CFTF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X