Part Number Hot Search : 
2R500B AP2309N 1N5952B ON0650 G4PH50U 04820 SP2111 T110018
Product Description
Full Text Search
 

To Download DTC143Z-AE3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD DTC143Z
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
FEATURES
* Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input.
NPN SILICON TRANSISTOR
3 1 2 SOT-23 3 1 2 SOT-323 3 21 SOT-523
EQUIVALENT CIRCUIT
1
TO-92SP
R1 IN R2
OUT
1
GND
TO-92
*Pb-free plating product number: DTC143ZL
IN GND
OUT
ORDERING INFORMATION
Order Number Normal Lead Free Plating DTC143Z-AE3-R DTC143ZL-AE3-R DTC143Z-AL3-R DTC143ZL-AL3-R DTC143Z-AN3-R DTC143ZL-AN3-R DTC143Z-T92-B DTC143ZL-T92-B DTC143Z-T92-K DTC143ZL-T92-K DTC143Z-T92-R DTC143ZL-T92-R DTC143Z-T9S-K DTC143ZL-T9S-K Package SOT-23 SOT-323 SOT-523 TO-92 TO-92 TO-92 TO-92SP Pin Assignment 1 2 3 G I O G I O G I O G O I G O I G O I G O I Packing Tape Reel Tape Reel Tape Reel Tape Box Bulk Tape Reel Bulk
DTC143ZL-AE3-R
(1)Packing Type (2)Package Type (3)Lead Plating
(1) B: Tape Box, K: Bulk, R: Tape Reel (2) AE3: SOT-23, AL3: SOT-323, AN3: SOT-523, T 92: TO-92, T9S: TO-92SP (3) L: Lead Free Plating, Blank: Pb/Sn
MARKING
CE3 Z
For SOT-23/SOT-323 Package
C5Z
For SOT-523 Package
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 3
QW-R206-077,B
DTC143Z
ABSOLUTE MAXIMUM RATINGS (Ta = 25 )
PARAMETER Supply Voltage Input Voltage SYMBOL VCC VIN IOUT IC (MAX)
NPN SILICON TRANSISTOR
RATINGS UNIT 50 V -5 ~ +30 V 100 Output Current mA 100 SOT-523 150 mW Power Dissipation PD SOT-23/SOT-323 200 mW TO-92/TO-92SP 300 mW Junction Temperature TJ +150 Storage Temperature TSTG -55 ~ +150 Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta = 25 )
SYMBOL VIN (OFF) Input Voltage VIN (ON) Output Voltage VOUT (ON) Input Current IIN Output Current IO (OFF) DC Current Gain hFE Input Resistance R1 Resistance Ratio R2/R1 Transition Frequency fT * Transition frequency of the device PARAMETER TEST CONDITIONS VCC=5V, IOUT=100A VOUT=0.3V, IOUT=5mA IOUT/IIN=5mA/0.25mA VIN=5V VCC=50V, VIN=0V VOUT=5V, IOUT=10mA MIN 1.3 0.1 0.3 1.8 0.5 6.11 12 TYP MAX 0.5 UNIT V V mA A K MHz
80 3.29 8
VCE=10V, IE=-5mA, f=100MHz *
4.7 10 250
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 3
QW-R206-077,B
DTC143Z
TYPICAL CHARACTERISTICS
Input Voltage vs. Output Current (ON Characteristics) VOUT = 0.3V
NPN SILICON TRANSISTOR
100 50
Input Voltage, VIN(O N) (V)
20 10 5 2 1 500m 200m 100m 0.1 0.2 0.5 1 2 5 10 20 50 100 Output Current, IOUT (mA) Ta=-40 25 100
Output Current, I OUT (A)
10000 5000 2000 1000 500 200 100 50 20 10 5 2 1 0
Output Current vs. Input Voltage (OFF Characteristics) VCC = 5V
Ta=100 25 -40
0.5
1.0 1.5 2.0 2.5 Input Voltage, VIN(OFF) (V)
3.0
DC Current Gain vs. Output Current 1K 500 200
DC Current Gain, hFE
Output Voltage vs. Output Current 1000
Output Voltage, VOUT(ON) (mV)
VOUT = 5V Ta=100 25 -40
500 200 100 50 20 10 5 2
IOUT=/IIN = 20 Ta=100 25 -40
100 50 20 10 5 2
1 0.1 0.2
0.5 1 2
5 10 20
50 100
1 0.1 0.2
0.5 1
2
5
10 20
50 100
Output Current, IOUT (mA)
Output Current, I OUT (mA)
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 3
QW-R206-077,B


▲Up To Search▲   

 
Price & Availability of DTC143Z-AE3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X